Part Number Hot Search : 
1N6692S 02111 C330F 45000 B25667 ON2830 MK105 002N3
Product Description
Full Text Search
 

To Download SL4049B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL4049B
Hex Buffer/Converter
High-Voltage Silicon-Gate CMOS
The SL4049B is inverting hex buffers and feature logic-level conversion using only one supply (voltage (VCC). The input-signal high level (VIH) can exceed the VCC supply voltage when these devices are used for logic-level conversions. These devices are intended for use as CMOS to DTL/TTL converters. * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 0.5 V min @ 5.0 V supply 1.0 V min @ 10.0 V supply 1.0 V min @ 15.0 V supply * High-to-low level conversion
ORDERING INFORMATION SL4049BN Plastic SL4049BD SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
NC = NO CONNECTION
FUNCTION TABLE
Inputs A H PINS 13, 16 = NO CONNECTION PIN 1 =VCC PIN 8 = GND L Output Y L H
SLS
System Logic Semiconductor
SL4049B
MAXIMUM RATINGS *
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 V
** CC
Unit V V V mA mW mW C C
to +18
-0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C ** The IW4049UB has high-to-low level voltage conversion capability but not low-to-high level; therefore it is recommended that VIN VCC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA
**
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) Operating Temperature, All Package Types
Min 3.0 V
** CC
Max 18 18 VCC +125
Unit V V V C
0 -55
The SL4049B has high-to-low level voltage conversion capability but not low-to-high level; therefore it is recommended that VIN VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must be left open.
SLS
System Logic Semiconductor
SL4049B
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT= 0.5V VOUT= 1.0 V VOUT= 1.5V VOUT= VCC - 0.5V VOUT= VCC - 1.0 V VOUT= VCC - 1.5V VIN=GND V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 4.5 5 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 4 8 12.5 1 2 2.5 4.95 9.95 14.95 0.05 0.05 0.05 0.1 1 2 4 20 3.3 4 10 26 -2.6 -0.81 -2.0 -5.2 25C 4 8 12.5 1 2 2.5 4.95 9.95 14.95 0.05 0.05 0.05 0.1 1 2 4 20 2.6 3.2 8 24 -2.1 -0.65 -1.65 -4.3 125 C 4 8 12.5 1 2 2.5 4.95 9.95 14.95 0.05 0.05 0.05 1.0 30 60 120 600 1.8 2.4 5.6 18 mA -1.55 -0.48 -1.18 -3.1 Unit V
VIL
V
VOH
V
VOL
VIN= VCC
V
IIN ICC
VIN= GND or VCC VIN= GND or VCC
A A
IOL
VIN= GND or VCC UOL=0.4 V UOL=0.4 V UOL=0.5 V UOL=1.5 V
mA
IOH
Minimum Output High VIN= GND or VCC (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V
SLS
System Logic Semiconductor
SL4049B
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200k, Input t r=t f=20 ns)
VIN Symbol tPLH Parameter Maximum Propagation Delay, Input A to Output Y (Figure 1) V 5 10 10 15 15 5 10 10 15 15 5 10 15 5 10 15 VCC V 5 10 5 15 5 5 10 5 15 5 5 10 15 5 10 15 Guaranteed Limit -55C 120 65 90 50 90 65 40 30 30 20 160 80 60 60 40 30 25C 120 65 90 50 90 65 40 30 30 20 160 80 60 60 40 30 22.5 125C 240 130 180 100 180 130 80 60 60 40 320 160 120 120 80 60 Unit ns
tPHL
Maximum Propagation Delay, Input A to Output Y (Figure 1)
ns
tTLH
Maximu m Output Transition Time, Any Output (Figure 1) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance
ns
tTHL
ns
CIN
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM (1/6 of the Device)
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL4049B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X