Part Number Hot Search : 
AT49BV 07R6L 1100S S1812 VSC6250 8HC90 MOSX1CL PF2510
Product Description
Full Text Search
 

To Download SFPJ-73 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes
VRM (V) Package Part Number IF (AV) (A) 1.0 1.0 1.0 1.0 2.0 2.0 2.0 3.0 3.0 5.0 6.0 1.0 1.0 1.0 1.5 1.7 2.0 2.5 3.0 3.0 10 20 30 IFSM (A)
50Hz
Half-cycle Sinewave Single Shot
30V
VF (V) max 0.47 0.39 0.36 0.45 0.36 0.55 0.45 0.36 0.45 0.45 0.45 0.55 0.36 0.55 0.55 0.55 0.36 0.55 0.45 0.55 0.45 0.47 0.48 IR (mA) IF (A) 1.0 1.0 1.0 1.0 2.0 2.0 2.0 3.0 3.0 5.0 3.0 1.0 1.0 1.0 2.0 2.0 2.0 2.5 3.0 3.0 5.0 10.0 15.0 VR = VRM max 1 2 1.5 1.0 3.0 0.2 2.0 4.5 3.0 5.0 3 1 1.5 5 5 5 3 5 3 5 5 10 15 IR (H) (mA) VR = VRM max 70 110 70 35 140 20 70 210 100 250 100 50 70 50 50 50 140 50 100 50 250 350 500 Ta (C) 150 (Tj) 125 (Tj) 100 150 100 150 (Tj) 150 100 150 150 150 (Tj) 100 (Tj) 100 100 100 100 100 100 150 100 150 (Tj) 150 150 Rth (j- ) Rth (j-c) (C/W) 70 70 20 20 20 20 20 20 20 5 5 22 20 20 17 15 15 12 8 8 4 4 4 Mass (g) 0.011 0.011 0.072 0.072 0.072 0.072 0.072 0.072 0.072 0.29 0.29 0.13 0.3 0.3 0.3 0.45 0.45 0.6 1.2 1.2 2.1 2.1 2.1 85 -- 86 87 -- 87 -- 88 93 -- -- Fig. No.
Page where characteristic curve is shown
Tj (C)
Tstg (C)
Surface Mount
Surface Mount Center-tap
30
Axial
Center-tap
MI1A3 MI2A3 SFPA-53 SFPJ-53 SFPA-63 SFPE-63 SFPJ-63 SFPA-73 SFPJ-73 SPJ-G53S SPJ-63S AK 03 EA 03 EK 03 EK 13 RK 13 RA 13 RK 33 RJ 43 RK 43 FMJ-23L FMJ-2203 FMJ-2303
12 12 30 30 40 40 40 50 50 100 50 25 30 40 40 60 40 50 50 80 100 150 150
-40 to +150 -40 to +125 -40 to +125 -40 to +150 -40 to +125 -40 to +150 -40 to +150 -40 to +125 -40 to +150 -40 to +150 -40 to +150 -40 to +150 -40 to +125 -40 to +150 -40 to +150 -40 to +150 -40 to +125 -40 to +150 -40 to +150 -40 to +150 -40 to +150 -40 to +150 -40 to +150
82
*
* *
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
*
4.50.2 2.60.2
: Under development
0.6 0.2
2.050.2
t 0.15max
0 to 0.1 1.10.2
1.350.4
2.0min
+0.4 5.1 -0.1
1.350.4
1.10.2 1.50.2
1.7 0.5
0.16
6.5 0.4 5.4 0.4
2.30.4
0.55 0.1
5.4 4.1 2.9 1.37
0.570.02
5.0
0.60.05
0.05
2.60.2 3.60.2
1.6 0.2
0.780.05
5.5 0.4
a b
1.2max
0.7
Cathode Mark 62.30.7 50.01.0 5.00.2 2.90.1
Cathode Mark 62.30.7 5.00.2
Cathode Mark
c
2.5 0.4
4.9 0 to 0.25
2.29
0.5
2.29
0.5
0.5 0.2
0.80.1
1.15
0.1
0.8 0.1
a: Part Number b: Polarity c: Lot No.
(Common to backside of case) 1 Chip N.C Cathode Cathode (Common) Anode Anode
2.40.1
2.70.2
2.70.2
0.55 0.1 1.5 max
Center-tap Anode
10.0 0.780.05 0.980.05 1.40.1 Cathode Mark 2.2 62.50.7 62.50.7 50.00.1 7.20.2 7.20.2 8.00.2
3.3 4.0 8.4
4.2 2.8
C 0.5
16.9
Cathode Mark
Cathode Mark
4.00.2
4.00.2
6.50.2 2.54
1.35 1.35 0.85 2.54
3.9
0.8
2.6
(13.5)
0.45
35
Characteristic Curves
Schottky Barrier Diodes
MI1A3
IF(AV) (A)
1.0
T -- IF(AV) Characteristics VR=30V
VF--IF Characteristics (Typical)
10 50
VR--IR Characteristics (Typical)
150C
Reverse Current IR (mA)
10
t/T=1/3
Forward Current IF (A)
0.8
D.C. Sinewave
125C 100C
1
Average Forward Current
1
0.6 t/T=1/6 0.4 t/T=1/2 0.2 Tj=150C t T 0 50 100 150
0.1 150C 125C 100C 60C 25C 0.2 0.4 0.6 0.8 1.0
0.1
60C
0.01
0.01
25C
0.0
0.001 0.0
0.001 0.0005
0
5
10
15
20
25
30
Lead Temperature T (C)
Forward Voltage VF (V)
Reverse Voltage
VR (V)
SFPB-54
Ta--IF (AV) Derating
IF(AV) (A)
1.0
VF--IF Characteristics (Typical)
20 10 30 10
VR--IR Characteristics (Typical)
IFSM (A)
30 25 20 15 10 5 0
IFMS Rating
IFSM (A)
Forward Current IF (A)
0.8
Average Forward Current
1
1
0.6
0.1
0.4
0.1
60C
0.2
0.01
Ta=125C 100C 60C 25C
0 0.2 0.4 0.6 0.8 1.0 1.2
0.01
25C
0
0
25
40 50
75
100
125
0.001
0.001 10
20
30
40
50
60
Peak Forward Surge Current
t 1.6 P.C.B Solder Land = 3.0 35mCu
Reverse Current IR (mA)
Ta = 125C 100C
20ms
1
5
10
50
Ambient Temperature Ta (C)
Forward Voltage VF (V)
Reverse Voltage
VR (V)
Overcurrent Cycles
SFPB-56
Ta--IF (AV) Derating
IF(AV) (A)
1.0
VF--IF Characteristics (Typical)
20 10 20 10
VR--IR Characteristics (Typical)
IFSM (A)
10
IFMS Rating
IFSM (A)
Forward Current IF (A)
0.8
Average Forward Current
1
100C
Peak Forward Surge Current
t 1.6 P.C.B Solder Land = 3.0 35mCu
Reverse Current IR (mA)
Ta = 125C 1
8
20ms
0.6
6
0.1
0.1
60C
0.4
4
0.2
0.01
Ta=125C 100C 60C 25C
0 0.2 0.4 0.6 0.8 1.0 1.2
0.01 25C
2
0
0
25
40 50
75
100
125
0.001
0.001 0.0005
10
30
50
70
90
0
1
5
10
50
Ambient Temperature Ta (C)
Forward Voltage VF (V)
Reverse Voltage
VR (V)
Overcurrent Cycles
SFPB-59
Ta--IF (AV) Derating
IF(AV) (A)
1.0
VF--IF Characteristics (Typical)
20 10 4
VR--IR Characteristics (Typical)
IFSM (A)
10
IFMS Rating
IFSM (A)
Ta = 125C
Forward Current IF (A)
0.8
Average Forward Current
1
Peak Forward Surge Current
t 1.6 P.C.B Solder Land = 3.0 35mCu
Reverse Current IR (mA)
1 100C
8
20ms
0.6
0.1 60C 0.01 25C
6
0.1
0.4
4
0.2
0.01
Ta=125C 100C 60C 25C
0 0.2 0.4 0.6 0.8 1.0 1.2
2
0
0
25
40 50
75
100
125
0.001
0.001 0.0005
10 30 50 70 90 110
0
1
5
10
50
Ambient Temperature Ta (C)
Forward Voltage VF (V)
Reverse Voltage
VR (V)
Overcurrent Cycles
82


▲Up To Search▲   

 
Price & Availability of SFPJ-73

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X