Part Number Hot Search : 
HC147 TPS813 1030C AD7854AQ 68000 74LS3 NJU7710 SUT480H
Product Description
Full Text Search
 

To Download SF108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF101 THRU SF109
SUPER FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
Features
Superfast recovery times Low forward voltage, high current capability Hermetically sealed Low leakage High surge capability Plastic package has Underwriters Laboratories Flammability classification 94V-0 utilizing Flame retardant epoxy molding compound
Mechanical Data
Case: Molded plastic, DO-41 Terminals: Axial leads, solderable to MIL-STD-202, method 208 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.33 gram
DIM ENSIONS DIM A B C D inches Min. 0.165 0.079 0.028 1.000 Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 mm Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
Symbols
SF 101
SF 102
SF 103
SF 104
SF 105
SF 106
SF 107
SF 108
SF 109
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward current 0.375" (9.5mm) lead length at TA=55 Peak forward surge current, IFM (surge): 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage at 1.0A DC Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
50 35 50
100 70 100
150 105 150
200 140 200
300 210 300 1.0 30.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amp Amps
0.95
1.25 5.0 400.0 35.0 22.0 50.0 -55 to +150
1.40
Volts A nS F /W
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating and storage temperature range
TJ, TSTG
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (3) Thermal resistance from junction to ambient and from junction to lead length 0.375 (9.5mm) P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of SF108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X