Part Number Hot Search : 
74HC15 ZXMP6A ACA2404 74HC14 11017 1N6003B B8272 UB261
Product Description
Full Text Search
 

To Download SBL1660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL1630 - SBL1660
16A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AC
L B C K D A
Pin 1 Pin 2
Dim
M
Min 14.22 9.65 2.54 5.84 3/4 12.70 0.51 3.53AE 3.56 1.14 0.30 2.03 4.83
Max 15.88 10.67 3.43 6.86 6.35 14.73 1.14 4.09AE 4.83 1.40 0.64 2.92 5.33
A B C D E G J
E J R
Pin 1 Pin 2
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
N
G
K L M
P
Case
N P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range Notes: @ IF =16A, TC = 25C @TC = 25C @ TC = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJc Tj, TSTG SBL 1630 30 21
@ TA = 25C unless otherwise specified
SBL 1635 35 24.5
SBL 1640 40 28 16 275 0.57 1.0 50 700 3.5
SBL 1645 45 31.5
SBL 1650 50 35
SBL 1660 60 42
Unit V V A A
0.75
V mA pF C/W C
-65 to +150
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS23045 Rev. C-2
1 of 2
SBL1630-SBL1660
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
I(AV), AVERAGE FORWARD CURRENT (A)
100
16
SBL1630 - SBL1645
10
12
SBL1650 - SBL1660
8
1.0
4
Tj = 25C Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.1
0.3
0.5
0.7
0.9
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
4000
IFSM, PEAK FORWARD SURGE CURRENT (A)
300 250 200 150
8.3 ms single half-sine-wave JEDEC method
Tj = 25C
Cj, CAPACITANCE (pF)
1000
100 50 0
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
100
100
100 0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
Tj = 100C
1.0
Tj = 75C
0.1
Tj = 25C
0.01 0 40 80 120 PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23045 Rev. C-2
2 of 2
SBL1630-SBL1660


▲Up To Search▲   

 
Price & Availability of SBL1660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X