Part Number Hot Search : 
SMAJ45CA SPN2038 SMAJ45CA SI4420 APTGF SPD3910R CY150 90BAI
Product Description
Full Text Search
 

To Download SAA1029 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAA1029
UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
GENERAL DESCRIPTION The SAA1029 is a universal bipolar logic and interface IC with high noise immunity and operational stability for industrial control applications. The most fundamental industrial control functions can be accomplished with only one SAA1029IC. Figure 1 shows the logic configuration. The IC comprises, (1) Gate 1 : 4-input AND gate with 1 inverted input, (2) Gate 2 : 3-input AND gate with 1 inverted input and adjustable propagation delay, (3) Gate 3 : 2-input AND gate with 1 inverted input. The SAA1029 can be used as direct interface with LOCMOS (CMOS) Ics for realizing more complex functions. Therefore, the output signal can be limited to the voltage level of the common output claming pin Z. The propagation delay of NAND gate 2 is adjustable from microseconds by using an external capacitor at pin C. This makes it possible to adapt the control frequency limits to the system, so the optimum dynamic noise immunity can be achieved. All the static and dynamic circuit values ( including the output voltage) are independent of the supply voltage over a wide operating range. This allows the use of a simple unstabilized power supply. The output is held to the LOW state automatically during swithching on the power supply, so a special reset pulse can be omitted. Features * Simple realization of the basic industrial control functions ( logic functions, timing functions, memory functions). * High dynamic and static noise immunity. * High operation stability. * Short-circut protection of inputs and outputs to both VEE and VCC. * Wide interruption results in a safe input LOW state. * LOCMOS (CMOS) compatible.
COMSET SEMICONDUCTORS
1/1
SAA1029
QUICK REFERENCE DATA
Supply voltage range Operating ambient temerature range Input voltage HIGH Output voltage HIGH (without clamping) Output voltage HIGH (without clamping at pin Z) Input current Quiescent supply current
VCC Tamb VIH VOH VOH II ICC
14 to 31,2V -30 to +85C 7,5 to 44V 13 to 30V 2,0 to (VCC -0,7)V max. 10mA typ. 7,8mA
PACKAGE OUTLINE 16-lead DIL ; plastic (SOT38).
COMSET SEMICONDUCTORS
2/3
SAA1029
CHARACTERISTICS : At Tamb : -10 to +85C/ Vcc 14V to 32V
PARAMETER
SUPPLY VOLTAGE
OUTPUT CLAMPING VOLTAGE INPUT VOLTAGE LOW INPUT VOLTAGE HIGH CURRENT CONSOMATION INPUT CURRENT
CONDITIONS
SYMB
MIN
14 0 -0,15 +7,5 6,5 0,1 12
TYP
MAX
32 30 +5 +44 12
UNIT
V V V V mA mA V
VCC VZ=VCC-1 VZ VIL VIH VCC :30V VCC :24V VCC :14V -IoH :3 mA VCC :30V -IoL :1,6 mA ICC IIL :IIH VoH
0,15 12,8
0,3
OUTPUT VOLTAGE HIGH
OUTPUT VOLTAGE LOW OUTPUT SHORTCIRCULT CURRENT LOW SIGNAL HIGH SIGNAL PROPAGATION DELAYS GATE 2 HIGH TO LOW LOW TO HIGH GATE 1,2,3 HIGH TO LOW LOW TO HIGH
VoL
0,9
1,4
V
10SL 10SH Tamb :25C VCC24V
6 10 18
mA mA
C :33nF C :33nF
tpHL tpLH
1,5 5,5
2,6 8,5
4 12
mD mS
C :0nF C :0nF
tPHL tPLH
1 1
2,1 4,4
9 9
MD MD
COMSET SEMICONDUCTORS
3/3


▲Up To Search▲   

 
Price & Availability of SAA1029

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X