Part Number Hot Search : 
B3577 A124E TC1322 LTC486C AED30A 3013T 1N522 1T405A
Product Description
Full Text Search
 

To Download S9018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS9018
SS9018
AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
* High Current Gain Bandwidth Product fT=1.1 GHz (Typ)
1
TO-92
1. Emitter 2. Base 3. Collector
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings 30 15 5 50 400 150 -55 ~ 150 Units V V V mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO hFE VCE (sat) Cob fT Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Test Condition IC =100A, IE =0 IC =1.0mA, IB =0 IE =100A, IC =0 VCB =12V, IE =0 VCE =5V, IC =1.0mA IC =10mA, IB =1mA VCB =10V, IE =0 f=1MHz VCE =5V, IC =5mA 700 1.3 1100 28 100 Min. 30 15 5 50 198 0.5 1.7 V pF MHz Typ. Max. Units V V V nA
hFE Classification
Classification hFE D 28 ~ 45 E 39 ~ 60 F 54 ~ 80 G 72 ~ 108 H 97 ~ 146 I 132 ~ 198
(c)2002 Fairchild Semiconductor Corporation
Rev. A4, November 2002
SS9018
Typical Characteristics
10 9
1000
VCE = 5V IB = 90A
IC[mA], COLLECTOR CURRENT
8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8
IB = 70A IB = 60A IB = 50A IB = 40A IB = 30A IB = 20A IB = 10A
hFE, DC CURRENT GAIN
IB = 80A
100
10 9 10 1 10
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10
10
IC = 10 IB
f = 1MHz IE = 0
1
V BE(sat)
Cob[pF], CAPACITANCE
1 10
1
0.1
VCE(sat)
0.01 0.1
0.1 1 10 100
IC[mA], COLLECTOR CURRENT
VCB[V], COLLECTOR-BASE VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Output Capacitance
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
VCE = 5V
1000
100 0.1
1
10
IC[mA], COLLECTOR CURRENT
Figure 5. Current Gain Bandwidth Product
(c)2002 Fairchild Semiconductor Corporation
Rev. A4, November 2002
SS9018
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A4, November 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of S9018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X