Part Number Hot Search : 
NCP5111 110K1 NJW41 MX536AJC BZW03C91 EPSA1 7GZITE1 SIS85
Product Description
Full Text Search
 

To Download S4558P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
S4558P
Low Noise Dual OP AMP
Description
The S4558 is a monolithic Integrated Circuit designed for dual operational amplifier.
Features
* * * * * * Power consumption as small as about 50mW (typ.) Built-in output short-circuit protecting circuit. Internal phase consumption type. No latch-up Wide same phase mode and differential voltage ranges High gain. low noise
Applications
* * * * Active filters Audio amplifiers VCOs Other electronic circuits
Ordering Information
Type NO. S4558P Marking S4558P Package Code DIP-8
Outline Dimensions
unit :
mm
Block Diagram
KSI-L004-000
1
S4558P
Absolute maximum ratings
Characteristic
Supply voltage Differential input voltage Input voltage Power Dissipation Operating temperature Storage temperature
Symbol
VCC VIND VIN PD Topr Tstg
Ratings
36 or 18 30 15 500 -45 ~ +85 -55 ~ +150
Unit
V V V mW
C C
Electrical Characteristics
(Unless otherwise specified. VCC = +15V, VEE=-15V and Ta = 25 C)
Characteristic
Input offset voltage Input offset current Input bias current Input common mode Voltage Range Maximum Output Voltage
Symbol
VIOS IIOS IIB VICR VOM
Test Condition
Rg 10 RL 10 RL 2 Vout=10V, Rg 10 RL 2
Min. Typ. Max.
12 12 10 86 70 0.5 5 60 14 14 13 100 90 6 200 500 -
Unit
mV nA nA V V V dB dB
Large signal Voltage Gain Common mode rejection ratio Power supply rejection ratio Slew Rate Supply Current Equivalent input noise voltage Source Current Sink Current
GV CMRR
PSRR SR ICC VNI ISOURCE ISINK
Rg 10 GV=1, RL 2 RIAA, RS=1 , f=30 ~30 -
27 27
30 1.0 4.0 2.5 -
150 6.0 -
uV/V V/us mA uVrms mA mA
KSI-L004-000
2
S4558P
Electrical Characteristic Curves
Fig. 1 GV - f Fig. 2 VOP-P - f
Fig. 3 IIB - Ta
Fig. 4 VOM - VCC, VEE
Fig. 5 VOP-P - RL
Fig. 6 VNI - f
KSI-L004-000
3


▲Up To Search▲   

 
Price & Availability of S4558P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X