Part Number Hot Search : 
A8227P QF1800 CS48C LTC3105 SP4412 39861 AMS385AN AT403S12
Product Description
Full Text Search
 

To Download Q62703-Q3207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plane 3 mm (T1) LED, Non Diffused
LS P380, LO P380, LY P380 LG P380, LP P380
Besondere Merkmale
q q q q q q
farbloses, klares Gehause zur Einkopplung in Lichtleiter als optischer Indikator einsetzbar Lotspiee mit Aufsetzebene gegurtet lieferbar Storimpulsfest nach DIN 40839
VEX06712
Features
q q q q q q
colorless, clear package for optical coupling into light pipes for use as optical indicator solder leads with stand-off available taped on reel load dump resistant acc. to DIN 40839
Semiconductor Group
1
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Typ Type
Emissionsfarbe Color of Emission super-red
Gehausefarbe Color of Package red clear
Lichtstrom Luminous Flux IF = 15 mA V (mlm) 16 ... 80 25 ... 50 40 ... 80 25 ... 125 16 ... 80 25 ... 50 40 ... 80 25 ... 125 16 ... 80 25 ... 50 40 ... 80 25 ... 125 16 ... 80 25 ... 50 40 ... 80 25 ... 125 10 ... 16 ... 25 ... 16 ... 50 32 50 80
Bestellnummer Ordering Code
LS P380-MP LS P380-N LS P380-P LS P380-NQ LO P380-MP LO P380-N LO P380-P LO P380-NQ LY P380-MP LY P380-N LY P380-P LY P380-NQ LG P380-MP LG P380-N LG P380-P LG P380-NQ LP P380-LN LP P380-M LP P380-N LP P380-MP
Q62703-Q2466 Q62703-Q3227 Q62703-Q3228 Q62703-Q3229 Q62703-Q2465 Q62703-Q3205 Q62703-Q3206 Q62703-Q3207 Q62703-Q3237 Q62703-Q3238 Q62703-Q3239 Q62703-Q3240 Q62703-Q2463 Q62703-Q3194 Q62703-Q3195 Q62703-Q3196 Q62703-Q2464 Q62703-Q2519 Q62703-Q2520 Q62703-Q3218
orange
orange clear
yellow
yellow clear
green
green clear
pure green
green clear
Streuung des Lichtstromes in einer Verpackungseinheit V max / V min 2.0. Luminous flux ratio in one packaging unit V max / V min 2.0.
Semiconductor Group
2
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Grenzwerte Maximum Ratings Bezeichnung Parameter Betriebstemperatur Operating temperature range Lagertemperatur Storage temperature range Sperrschichttemperatur Junction temperature Durchlastrom Forward current Stostrom Surge current t 10 s, D = 0.005 Sperrspannung Reverse voltage Verlustleistung Power dissipation TA 25 C Warmewiderstand Thermal resistance Sperrschicht / Luft Junction / air Symbol Symbol Werte Values LS, LO, LY, LG LP - 55 ... + 100 - 55 ... + 100 + 100 30 0.5 C C C mA A - 55 ... + 100 - 55 ... + 100 + 100 40 0.5 Einheit Unit
Top Tstg Tj IF IFM
VR Ptot
5 140
5 100
V mW
Rth JA
400
400
K/W
Semiconductor Group
3
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Symbol Symbol LS Wellenlange des emittierten Lichtes (typ.) peak Wavelength at peak emission (typ.) IF = 20 mA Dominantwellenlange Dominant wavelength IF = 20 mA (typ.) dom (typ.) 635 LO 610 Werte Values LY 586 LG 565 LP 557 nm Einheit Unit
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 % rel max (typ.) spectral bandwidth at 50 % rel max (typ.) IF = 20 mA Durchlaspannung Forward voltage IF = 15 mA Sperrstrom Reverse current VR = 5 V Kapazitat Capacitance VR = 0 V, f = 1 MHz Schaltzeiten: Switching times: IV from 10 % to 90 % IV from 90 % to 10 % IF = 100 mA, tp = 10 s, RL = 50 (typ.) VF (max.) VF (typ.) IR (max.) IR (typ.) C0
45
40
45
25
22
nm
2.1 2.6
2.1 2.6
2.1 2.6
2.1 2.6
2.1 2.6
V V
0.01 0.01 0.01 0.01 0.01 A 10 10 10 10 10 A 12 8 10 15 32 pF
(typ.) tr (typ.) tr
300 150
300 150
300 150
450 200
450 200
ns ns
Semiconductor Group
4
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Relative spektrale Emission rel = f (), TA = 25 C, IF = 20 mA Relative spectral emission V () = spektrale Augenempfindlichkeit Standard eye response curve
Abstrahlcharakteristik rel = f () Radiation characteristic
Semiconductor Group
5
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Durchlastrom IF = f (VF) Forward current TA = 25 C
Relativer Lichtstrom V / V(15 mA) = f (IF) Relative luminous flux TA = 25 C
Zulassige Impulsbelastbarkeit IF = f (tp) Permissible pulse handling capability Duty cycle D = parameter, TA = 25 C LS, LO, LY, LG
Zulassige Impulsbelastbarkeit IF = f (tP) Permissible pulse handling capacity Duty cycle D = parameter, TA = 25 C LP
10 3
OHL01686
F
mA
tP D=
tP
T T
F
D = 0.005 0.01 0.02 0.05 0.1
10 2 0.2
5
0.5 DC
10 1 -5 10
10 -4
10 -3
10 -2
10 -1
10 0 s 10 1 tp
Semiconductor Group
6
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Maximal zulassiger Durchlastrom IF = f (TA) Max. permissible forward current LS, LO, LY, LG
Maximal zulassiger Durchlastrom IF = f (TA) Max. permissible forward current LP
60 mA 50
OHL01661
F
40
30
20
10
0
0
20
40
60
80 C 100 TA
Wellenlange der Stahlung peak = f (TA) Wavelength at peak emission IF = 20 mA
690
OHL02104
Dominantwellenlange dom = f (TA) Dominant wavelength IF = 20 mA
690
OHL02105
peak
nm 650 super-red 630 orange 610 590 570 550 yellow
dom
nm 650 630 610 590 570 550 super-red
orange yellow green pure-green 0 20 40 60 80 C 100
green pure-green 0 20 40 60 80 C 100
TA
TA
Semiconductor Group
7
1998-07-13
LS P380, LO P380, LY P380 LG P380, LP P380
Durchlaspannung VF = f (TA) Forward voltage IF = 15 mA
Relativer Lichtstrom V / V(25 C) = f (TA) Relative luminous flux IF = 15 mA
Mazeichnung Package Outlines
(Mae in mm, wenn nicht anders angegeben) (Dimensions in mm, unless otherwise specified)
Area not flat
0.6 0.4 0.7 0.4 2.54mm spacing
0.8 0.4
3.1 2.5
o3.1 o2.9
4.0 3.6
1.8 1.2
29.0 27.0 Cathode
4.5 4.0
2.0 1.7
0.6 0.4
Approx weight 0.2 g
1.1 0.9
GEX06818
Kathodenkennzeichnung: Cathode mark:
Kurzerer Lotspie Short solder lead
Semiconductor Group
8
1998-07-13


▲Up To Search▲   

 
Price & Availability of Q62703-Q3207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X