Part Number Hot Search : 
6N135 1N941B TSM103 E2520 XC18V KK555D EMK11 S1100
Product Description
Full Text Search
 

To Download PC2004-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC 2004-M
OUTLINE DIMENSION & BLOCK DIAGRAM
146.0 0.5 3.5 4.75 18.0 1 P2.54 x 17=43.18 18- 1.0 PAD 18- 1.8 139.0 H1 H2 2.5 18
32.25
5.0 55.0 43.0 38.47 A 29.0 55.5 K
62.5 0.5
4- 2.5 73.0
118.84 123.5 134.0
Vdd Vo RS R/W E DB0 DB7 Vss A K
LCD CONTROLLER LS1
COM 16
LCD PANEL 6.0
SEG 160
3.5
1.6
SEG 40
0.92 0.06
4.84
SEG DRIVER 9.75 9.22 1.1 0.06
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 146.0 x 62.5 123.5 x 43.0 0.92 x 1.10 0.98 x 1.16
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 5.5 / 9.6 5.5 / 9.6 9.0 / 13.1
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. Symbol Function Power supply(GND) Vss 1 2 Power supply(+) Vdd 3 Contrast Adjust Vo 4 Register select signal RS 5 Data read / write R/W Enable signal E 6 Data bus line DB0 7 8 Data bus line DB1 9 Data bus line DB2 Data bus line DB3 10 11 Data bus line DB4 DB5 Data bus line 12 Data bus line DB6 13 Data bus line 14 DB7 15 A Power supply for LED B/L (+) Power supply for LED B/L ( ) K 16 NC/Vee Negative voltage 17 No connection 18 NC
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Min. -0.3 -0.3 -0.3
Max. Units V 7 13 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units 2.7 Power supply voltage Vdd-Vss 25oC 5.5 V Top N WNW NW V -20oC 7.1 7.5 7.9 V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
4.5 3.8 5.7
4.8 4.1 6 2.5 770
5.1
4.1 6.1 4.4 6.4 4.7 6.7
Idd
Vdd=5V
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
V V 4.4 V 6.3 V 4 mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PC2004-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X