Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download PC2004-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC 2004-A
OUTLINE DIMENSION & BLOCK DIAGRAM
98.0 0.5 93.0 2.5 10.0 P2.54 x 15=38.1 1.8 16- 1.0 16 4- 2.5 2.5 4- 1.0 42.0 25.2 20.8 15.0 55.0 A K 60.0 0.5 H1 H2
1
30.0
22.5
76.0 49.0
2.5
70.4
16
3.55 DB7 DB0 E R/W RS Vss Vdd Vo A K LCD CONTROLLER LSI
SEG 40 COM 16
LCD PANEL 0.55 0.05
SEG 160
2.95
4.75 0.55
CONTROL SIGNALS 4
SEGMENT DRIVER BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 98.0 x 60.0 76.0 x 25.2 0.55 x 0.55 0.60 x 0.60
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 5.0 / 9.6 5.0 / 9.6 8.7 / 13.3
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 A K Function Power supply(GND) Power supply(+) Contrast Adjust Register select signal Data read / write Enable signal Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Power supply for LED B/L (+) Power supply for LED B/L ( )
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
5.35
0.05
Min. -0.3 -0.3 -0.3
Max. Units V 7 13 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC 2.7 5.5 V Top N WNW NW V 7.9 V -20oC 7.1 7.5 LCD operation voltage Vop V V 50oC 5.5 4.4 4.7 V 70oC 6.3 V 5.7 6 2.5 4 Vdd=5V mA VB/L=4.2V mA 260 VB/L=4.2V mA
5.1 5.4 6.1 25oC 5 6.1 5.3 6.4 5.8 6.7 0oC
LCM current consumption (No B/L)
Idd
LED/edge LED/array
Backlight current consumption
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PC2004-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X