Part Number Hot Search : 
C100L PEOSDO3B 100MB GBP201 A223M 2SC3451N TA78005 13FAD
Product Description
Full Text Search
 

To Download P5KE60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85252 Phone: (480) 941-6300 Fax: (480) 947-1503
FEATURES:
* * * * * ECONOMICAL SERIES AVAILABLE IN BOTH UNIDIRECTIONAL AND BI-DIRECTIONAL CONSTRUCTION 5.0 TO 170 STAND-OFF VOLTAGE AVAILABLE 500 WATTS PEAK PULSE POWER DISSIPATION QUICK RESPONSE
P5KE5.0 thru P5KE170A
DESCRIPTION:
This Transient Voltage Suppressor is an economical, molded, commercial product used to protect voltage sensitive components from destruction or partial degradation. -12 The response time of their clamping action is virtually instantaneous (1 x 10 seconds) and they have a peak pulse power rating of 500 watts for 1 ms as depicted in Figure 1 and 2. Microsemi also offers a great variety of other Transient Voltage Suppressor's to meet higher and lower power demands and special applications.
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
DO-41
Peak Pulse Power Dissipation at 25C: 500 Watts Steady State Power Dissipation: 2.5 Watts at TL = +75C
MAXIMUM RATINGS:
2 x .032 .002 [.81 .05]
3/8" Lead Length tclamping (0 volts to BV Min.): -12 -9 Unidirectional <1x10 Seconds: Bi-directional <5x10 Seconds. Operating and Storage Temperature: -55 to +175C
TYPICAL CHARACTERISTIC CURVES PEAK PULSE POWER (Ppp) OR CONTINUOUS POWER IN PERCENT OF 25C RATING 100
PULSE CURRENT IN PERCENT OF Ipp Peak Value Ipp 100 Pulse Time Duration (tp) is Defined as that point where Ip decays to 50% of I surge
.107 [2.72] max.
.205 [5.21] MAX.
2 X1.10 [27.94] MIN.
POLARITY Mark {cathode}
75
Peak Power (Single pulse)
50
50
Continuous Average Power Lead Length = 3/8"
1
25
2 3 4 TIME (t) IN MILLISECONDS
NOTE: DIMENSIONS IN [ ] =MILLIMETERS
FIGURE 2
0 50 100 150 175
PULSE WAVEFORM FOR EXPONENTIAL SURGE
T L LEAD TEMPERATURE C FIGURE 1 DERATING CURVE
MECHANICAL CHARACTERISTICS CASE: Void free transfer molded thermosetting plastic. FINISH: Readily solderable. POLARITY: Band denotes cathode. Bi-directional not marked. WEIGHT: 0.7 gram (Appx.). MOUNTING POSITION: Any
SA4-57.PDF 03-20-00
P5KE5.0 thru P5KE170A ELECTRICAL CHARACTERISTICS AT 25C
PART NUMBER BREAKDOWN VOLTAGE V(BR) TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MIN. MAX MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55C TO 175C V(BR)
P5KE5.0 P5KE5.0A P5KE6.0 P5KE6.0A P5KE6.5 P5KE6.5A P5KE7.0 P5KE7.0A P5KE7.5 P5KE7.5A P5KE8.0 P5KE8.0A P5KE8.5 P5KE8.5A P5KE9.0 P5KE9.0A P5KE10 P5KE10A P5KE11 P5KE11A P5KE12 P5KE12A P5KE13 P5KE13A P5KE14 P5KE14A P5KE15 P5KE15A P5KE16 P5KE16A P5KE17 P5KE17A P5KE18 P5KE18A P5KE20 P5KE20A
VOLTS 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2
VOLTS 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5
mA 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20
ADC 600 600 600 600 400 400 150 150 50 50 25 25 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4
AMP 52 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 18.1 15.5 17.2 13.9 15.4
% / C .057 .057 .059 .059 .061 .061 .065 .065 .067 .067 .070 .070 .073 .073 .076 .076 .078 .078 .081 .081 .082 .082 .084 .084 .086 .086 .087 .087 .088 .088 .090 .090 .092 .092 .093 .093
SA4-57.PDF 03-20-00
P5KE5.0 thru P5KE170A ELECTRICAL CHARACTERISTICS AT 25C
PART NUMBER BREAKDOWN VOLTAGE V(BR) TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MIN. MAX MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55C TO 175C V(BR)
P5KE22 P5KE22A P5KE24 P5KE24A P5KE26 P5KE26A P5KE28 P5KE28A P5KE30 P5KE30A P5KE33 P5KE33A P5KE36 P5KE36A P5KE40 P5KE40A P5KE43 P5KE43A P5KE45 P5KE45A P5KE48 P5KE48A P5KE51 P5KE51A P5KE54 P5KE54A P5KE58 P5KE58A P5KE60 P5KE60A P5KE64 P5KE64A P5KE70 P5KE70A P5KE75 P5KE75A
VOLTS 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3
VOLTS 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1
mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75
ADC 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0
AMP 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1
% / C .094 .094 .096 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .102 .102 .103 .103 .103 .103 .104 .104 .104 .104 .104 .104 .105 .105 .105 .105 .105 .105
SA4-57.PDF 03-20-00
P5KE5.0 thru P5KE170A ELECTRICAL CHARACTERISTICS AT 25C
PART NUMBER BREAKDOWN VOLTAGE V(BR) TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MIN. MAX MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55C TO 175C V(BR)
P5KE78 P5KE78A P5KE85 P5KE85A P5KE90 P5KE90A P5KE100 P5KE100A P5KE110 P5KE110A P5KE120 P5KE120A P5KE130 P5KE130A P5KE150 P5KE150A P5KE160 P5KE160A P5KE170 P5KE170A
VOLTS 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0
VOLTS 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0
mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
ADC 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
AMP 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8
% / C .106 .106 .106 .106 .107 .107 .107 .107 .107 .107 .107 .107 .108 .108 .108 .108 .108 .108 .108 .108
Note: For Bi-directional construction, indicate a C or CA suffix after the part number, i.e. P5KE5.0CA
SA4-57.PDF 03-20-00
P5KE5.0 thru P5KE170A
10000 C-CAPACITANCE - PICOFARADS MEASURED AT ZERO BIAS 1000
100 MEASURED AT STANDOFF VOLTAGE 10 0 V (BR) 10 100 1000 - BREAKDOWN VOLTAGE - VOLTS
FIGURE 3
TYPICAL CAPACITANCE VS BREAKDOWN VOLTAGE
70 50 30 20
(PPP) - Peak Pulse Power, (kW)
T C = 25C
10 7.0 5.0 3.0 2.0 1.0
tw
Ipp
1.0 0.5
IMPULSE EXPONENTIAL DECAY
0.7 0.5 0.3 0.2 0.1 0.1
Ipp
tw tp HALF SINE t w = .7tP
Ipp
SQUARE tw CURRENT WAVE FORM
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
10000
tw - Pulse Width s FIGURE 4 PEAK PULSE POWER VS. PULSE TIME
SA4-57.PDF 03-20-00


▲Up To Search▲   

 
Price & Availability of P5KE60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X