Part Number Hot Search : 
G4PH30K MUR820 MX98748 TPCF8A01 0VXR56 FM105 AN8037 41051
Product Description
Full Text Search
 

To Download OM7815SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM7805SM OM7812SM
OM7815SM
SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR
Three Terminal, Fixed Voltage, 1.0 Amp Precision Positive Regulator In A Hermetic Surface Mount Package
FEATURES
* * * * * * Hermetic Surface Mount Package Output Voltages: +5V, +12V, +15V Output Voltages Set Internally To 2% Built-In Thermal Overload Protection Short Circuit Current Limiting Product Is Available Hi-Rel Screened
DESCRIPTION
This three terminal positive regulator is supplied in a hermetically sealed surface mount package. All protective features are designed into the circuit, including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver 1.0 amp of output current. This unit features internally trimmed voltages to 2% of nominal voltage. Standard voltages are +5V, +12V, and +15V. These units are ideally suited for Military applications where a hermetic surface mount package is required.
ABSOLUTE MAXIMUM RATINGS @ 25C
Power Dissipation (Pd) (Internally Limited). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 W Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Lead Temperature (Soldering 10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280C Thermal Resistance: Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18C/W
MECHANICAL OUTLINE
.450 SQ. .02 x 45 .090 MAX. .035 4 PIN 1 PIN 28 1 26 TOP .05 X 45 MAX. 3 PLCS. SIDE .009 R. BOTTOM 28 PLCS. .300 4 PLCS. .050 24 PLCS. 12 .305 SQ. 18
Pin Connection
Pin 1, 15 thru 28: IN Pin 2, 3, 13, and 14: GND Pin 4 thru 12: OUT
3.5
4 11 R0
3.5 - 155
OM7805SM OM78012SM OM78015SM ELECTRICAL CHARACTERISTICS IO = 500mA, -55C TA 125C (unless otherwise specified.)
OM7805SM: VIN = 10V; OM7812SM: VIN = 19V; OM7815SM: VIN = 23V.
Parameter Output Voltage, VOUT
Part Number OM7805SM OM7812SM OM7815SM
Conditions VIN = 7.5V to 20V VIN = 14.5V to 27V VIN = 18.5V to 30V VIN = 7.5V to 20V * * * * * * * * * * * * * * * *
Min. 4.85 11.64 14.55
Max. 5.15 12.36 15.45 10 24 8 20 36 100 18 60 40 110 30 100 16 33 15 30 42 80 40 80 46 86 40 80 7.2 8.0 1.0 1.0 1.0
Units V V V mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mA mA mA mA mA mA V A A A dB dB dB dB dB dB
Line Regulation, VRLINE
(Note 1)
OM7805SM VIN = 8.0V to 12V VIN = 14.5V to 27V OM7812SM VIN = 16V to 22V VIN = 17.5V to 30V OM7815SM VIN = 20V to 26V
Load Regulation, VRLOAD (Note 1) OM7805SM
IO = 5mA to 1.0Amp IO = 250mA to 750mA IO = 5mA to 1.5Amp OM7812SM IO = 250mA to 750mA IO = 5mA to 1.0Amp OM7815SM IO = 250mA to 750mA
Standby Current Drain, ISCD Standby Current Drain Change With Line, ISCD (Line) Standby Current Drain Change With Load, ISCD (Load) Dropout Voltage Peak Output Current, IO (pk) Short Circuit Current, IDS (Note 2) Ripple Rejection OM7805SM OM7812SM OM7815SM RMS Output Noise, NO (Note 3) Long Term Stability (Note 3)
VIN t
OM7805SM OM7812SM OM7815SM
VIN = 7.5V to 20V VIN = 15V to 30V VIN = 18.5V to 30V IO = 5mA to 1000mA TA = 25C, VOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V f = 120Hz, VIN = 10V f = 120Hz, VIN = 10V f = 120Hz, VIN = 10V TA = 25C, f = 10Hz to100kHz
* *
*
.6 2.5 .70 2.0 1.0 2.0 63 60 59 54 54 52 40 75 120 150
* * * *
VIN VOUT
3.5
V/V rms mV mV mV
OM7805SM OM7812SM OM7815SM TA = 25C, t = 1000 hrs.
Note 1: Load and line regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. Note 2: Short Circuit protection is only assured up to VIN = 35V Note 3: If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range. If not noted TA = 25C


▲Up To Search▲   

 
Price & Availability of OM7815SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X