Part Number Hot Search : 
2SD11 300RS 00140 VCH244 4CBTLV3 K3451 RF5187 BZX85
Product Description
Full Text Search
 

To Download NDL5551P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PHOTO DIODE
NDL5461P Series
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 m InGaAs PIN PHOTO DIODE MODULE
DESCRIPTION
NDL5461P Series is InGaAs PIN photo diode modules with multimode fiber. They are designed for long wavelength transmission systems and cover the wavelength range between 1 000 and 1 600 nm with high efficiency.
FEATURES
* *
Smaller dark current High quantum efficiency Detecting area size Low operating voltage
ID = 0.1 nA
= 86 % @ = 1 300 nm = 75 % @ = 1 550 nm 8 0 m
VR = 5 V
* * * *
Coaxial module with multimode fiber (GI-50/125) or optional singlemode fiber (SM-9/125) NDL5461P1 and NDL5461P2 have a flange.
PACKAGE DIMENSIONS
in millimeters
*
NDL5461P2
Optical Fiber: GI-50/125 Length: 1 m MIN.
NDL5461P
Optical Fiber: GI-50/125 Length: 1 m MIN. Shrunk tube
NDL5461P1
Optical Fiber: GI-50/125 Length: 1 m MIN. Shrunk tube
Shrunk tube
30.0 MAX.
6.0 +0.0 -0.1
12.5 MIN. 4.00.1
6.90.3
6.90.3
12.5 MIN.
3.90.5
6.0+0.0 -0.1
6.0 +0.0 -0.1
0.45
2-2.2
2.50.1 0.50.1
2-2.5 2 3 1
2.0
12.5 MIN.
30.0 MAX.
12.00.1 16.00.2
2.5
30.0 MAX.
2.5 14.00.1
2.5
2.0
2.0
18.00.1
LEAD CONNECTION
1 Anode (Negative) 2 Cathode (Positive) 3 Case 3 2 1
The information in this document is subject to change without notice.
Document No. P10310EJ3V0DS00 (3rd edition) Date Published March 1996 P Printed in Japan
The mark * shows major revised points.
4.00.3
2
1
3.00.3
7.00.3 1.5
6.0+0.0 -0.1
3
2
3
1
(c)
7.00.15
1994
NDL5461P Series
*
ORDERING INFORMATION
Part Number NDL5461P NDL5461PC NDL5461PD NDL5461PS NDL5461PSC NDL5461PSD NDL5461P1 NDL5461P1C NDL5461P1D NDL5461P1S NDL5461P1SC NDL5461P1SD NDL5461P2 NDL5461P2C NDL5461P2D NDL5461P2S NDL5461P2SC NDL5461P2SD Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector SM-9/125 GI-50/125 vertical flange SM-9/125 GI-50/125 flat mount flange SM-9/125 Available Connector GI-50/125 no flange
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Parameter Reverse Voltage Forward Current Optical Input Power Operating Case Temperature Storage Temperature Symbol VR IF Pin TC Tstg Ratings 20 10 8 -40 to +85 -40 to +85 Unit V mA mW C C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25 C)
Parameter Dark Current Terminal Capacitance Quantum Efficiency Symbol ID Ct VR = 5 V VR = 5 V, f = 1.0 MHz = 1 300 nm = 1 550 nm Responsivity S = 1 300 nm = 1 550 nm Cut-off Frequency fC VR = 5 V, RL = 50 , = 1 300 nm 75 64 0.78 0.80 2.5 Conditions MIN. TYP. 0.1 1.0 86 75 0.89 0.94 GHz A/W MAX. 1.0 1.5 Unit nA pF %
2
NDL5461P Series
TYPICAL CHARACTERISTICS
*
Responsivity (Relative Value) S/S (%)
100
Quantum Efficiency (%)
WAVELENGTH DEPENDENCE OF QUANTUM EFFICIENCY
TEMPERATURE DEPENDENCE OF RESPONSIVITY
10 = 1 300 nm
80 60 40 20 0 0.9
0
1.0
1.1
1.2 1.3 1.4 1.5 Wavelength ( m)
1.6
1.7
-10 -60
40 60 80 -40 -20 0 20 Operating Case Temperature TC (C)
100
REVERSE VOLTAGE DEPENDENCE OF DARK CURRENT
10
Dark Current ID (nA)
10
1
TEMPERATURE DEPENDENCE OF DARK CURRENT
VR = 5 V
10
0
10
-1
TC = 75 C 1.0 50 C Dark Current ID (nA)
10
-2
10
-3
25 C 0.1 0 C
Terminal Capacitance Ct (pF)
-60
-40 -20 0 60 80 20 40 Operating Case Temperature TC (C)
100
5
REVERSE VOLTAGE DEPENDENCE OF TERMINAL CAPACITANCE
f = 1.0 MHz
-25 C 0.01
1
0.001 0
10 Reverse Voltage VR (V)
20
0.5 0.01
0.1 1 10 Reverse Voltage VR (V)
100
3
NDL5461P Series
FREQUENCY RESPONSE
VR = 10 V = 1 300 nm RL = 50
Response (3dB/div.)
0
2.5 Frequency f (GHz)
5.0
4
NDL5461P Series
HANDLING PRECAUTION for PD/APD MODULE
The NEC PD/APD module has heat shrink tubing to protect the ferrule edge (*1) and the junction between the ferrule and the module body (*2). In order to avoid breaking the fiber and/or optical coupling degradation, NEC recommends the following handling precautions. 1. Do not make the fiber bend radius less than 30 mm (*3). 2. Do not bend the fiber within the 18 mm section from the module body (*4). 3. Do not stress the ferrule with a lateral force exceeding 500 g (*5).
*
30
fiber
m m m in (*3 )
(*1)
ferrule (*5)
(*2)
module body
18 mm min (*4)
5
NDL5461P Series
*
InGaAs APD/PD FAMILY
Features APD PIN-PD
30 m
Packages TO-18 type Can TO-18 type Can with Micro Lens Small Can NDL5531 (for 2.5 Gb/s) NDL5530
50 m
(for 2.5 Gb/s)
50 m
80 m
50 m
(for 2.5 Gb/s)
80 m
Remarks
NDL5500
NDL5510 NDL5490L
*3,4
3 pins NDL5405L 3 pins
NDL5490
*3,4
5.6 m
Chip on Carrier Receptacle Module NDL5530C NDL5520C NDL5500C NDL5510C NDL5471RC NDL5471RD 3 pins RC: FC receptacle RD: SC receptacle Coaxial Module with MMF NDL5521P NDL5521P1 NDL5521P2 NDL5551P NDL5551P1 NDL5551P2 NDL5553P
*1 *1 *1
NDL5561P
*2 *2 *2
NDL5461P NDL5461P1 NDL5461P2
P1, P2: With flange
NDL5561P1 NDL5561P2
NDL5553P1 NDL5553P2 Coaxial Module with SMF
NDL5553PS
*1 *1 *1
NDL5481P
*5 *5 *5
NDL5553P1S NDL5553P2S
NDL5481P1 NDL5481P2
14-pin DIP Module with TEC 6-pin BFY Module with MMF NDL5522P
NDL5506P NDL5506PS NDL5422P
T = 45 K (@ Ic = 1.1 A)
PS: With SMF With Pre-AMP
*1 For OTDR *2 With GI-62.5/125 *3 Under development *4 Internal pre-amplifier for 1Gb/s *5 For analog application (optical CATV) Remark Modules are available with FC-PC connector or optional SC-PC connector.
6
NDL5461P Series
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Semiconductor device package manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. IEI-1205 IEI-1209 C10535E IEI-1213 MEI-1202 X10679E
7
NDL5461P Series
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if ingested. Please do not under any circumstance break the hermetic seal.
The export of this product from Japan is prohibited without governmental license. To export or re-export this product from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94. 11


▲Up To Search▲   

 
Price & Availability of NDL5551P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X