Part Number Hot Search : 
EM91420A AKD45 RL806S LMV358 AKD45 MB1505 RM13TR MC54H
Product Description
Full Text Search
 

To Download MX23L6422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX23L6422
3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
FEATURES
* Bit organization - 4M x 16 (byte mode) - 2M x 32 (double word mode) * Fast access time - Random access: 110ns (max.) for 3.15~3.6V 120ns (max.) for 3.0~3.6V - Page access: 30ns (max.) * Page Size - 8 double words per page * Current - Operating: 60mA (max.) - Standby: 20uA (max.) * Supply voltage - 3.3V10% * Package - 70 pin SSOP - 86 pin TSOP(2)
ORDER INFORMATION
Part No. Access Page Access Package Time MX23L6422MC-11 110ns MX23L6422MC-12 120ns MX23L6422YC-12 120ns Time 30ns 50ns 50ns 70 pin SSOP 70 pin SSOP 86 pin TSOP
PIN CONFIGURATION
70 SSOP
A0 A1 A2 A3 A4 A5 VCC D0 D16 D1 D17 VSS VCC D2 D18 D3 D19 D4 D20 D5 D21 VSS VCC D6 D22 D7 D23 VSS A6 A7 A8 A9 A10 A11 A12 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 NC NC A20 WORD OE CE VSS D31/A-1 D15 D30 D14 VSS VCC D29 D13 D28 D12 D27 D11 D26 D10 VSS VCC D25 D9 D24 D8 VCC A19 A18 A17 A16 A15 A14 A13
86 TSOP(2)
NC A0 A1 A2 A3 A4 A5 NC NC VCC D0 D16 D1 D17 VSS VCC D2 D18 D3 D19 NC NC D4 D20 D5 D21 VSS VCC D6 D22 D7 D23 VSS A6 A7 A8 A9 A10 A11 A12 A13 NC NC 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 NC NC NC NC A20 WORD OE CE NC VSS NC D31/A-1 D15 D30 D14 VSS VCC D29 D13 D28 D12 NC D27 D11 D26 D10 VSS VCC D25 D9 D24 D8 VCC A19 A18 A17 A16 A15 A14 NC NC NC NC
MX23L6422
P/N:PM0410
MX23L6422
REV. 2.7, OCT. 19, 2001
1
MX23L6422
PIN DESCRIPTION
Symbol A0~A20 D0~D30 D31/A-1 CE OE WORD VCC VSS NC Pin Function Address Inputs Data Outputs D31 (Double Word Mode)/ LSB Address (Word Mode) Chip Enable Input Output Enable Input Double Word/ Word Mode Selection Power Supply Pin Ground Pin No Connection
MODE SELECTION CE H L L L OE X H L L WORD X X H L D31/A-1 X X Output Input D0~D15 High Z High Z D0~D15 D0~D15 D16~D31 High Z High Z D16~D31 High Z Mode Double Word Word Power Stand-by Active Active Active
BLOCK DIAGRAM
A0/(A-1) A2 A3 A20 CE WORD OE Address Buffer Memory Array Page Buffer Page Decoder Double Word/ Word Output Buffer D0 D31/(D15)
P/N:PM0410
REV. 2.7, OCT. 19, 2001
2
MX23L6422
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -1.3V to 4.1V 0 to 70 C C -65 to 125 C C
Note: Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to 1.3V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
DC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 3.3V10%)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Symbol VOH VOL VIH VIL ILI ILO ICC1 MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 10uA 10uA 60mA Conditions IOH = -0.4mA IOL = 1.6mA
Standby Current (TTL) Standby Current (CMOS) Input Capacitance Output Capacitance
ISTB1 ISTB2 CIN COUT
-
1mA 20uA 10pF 10pF
0V, VCC 0V, VCC tRC = 110ns, all output open, with normal sequential access testing pattern CE = VIH CE>VCC-0.2V Ta = 25 f = 1MHZ C, Ta = 25 f = 1MHZ C,
AC CHARACTERISTICS (Ta = 0 ~ 70 VCC = 3.3V10%) C C,
Item Read Cycle Time Address Access Time Chip Enable Access Time Page Mode Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tPA tOE tOH tHZ 23L6422-11* MIN. MAX. 110ns 100ns 110ns 30ns 30ns 0ns 20ns 23L6422-12 MIN. MAX. 120ns 120ns 120ns 50ns 50ns 0ns 20ns
Note: Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested. * 110ns for 3.15~3.6V
P/N:PM0410 REV. 2.7, OCT. 19, 2001
3
MX23L6422
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.4V 10ns 1.4V 1.4V See Figure
IOH (load)=-0.4mA DOUT IOL (load)=1.6mA
C<100pF
Note:No output loading is present in tester load board. Active loading is used and under software programming control.
TIMING DIAGRAM
RANDOM READ
ADD
Output loading capacitance includes load board's and all stray capacitance.
ADD
tACE
ADD
tRC
ADD
CE
tOE
OE
tAA tOH tHZ
DATA
VALID
VALID
VALID
PAGE READ
A3-A20
VALID ADD
(A-1),A0,A1,A2
1'st ADD tAA
2'nd ADD tPA VALID VALID
3'rd ADD
DATA
VALID
Note: CE, OE are enable. Page size is 8 double words in 32-bit mode, 16 words in 16-bit mode.
P/N:PM0410
REV. 2.7, OCT. 19, 2001
4
MX23L6422
REVISION HISTORY
REVISION 2.1 2.2 DESCRIPTION AC CHARACTERISTICS tOH 10ns-->0ns Add new 86pin TSOP(2) package Add 100ns speed grade Delete 115ns speed grade Change 100ns speed grade to 110ns Add 110ns(max.) for 3.15~3.6V ; 120ns(max.) for 3.0~3.6V Modify Operating Current : 40mA-->60mA Modify Pin Configuration--100 TQFP D31-->D31/A-1; 86 TSOP NC-->D31/A-1 Delete package:100 pin TQFP PAGE P4 P1 P1,2 P4 P4 P1 P1,3 P2 P1,2 DATE JAN/29/1999 APR/09/1999
2.3 2.4 2.5 2.6 2.7
SEP/14/1999 DEC/29/1999 JAN/13/2000 DEC/26/2000 OCT/19/2001
P/N:PM0410
REV. 2.7, OCT. 19, 2001
5
MX23L6422
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-348-8385 FAX:+65-348-8096
TAIPEI OFFICE:
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.
6


▲Up To Search▲   

 
Price & Availability of MX23L6422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X