Part Number Hot Search : 
YG901C2R TW1128 ME302015 TLRMH16T NJM2078 PI2EQX 20N60 39504
Product Description
Full Text Search
 

To Download MUR480 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MUR405 THRU MUR4100
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
DO-201AD
High Surge Capability Low Leakage Low Forward Voltage Drop Ultra Fast Switching Speed For High Efficiency
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C o Typical Thermal Resistance 20 C/W MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 150V 200V 400V 600V 800V 1000V IF(AV) IFSM 4.0A 150A Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 150V 200V 400V 600V 800V 1000V
D
MUR405 MUR410 MUR415 MUR420 MUR440 MUR460 MUR480 MUR4100
MUR405 MUR410 MUR415 MUR420 MUR440 MUR460 MUR480
MUR4100
35V 70V 105V 140V 280V 420V 550V 700V
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage
MUR405-415 MUR420-460 MUR480-4100
C
TA = 55C 8.3ms, half sine
DIMENSIONS
VF
1.00V 1.35V 1.85V
IFM = 4.0A; TA = 25C* TA = 25C TA = 100oC
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
MUR405-415 MUR420-460 MUR480-4100
IR
10uA 50uA
DIM A B C D
INCHES MIN ----.048 1.000
MAX .370 .250 .052 ---
MM MIN ----1.20 25.40
MAX 9.50 6.40 1.30 ---
NOTE
Trr
45ns 60ns 75ns 80pF 50pF
Typical Junction Capacitance MUR405-460
MUR480-4100
CJ
IF=0.5A, IR=1.0A, Irr=0.25A Measured at 1.0MHz, VR=4.0V
*Pulse test: Pulse width 300 sec, Duty cycle 1%
www.mccsemi.com
MUR405 thru MUR4100
Figure 1 Typical Forward Characteristics 100 60 40 6 20 10 6 4 2 25C Amps 1 .6 .4 .2 0 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 1 3 Amps 2 5 Figure 2 Forward Derating Curve
MCC
4
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts
Figure 3 Peak Forward Surge Current 200 150 100 75 Amps 50 25 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
2
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR480

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X