Part Number Hot Search : 
SMN7103H UR1620 4027B R1100D 3V16X2 1Z5UM LT1076 2SJ549S
Product Description
Full Text Search
 

To Download MRF19060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF19060/D
The RF MOSFET Line
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for PCN and PCS base station applications with frequencies from 1.9 to 2.0 GHz. Suitable for CDMA, TDMA, GSM and multicarrier amplifier applications. * Typical CDMA Performance: 1960 MHz, 26 Volts IS-97 CDMA Pilot, Sync, Paging, Traffic Codes 8 Through 13 Output Power -- 7.5 Watts Power Gain -- 12.5 dB Adjacent Channel Power -- 885 kHz: -47 dBc @ 30 kHz BW 1.25 MHz: -55 dBc @ 12.5 kHz BW 2.25 MHz: -55 dBc @ 1 MHz BW * Internally Matched, Controlled Q, for Ease of Use * High Gain, High Efficiency and High Linearity * Integrated ESD Protection * Designed for Maximum Gain and Insertion Phase Flatness * Capable of Handling 10:1 VSWR, @ 26 Vdc, 1.93 GHz, 60 Watts CW Output Power * Excellent Thermal Stability * Characterized with Series Equivalent Large-Signal Impedance Parameters * Available in Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 Inch Reel.
MRF19060 MRF19060R3 MRF19060SR3
1990 MHz, 60 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
CASE 465-06, STYLE 1 NI-780 MRF19060R3
CASE 465A-06, STYLE 1 NI-780S MRF19060SR3
MAXIMUM RATINGS
Rating Drain-Source Voltage Gate-Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VGS PD Tstg TJ Value 65 -0.5, +15 180 1.03 -65 to +150 200 Unit Vdc Vdc Watts W/C C C
ESD PROTECTION CHARACTERISTICS
Test Conditions Human Body Model Machine Model Class 1 (Minimum) M3 (Minimum)
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Symbol RJC Max 0.97 Unit C/W
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
REV 5
MOTOROLA RF Motorola, Inc. 2002 DEVICE DATA
MRF19060 MRF19060R3 MRF19060SR3 1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-Source Breakdown Voltage (VGS = 0 Vdc, ID = 10 Adc) Zero Gate Voltage Drain Current (VDS = 26 Vdc, VGS = 0 Vdc) Gate-Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS Forward Transconductance (VDS = 10 Vdc, ID = 2 Adc) Gate Threshold Voltage (VDS = 10 Vdc, ID = 300 Adc) Gate Quiescent Voltage (VDS = 26 Vdc, ID = 500 mAdc) Drain-Source On-Voltage (VGS = 10 Vdc, ID = 2 Adc) DYNAMIC CHARACTERISTICS Reverse Transfer Capacitance (1) (VDS = 26 Vdc, VGS = 0, f = 1 MHz) FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system) Two-Tone Common-Source Amplifier Power Gain (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) Two-Tone Drain Efficiency (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) 3rd Order Intermodulation Distortion (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) Input Return Loss (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) Pout, 1 dB Compression Point (VDD = 26 Vdc, Pout = 60 W CW, f = 1990 MHz) Output Mismatch Stress (VDD = 26 Vdc, Pout = 60 W CW, IDQ = 500 mA, f = 1930 MHz, VSWR = 10:1, All Phase Angles at Frequency of Tests) (1) Part is internally matched both on input and output. Gps 11 12.5 -- dB Crss -- 2.7 -- pF gfs VGS(th) VGS(Q) VDS(on) -- 2 2.5 -- 4.7 -- 3.9 0.27 -- 4 4.5 -- S V V V V(BR)DSS IDSS IGSS 65 -- -- -- -- -- -- 6 1 Vdc Adc Adc Symbol Min Typ Max Unit
33
36
--
%
IMD
--
-31
-28
dBc
IRL
--
-12
--
dB
P1dB
--
60
--
W
No Degradation In Output Power Before and After Test
MRF19060 MRF19060R3 MRF19060SR3 2
MOTOROLA RF DEVICE DATA
R4 VGG + + C1 C2 R1 R2 R3 + C3 C4 C5 C6 B2 C7 C8 B3 VDD +
Z9
Z10
RF INPUT
Z11 Z1 Z2 C10 C9 Z3 Z4 Z5 Z6 Z7 Z8 DUT
Z12
Z13
Z14
Z15
Z16 C11
Z17
Z18
RF OUTPUT
C12
B2 - B3 C1 C2, C7 C3, C8 C4 C5 C6 C9 C10, C11 C12 R1 R2 R3 R4 Z1 Z2 Z3
Ferrite Beads, Fair Rite, 2743019447 10 F, 50 V Electrolytic Capacitor, Panasonic #ECEV1HV100R 1000 pF Chip Capacitors, B Case, ATC #100B102JCA500X 0.10 F Chip Capacitors, B Case, Kemet #CDR33BX104AKWS 5.1 pF Chip Capacitor, B Case, ATC #100B5R1JCA500X 6.2 pF Chip Capacitor, B Case, ATC #100B6R2JCA500X 22 F, 35 V Tantalum Capacitor, SMT, Sprague 0.8 pF - 8.0 pF Variable Capacitor, Johanson Gigatrim 10 pF Chip Capacitors, B Case, ATC #100B100JCA500X 0.4 pF - 2.5 pF Variable Capacitor, Johanson Gigatrim 1 k, 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 560 k, 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 15 , 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 10 , 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 0.580 x 0.074 Microstrip 0.100 x 0.074 Microstrip 0.384 x 0.074 Microstrip
Z4 Z5 Z6 Z7 Z8 Z9 Z10 Z11 Z12 Z13 Z14 Z15 Z16 Z17 Z18 Board
0.152 x 0.140 Microstrip 0.090 x 0.102 Microstrip 0.245 x 0.217 Microstrip 0.090 x 0.737 Microstrip 0.530 x 0.941 Microstrip 1.010 x 0.050 Microstrip 1.060 x 0.050 Microstrip 0.446 x 1.137 Microstrip 0.152 x 0.567 Microstrip 0.183 x 0.220 Microstrip 0.100 x 0.338 Microstrip 0.480 x 0.142 Microstrip 0.140 x 0.080 Microstrip 0.173 x 0.080 Microstrip 0.420 x 0.080 Microstrip 0.030 Glass Teflon Arlon GX-0300-55-22, 2 oz Cu
Figure 1. MRF19060 Test Circuit Schematic
MOTOROLA RF DEVICE DATA
MRF19060 MRF19060R3 MRF19060SR3 3
TO GATE BIAS FEEDTHRU C2
C1 R2
R1 R3 C3 C4
C5 R4 C7
C6 B2 B3 C8
TO DRAIN BIAS FEEDTHRU
C9
C10
C11
C12
MRF19060
Figure 2. MRF19060 Test Circuit Component Layout
MRF19060 MRF19060R3 MRF19060SR3 4
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
, DRAIN EFFICIENCY (%), G ps , POWER GAIN (dB) , DRAIN EFFICIENCY (%), G ps , POWER GAIN (dB) IRL, INPUT RETURN LOSS (dB) IMD, INTERMODULATION DISTORTION (dBc) 40 35 30 25 20 15 10 5 0 1900 1920 IRL VDD = 26 Vdc Pout = 60 W (PEP), IDQ = 500 mA Two-Tone Measurement, 100 kHz Tone Spacing Gps IMD 1940 1960 1980 f, FREQUENCY (MHz) 2000 0 -5 -10 -15 -20 -25 -30 -35 -40 2020 ADJACENT CHANNEL POWER RATIO (dB) IMD, INTERMODULATION DISTORTION (dBc) 45 40 VDD = 26 Vdc IDQ = 700 mA, f = 1960 MHz, Channel Spacing (Channel Bandwidth): 885 kHz (30 kHz), 1.25 MHz (12.5 kHz), 2.25 MHz (1 MHz) 2.25 MHz 885 kHz 1.25 MHz Gps CDMA 9 Channels Forward Pilot:0, Paging:1, Traffic:8-13, Sync:32 4 12 8 16 Pout, OUTPUT POWER (WATTS Avg.) CDMA -20 -30 -40 -50 -60 -70 -80 -90
35 30 25
20 15
10 5
-100 20
Figure 3. Class AB Broadband Circuit Performance
Figure 4. CDMA ACPR, Power Gain and Drain Efficiency versus Output Power
-25 IMD, INTERMODULATION DISTORTION (dBc) -30 -35 -40 -45 -50 -55 -60 -65 0.1
IMD, INTERMODULATION DISTORTION (dBc)
VDD = 26 Vdc f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing 900 mA
-20 -30 -40 -50 -60 -70 -80 0.1
VDD = 26 Vdc IDQ = 700 mA, f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing 3rd Order
500 mA
700 mA
5th Order 7th Order
10 1.0 Pout, OUTPUT POWER (WATTS) PEP
100
10 1.0 Pout, OUTPUT POWER (WATTS) PEP
100
Figure 5. Intermodulation Distortion versus Output Power
14 900 mA G ps , POWER GAIN (dB) 13 700 mA 13 13.5
Figure 6. Intermodulation Products versus Output Power
-22 -24 -26 -28 12.5 Gps -30 -32 12 IMD -34 -36 100 11.5 22 24 26 28 30 -38 32
Pout = 60 W (PEP), IDQ = 500 mA f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing
12
500 mA
11
10 0.1
VDD = 26 Vdc f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing 1.0 10 Pout, OUTPUT POWER (WATTS) PEP
G ps , POWER GAIN (dB)
VDD, DRAIN VOLTAGE (VOLTS)
Figure 7. Power Gain versus Output Power
Figure 8. Power Gain and Intermodulation Distortion versus Supply Voltage
MOTOROLA RF DEVICE DATA
MRF19060 MRF19060R3 MRF19060SR3 5
f = 1930 MHz Zo = 2 Zin 1990 MHz
f = 1930 MHz ZOL* 1990 MHz
VDD = 26 V, IDQ = 500 mA, Pout = 60 W PEP f MHz 1930 1960 1990 Zin Zin 1.65 + j0.67 1.64 + j0.45 1.60 + j0.20 ZOL* 1.85 - j0.50 1.89 - j0.74 1.96 - j0.94
= Complex conjugate of source impedance.
ZOL* = Complex conjugate of the optimum load impedance at a given output power, voltage, IMD, bias current and frequency. Note: ZOL* was chosen based on tradeoffs between gain, output power, drain efficiency and intermodulation distortion.
Input Matching Network
Device Under Test
Output Matching Network
Z
in
Z
* OL
Figure 9. Series Equivalent Input and Output Impedance
MRF19060 MRF19060R3 MRF19060SR3 6
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
B G
1
2X
Q bbb
M
TA
M
B
M
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DELETED 4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. DIM A B C D E F G H K M N Q R S aaa bbb ccc INCHES MIN MAX 1.335 1.345 0.380 0.390 0.125 0.170 0.495 0.505 0.035 0.045 0.003 0.006 1.100 BSC 0.057 0.067 0.170 0.210 0.774 0.786 0.772 0.788 .118 .138 0.365 0.375 0.365 0.375 0.005 REF 0.010 REF 0.015 REF MILLIMETERS MIN MAX 33.91 34.16 9.65 9.91 3.18 4.32 12.57 12.83 0.89 1.14 0.08 0.15 27.94 BSC 1.45 1.70 4.32 5.33 19.66 19.96 19.60 20.00 3.00 3.51 9.27 9.53 9.27 9.52 0.127 REF 0.254 REF 0.381 REF
B
(FLANGE)
2
K
D bbb
M
TA
M
B
M
M
(INSULATOR)
R
M
(LID)
bbb N H C
(LID)
M
TA TA
B B
M
ccc aaa
M
TA TA
M
B B
M
S
M M M M M
(INSULATOR) M
ccc
F E A A
(FLANGE)
T
SEATING PLANE
CASE 465-06 ISSUE F NI-780 MRF19060
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
4X U (FLANGE)
B
1
4X Z (LID)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DELETED 4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. DIM A B C D E F H K M N R S U Z aaa bbb ccc INCHES MIN MAX 0.805 0.815 0.380 0.390 0.125 0.170 0.495 0.505 0.035 0.045 0.003 0.006 0.057 0.067 0.170 0.210 0.774 0.786 0.772 0.788 0.365 0.375 0.365 0.375 --0.040 --0.030 0.005 REF 0.010 REF 0.015 REF MILLIMETERS MIN MAX 20.45 20.70 9.65 9.91 3.18 4.32 12.57 12.83 0.89 1.14 0.08 0.15 1.45 1.70 4.32 5.33 19.61 20.02 19.61 20.02 9.27 9.53 9.27 9.52 --1.02 --0.76 0.127 REF 0.254 REF 0.381 REF
B
(FLANGE)
2
2X
K
D bbb
M
TA
M
B
M
N
(LID)
R
M
(LID)
ccc M H
3
TA
M
B
M
ccc aaa
M
TA TA
M
B B
M
(INSULATOR)
S
M
(INSULATOR) M
bbb C
M
TA
B
M
M
M
STYLE 1: PIN 1. DRAIN 2. GATE 5. SOURCE
F E A A
(FLANGE)
T
SEATING PLANE
CASE 465A-06 ISSUE F NI-780S MRF19060SR3
MOTOROLA RF DEVICE DATA
MRF19060 MRF19060R3 MRF19060SR3 7
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. MOTOROLA and the logo are registered in the US Patent & Trademark Office. All other product or service names are the property of their respective owners. E Motorola, Inc. 2002. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3-20-1, Minami-Azabu. Minato-ku, Tokyo 106-8573 Japan. 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. 852-26668334 Technical Information Center: 1-800-521-6274 HOME PAGE: http://www.motorola.com/semiconductors/
MRF19060 MRF19060R3 MRF19060SR3 8
MOTOROLA RF DEVICE MRF19060/D DATA


▲Up To Search▲   

 
Price & Availability of MRF19060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X