Part Number Hot Search : 
10832 IN74ACT 1N980B VCO55 623G50 0SERIE TFS456P 1N4151
Product Description
Full Text Search
 

To Download MPC972 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Low Voltage PLL Clock Driver
The MPC972/973 are 3.3V compatible, PLL based clock driver devices targeted for high performance CISC or RISC processor based systems. With output frequencies of up to 125MHz and skews of 550ps the MPC972/973 are ideally suited for most synchronous systems. The devices offer twelve low skew outputs plus a feedback and sync output for added flexibility and ease of system implementation.
MPC972 MPC973
LOW VOLTAGE PLL CLOCK DRIVER
* * * * * *
Fully Integrated PLL Output Frequency up to 125MHz Compatible with PowerPCTM and PentiumTM Microprocessors TQFP Packaging 3.3V VCC 100ps Typical Cycle-to-Cycle Jitter
The MPC972/973 features an extensive level of frequency programmability between the 12 outputs as well as the input vs output relationships. Using the select lines output frequency ratios of 1:1, 2:1, 3:1, 3:2, 4:1, 4:3, 5:1, 5:2, 5:3, 6:1 and 6:5 between outputs can be realized by pulsing low one clock edge prior to the coincident edges of the Qa and Qc outputs. The Sync output will indicate when the coincident rising edges of the above relationships will occur. The selectability of the feedback frequency is independent of the output frequencies, this allows for very flexible programming of the input reference vs output frequency relationship. The output frequencies can be either odd or even multiples of the input reference. In addition the output frequency can be less than the input frequency for applications where a frequency needs to be reduced by a non-binary factor. The Power-On Reset ensures proper programming if the frequency select pins are set at power up. If the fselFB2 pin is held high, it may be necessary to apply a reset after power-up to ensure synchronization between the QFB output and the other outputs. The internal power-on reset is designed to provide this function, but with power-up conditions being system dependent, it is difficult to guarantee. All other conditions of the fsel pins will automatically synchronize during PLL lock acquisition.
FA SUFFIX 52-LEAD TQFP PACKAGE CASE 848D-03
The MPC972/973 offers a very flexible output enable/disable scheme. This enable/disable scheme helps facilitate system debug as well as provide unique opportunities for system power down schemes to meet the requirements of "green" class machines. The MPC972 allows for the enabling of each output independently via a serial input port. When disabled or "frozen" the outputs will be locked in the "LOW" state, however the internal state machines will continue to run. Therefore when "unfrozen" the outputs will activate synchronous and in phase with those outputs which were not frozen. The freezing and unfreezing of outputs occurs only when they are already in the "LOW" state, thus the possibility of runt pulse generation is eliminated. A power-on reset will ensure that upon power up all of the outputs will be active. Note that all of the control inputs on the MPC972/973 have internal pull-up resistors. The MPC972/973 is fully 3.3V compatible and requires no external loop filter components. All inputs accept LVCMOS/LVTTL compatible levels while the outputs provide LVCMOS levels with the capability to drive 50 transmission lines. For series terminated lines each MPC972/973 output can drive two 50 lines in parallel thus effectively doubling the fanout of the device. The MPC972/973 can consume significant power in some configurations. Users are encouraged to review Application Note AN1545/D in the Timing Solutions book (BR1333/D) for a discussion on the thermal issues with the MPC family of clock drivers.
PowerPC is a trademark of International Business Machines Corporation. Pentium is a trademark of Intel Corporation. 8/97
(c) Motorola, Inc. 1997
1
REV 1
MPC972 MPC973
fselFB0 27 26 25 24 23 22 21 fselFB1 QSync GNDO Qc0 VCCO Qc1 fselc0 fselc1 Qc2 VCCO Qc3 GNDO Inv_Clk 20 19 18 17 16 15 14 1 2 3 4 5 6 7 8 9 10 11 12 13 VCCA fselc0 0 1 0 1 Ext_FB GNDO GNDO GNDO VCCO VCCO
39 fselb1 fselb0 fsela1 fsela0 Qa3 VCCO Qa2 GNDO Qa1 VCCO Qa0 GNDO VCO_Sel 40 41 42 43 44 45 46 47 48 49 50 51 52
38
37
36
35
34
33
32
31
30
29
MPC972/ MPC973
Frz_Data
PLL_EN
Ref_Sel
GNDI
MR/OE
Frz_Clk
fselFB2
TClk_Sel
Figure 1. 52-Lead Pinout (Top View)
FUNCTION TABLE 1
fsela1 0 0 1 1 fsela0 0 1 0 1 Qa /4 /6 /8 /12 fselb1 0 0 1 1 fselb0 0 1 0 1 Qb /4 /6 /8 /10 fselc1 0 0 1 1 Qc /2 /4 /6 /8
FUNCTION TABLE 2
fselFB2 0 0 0 0 1 1 1 1 fselFB1 0 0 1 1 0 0 1 1 fselFB0 0 1 0 1 0 1 0 1 QFB /4 /6 /8 /10 /8 /12 /16 /20
FUNCTION TABLE 3
Control Pin VCO_Sel Ref_Sel TCLK_Sel PLL_En MR/OE Inv_Clk Logic `0' VCO/2 TCLK TCLK0 Bypass PLL Master Reset/Output Hi-Z Non-Inverted Qc2, Qc3 Logic `1' VCO Xtal (PECL) TCLK1 Enable PLL Enable Outputs Inverted Qc2, Qc3
MOTOROLA
2
xtal1 (972) PECL_CLK (973) xtal2 (972) PECL_CLK (973)
TClk0
TClk1
VCCI 28
QFB
Qb0
Qb1
Qb2
Qb3
TIMING SOLUTIONS BR1333 -- Rev 6
MPC972 MPC973
972 OPTION xtal1 xtal2
VCO_Sel PLL_En REF_SEL Sync Frz
DQ TCLK0 TCLK1 TCLK_Sel Ext_FB DQ 973 OPTION PCLK PCLK 0 1 PHASE DETECTOR LPF VCO 0 1
Qa0 Qa1 Qa2 Qa3
Sync Frz
Qb0 Qb1 Qb2 Qb3
fselFB2
MR/OE POWER-ON RESET /4, /6, /8, /12 /4, /6, /8, /10 /2, /4, /6, /8 fsela0:1 fselb0:1 fselc0:1 fselFB0:1 2 2 2 2 Sync Pulse Data Generator /4, /6, /8, /10 0 1
DQ
Sync Frz
Qc0 Qc1
DQ
Sync Frz
Qc2 Qc3
/2
DQ
Sync Frz
QFB
DQ
Sync Frz
QSync
Frz_Clk Frz_Data Inv_Clk Output Disable Circuitry 12
Figure 2. Logic Diagram
TIMING SOLUTIONS BR1333 -- Rev 6
3
MOTOROLA
MPC972 MPC973
fVCO 1:1 Mode Qa Qc Sync 2:1 Mode Qa Qc Sync 3:1 Mode Qc(/2) Qa(/6) Sync 3:2 Mode Qa(/4) Qc(/6) Sync 4:1 Mode Qc(/2) Qa(/8) Sync 4:3 Mode Qa(/6) Qc(/8) Sync 6:1 Mode Qa(/12) Qc(/2) Sync
Figure 3. Timing Diagrams
MOTOROLA
4
TIMING SOLUTIONS BR1333 -- Rev 6
MPC972 MPC973
ABSOLUTE MAXIMUM RATINGS*
Symbol VCC VI IIN TStor Supply Voltage Input Voltage Input Current Storage Temperature Range -40 Parameter Min -0.3 -0.3 Max 4.6 VDD + 0.3 20 125 Unit V V mA C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied.
DC CHARACTERISTICS (Note 4.; TA = 10 to 70C; VCC = 3.3V 5%)
Symbol VIH VIL VPP VCMR VOH VOL IIN ICC ICCA CIN Cpd Characteristic Input HIGH Voltage Input LOW Voltage Peak-to-Peak Input Voltage Common Mode Range Output HIGH Voltage Output LOW Voltage Input Current Maximum Quiescent Supply Current Analog VCC Current Input Capacitance Power Dissipation Capacitance 25 190 15 PECL_CLK PECL_CLK 300 VCC-2.0 2.4 0.5 120 215 20 4 Min 2.0 Typ Max 3.6 0.8 1000 VCC-0.6 V V A mA mA pF pF Per Output Unit V V mV Note 1. IOH = -20mA (Note 2.) IOL = 20mA (Note 2.) Note 3. All VCC PIns Condition
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the "High" input is within the VCMR range and the input lies within the VPP specification. 2. The MPC972/973 outputs can drive series or parallel terminated 50 (or 50 to VCC/2) transmission lines on the incident edge (see Applications Info section). 3. Inputs have pull-up/pull-down resistors which affect input current. 4. Special thermal handling may be required in some configurations.
PLL INPUT REFERENCE CHARACTERISTICS (TA = 10 to 70C)
Symbol tr, tf fref frefDC Characteristic TCLK Input Rise/Falls Reference Input Frequency Reference Input Duty Cycle Note 5. 25 Min Max 3.0 100, Note 5. 75 Unit ns MHz % Note 5. Condition
txtal Crystal Oscillator Frequency 10 25 MHz Note 6. 5. Maximum input reference frequency is limited by the VCO lock range and the feedback divider or 100MHz, minimum input reference frequency is limited by the VCO lock range and the feedback divider. 6. See Applications Info section for more crystal information.
TIMING SOLUTIONS BR1333 -- Rev 6
5
MOTOROLA
MPC972 MPC973
AC CHARACTERISTICS (TA = 10 to 70C; VCC = 3.3V 5%)
Symbol tr, tf tpw tpd Characteristic Output Rise/Fall Time (Note 7.) Output Duty Cycle (Note 7.) SYNC to Feedback Propagation Delay MPC973 TCLK0 TCLK1 PECL_CLK MPC972 TCLK0 TCLK1 tos fVCO fmax Output-to-Output Skew VCO Lock Range Maximum Output Frequency Q (/2) Q (/4) Q (/6) Q (/8) 100 2 2 8 10 10 200 Min 0.15 tCYCLE/2 -750 -70 -130 -225 -270 -330 tCYCLE/2 500 130 70 -25 130 70 Typ Max 1.2 tCYCLE/2 +750 330 270 175 530 470 550 480 125 120 80 60 ps MHz MHz Note 7. Unit ns ps ps Notes 7., 8.; QFB = /8 Condition 0.8 to 2.0V
tjitter tPLZ, tPHZ tPZL, tPZH tlock
Cycle-to-Cycle Jitter (Peak-to-Peak) Output Disable Time Output ENable TIme Maximum PLL Lock Time
ps ns ns ms
fMAX Maximum Frz_Clk Frequency 20 MHz 7. 50 transmission line terminated into VCC/2. 8. tpd is specified for a 50MHz input reference. The window will shrink/grow proportionally from the minimum limit with shorter/longer input reference periods. The tpd does not include jitter.
APPLICATIONS INFORMATION
Programming the MPC972/973 The MPC972/973 is the most flexible frequency programming device in the Motorola timing solution portfolio. With three independent banks of four outputs as well as an independent PLL feedback output the total number of possible configurations is too numerous to tabulate. Table 1 tabulates the various selection possibilities for the three banks of outputs. The divide numbers presented in the table represent the divider applied to the output of the VCO for that bank of outputs. To determine the relationship between the three backs the three divide ratios would be compared. For instance if a frequency relationship of 5:3:2 was desired the following selection could be made. The Qb outputs could be set to /10, the Qa outputs to /6 and the Qc outputs to /4. With this output divide selection the desired 5:3:2 relationship would be generated. For situations where the VCO will run at relatively low frequencies the PLL may not be stable for the desired divide ratios. For these circumstances the VCO_Sel pin allows for an extra /2 to be added into the clock path. When asserted this pin will maintain the desired output relationships, but will provide an enhanced lock range for the PLL. Once the output frequency relationship is set and the VCO is in its stable range the feedback output would be programmed to match the input reference frequency. The MPC972/973 offers only an external feedback to the PLL. A separate feedback output is provided to optimize the flexibility of the device. If in the example above the input reference frequency was equal to the lowest output frequency the feedback output would be set in the /10 mode. If the input needed to be half the lowest frequency output the fselFB2 input could be asserted to half the feedback frequency. This action multiplies the output frequencies by two relative to the input reference frequency. With 7 unique feedback divide capabilities there is a tremendous amount of flexibility. Again assume the above 5:3:2 relationship is needed with the highest frequency output equal to 100MHz. If one was also constrained because the only reference frequency available was 50MHz the setup in Figure 8 could be used. The MPC972/973 provides the 100, 66 and 40MHz outputs all synthesized from the 50MHz source. With its multitude of divide ratio capabilities the MPC972/973 can generate almost any frequency from a standard, common frequency already present in a design. Figure 9 and Figure 10 illustrate a few more examples of possible MPC972/973 configurations. The MPC972/973 has one more programming feature added to its arsenal. The Inv_Clk input pin when asserted will invert the Qc2 and Qc3 outputs. This inversion will not affect the output-output skew of the device. This inversion allows for the development of 180 phase shifted clocks. This output could also be used as a feedback output to the MPC972/973 or a second PLL device to generate early or late clocks for a specific design. Figure 11 illustrates the use of two
MOTOROLA
6
TIMING SOLUTIONS BR1333 -- Rev 6
MPC972 MPC973
MPC972/973's to generate two banks of clocks with one bank divided by 2 and delayed by 180 relative to the first. Using the MPC973 as a Zero Delay Buffer The external feedback of the MPC973 clock driver allows for its use as a zero delay buffer. By using one of the outputs as a feedback to the PLL the propagation delay through the device is eliminated. The PLL works to align the output edge with the input reference edge thus producing a near zero delay. The reference frequency affects the static phase offset of the PLL and thus the relative delay between the inputs and outputs. Because the static phase offset is a function of the reference clock the Tpd of the MPC973 is a function of the configuration used. When used as a zero delay buffer the MPC973 will likely be in a nested clock tree application. For these applications the MPC973 offers a LVPECL clock input as a PLL reference. This allows the user to use LVPECL as the primary clock distribution device to take advantage of its far superior skew performance. The MPC973 then can lock onto the LVPECL reference and translate with near zero delay to low skew LVCMOS outputs. Clock trees implemented in this fashion will show significantly tighter skews than trees developed from CMOS fanout buffers. To calculate the overall uncertainty between the input reference clock and the output clocks the following approach should be used. Figure 4 through Figure 7 contain the performance information required to calculate the overall uncertainty. Since the overall skew performance is a function of the input reference frequency all of the graphs provide relavent data with respect to the input reference frequency. The overall uncertainty can be broken down into three parts; the static phase offset variation (Tpd), the I/O phase jitter and the output skew. If we assume that we have a 75MHz reference clock, from the graphs we can pull the following information for static phase offset (SPO) and I/O jitter: the SPO variation will be 300ps (-100ps to +200ps assuming a TCLK is used) and the I/O jitter will be 105ps (assuming a VCO/6 configuration and a 3 sigma for min and max). The nominal delay from Figure 5 is 50ps so that the propagation delay between the reference clock and the feedback clock is 50ps 255ps. Figure 4 can now be used to establish the uncertainty between the reference clock and all of the outputs for the MPC973. Figure 4 provides the skew of the MC973 outputs with respect to the feedback output. From Figure 4, if all of the outputs are used the propagation delay of the device will range from -555ps (50ps - 255ps - 350ps) to +705ps (50ps + 255ps + 400ps) for a total uncertainty of 1.26ns. This 1.26ns uncertainty would hold true if multiple 973's are used in parallel in the application given that the skew between the reference clock for the devices were zero. Notice from the data in Figure 4 that if a subset of the outputs were used significant reductions in uncertainty could be obtained. SYNC Output Description In situations where output frequency relationships are not integer multiples of each other there is a need for a signal for system synchronization purposes. The SYNC output of the MPC972/973 is designed to specifically address this need. The MPC972/973 monitors the relationship between the Qa and the Qc banks of outputs. It provides a low going pulse, one period in duration, one period prior to the coincident rising edges of the Qa and Qc outputs. The duration and the placement of the pulse is dependent on the higher of the Qa and Qc output frequencies. The timing diagrams in the data sheet show the various waveforms for the SYNC output. Note that the SYNC output is defined for all possible combinations of the Qa and Qc outputs even though under some relationships the lower frequency clock could be used as a synchronizing signal.
Table 1. Programmable Output Frequency Relationships (VCO_Sel=`1')
fsela1 0 0 1 1 fsela0 0 1 0 1 Qa VCO/4 VCO/6 VCO/8 VCO/12 fselb1 0 0 1 1 fselb0 0 1 0 1 Qb VCO/4 VCO/6 VCO/8 VCO/10 fselc1 0 0 1 1 fselc0 0 1 0 1 Qc VCO/2 VCO/4 VCO/6 VCO/8
Table 2. Programmable Output Frequency Relationships (VCO_Sel=`1')
fselFB2 0 0 0 0 1 1 1 1 fselFB1 0 0 1 1 0 0 1 1 fselFB0 0 1 0 1 0 1 0 1 QFB VCO/4 VCO/6 VCO/8 VCO/10 VCO/8 VCO/12 VCO/16 VCO/20
TIMING SOLUTIONS BR1333 -- Rev 6
7
MOTOROLA
MPC972 MPC973
400 300 200 100 ps 0 -100 -200 -300 -400 Qc3 Qc2 Qc1 Qc0 Qb3 Qb2 Qb1 Qb0 Qa3 Qa2 Qa1 Qa0
Figure 4. Skews Relative to QFB
500 400 Max 300 Tpd (ps) 200 100 0 -100 Min -200 10 20 30 40 50 60 70 80 90 100 110 Reference Clock Frequency (MHz) Nom Tpd (ps)
400 300 200 100 0 -100 -200 Min -300 10 20 30 40 50 60 70 80 90 100 110 Reference Clock Frequency (MHz) Nom Max
Figure 5. Static Phase Offset versus Reference Frequency Tpd versus TCLK
60 58 56 54 52 50 48 46 44 42 40 38 36 34 32 30 28 26 24 30
Figure 6. Static Phase Offset versus Reference Frequency Tpd versus PECL_CLK
VCO/8
1 I/O Jitter (ps)
VCO/4
VCO/6
40
50
60
70
80
90
100
110
Reference Clock Frequency (MHz)
Figure 7. Phase Jitter versus Reference Frequency I/O Jitter
MOTOROLA
8
TIMING SOLUTIONS BR1333 -- Rev 6
MPC972 MPC973
MPC972 `0' `0' `1' `1' `0' `1' `0' `1' `0' fsela0 fsela1 fselb0 fselb1 fselc0 fselc1 fselFB0 fselFB1 fselFB2 Qa Qb Qc QFB 4 4 4 100MHz 40MHz 66.66MHz 50MHz `0' `0' `0' `0' `1' `1' `1' `1' `0' fsela0 fsela1 fselb0 fselb1 fselc0 fselc1 fselFB0 fselFB1 fselFB2
MPC972 Qa Qb Qc QFB 4 4 4 60MHz (Processor) 60MHz (Processor) 30MHz (PCI) 24MHz (Floppy Disk Clk)
50MHz
Input Ref Ext_FB
24MHz
Input Ref Ext_FB
VCO = 400MHz
Figure 8. Programming Configuration Example
Figure 9. Generating Pentium Clocks from Floppy Clock
MPC972 `1' `1' `0' `1' `1' `1' `1' `1' `1' fsela0 fsela1 fselb0 fselb1 fselc0 fselc1 fselFB0 fselFB1 fselFB2 Qa Qb Qc QFB 4 4 4 33MHz (PCI) 50MHz (Processor) 50MHz (Processor) 20MHz (Ethernet)
20MHz
Input Ref Ext_FB
Figure 10. Generating MPC604 Clocks from Ethernet Clocks
MPC972/973 `0' `0' `0' `0' `0' `1' `0' `1' `0' `1' fsela0 fsela1 fselb0 fselb1 fselc0 fselc1 fselFB0 fselFB1 fselFB2 Inv_Clk Qa Qb Qc Qc QFB 4 4 2 2 66MHz 66MHz 66MHz 66MHz `0' `1' `0' `1' `1' `1' `0' `0' `0' `0' fsela0 fsela1 fselb0 fselb1 fselc0 fselc1 fselFB0 fselFB1 fselFB2 Inv_Clk
MPC972/973 Qa Qb Qc QFB 4 4 4 33MHz Shifted 90 33MHz Shifted 90 33MHz Shifted 90 66MHz
66MHz
66MHz Input Ref Ext_FB Input Ref Ext_FB
66MHz 33MHz Shifted 90
Figure 11. Phase Delay Using Multiple MPC972/973's
TIMING SOLUTIONS BR1333 -- Rev 6
9
MOTOROLA
MPC972 MPC973
Using the On-Board Crystal Oscillator The MPC972 features an on-board crystal oscillator to allow for seed clock generation as well as final distribution. The on-board oscillator is completely self contained so that the only external component required is the crystal. As the oscillator is somewhat sensitive to loading on its inputs the user is advised to mount the crystal as close to the MPC972 as possible to avoid any board level parasitics. To facilitate co-location surface mount crystals are recommended, but not required. The oscillator circuit is a series resonant circuit as opposed to the more common parallel resonant circuit, this eliminates the need for large on-board capacitors. Because the design is a series resonant design for the optimum frequency accuracy a series resonant crystal should be used (see specification table below). Unfortunately most of the shelf crystals are characterized in a parallel resonant mode. However a parallel resonant crystal is physically no different than a series resonant crystal, a parallel resonant crystal is simply a crystal which has been characterized in its parallel resonant mode. Therefore in the majority of cases a parallel specified crystal can be used with the MPC972 with just a minor frequency error due to the actual series resonant frequency of the parallel resonant specified crystal. Typically a parallel specified crystal used in a series resonant mode will exhibit an oscillatory frequency a few hundred ppm lower than the specified value. For most processor implementations a few hundred ppm translates into kHz inaccuracies, a level which does not represent a major issue. Power Supply Filtering The MPC972/973 is a mixed analog/digital product and exhibits some sensitivities that would not necessarily be seen on a fully digital product. Analog circuitry is naturally susceptible to random noise, especially if this noise is seen on the power supply pins. The MPC972/973 provides separate power supplies for the output buffers (VCCO) and the internal PLL (VCCA) of the device. The purpose of this design technique is to try and isolate the high switching noise digital outputs from the relatively sensitive internal analog phase-locked loop. In a controlled environment such as an evaluation board this level of isolation is sufficient. However, in a digital system environment where it is more difficult to minimize noise on the power supplies a second level of isolation may be required. The simplest form of isolation is a power supply filter on the VCCA pin for the MPC972/973.
3.3V
RS=5-10 VCCA 22F MPC972/973 VCC 0.01F 0.01F
Figure 12. Power Supply Filter Table 3. Crystal Specifications
Parameter Crystal Cut Resonance Frequency Tolerance Frequency/Temperature Stability Operating Range Shunt Capacitance Equivalent Series Resistance (ESR) Correlation Drive Level Aging Value Fundamental AT Cut Series Resonance* 75ppm at 25C 150pm 0 to 70C 0 to 70C 5-7pF 50 to 80 Max 100W 5ppm/Yr (First 3 Years)
* See accompanying text for series versus parallel resonant discussion.
The MPC972/973 is a clock driver which was designed to generate outputs with programmable frequency relationships and not a synthesizer with a fixed input frequency. As a result the crystal input frequency is a function of the desired output frequency. For a design which utilizes the external feedback to the PLL the selection of the crystal frequency is straight forward; simply chose a crystal which is equal in frequency to the fed back signal.
Figure 12 illustrates a typical power supply filter scheme. The MPC972/973 is most susceptible to noise with spectral content in the 1KHz to 1MHz range. Therefore the filter should be designed to target this range. The key parameter that needs to be met in the final filter design is the DC voltage drop that will be seen between the VCC supply and the VCCA pin of the MPC972/973. From the data sheet the IVCCA current (the current sourced through the VCCA pin) is typically 15mA (20mA maximum), assuming that a minimum of 3.0V must be maintained on the VCCA pin very little DC voltage drop can be tolerated when a 3.3V VCC supply is used. The resistor shown in Figure 12 must have a resistance of 5-10 to meet the voltage drop criteria. The RC filter pictured will provide a broadband filter with approximately 100:1 attenuation for noise whose spectral content is above 20KHz. As the noise frequency crosses the series resonant point of an individual capacitor it's overall impedance begins to look inductive and thus increases with increasing frequency. The parallel capacitor combination shown ensures that a low impedance path to ground exists for frequencies well above the bandwidth of the PLL. Although the MPC972/973 has several design features to minimize the susceptibility to power supply noise (isolated power and grounds and fully differential PLL) there still may be applications in which overall performance is being degraded due to system power supply noise. The power supply filter schemes discussed in this section should be
MOTOROLA
10
TIMING SOLUTIONS BR1333 -- Rev 6
MPC972 MPC973
adequate to eliminate power supply noise related problems in most designs. Driving Transmission Lines The MPC972/973 clock driver was designed to drive high speed signals in a terminated transmission line environment. To provide the optimum flexibility to the user the output drivers were designed to exhibit the lowest impedance possible. With an output impedance of less than 10 the drivers can drive either parallel or series terminated transmission lines. For more information on transmission lines the reader is referred to application note AN1091 in the Timing Solutions brochure (BR1333/D). In most high performance clock networks point-to-point distribution of signals is the method of choice. In a point-to-point scheme either series terminated or parallel terminated transmission lines can be used. The parallel technique terminates the signal at the end of the line with a 50 resistance to VCC/2. This technique draws a fairly high level of DC current and thus only a single terminated line can be driven by each output of the MPC972/973 clock driver. For the series terminated case however there is no DC current draw, thus the outputs can drive multiple series terminated lines. Figure 13 illustrates an output driving a single series terminated line vs two series terminated lines in parallel. When taken to its extreme the fanout of the MPC972/973 clock driver is effectively doubled due to its capability to drive multiple lines.
MPC972/973 OUTPUT BUFFER IN 7 RS = 43 ZO = 50 OutA
combination of the line impedances. The voltage wave launched down the two lines will equal: VL = VS ( Zo / Rs + Ro +Zo) = 3.0 (25/53.5) = 1.40V At the load end the voltage will double, due to the near unity reflection coefficient, to 2.8V. It will then increment towards the quiescent 3.0V in steps separated by one round trip delay (in this case 4.0ns). Since this step is well above the threshold region it will not cause any false clock triggering, however designers may be uncomfortable with unwanted reflections on the line. To better match the impedances when driving multiple lines the situation in Figure 15 should be used. In this case the series terminating resistors are reduced such that when the parallel combination is added to the output buffer impedance the line impedance is perfectly matched.
3.0 OutA tD = 3.8956 OutB tD = 3.9386
2.5
VOLTAGE (V)
2.0 In 1.5
1.0
0.5
0 2 4 6 8 TIME (nS) 10 12 14
Figure 14. Single versus Dual Waveforms
MPC972/973 OUTPUT BUFFER IN 7 RS = 43 ZO = 50 OutB1 MPC972/973 OUTPUT BUFFER 7 RS = 36 ZO = 50
RS = 43
ZO = 50 OutB0
RS = 36
ZO = 50
Figure 13. Single versus Dual Transmission Lines The waveform plots of Figure 14 show the simulation results of an output driving a single line vs two lines. In both cases the drive capability of the MPC972/973 output buffers is more than sufficient to drive 50 transmission lines on the incident edge. Note from the delay measurements in the simulations a delta of only 43ps exists between the two differently loaded outputs. This suggests that the dual line driving need not be used exclusively to maintain the tight output-to-output skew of the MPC972/973. The output waveform in Figure 14 shows a step in the waveform, this step is caused by the impedance mismatch seen looking into the driver. The parallel combination of the 43 series resistor plus the output impedance does not match the parallel
7 + 36 k 36 = 50 k 50 25 = 25 Figure 15. Optimized Dual Line Termination SPICE level output buffer models are available for engineers who want to simulate their specific interconnect schemes. In addition IV characteristics are in the process of being generated to support the other board level simulators in general use. Using the Output Freeze Circuitry With the recent advent of a "green" classification for computers the desire for unique power management among system designers is keen. The individual output enable
TIMING SOLUTIONS BR1333 -- Rev 6
11
MOTOROLA
MPC972 MPC973
control of the MPC972/973 allows designers, under software control, to implement unique power management schemes into their designs. Although useful, individual output control at the expense of one pin per output is too high, therefore a simple serial interface was derived to economize on the control pins. The freeze control logic provides a mechanism through which the MPC972 clock outputs may be frozen (stopped in the logic `0' state): The freeze mechanism allows serial loading of the 12-bit Serial Input Register, this register contains one program- mable freeze enable bit for 12 of the 14 output clocks. The Qc0 and QFB outputs cannot be frozen with the serial port, this avoids any potential lock up situation should an error occur in the loading of the Serial Input Register. The user may programmably freeze an output clock by writing logic `0' to the respective freeze enable bit. Likewise, the user may programmably unfreeze an output clock by writing logic `1' to the respective enable bit. The freeze logic will never force a newly-frozen clock to a logic `0' state before the time at which it would normally transition there. The logic simply keeps the frozen clock at logic `0' once it is there. Likewise, the freeze logic will never force a newly-unfrozen clock to a logic `1' state before the time at which it would normally transition there. The logic re-enables the unfrozen clock during the time when the respective clock would normally be in a logic `0' state, eliminating the possibility of `runt' clock pulses. The user may write to the Serial Input register through the Frz_Data input by supplying a logic `0' start bit followed serially by 12 NRZ freeze enable bits. The period of each Frz_Data bit equals the period of the free-running Frz_Clk signal. The Frz_Data serial transmission should be timed so the MPC972 can sample each Frz_Data bit with the rising edge of the free-running Frz_Clk signal.
Start Bit D0
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10 D11
D0-D3 are the control bits for Qa0-Qa3, respectively D4-D7 are the control bits for Qb0-Qb3, respectively D8-D10 are the control bits for Qc1-Qc3, respectively D11 is the control bit for QSync
Figure 16. Freeze Data Input Protocol
MOTOROLA
12
TIMING SOLUTIONS BR1333 -- Rev 6
MPC972 MPC973
OUTLINE DIMENSIONS
FA SUFFIX TQFP PACKAGE CASE 848D-03 ISSUE C
4X 4X TIPS
0.20 (0.008) H L-M N
0.20 (0.008) T L-M N C L
-X- X=L, M, N
52 1
40 39
AB AB
G
3X VIEW
Y -M- B V
PLATING
-L-
VIEW Y F
BASE METAL
V1
J
13 14 26
27
0.13 (0.005) A1 S1 A S -N-
SECTION AB-AB
ROTATED 90_ CLOCKWISE
C -H- -T-
SEATING PLANE
4X
2 0.10 (0.004) T
4X
3 VIEW AA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE. 4. DATUMS -L-, -M- AND -N- TO BE DETERMINED AT DATUM PLANE -H-. 5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE -T-. 6. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 (0.010) PER SIDE. DIMENSIONS A AND B DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46 (0.018). MINIMUM SPACE BETWEEN PROTRUSION AND ADJACENT LEAD OR PROTRUSION 0.07 (0.003). MILLIMETERS MIN MAX 10.00 BSC 5.00 BSC 10.00 BSC 5.00 BSC --- 1.70 0.05 0.20 1.30 1.50 0.20 0.40 0.45 0.75 0.22 0.35 0.65 BSC 0.07 0.20 0.50 REF 0.08 0.20 12.00 BSC 6.00 BSC 0.09 0.16 12.00 BSC 6.00 BSC 0.20 REF 1.00 REF 0_ 7_ --- 0_ 12 _ REF 5_ 13 _ INCHES MIN MAX 0.394 BSC 0.197 BSC 0.394 BSC 0.197 BSC --- 0.067 0.002 0.008 0.051 0.059 0.008 0.016 0.018 0.030 0.009 0.014 0.026 BSC 0.003 0.008 0.020 REF 0.003 0.008 0.472 BSC 0.236 BSC 0.004 0.006 0.472 BSC 0.236 BSC 0.008 REF 0.039 REF 0_ 7_ --- 0_ 12 _ REF 5_ 13 _
0.05 (0.002)
S
W 1 C2
2XR
R1
0.25 (0.010)
GAGE PLANE
K C1 E Z VIEW AA
DIM A A1 B B1 C C1 C2 D E F G J K R1 S S1 U V V1 W Z 1 2 3
TIMING SOLUTIONS BR1333 -- Rev 6
13
CCCC EEEE CCCC EEEE
M
B1
U
D T L-M
S
N
S
MOTOROLA
MPC972 MPC973
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MOTOROLA
14
MPC972/D TIMING SOLUTIONS BR1333 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MPC972

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X