Part Number Hot Search : 
250BZX 1N5246 P4202 LUS65C D5641AK ADC08 130FT501 ILC7080
Product Description
Full Text Search
 

To Download MMBT5551-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT5551
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * Epitaxial Planar Die Construction Complementary PNP Type Available (MMBT5401) Ideal for Medium Power Amplification and Switching
B E A C B
TOP VIEW E
SOT-23 Dim A
C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
B C D E G H J K L M a
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 2): K4N Ordering & Date Code Information: See Page 2 Weight: 0.008 grams (approx.)
D G H K J L M
C
B
E
All Dimensions in mm @ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMBT5551 180 160 6.0 200 300 417 -55 to +150 Unit V V V mA mW C/W C
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure Notes:
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min 180 160 6.0 3/4 3/4 80 80 30 3/4 3/4 3/4 50 100 3/4 Max 3/4 3/4 3/4 50 50 3/4 250 3/4 0.15 0.20 1.0 Unit V V V nA mA nA Test Condition IC = 100mA, IE = 0 IC = 1.0mA, IB = 0 IE = 10mA, IC = 0 VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100C VEB = 4.0V, IC = 0 IC = 1.0mA, VCE = 5.0V IC = 10mA, VCE = 5.0V IC = 50mA, VCE = 5.0V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 10V, f = 1.0MHz, IE = 0 VCE = 10V, IC = 1.0mA, f = 1.0kHz VCE = 10V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 200mA, RS = 1.0kW, f = 1.0kHz
hFE VCE(SAT) VBE(SAT)
3/4 V V
Cobo hfe fT NF
6.0 250 300 8.0
pF 3/4 MHz dB
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30061 Rev. 4 - 2
1 of 2 www.diodes.com
MMBT5551
Ordering Information
Device MMBT5551-7 Notes:
(Note 3) Packaging SOT-23 Shipping 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K4N
K4N = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5 2003 P Jun 6 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
DS30061 Rev. 4 - 2
2 of 2 www.diodes.com
YM
MMBT5551


▲Up To Search▲   

 
Price & Availability of MMBT5551-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X