Part Number Hot Search : 
A333ERW BR204 LP80C86 H83069R L78M06T FSD24C PSMN1 RF343
Product Description
Full Text Search
 

To Download MC54HC14AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Hex Schmitt-Trigger Inverter
High-Performance Silicon-Gate CMOS
The MC54/74HC14A is identical in pinout to the LS14, LS04 and the HC04. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. The HC14A is useful to "square up" slow input rise and fall times. Due to hysteresis voltage of the Schmitt trigger, the HC14A finds applications in noisy environments.
MC54/74HC14A
J SUFFIX CERAMIC PACKAGE CASE 632-08
1
14
* * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 2 to 6V Low Input Current: 1A High Noise Immunity Characteristic of CMOS Devices In Compliance With the JEDEC Standard No. 7A Requirements Chip Complexity: 60 FETs or 15 Equivalent Gates
14 1
N SUFFIX PLASTIC PACKAGE CASE 646-06
14 1
D SUFFIX SOIC PACKAGE CASE 751A-03
14 1
DT SUFFIX TSSOP PACKAGE CASE 948G-01
LOGIC DIAGRAM
ORDERING INFORMATION A1 1 2 Y1 MC54HCXXAJ MC74HCXXAN MC74HCXXAD MC74HCXXADT Ceramic Plastic SOIC TSSOP
A2
3
4
Y2
A3
5
6
Y3 Y=A
FUNCTION TABLE
Inputs A L H Outputs Y H L
A4
9
8
Y4
Pin 14 = VCC Pin 7 = GND
A5
11
10
Y5
A6
13
12
Y6
Pinout: 14-Lead Packages (Top View)
VCC 14 A6 13 Y6 12 A5 11 Y5 10 A4 9 Y4 8
1 A1
2 Y1
3 A2
4 Y2
5 A3
6 Y3
7 GND
10/95
(c) Motorola, Inc. 1995
1
REV 7
IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII
MC54/74HC14A
MAXIMUM RATINGS*
Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 750 500 450 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package TSSOP Package Storage Temperature Range mW Tstg TL - 65 to + 150 260 300
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
v
v
_C _C
Lead Temperature, 1 mm from Case for 10 Seconds Plastic DIP, SOIC or TSSOP Package Ceramic DIP
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C Ceramic DIP: - 10 mW/_C from 100_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I III I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I II I III I I I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I III I I I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII I II I
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) VCC Operating Temperature Range, All Package Types Input Rise/Fall Time (Figure 1) - 55 0 0 0 + 125
_C
ns
tr, tf
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
No Limit* No Limit* No Limit*
* When Vin = 50% VCC, ICC > 1mA
MOTOROLA
2
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC14A
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA 3.0 4.5 6.0 6.0 6.0 Guaranteed Limit -55 to 25C 1.50 2.15 3.15 4.20 1.0 1.5 2.3 3.0 0.9 1.4 2.0 2.6 0.3 0.5 0.9 1.2 1.20 1.65 2.25 3.00 0.20 0.25 0.40 0.50 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.1 1.0 85C 1.50 2.15 3.15 4.20 0.95 1.45 2.25 2.95 0.95 1.45 2.05 2.65 0.3 0.5 0.9 1.2 1.20 1.65 2.25 3.00 0.20 0.25 0.40 0.50 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 1.0 10 125C 1.50 2.15 3.15 4.20 0.95 1.45 2.25 2.95 0.95 1.45 2.05 2.65 0.3 0.5 0.9 1.2 1.20 1.65 2.25 3.00 0.20 0.25 0.40 0.50 1.9 4.4 5.9 2.20 3.70 5.20 0.1 0.1 0.1 0.40 0.40 0.40 1.0 40 A A V Unit V
Symbol VT+ max
Parameter Maximum Positive-Going Input Threshold Voltage (Figure 3) Minimum Positive-Going Input Threshold Voltage (Figure 3) Maximum Negative-Going Input Threshold Voltage (Figure 3) Minimum Negative-Going Input Threshold Voltage (Figure 3) Maximum Hysteresis Voltage (Figure 3)
Condition Vout = 0.1V |Iout| 20A
VT+ min
Vout = 0.1V |Iout| 20A
V
VT- max
Vout = VCC - 0.1V |Iout| 20A
V
VT- min
Vout = VCC - 0.1V |Iout| 20A
V
VHmax Note 2
Vout = 0.1V or VCC - 0.1V |Iout| 20A
V
VHmin Note 2
Minimum Hysteresis Voltage (Figure 3)
Vout = 0.1V or VCC - 0.1V |Iout| 20A
V
VOH
Minimum High-Level Output Voltage
Vin VT- min |Iout| 20A Vin VT- min
V
VOL
Maximum Low-Level Output Voltage
Vin VT+ max |Iout| 20A Vin VT+ max
Iin ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND Vin = VCC or GND Iout = 0A
1. Information on typical parametric values along with frequency or heavy load considerations can be found in Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). 2. VHmin > (VT+ min) - (VT- max); VHmax = (VT+ max) - (VT- min).
High-Speed CMOS Logic Data DL129 -- Rev 6
3
MOTOROLA
MC54/74HC14A
AC CHARACTERISTICS (CL = 50pF, Input tr = tf = 6ns)
Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 2) VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 75 30 15 13 75 27 15 13 10 85C 95 40 19 16 95 32 19 16 10 125C 110 55 22 19 110 36 22 19 10 Unit ns
tTLH, tTHL
Maximum Output Transition Time, Any Output (Figures 1 and 2)
ns
Cin
Maximum Input Capacitance
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Inverter)* 22 pF * Used to determine the no-load dynamic power consumption: PD = CPD VCC 2 f + ICC VCC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
tf 90% 50% 10% tPLH 90% OUTPUT Y 50% 10% tTLH
tr VCC
INPUT A
GND tPHL
tTHL
Figure 1. Switching Waveforms
TEST POINT OUTPUT DEVICE UNDER TEST CL*
*Includes all probe and jig capacitance
Figure 2. Test Circuit
MOTOROLA
4
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC14A
VT , TYPICAL INPUT THRESHOLD VOLTAGE (VOLTS) 4
3 (VT+) VHtyp
2 (VT-)
1
2
3 4 5 VCC, POWER SUPPLY VOLTAGE (VOLTS) VHtyp = (VT+ typ) - (VT- typ)
6
Figure 3. Typical Input Threshold, VT+, VT- versus Power Supply Voltage
A
Y
(a) A Schmitt-Trigger Squares Up Inputs With Slow Rise and Fall Times VH Vin VCC VT+ VT- GND VOH Vout VOL Vout Vin VH
(b) A Schmitt-Trigger Offers Maximum Noise Immunity VCC VT+ VT- GND VOH
VOL
Figure 4. Typical Schmitt-Trigger Applications
High-Speed CMOS Logic Data DL129 -- Rev 6
5
MOTOROLA
MC54/74HC14A
OUTLINE DIMENSIONS
J SUFFIX CERAMIC DIP PACKAGE CASE 632-08 ISSUE Y
-A14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMESNION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. INCHES MIN MAX 0.750 0.785 0.245 0.280 0.155 0.200 0.015 0.020 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0 15 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.94 7.11 6.23 5.08 3.94 0.50 0.39 1.65 1.40 2.54 BSC 0.38 0.21 4.31 3.18 7.62 BSC 15 0 0.51 1.01
-B1 7
C
L
-TSEATING PLANE
K F G D 14 PL 0.25 (0.010) N
M
M
S
TA
J 14 PL 0.25 (0.010)
M
T
B
S
DIM A B C D F G J K L M N
N SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE L
14 8 NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
B
1 7
A F C N H G D
SEATING PLANE
L
J K M
MOTOROLA
6
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC14A
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
1 7
P 7 PL
0.25 (0.010)
M
B
M
G C
R X 45
F
SEATING PLANE
D
14 PL
K
M
M B
S
J
0.25 (0.010)
T
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.75 8.55 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 7 0 0.228 0.244 0.010 0.019
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948G-01 ISSUE O
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E
0.15 (0.006) T U
S
A -V- J J1
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
High-Speed CMOS Logic Data DL129 -- Rev 6
7
CCC EEE CCC EEE CCC EEE CCC EEE CCC
K K1
MOTOROLA
MC54/74HC14A
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA
CODELINE
8
*MC54/74HC14A/D*
MC54/74HC14A/D High-Speed CMOS Logic Data DL129 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MC54HC14AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X