Part Number Hot Search : 
C1005JB MM1093PF UG3803X 2SC4442 SKM200G FL60S02 WM876206 OL392L
Product Description
Full Text Search
 

To Download MC4558 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MC4558
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
.I .SHORT-CI .GAI .LOWPOWERCONSUMPTI .PI .GAI
NTERNALLY COMPENSATED RCUIT PROTECTION N AND PHASE MATCH BETWEEN AMPLIFIERS ON N TO PIN COMPATIBLE WITH MC1458/LM358 N BANDWIDTH PRODUCT (at 100kHz) 5.5MHz
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
P TSSOP8 (Thin Shrink Small Outline Package)
DESCRIPTION The MC4558 is a high performance monolithic dual operational amplifier. The circuit combines all the outstanding features of the MC1458 and, in addition, possesses three times the unity gain bandwidth of the industry standard. PIN CONNECTIONS (top view)
ORDER CODES
Part Number MC4558C MC4558I Temperature Range 0oC, +70oC -40 C, +105 C
o o
Pakcage N * * D * * P * *
Example : MC4558CN
1 2 3 4 + +
8 7 6 5
1 - Output 1 2 - Inverting input 1 3 - Non-inverting input 1 4 -V CC 5 - Non-inverting input 2 6 - Inverting input 2 7 - Output 2 8 - VCC+
August 1998
1/7
MC4558
SCHEMATIC DIAGRAM (1/2 MC4558)
3.1k
VCC
Inverting input
150
Non-inverting input
25 Output
25 10pF
87pF
7.1k
7.1k
480
4.2k
36k
VCC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vi Vid Ptot T oper Tstg Supply Voltage Input Voltage Differential Input Voltage Power Dissipation Output Short-circuit Duration Operating Free-air Temperature Range Storage Temperature Range -40 to +105 -65 to +150 Parameter MC4558I 22 15 30 680 Infinite 0 to +70 -65 to +150
o o
MC4558C 22 15 30 680
Unit V V V mW C C
2/7
MC4558
ELECTRICAL CHARACTERISTICS VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (RS 10 k) Tamb = 25oC Tmin. Tamb Tmax. Input Offset Current o Tamb = 25 C Tmin. Tamb Tmax. Input Bias Current Tamb = 25oC Tmin. Tamb Tmax. Large Signal Voltage Gain (VO = 10V, R L = 2k) o Tamb = 25 C Tmin. Tamb Tmax. Supply Voltage Rejection Ratio (RS 10k) o Tamb = 25 C Tmin. Tamb Tmax. Supply Current, all Amp, no Load o Tamb = 25 C Tmin. Tamb Tmax. Input Common Mode Voltage Range o Tamb = 25 C Tmin. Tamb Tmax. Common-mode Rejection Ratio (RS 10k) o Tamb = 25 C Tmin. Tamb Tmax. Output Short-circuit Current Output Voltage Swing Tamb = 25oC Tmin. Tamb Tmax. SR tr KOV Ri Ci RO B GBP THD en VO1/VO2 RL RL RL RL = = = = 10k 2k 10k 2k 12 12 70 70 10 12 10 12 10 1.5 90 20 14 13 40 mA V 50 25 77 77 Min. Typ. 1 Max. 5 6 nA 20 100 200 nA 50 400 500 V/mV 200 dB 90 mA 2.3 4.5 6 V Unit mV
Iio
Iib
Avd
SVR
ICC
Vicm
CMR
dB
Ios Vo
Slew Rate (VI = 10V, R L = 2k, CL = 100pF, Tamb = 25oC, unity gain) Rise Time o (VI = 20mV, R L = 2k, CL = 100pF, Tamb = 25 C, unity gain) Overshoot o (VI = 20 mV, RL = 2k, CL = 100pF, Tamb = 25 C, unity gain) Input Resistance Input Capacitance Output Resistance Unity Gain Bandwidth Gain Bandwidth Product (VI = 10mV, RL = 2k, C L = 100pF, f = 100kHz, Tamb = 25oC) Total Harmonic Distortion o (f = 1kHz, Av = 20dB, RL = 2k, Vo = 2Vpp, CL = 100pF, Tamb = 25 C) Equivalent Input Noise Voltage (f = 1kHz, Rs = 100) Channel Separation
V/s 2.2 0.3 15 0.3 2 1.4 75 2.8 5.5 % 0.008 12 120 nV Hz dB M pF MHz MHz s %
3/7
MC4558
TRANSIENT RESPONSE TEST CIRCUIT
OSCILLOSCOPE RL CL
OSCILLOSCOPE
VI
4/7
MC4558
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dimensions A a1 B b b1 D E e e3 e4 F i L Z
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62 7.62 6.6 5.08 3.81 1.52
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
5/7
DIP8.TBL
3.18
0.125
PM-DIP8.EPS
MC4558
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.)
o
0.050 0.150 0.150 0.016 0.157 0.050 0.024
6/7
SO8.TBL
PM-SO8.EPS
MC4558
PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 2.90 4.30 0o 0.50 0.60 3.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 0.01 0.031 0.007 0.003 0.114 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.118 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.122
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publ ication supersedes and replaces all information previously suppli ed. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
ORDER CODE :
7/7


▲Up To Search▲   

 
Price & Availability of MC4558

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X