Part Number Hot Search : 
ATS02 2011A 664TB STTA8 UR3060 IR210 4NXXX BUZ341
Product Description
Full Text Search
 

To Download MC100ELT28D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Advance Information
TTL to Differential PECL/Differential PECL to TTL Translator
The MC10ELT/100ELT28 is a differential PECL to TTL translator and a TTL to differential PECL translator in a single package. Because PECL (Positive ECL) levels are used only +5V and ground are required. The small outline 8-lead SOIC package and the dual translation design of the ELT28 makes it ideal for applications which are sending and receiving signals across a backplane. Because the mature MOSAIC 1.5 process is used, low cost can be added to the list of features. The ELT28 is available in both ECL standards: the 10ELT is compatible with positive MECL 10H logic levels while the 100ELT is compatible with positive ECL 100K logic levels.
MC10ELT28 MC100ELT28
* * * * * * *
8
3.5ns Typical PECL to TTL Propagation Delay 1.2ns Typical TTL to PECL Propagation Delay Differential PECL Inputs/Ouputs Small Outline SOIC Package PNP TTL Inputs for Minimal Loading 24mA TTL Outputs Flow Through Pinouts
1
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
DECL 1
8
VCC
DECL
2 PECL TTL
7
QTTL
PIN
PIN DESCRIPTION FUNCTION TTL Output TTL Inputs Diff ECL Outputs Diff ECL Inputs +5.0V Supply Ground
QECL
3
6
DTTL
QECL
4
5
GND
QTTL DTTL QECL DECL VCC GND
MAXIMUM RATINGS*
Symbol VCC TA Parameter DC Supply Voltage (Referenced to GND) Operating Temperature Range (In Free-Air) Value 7.0 -40 to 85 Unit V C
TSTG Storage Temperature Range -55 to +150 C * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
This document contains information on a new product. Specifications and information herein are subject to change without notice. 1/95
(c) Motorola, Inc. 1996
3-1
REV 2
MC10ELT28 MC100ELT28
TTL OUTPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
Symbol VOH VOL ICCH ICCL IOS Characteristic Output HIGH Voltage Output LOW Voltage Power Supply Current Power Supply Current Output Short Circuit Current -150 27 29 Min 2.4 0.5 40 42 -60 Typ Max Unit V V mA mA mA Condition IOH = -3.0mA IOL = 24mA
TTL INPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
Symbol IIH IIHH IIL VIK VIH VIL Input HIGH Voltage Input LOW Voltage 2.0 0.8 Characteristic Input HIGH Current Input HIGH Current Input LOW Current Min Typ Max 20 100 -0.6 -1.2 Unit A A mA V V V Condition VIN = 2.7V VIN = 7.0V VIN = 0.5V IIN = -18mA
PECL OUTPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
-40C Symbol VOH VOL Characteristic Output HIGH 10ELT1 Voltage 100ELT1 Output LOW 10ELT1 Voltage 100ELT1 Min 3.920 3.915 3.05 3.17 Max 4.11 4.12 3.350 3.445 Min 3.980 3.975 3.05 3.19 0C Max 4.16 4.12 3.37 3.38 Min 4.020 3.975 3.05 3.19 25C Typ 4.10 4.05 3.25 3.30 Max 4.19 4.12 3.37 3.38 85C Min 4.080 3.975 3.05 3.19 Max 4.27 4.12 3.40 3.35 Unit V V Condition VCC = 5.0V VCC = 5.0V
1. Levels will vary 1:1 with VCC.
PECL INPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
-40C Symbol IIH IIL VCMR VPP VIH VIL tPLH tPHL Characteristic Input HIGH Current Input LOW Current Common Mode Range Minimum Peak-to-Peak Input1 Input HIGH Voltage Input LOW Voltage Prop Delay Prop Delay 10ELT 100ELT 10ELT 100ELT 0.5 2.2 200 3.770 3.835 3.05 3.19 2.0 0.6 2.0 0.4 4.110 4.120 3.500 3.525 5.5 1.2 5.5 1.0 VCC Min Max 150 0.5 2.2 200 3.830 3.835 3.05 3.19 2.0 0.65 2.0 0.45 4.16 4.12 3.520 3.525 5.5 1.45 5.5 1.05 1.5 VCC Min 0C Max 150 0.5 2.2 200 3.870 3.835 3.05 3.19 2.0 0.9 2.0 0.5 0.15 1.2 0.8 4.19 4.12 3.520 3.525 5.5 1.5 5.5 1.1 1.5 VCC Min 25C Typ Max 150 0.5 2.2 200 3.930 3.835 3.05 3.19 2.0 0.6 2.0 0.7 0.15 4.265 4.120 3.550 3.525 5.5 1.35 5.5 1.3 1.5 VCC 85C Min Max 150 Unit A A V mV V V ns ns ns VCC = 5.0V VCC = 5.0V CL = 20pF CL = 20pF 20% - 80% Condition
DECL to QTTL DTTL to QECL DECL to QTTL DTTL to QECL
tr, tf Rise/Fall Times QECL 0.15 1.5 0.15 1. 200mV input guarantees full logic swing at the output.
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC10ELT28 MC100ELT28
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 3-3
*MC10ELT28/D*
MC10ELT28/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100ELT28D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X