Part Number Hot Search : 
BFXXXX P100A CLB764 80C51 74AUP1G E2UMA NDL7513P LTC6240
Product Description
Full Text Search
 

To Download LTC1407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1407/LTC1407A Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
FEATURES
s s s s s
DESCRIPTIO
s s s s s s
3Msps Sampling ADC with Two Simultaneous Differential Inputs 1.5Msps Throughput per Channel Low Power Dissipation: 14mW (Typ) 3V Single Supply Operation 2.5V Internal Bandgap Reference with External Overdrive 3-Wire Serial Interface Sleep (10W) Shutdown Mode Nap (3mW) Shutdown Mode 80dB Common Mode Rejection at 100kHz 0V to 2.5V Unipolar Input Range Tiny 10-Lead MS Package
The LTC(R)1407/LTC1407A are 12-bit/14-bit, 3Msps ADCs with two 1.5Msps simultaneously sampled differential inputs. The devices draw only 4.7mA from a single 3V supply and come in a tiny 10-lead MS package. A Sleep shutdown feature lowers power consumption to 10W. The combination of speed, low power and tiny package makes the LTC1407/LTC1407A suitable for high speed, portable applications. The LTC1407/LTC1407A contain two separate differential inputs that are sampled simultaneously on the rising edge of the CONV signal. These two sampled inputs are then converted at a rate of 1.5Msps per channel. The 80dB common mode rejection allows users to eliminate ground loops and common mode noise by measuring signals differentially from the source. The devices convert 0V to 2.5V unipolar inputs differentially. The absolute voltage swing for CH0+, CH0-, CH1+ and CH1- extends from ground to the supply voltage. The serial interface sends out the two conversion results in 32 clocks for compatibility with standard serial interfaces.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s s s
Telecommunications Data Acquisition Systems Uninterrupted Power Supplies Multiphase Motor Control I & Q Demodulation Industrial Control
BLOCK DIAGRA
CH0+ 1
10F
3V
7
VDD 14-BIT LATCH
LTC1407A
+
S&H
CH0-
2
MUX CH1+ 4
14-BIT LATCH
3Msps 14-BIT ADC
8
SDO
THD, 2nd, 3rd (dB)
- +
S&H
THREESTATE SERIAL OUTPUT PORT
CH1-
5
-
VREF GND 2.5V REFERENCE
10 TIMING LOGIC 9
CONV
3 10F 6 11
SCK
EXPOSED PAD
1407A BD
U
THD, 2nd and 3rd vs Input Frequency
-44 -50 -56 -62 -68 -74 -80 -86 -92 -98 -104 0.1 1 10 FREQUENCY (MHz) 100
1407 G02
W
U
THD 2nd
3rd
1407f
1
LTC1407/LTC1407A
ABSOLUTE
(Notes 1, 2)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
TOP VIEW CH0 + CH0 - VREF CH1+ CH1- 1 2 3 4 5 10 9 8 7 6 CONV SCK SDO VDD GND 11
Supply Voltage (VDD) ................................................. 4V Analog Input Voltage (Note 3) ................................... - 0.3V to (VDD + 0.3V) Digital Input Voltage .................... - 0.3V to (VDD + 0.3V) Digital Output Voltage .................. - 0.3V to (VDD + 0.3V) Power Dissipation .............................................. 100mW Operation Temperature Range LTC1407C/LTC1407AC ............................ 0C to 70C LTC1407I/LTC1407AI ......................... - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
MSE PACKAGE 10-LEAD PLASTIC MSOP TJMAX = 125C, JA = 150C/ W EXPOSED PAD IS GND (PIN 11) MUST BE SOLDERED TO PCB
LTC1407CMSE LTC1407IMSE LTC1407ACMSE LTC1407AIMSE MSE PART MARKING LTBDQ LTBDR LTAFE LTAFF
Consult LTC Marketing for parts specified with wider operating temperature ranges.
CO VERTER CHARACTERISTICS
PARAMETER Resolution (No Missing Codes) Integral Linearity Error Offset Error Offset Match from CH0 to CH1 Gain Error Gain Match from CH0 to CH1 Gain Tempco
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. With internal reference, VDD = 3V.
CONDITIONS
q
MIN 12 -2 -10 -5
q q q
LTC1407 TYP MAX 0.25 1 0.5 5 1 15 1 2 10 5 30 5
LTC1407A MIN TYP MAX 14 -4 -20 -10 -60 -10 0.5 2 1 10 2 15 1 4 20 10 60 10
UNITS Bits LSB LSB LSB LSB LSB ppm/C ppm/C
(Notes 5, 17) (Notes 4, 17) (Note 17) (Notes 4, 17) (Note 17) Internal Reference (Note 4) External Reference
-30 -5
A ALOG I PUT
SYMBOL PARAMETER VIN VCM IIN CIN tACQ tAP tJITTER tSK CMRR
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. With internal reference, VDD = 3V.
CONDITIONS 2.7V VDD 3.3V MIN TYP 0 to 2.5 0 to VDD
q
MAX
UNITS V V
Analog Differential Input Range (Notes 3, 9) Analog Common Mode + Differential Input Range (Note 10) Analog Input Leakage Current Analog Input Capacitance Sample-and-Hold Acquisition Time Sample-and-Hold Aperture Delay Time Sample-and-Hold Aperture Delay Time Jitter Sample-and-Hold Aperture Skew from CH0 to CH1 Analog Input Common Mode Rejection Ratio
1 13 39 1 0.3 200
(Note 6)
q
fIN = 1MHz, VIN = 0V to 3V fIN = 100MHz, VIN = 0V to 3V
-60 -15
2
U
A pF ns ns ps ps dB dB
1407f
W
U
U
WW
W
U
U
U
LTC1407/LTC1407A
DY A IC ACCURACY
SYMBOL SINAD PARAMETER Signal-to-Noise Plus Distortion Ratio
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. With internal reference, VDD = 3V.
CONDITIONS 100kHz Input Signal 750kHz Input Signal 100kHz Input Signal, External VREF = 3.3V, VDD 3.3V 750kHz Input Signal, External VREF = 3.3V, VDD 3.3V 100kHz First 5 Harmonics 750kHz First 5 Harmonics 100kHz Input Signal 750kHz Input Signal 1.25V to 2.5V 1.40MHz into CH0+ , 0V to 1.25V, 1.56MHz into CH0- . Also Applicable to CH1+ and CH1- VREF = 2.5V (Note 17) VIN = 2.5VP-P, SDO = 11585LSBP-P (-3dBFS) (Note 15) S/(N + D) 68dB
q
THD SFDR IMD
I TER AL REFERE CE CHARACTERISTICS
PARAMETER VREF Output Voltage VREF Output Tempco VREF Line Regulation VREF Output Resistance VREF Settling Time CONDITIONS IOUT = 0
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL VIH VIL IIN CIN VOH VOL IOZ COZ ISOURCE ISINK PARAMETER High Level Input Voltage Low Level Input Voltage Digital Input Current Digital Input Capacitance High Level Output Voltage Low Level Output Voltage Hi-Z Output Leakage DOUT Hi-Z Output Capacitance DOUT Output Short-Circuit Source Current Output Short-Circuit Sink Current VOUT = 0V, VDD = 3V VOUT = VDD = 3V CONDITIONS VDD = 3.3V VDD = 2.7V VIN = 0V to VDD
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VDD = 3V.
MIN
q q q
U
U
U
WU U
MIN 68
LTC1407 TYP MAX 70.5 70.5 72.0 72.0 -87 -83 -87 -83 -82 0.25 50 5 -77
LTC1407A MIN TYP MAX 70 73.5 73.5 76.3 76.3 -90 -86 -90 -86 -82 1 50 5 -80
UNITS dB dB dB dB dB dB dB dB dB LSBRMS MHz MHz
Total Harmonic Distortion Spurious Free Dynamic Range Intermodulation Distortion Code-to-Code Transition Noise Full Power Bandwidth Full Linear Bandwidth
q
U
TA = 25C. VDD = 3V.
MIN TYP 2.5 15 600 0.2 2 MAX UNITS V ppm/C V/V ms
VDD = 2.7V to 3.6V, VREF = 2.5V Load Current = 0.5mA
TYP
MAX 0.6 10
UNITS V V A pF V V V A pF mA mA
2.4
5 VDD = 3V, IOUT = - 200A VDD = 2.7V, IOUT = 160A VDD = 2.7V, IOUT = 1.6mA VOUT = 0V to VDD
q q q
2.5
2.9 0.05 0.10 1 20 15 0.4 10
1407f
3
LTC1407/LTC1407A
POWER REQUIRE E TS
SYMBOL VDD IDD PARAMETER Supply Voltage Supply Current
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. With internal reference, VDD = 3V.
CONDITIONS Active Mode, fSAMPLE = 1.5Msps Nap Mode Sleep Mode (LTC1407) Sleep Mode (LTC1407A) Active Mode with SCK in Fixed State (Hi or Lo)
q q
PD
Power Dissipation
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VDD = 3V.
SYMBOL fSAMPLE(MAX) tTHROUGHPUT tSCK tCONV t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t12 PARAMETER Maximum Sampling Frequency per Channel (Conversion Rate) Minimum Sampling Period (Conversion + Acquisiton Period) Clock Period Conversion Time Minimum Positive or Negative SCLK Pulse Width CONV to SCK Setup Time SCK Before CONV Minimum Positive or Negative CONV Pulse Width SCK to Sample Mode CONV to Hold Mode 32nd SCK to CONV Interval (Affects Acquisition Period) Minimum Delay from SCK to Valid Bits 0 Through 11 SCK to Hi-Z at SDO Previous SDO Bit Remains Valid After SCK VREF Settling Time After Sleep-to-Wake Transition (Note 16) (Note 6) (Note 6) (Notes 6, 10) (Note 6) (Note 6) (Note 6) (Notes 6, 11) (Notes 6, 7, 13) (Notes 6, 12) (Notes 6, 12) (Notes 6, 12) (Notes 6, 14) CONDITIONS
q q q
TI I G CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All voltage values are with respect to ground GND. Note 3: When these pins are taken below GND or above VDD, they will be clamped by internal diodes. This product can handle input currents greater than 100mA below GND or greater than VDD without latchup. Note 4: Offset and range specifications apply for a single-ended CH0+ or CH1+ input with CH0 - or CH1- grounded and using the internal 2.5V reference. Note 5: Integral linearity is tested with an external 2.55V reference and is defined as the deviation of a code from the straight line passing through the actual endpoints of a transfer curve. The deviation is measured from the center of quantization band. Note 6: Guaranteed by design, not subject to test. Note 7: Recommended operating conditions. Note 8: The analog input range is defined for the voltage difference between CH0+ and CH0 - or CH1+ and CH1-. Note 9: The absolute voltage at CH0+, CH0 -, CH1+ and CH1- must be within this range.
4
UW
MIN 2.7
TYP 4.7 1.1 2.0 2.0 12
MAX 3.6 7.0 1.5 15 10
UNITS V mA mA A A mW
UW
MIN 1.5
TYP
MAX
UNITS MHz
667 19.6 32 2 3 0 4 4 1.2 45 8 6 2 2 34 10000
ns ns SCLK cycles ns ns ns ns ns ns ns ns ns ns ms
Note 10: If less than 3ns is allowed, the output data will appear one clock cycle later. It is best for CONV to rise half a clock before SCK, when running the clock at rated speed. Note 11: Not the same as aperture delay. Aperture delay (1ns) is the difference between the 2.2ns delay through the sample-and-hold and the 1.2ns CONV to Hold mode delay. Note 12: The rising edge of SCK is guaranteed to catch the data coming out into a storage latch. Note 13: The time period for acquiring the input signal is started by the 32nd rising clock and it is ended by the rising edge of CONV. Note 14: The internal reference settles in 2ms after it wakes up from Sleep mode with one or more cycles at SCK and a 10F capacitive load. Note 15: The full power bandwidth is the frequency where the output code swing drops by 3dB with a 2.5VP-P input sine wave. Note 16: Maximum clock period guarantees analog performance during conversion. Output data can be read with an arbitrarily long clock period. Note 17: The LTC1407A is measured and specified with 14-bit Resolution (1LSB = 152V) and the LTC1407 is measured and specified with 12-bit Resolution (1LSB = 610V).
1407f
LTC1407/LTC1407A TYPICAL PERFOR A CE CHARACTERISTICS
ENOBs and SINAD vs Input Sinewave Frequency
12.0 11.5 11.0 74 71 68 65 62 59 56 53 1 10 FREQUENCY (MHz) 50 100
1407 G01
10.0 9.5 9.0 8.5 8.0 0.1
-74 -80 -86 -92 -98 -104 0.1
3rd
SFDR (dB) 100
1407 G02
10.5
THD, 2nd, 3rd (dB)
ENOBs (BITS)
SNR vs Input Frequency
74 71 68
MAGNITUDE (dB)
SNR (dB)
65 62 59 56 53 50 0.1 1 10 FREQUENCY (MHz) 100
1407 G03
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 100 200 300 400 500 FREQUENCY (kHz) 600 700
1407 G04
MAGNITUDE (dB)
1403kHz Input Summed with 1563kHz Input IMD 4096 Point FFT Plot
0 -10 -20 -30
MAGNITUDE (dB)
DIFFERENTIAL LINEARITY (LSB)
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 100 200 300 400 500 FREQUENCY (kHz) 600 700
1407 G06
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4096 12288 8192 OUTPUT CODE 16384
1407 G15
INTEGRAL LINEARITY (LSB)
UW
1.5Msps
VDD = 3V, TA = 25C (LTC1407A)
THD, 2nd and 3rd vs Input Frequency
-44 -50 -56 -62 -68 THD 2nd
104 98 92 86 80 74 68 62 56 50
SFDR vs Input Frequency
SINAD (dB)
1 10 FREQUENCY (MHz)
44 0.1
1 10 FREQUENCY (MHz)
100
1407 G19
98kHz Sine Wave 4096 Point FFT Plot
0 -10 -20 -30 1.5Msps
748kHz Sine Wave 4096 Point FFT Plot
0 1.5Msps -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 0 100 200 300 400 500 FREQUENCY (kHz) 600 700
1407 G05
Differential Linearity for CH0 with Internal 2.5V Reference
1.0 0.8 0.6 2.0 1.6 1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0
Integral Linearity End Point Fit for CH0 with Internal 2.5V Reference
0
4096
12288 8192 OUTPUT CODE
16384
1407 G16
1407f
5
LTC1407/LTC1407A TYPICAL PERFOR A CE CHARACTERISTICS
Differential Linearity for CH1 with Internal 2.5V Reference
1.0 0.8
DIFFERENTIAL LINEARITY (LSB) INTEGRAL LINEARITY (LSB)
0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4096 12288 8192 OUTPUT CODE 16384
1407 G17
VDD = 3V, TA = 25C (LTC1407/LTC1407A) Full-Scale Signal Frequency Response
12 6 0 0 -20
AMPLITUDE (dB)
CMRR (dB)
-6 -12 -18 -24 -30 -36 1M 10M 100M FREQUENCY (Hz) 1G
1407 G07
CROSSTALK (dB)
Simultaneous Input Steps at CH0 and CH1 from 25
3.0 2.6 2.2
ANALOG INPUTS (V)
1.8 1.4 1.0 0.6 0.2 -0.2 -0.6 0 5 10 15 20 TIME (ns) 25 30 CH0 CH1
PSRR (dB)
6
UW
VDD = 3V, TA = 25C (LTC1407A) Integral Linearity End Point Fit for CH1 with Internal 2.5V Reference
2.0 1.6 1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0 0 4096 12288 8192 OUTPUT CODE 16384
1407 G18
CMRR vs Frequency
-20 -30 -40 -50 -60
Crosstalk vs Frequency
-40 -60 CH0 -80 -100 -120 100 CH1
CH1 TO CH0 -70 CH0 TO CH1 -80 -90 100
1k
10k 100k 1M FREQUENCY (Hz)
10M
100M
1407 G08
1k
10k 100k FREQUENCY (Hz)
1M
10M
1407 G09
PSSR vs Frequency
-25 -30 -35 -40 -45 -50 -55 -60 -65 -70 1 10 100 1k 10k FREQUENCY (Hz) 100k 1M
1407 G10
1407 G11
1407f
LTC1407/LTC1407A TYPICAL PERFOR A CE CHARACTERISTICS
Reference Voltage vs VDD
2.4902 2.4900 2.4898
VREF (V)
2.4896 2.4894 2.4892 2.4890 2.6 2.8 3.0 3.2 VDD (V) 3.4 3.6
1407 G12
VREF (V)
PI FU CTIO S
CH0+ (Pin 1): Noninverting Channel 0. CH0+ operates fully differentially with respect to CH0- with a 0V to 2.5V differential swing and a 0 to VDD absolute input range. CH0- (Pin 2): Inverting Channel 0. CH0- operates fully differentially with respect to CH0+ with a -2.5V to 0V differential swing and a 0 to VDD absolute input range. VREF (Pin 3): 2.5V Internal Reference. Bypass to GND and a solid analog ground plane with a 10F ceramic capacitor (or 10F tantalum in parallel with 0.1F ceramic). Can be overdriven by an external reference voltage 2.55V and VDD. CH1+ (Pin 4): Noninverting Channel 1. CH1+ operates fully differentially with respect to CH1- with a 0V to 2.5V differential swing and a 0 to VDD absolute input range. CH1- (Pin 5): Inverting Channel 1. CH1- operates fully differentially with respect to CH1+ with a -2.5V to 0V differential swing and a 0 to VDD absolute input range. GND (Pins 6, 11): Ground and Exposed Pad. This single ground pin and the Exposed Pad must be tied directly to the solid ground plane under the part. Keep in mind that analog signal currents and digital output signal currents flow through these connections. VDD (Pin 7): 3V Positive Supply. This single power pin supplies 3V to the entire chip. Bypass to GND pin and solid analog ground plane with a 10F ceramic capacitor (or 10F tantalum) in parallel with 0.1F ceramic. Keep in mind that internal analog currents and digital output signal currents flow through this pin. Care should be taken to place the 0.1F bypass capacitor as close to Pins 6 and 7 as possible. SDO (Pin 8): Three-state Serial Data Output. Each pair of output data words represent the two analog input channels at the start of the previous conversion. SCK (Pin 9): External Clock Input. Advances the conversion process and sequences the output data on the rising edge. One or more pulses wake from sleep. CONV (Pin 10): Convert Start. Holds the two analog input signals and starts the conversion on the rising edge. Two pulses with SCK in fixed high or fixed low state starts Nap mode. Four or more pulses with SCK in fixed high or fixed low state starts Sleep mode.
UW
VDD = 3V, TA = 25C (LTC1407/LTC1407A) Reference Voltage vs Load Current
2.4902 2.4900 2.4898 2.4896 2.4894 2.4892 2.4890 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 LOAD CURRENT (mA)
1407 G13
U
U
U
1407f
7
LTC1407/LTC1407A
BLOCK DIAGRA
S&H CH0- 2
-
MUX 3Msps 14-BIT ADC
14-BIT LATCH
CH0+
CH1+
4
+
S&H
CH1-
5
-
VREF GND 2.5V REFERENCE
14-BIT LATCH
10F 6 11
8
W
10F 3V 7 1 VDD LTC1407A
+
THREESTATE SERIAL OUTPUT PORT
8
SDO
10 TIMING LOGIC 9
CONV
3
SCK
EXPOSED PAD
1407A BD
1407f
LTC1407 Timing Diagram
t7 9 14 31 10 11 12 13 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 32 33 34 1
t2 t1 5 6 7 8
t3
33
34
1
2
3
4
TI I G DIAGRA S UW
LTC1407/LTC1407A
t4 t5
CONV tACQ HOLD t10 t9 t8 SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION AT CH1 X* D11 12-BIT DATA WORD tCONV tTHROUGHPUT D10 D9 D8 D7 D6 D5 D4 X* Hi-Z D3 D2 D1 D0 X* X* Hi-Z
1407A TD01
t6 HOLD t8
INTERNAL S/H STATUS
SAMPLE
SAMPLE t9
HOLD
t8 SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION AT CH0 D9 12-BIT DATA WORD D8 D7 D6 D5 D4 D3 D2 D1 D0
SDO
Hi-Z
D11
D10
*BITS MARKED "X" AFTER D0 SHOULD BE IGNORED
LTC1407A Timing Diagram
t1 5 14 6 7 8 9 10 11 12 13 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 t7 33 34 1
t2
t3
33
34
1
2
3
4
SCK t5
t4
CONV tACQ HOLD t10 t9 Hi-Z D2 D1 D0 t8 SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION AT CH1 D13 D12 D11 D10 D9 D8 D7 D6 14-BIT DATA WORD tCONV tTHROUGHPUT D5 D4 D3 D2 D1 D0 Hi-Z
1407A TD01
t6 HOLD t8
INTERNAL S/H STATUS
SAMPLE
SAMPLE t9
HOLD
t8
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION AT CH0 D11 14-BIT DATA WORD D10 D9 D8 D7 D6 D5 D4 D3
SDO
Hi-Z
D13
D12
W
SCK
9
1407f
LTC1407/LTC1407A
TI I G DIAGRA S
Nap Mode and Sleep Mode Waveforms
SCK t1 CONV t1
NAP
SLEEP t12 VREF
1407 TD02
NOTE: NAP AND SLEEP ARE INTERNAL SIGNALS
SCK t8 t10 SDO
10
W
UW
SCK to SDO Delay
SCK
VIH
VIH t9
VOH VOL
90% SDO 10%
1407 TD03
1407f
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
DRIVING THE ANALOG INPUT
The differential analog inputs of the LTC1407/LTC1407A are easy to drive. The inputs may be driven differentially or as a single-ended input (i.e., the CH0- input is grounded). All four analog inputs of both differential analog input pairs, CH0+ with CH0- and CH1+ with CH1-, are sampled at the same instant. Any unwanted signal that is common to both inputs of each input pair will be reduced by the common mode rejection of the sample-and-hold circuit. The inputs draw only one small current spike while charging the sample-and-hold capacitors at the end of conversion. During conversion, the analog inputs draw only a small leakage current. If the source impedance of the driving circuit is low, then the LTC1407/LTC1407A inputs can be driven directly. As source impedance increases, so will acquisition time. For minimum acquisition time with high source impedance, a buffer amplifier must be used. The main requirement is that the amplifier driving the analog input(s) must settle after the small current spike before the next conversion starts (settling time must be 39ns for full throughput rate). Also keep in mind, while choosing an input amplifier, the amount of noise and harmonic distortion added by the amplifier. CHOOSING AN INPUT AMPLIFIER Choosing an input amplifier is easy if a few requirements are taken into consideration. First, to limit the magnitude of the voltage spike seen by the amplifier from charging the sampling capacitor, choose an amplifier that has a low output impedance (< 100) at the closed-loop bandwidth frequency. For example, if an amplifier is used in a gain of 1 and has a unity-gain bandwidth of 50MHz, then the output impedance at 50MHz must be less than 100. The second requirement is that the closed-loop bandwidth must be greater than 40MHz to ensure adequate smallsignal settling for full throughput rate. If slower op amps are used, more time for settling can be provided by
U
increasing the time between conversions. The best choice for an op amp to drive the LTC1407/LTC1407A depends on the application. Generally, applications fall into two categories: AC applications where dynamic specifications are most critical and time domain applications where DC accuracy and settling time are most critical. The following list is a summary of the op amps that are suitable for driving the LTC1407/LTC1407A. (More detailed information is available in the Linear Technology Databooks and on the LinearViewTM CD-ROM.) LTC1566-1: Low Noise 2.3MHz Continuous Time Lowpass Filter. LT(R)1630: Dual 30MHz Rail-to-Rail Voltage FB Amplifier. 2.7V to 15V supplies. Very high AVOL, 500V offset and 520ns settling to 0.5LSB for a 4V swing. THD and noise are - 93dB to 40kHz and below 1LSB to 320kHz (AV = 1, 2VP-P into 1k, VS = 5V), making the part excellent for AC applications (to 1/3 Nyquist) where rail-to-rail performance is desired. Quad version is available as LT1631. LT1632: Dual 45MHz Rail-to-Rail Voltage FB Amplifier. 2.7V to 15V supplies. Very high AVOL, 1.5mV offset and 400ns settling to 0.5LSB for a 4V swing. It is suitable for applications with a single 5V supply. THD and noise are - 93dB to 40kHz and below 1LSB to 800kHz (AV = 1, 2VP-P into 1k, VS = 5V), making the part excellent for AC applications where rail-to-rail performance is desired. Quad version is available as LT1633. LT1801: 80MHz GBWP, -75dBc at 500kHz, 2mA/amplifier, 8.5nV/Hz. LT1806/LT1807: 325MHz GBWP, -80dBc distortion at 5MHz, unity gain stable, rail-to-rail in and out, 10mA/amplifier, 3.5nV/Hz. LT1810: 180MHz GBWP, -90dBc distortion at 5MHz, unity gain stable, rail-to-rail in and out, 15mA/amplifier, 16nV/Hz.
LinearView is a trademark of Linear Technology Corporation.
1407f
W
UU
11
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
LT1818/LT1819: 400MHz, 2500V/s, 9mA, Single/Dual Voltage Mode Operational Amplifier. LT6200: 165MHz GBWP, -85dBc distortion at 1MHz, unity gain stable, rail-to-rail in and out, 15mA/amplifier, 0.95nV/Hz. LT6203: 100MHz GBWP, -80dBc distortion at 1MHz, unity gain stable, rail-to-rail in and out, 3mA/amplifier, 1.9nV/Hz. LT6600: Amplifier/Filter Differential In/Out with 10MHz Cutoff. INPUT FILTERING AND SOURCE IMPEDANCE The noise and the distortion of the input amplifier and other circuitry must be considered since they will add to the LTC1407/LTC1407A noise and distortion. The smallsignal bandwidth of the sample-and-hold circuit is 50MHz. Any noise or distortion products that are present at the analog inputs will be summed over this entire bandwidth. Noisy input circuitry should be filtered prior to the analog
ANALOG INPUT
ANALOG INPUT
12
U
inputs to minimize noise. A simple 1-pole RC filter is sufficient for many applications. For example, Figure 1 shows a 47pF capacitor from CHO+ to ground and a 51 source resistor to limit the net input bandwidth to 30MHz. The 47pF capacitor also acts as a charge reservoir for the input sample-and-hold and isolates the ADC input from sampling-glitch sensitive circuitry. High quality capacitors and resistors should be used since these components can add distortion. NPO and silvermica type dielectric capacitors have excellent linearity. Carbon surface mount resistors can generate distortion from self heating and from damage that may occur during soldering. Metal film surface mount resistors are much less susceptible to both problems. When high amplitude unwanted signals are close in frequency to the desired signal frequency a multiple pole filter is required. High external source resistance, combined with 13pF of input capacitance, will reduce the rated 50MHz input bandwidth and increase acquisition time beyond 39ns.
51* 1 47pF* 2 CH0+ CH0- LTC1407/ LTC1407A VREF GND CH1+ CH1-
1407 F01
W
UU
3 10F 11 51* 4 47pF* 5
*TIGHT TOLERANCE REQUIRED TO AVOID APERTURE SKEW DEGRADATION
Figure 1. RC Input Filter
1407f
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
INPUT RANGE
The analog inputs of the LTC1407/LTC1407A may be driven fully differentially with a single supply. Either input may swing up to 3V, provided the differential swing is no greater than 2.5V. In the valid input range, the noninverting input of each channel should always be more positive than the inverting input of each channel. The 0V to 2.5V range is also ideally suited for single-ended input use with single supply applications. The common mode range of the inputs extend from ground to the supply voltage VDD. If the difference between the CH0+ and CH0- inputs or the CH1+ and CH1- inputs exceeds 2.5V, the output code will stay fixed at all ones, and if this difference goes below 0V, the ouput code will stay fixed at all zeros. INTERNAL REFERENCE The LTC1407/LTC1407A have an on-chip, temperature compensated, bandgap reference that is factory trimmed near 2.5V to obtain a precise 2.5V input span. The reference amplifier output VREF, (Pin 3) must be bypassed with a capacitor to ground. The reference amplifier is stable with capacitors of 1F or greater. For the best noise performance, a 10F ceramic or a 10F tantalum in parallel with a 0.1F ceramic is recommended. The V REF pin can be
3V REF
CMRR (dB)
VREF LTC1407/ 10F LTC1407A 11 GND
1407 F02
3
Figure 2
U
overdriven with an external reference as shown in Figure 2. The voltage of the external reference must be higher than the 2.5V of the open-drain P-channel output of the internal reference. The recommended range for an external reference is 2.55V to VDD. An external reference at 2.55V will see a DC quiescent load of 0.75mA and as much as 3mA during conversion. INPUT SPAN VERSUS REFERENCE VOLTAGE The differential input range has a unipolar voltage span that equals the difference between the voltage at the reference buffer output VREF (Pin 3) and the voltage at the Exposed Pad ground. The differential input range of ADC is 0V to 2.5V when using the internal reference. The internal ADC is referenced to these two nodes. This relationship also holds true with an external reference. DIFFERENTIAL INPUTS The ADC will always convert the unipolar difference of CH0+ minus CH0- or the unipolar difference of CH1+ minus CH1-, independent of the common mode voltage at either set of inputs. The common mode rejection holds up at high frequencies (see Figure 3.) The only requirement is that both inputs not go below ground or exceed VDD.
0 -20 -40 -60 CH0 -80 -100 -120 100 CH1 1k 10k 100k 1M FREQUENCY (Hz) 10M 100M
1407 G08
W
UU
Figure 3. CMRR vs Frequency
1407f
13
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
Integral nonlinearity errors (INL) and differential nonlinearity errors (DNL) are largely independent of the common mode voltage. However, the offset error will vary. CMRR is typically better than 60dB. Figure 4 shows the ideal input/output characteristics for the LTC1407/LTC1407A. The code transitions occur midway between successive integer LSB values (i.e., 0.5LSB, 1.5LSB, 2.5LSB, FS - 1.5LSB). The output code is natural binary with 1LSB = 2.5V/16384 = 153V for the LTC1407A and 1LSB = 2.5V/4096 = 610V for the LTC1407. The LTC1407A has 1LSB RMS of Gaussian white noise. Board Layout and Bypassing Wire wrap boards are not recommended for high resolution and/or high speed A/D converters. To obtain the best performance from the LTC1407/LTC1407A, a printed circuit board with ground plane is required. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track. If optimum phase match between the inputs is desired, the length of the four input wires of the two input channels should be kept matched. But each pair of input wires to the two input channels should be kept separated by a ground trace to avoid high frequency crosstalk between channels.
111...111 111...110
UNIPOLAR OUTPUT CODE
111...101
000...010 000...001 000...000 0 INPUT VOLTAGE (V)
1407 F04
Figure 4. LTC1407/LTC1407A Transfer Characteristic
14
U
High quality tantalum and ceramic bypass capacitors should be used at the VDD and VREF pins as shown in the Block Diagram on the first page of this data sheet. For optimum performance, a 10F surface mount tantalum capacitor with a 0.1F ceramic is recommended for the VDD and VREF pins. Alternatively, 10F ceramic chip capacitors such as X5R or X7R may be used. The capacitors must be located as close to the pins as possible. The traces connecting the pins and the bypass capacitors must be kept short and should be made as wide as possible. The VDD bypass capacitor returns to GND (Pin 6) and the VREF bypass capacitor returns to the Exposed Pad ground (Pin 11). Care should be taken to place the 0.1F VDD bypass capacitor as close to Pins 6 and 7 as possible. Figure 5 shows the recommended system ground connections. All analog circuitry grounds should be terminated at the LTC1407/LTC1407A Exposed Pad. The ground return from the LTC1407/LTC1407A Pin 6 to the power supply should be low impedance for noise-free operation. The Exposed Pad of the 10-lead MSE package is also tied to Pin 6 and the LTC1407/LTC1407A GND. The Exposed Pad should be soldered on the PC board to reduce ground connection inductance. Digital circuitry grounds must be connected to the digital supply common.
FS - 1LSB
1407f
W
UU
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
Figure 5. Recommended Layout
POWER-DOWN MODES Upon power-up, the LTC1407/LTC1407A are initialized to the active state and is ready for conversion. The Nap and Sleep mode waveforms show the power down modes for the LTC1407/LTC1407A. The SCK and CONV inputs control the power down modes (see Timing Diagrams). Two rising edges at CONV, without any intervening rising edges at SCK, put the LTC1407/LTC1407A in Nap mode and the power drain drops from 14mW to 6mW. The internal reference remains powered in Nap mode. One or more rising edges at SCK wake up the LTC1407/LTC1407A for service very quickly and CONV can start an accurate
U
1407 F05
W
UU
conversion within a clock cycle. Four rising edges at CONV, without any intervening rising edges at SCK, put the LTC1407/LTC1407A in Sleep mode and the power drain drops from 14mW to 10W. One or more rising edges at SCK wake up the LTC1407/LTC1407A for operation. The internal reference (VREF ) takes 2ms to slew and settle with a 10F load. Using sleep mode more frequently compromises the settled accuracy of the internal reference. Note that for slower conversion rates, the Nap and Sleep modes can be used for substantial reductions in power consumption.
1407f
15
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
DIGITAL INTERFACE
The LTC1407/LTC1407A have a 3-wire SPI (Serial Protocol Interface) interface. The SCK and CONV inputs and SDO output implement this interface. The SCK and CONV inputs accept swings from 3V logic and are TTL compatible, if the logic swing does not exceed VDD. A detailed description of the three serial port signals follows: Conversion Start Input (CONV) The rising edge of CONV starts a conversion, but subsequent rising edges at CONV are ignored by the LTC1407/ LTC1407A until the following 32 SCK rising edges have occurred. The duty cycle of CONV can be arbitrarily chosen to be used as a frame sync signal for the processor serial port. A simple approach to generate CONV is to create a pulse that is one SCK wide to drive the LTC1407/LTC1407A and then buffer this signal to drive the frame sync input of the processor serial port. It is good practice to drive the LTC1407/LTC1407A CONV input first to avoid digital noise interference during the sample-to-hold transition triggered by CONV at the start of conversion. It is also good practice to keep the width of the low portion of the CONV signal greater than 15ns to avoid introducing glitches in the front end of the ADC just before the sample-and-hold goes into Hold mode at the rising edge of CONV. Minimizing Jitter on the CONV Input In high speed applications where high amplitude sinewaves above 100kHz are sampled, the CONV signal must have as little jitter as possible (10ps or less). The square wave output of a common crystal clock module usually meets this requirement easily. The challenge is to generate a CONV signal from this crystal clock without jitter corruption from other digital circuits in the system. A clock divider and any gates in the signal path from the crystal clock to the CONV input should not share the same integrated circuit with other parts of the system. As shown in the interface circuit examples, the SCK and CONV inputs should be driven first, with digital buffers used to drive the serial port interface. Also note that the master clock in the DSP may already be corrupted with jitter, even if it comes
16
U
directly from the DSP crystal. Another problem with high speed processor clocks is that they often use a low cost, low speed crystal (i.e., 10MHz) to generate a fast, but jittery, phase-locked-loop system clock (i.e., 40MHz). The jitter in these PLL-generated high speed clocks can be several nanoseconds. Note that if you choose to use the frame sync signal generated by the DSP port, this signal will have the same jitter of the DSP's master clock. Serial Clock Input (SCK) The rising edge of SCK advances the conversion process and also udpates each bit in the SDO data stream. After CONV rises, the third rising edge of SCK sends out two sets of 12/14 data bits, with the MSB sent first. A simple approach is to generate SCK to drive the LTC1407/ LTC1407A first and then buffer this signal with the appropriate number of inverters to drive the serial clock input of the processor serial port. Use the falling edge of the clock to latch data from the Serial Data Output (SDO) into your processor serial port. The 14-bit Serial Data will be received right justified, in two 16-bit words with 32 or more clocks per frame sync. It is good practice to drive the LTC1407/LTC1407A SCK input first to avoid digital noise interference during the internal bit comparison decision by the internal high speed comparator. Unlike the CONV input, the SCK input is not sensitive to jitter because the input signal is already sampled and held constant. Serial Data Output (SDO) Upon power-up, the SDO output is automatically reset to the high impedance state. The SDO output remains in high impedance until a new conversion is started. SDO sends out two sets of 12/14 bits in the output data stream after the third rising edge of SCK after the start of conversion with the rising edge of CONV. The two 12-/14-bit words are separated by two clock cycles in high impedance mode. Please note the delay specification from SCK to a valid SDO. SDO is always guaranteed to be valid by the next rising edge of SCK. The 32-bit output data stream is compatible with the 16-bit or 32-bit serial port of most processors.
1407f
W
UU
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
HARDWARE INTERFACE TO TMS320C54x
The LTC1407/LTC1407A are serial output ADCs whose interface has been designed for high speed buffered serial ports in fast digital signal processors (DSPs). Figure 6 shows an example of this interface using a TMS320C54X. The buffered serial port in the TMS320C54x has direct access to a 2kB segment of memory. The ADC's serial data can be collected in two alternating 1kB segments, in real time, at the full 3Msps conversion rate of the LTC1407/ LTC1407A. The DSP assembly code sets frame sync mode at the BFSR pin to accept an external positive going pulse
3V VDD 7
10 CONV LTC1407/ LTC1407A 9 SCK SDO GND 8 6 CONV CLK 3-WIRE SERIAL INTERFACELINK B13 B12
0V TO 3V LOGIC SWING
Figure 6. DSP Serial Interface to TMS320C54x
U
and the serial clock at the BCLKR pin to accept an external positive edge clock. Buffers near the LTC1407/LTC1407A may be added to drive long tracks to the DSP to prevent corruption of the signal to LTC1407/LTC1407A. This configuration is adequate to traverse a typical system board, but source resistors at the buffer outputs and termination resistors at the DSP, may be needed to match the characteristic impedance of very long transmission lines. If you need to terminate the SDO transmission line, buffer it first with one or two 74ACxx gates. The TTL threshold inputs of the DSP port respond properly to the 3V swing used with the LTC1407/LTC1407A.
5V VCC BFSR TMS320C54x BCLKR BDR
1407 F06
W
UU
1407f
17
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
; ; ; ; ; ; ; ; ; ; ; ; ;
08-21-03 ****************************************************************** Files: 1407ASIAB.ASM -> 1407A Sine wave collection with Serial Port interface both channels collected in sequence in the same 2k record bvectors.asm buffered mode. s2k14ini.asm 2k buffer size. unipolar mode Works 16 or 64 clock frames. negative edge BCLKR negative BFSR pulse -0 data shifted 1' cable from counter to CONV at DUT 2' cable from counter to CLK at DUT *************************************************************************** .width 160 .length 110 .title "sineb0 BSP in auto buffer mode" .mmregs .setsect ".text", 0x500,0 ;Set address .setsect "vectors", 0x180,0 ;Set address .setsect "buffer", 0x800,0 ;Set address .setsect "result", 0x1800,0 ;Set address .text ;.text marks
start: ;this label seems necessary ;Make sure /PWRDWN is low at J1-9 ;to turn off AC01 adc tim=#0fh prd=#0fh tcr = #10h tspc = #0h pmst = #01a0h sp = #0700h dp = #0 ar2 = #1800h ar3 = #0800h ar4 = #0h call sineinit sinepeek: call sineinit wait ; goto wait
; stop timer ; stop TDM serial port to AC01 ; set up iptr. Processor Mode STatus register ; init stack pointer. ; data page ; pointer to computed receive buffer. ; pointer to Buffered Serial Port receive buffer ; reset record counter ; Double clutch the initialization to insure a proper ; reset. The external frame sync must occur 2.5 clocks ; or more after the port comes out of reset.
----------------Buffered Receive Interrupt Routine ------------------
breceive: ifr = #10h ; clear interrupt flags TC = bitf(@BSPCE,#4000h) ; check which half (bspce(bit14)) of buffer if (NTC) goto bufull ; if this still the first half get next half bspce = #(2023h + 08000h); turn on halt for second half (bspce(bit15)) return_enable
1407f
18
U
of executable of incoming 1407A data of BSP buffer for clearing of result for clearing start of code
W
UU
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
; bufull: b = *ar3+ << -0 b = #07FFFh & b *ar2+ = data(#0bh) TC = (@ar2 == #02000h) if (TC) goto start goto bufull ; bsend ; ; ; ; ; ; ;
--------------mask and shift input data ----------------------------
load acc b with BSP buffer and shift right -0 mask out the TRISTATE bits with #03FFFh store B to out buffer and advance AR2 pointer output buffer is 2k starting at 1800h restart if out buffer is at 1fffh
------------------dummy bsend return------------------------ return_enable ;this is also a dummy return to define bsend ;in vector table file BVECTORS.ASM ---------------------- end ISR ---------------------------- .copy "c:\dskplus\1407A\s2k14ini.asm" ;initialize buffered serial port .space 16*32 ;clear a chunk at the end to mark the end
;====================================================================== ; ; VECTORS ; ;====================================================================== .sect "vectors" ;The vectors start here .copy "c:\dskplus\1407A\bvectors.asm" ;get BSP vectors .sect "buffer" .space 16*0x800 .sect "result" .space 16*0x800 .end ;Set address of BSP buffer for clearing ;Set address of result for clearing
; ; ; ; ; ; ; ; ; ; ; ; ; ; ; ; ;
*************************************************************************** File: BVECTORS.ASM -> Vector Table for the `C54x DSKplus 10.Jul.96 BSP vectors and Debugger vectors TDM vectors just return *************************************************************************** The vectors in this table can be configured for processing external and internal software interrupts. The DSKplus debugger uses four interrupt vectors. These are RESET, TRAP2, INT2, and HPIINT. * DO NOT MODIFY THESE FOUR VECTORS IF YOU PLAN TO USE THE DEBUGGER * All other vector locations are free to use. When programming always be sure the HPIINT bit is unmasked (IMR=200h) to allow the communications kernel and host PC interact. INT2 should normally be masked (IMR(bit 2) = 0) so that the DSP will not interrupt itself during a HINT. HINT is tied to INT2 externally.
U
1407f
W
UU
19
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
.title "Vector Table" .mmregs reset goto #80h nop nop return_enable nop nop nop goto #88h nop nop .space 52*16 return_enable nop nop nop return_enable nop nop nop return_enable nop nop nop return_enable nop nop nop goto breceive nop nop nop goto bsend nop nop nop return_enable nop nop nop return_enable nop nop return_enable nop nop nop dgoto #0e4h nop nop ;00; RESET
nmi
;04; non-maskable external interrupt
trap2
;08; trap2
int0
;0C-3F: vectors for software interrupts 18-30 ;40; external interrupt int0
int1
;44; external interrupt int1
int2
;48; external interrupt int2
tint
;4C; internal timer interrupt
brint
;50; BSP receive interrupt
bxint
;54; BSP transmit interrupt
trint
;58; TDM receive interrupt
txint
;5C; TDM transmit interrupt
int3
;60; external interrupt int3
hpiint
;64; HPIint
20
U
* DO NOT MODIFY IF USING DEBUGGER * * DO NOT MODIFY IF USING DEBUGGER * * DO NOT MODIFY IF USING DEBUGGER *
1407f
W
UU
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
.space 24*16
;68-7F; reserved area
********************************************************************** * (C) COPYRIGHT TEXAS INSTRUMENTS, INC. 1996 * ********************************************************************** * * * File: BSPI1407A.ASM BSP initialization code for the `C54x DSKplus * * for use with 1407A in standard mode * * BSPC and SPC seem interchangeable in the `C542 * * BSPCE and SPCE seem interchangeable in the `C542 * ********************************************************************** .title "Buffered Serial Port Initialization Routine" ON .set 1 OFF .set !ON YES .set 1 NO .set !YES BIT_8 .set 2 BIT_10 .set 1 BIT_12 .set 3 BIT_16 .set 0 GO .set 0x80 ********************************************************************** * This is an example of how to initialize the Buffered Serial Port (BSP). * The BSP is initialized to require an external CLK and FSX for * operation. The data format is 16-bits, burst mode, with autobuffering * enabled. Set the variables listed below to configure the BSP for * your application. * ***************************************************************************************************** *LTC1407A timing with 40MHz crystal. * *10MHz, divided from 40MHz, forced to CLKIN by 1407A board. * *Horizontal scale is 6.25ns/chr or 25ns period at BCLKR * *BFSR Pin J1-20 ~~\____/~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~\____/ ~~~~~~~~~~~* *BCLKR Pin J1-14 _/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/ ~\_/~\_/~* *BDR Pin J1-26 _--_--_----_--1407f
U
W
UU
21
LTC1407/LTC1407A
APPLICATIO S I FOR ATIO
* 2' cable from counter to CLK at DUT *No right shift is needed to right justify the input data in the main program * *the two msbs should also be masked * **************************************************************************************************** * Loopback .set NO ;(digital looback mode?) DLB bit Format .set BIT_16 ;(Data format? 16,12,10,8) FO bit IntSync .set NO ;(internal Frame syncs generated?) TXM bit IntCLK .set NO ;(internal clks generated?) MCM bit BurstMode .set YES ;(if BurstMode=NO, then Continuous) FSM bit CLKDIV .set 3 ;(3=default value, 1/4 CLOCKOUT) PCM_Mode .set NO ;(Turn on PCM mode?) FS_polarity .set YES ;(change polarity)YES=~~~\_/~~~, NO=___/~\___ CLK_polarity .set NO ;(change polarity)for BCLKR YES=_/~, NO=~\_ Frame_ignore .set !YES ;(inverted !YES -ignores frame) XMTautobuf .set NO ;(transmit autobuffering) RCVautobuf .set NO ;(receive autobuffering) XMThalt .set NO ;(transmit buff halt if XMT buff is full) RCVhalt .set NO ;(receive buff halt if RCV buff is full) XMTbufAddr .set 0x600 ;(address of transmit buffer) RCVbufAddr .set 0x800 ;(address of receive buffer) XMTbufSize .set 0x200 ;(length of transmit buffer) RCVbufSize .set 0x040 ;(length of receive buffer) * * See notes in the `C54x CPU and Peripherals Reference Guide on setting up * valid buffer start and length values. * * ********************************************************************** .eval ((Loopback >> 1)|((Format & 2)<<1)|(BurstMode <<3)|(IntCLK <<4)|(IntSync <<5)) ,SPCval .eval ((CLKDIV)|(FS_polarity <<5)|(CLK_polarity<<6)|((Format & 1)<<7)|(Frame_ignore<<8)|(PCM_Mode<<9)), SPCEval .eval (SPCEval|(XMTautobuf<<10)|(XMThalt<<12)|(RCVautobuf<<13)|(RCVhalt<<15)), SPCEval bspi1407A: bspc = #SPCval bspce = #SPCEval axr = #XMTbufAddr bkx = #XMTbufSize arr = #RCVbufAddr bkr = #RCVbufSize bspc = #(SPCval | GO) return
; ; ; ; ; ; ; ;
places buffered serial port in reset programs BSPCE and ABU initializes transmit buffer start address initializes transmit buffer size initializes receive buffer start address initializes receive buffer size bring buffered serial port out of reset for transmit and receive because GO=0xC0
22
U
1407f
W
UU
LTC1407/LTC1407A
PACKAGE DESCRIPTIO U
MSE Package 10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1663)
BOTTOM VIEW OF EXPOSED PAD OPTION 1 2.06 0.102 (.081 .004) 1.83 0.102 (.072 .004) 5.23 (.206) MIN 2.083 0.102 3.20 - 3.45 (.082 .004) (.126 - .136) 2.794 0.102 (.110 .004) 0.889 0.127 (.035 .005) 0.50 0.305 0.038 (.0197) (.0120 .0015) BSC TYP RECOMMENDED SOLDER PAD LAYOUT 3.00 0.102 (.118 .004) (NOTE 3) 10 9 8 7 6 10 1.10 (.043) MAX 0.86 (.034) REF 0.497 0.076 (.0196 .003) REF 0.17 - 0.27 (.007 - .011) TYP 0.50 (.0197) BSC 0.127 0.076 (.005 .003) 4.90 0.152 (.193 .006) 3.00 0.102 (.118 .004) (NOTE 4)
MSOP (MSE) 0603
0.254 (.010) GAUGE PLANE
DETAIL "A" 0 - 6 TYP
0.53 0.152 (.021 .006) DETAIL "A" 0.18 (.007) SEATING PLANE
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
12345
1407f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
23
LTC1407/LTC1407A RELATED PARTS
PART NUMBER ADCs LTC1608 LTC1609 LTC1403/LTC1403A LTC1411 LTC1420 LTC1405 LTC1412 LTC1402 LTC1864/LTC1865 LTC1864L/LTC1865L DACs LTC1666/LTC1667 LTC1668 LTC1592 References LT1790-2.5 LT1461-2.5 LT1460-2.5 Micropower Series Reference in SOT-23 Precision Voltage Reference Micropower Series Voltage Reference 0.05% Initial Accuracy, 10ppm Drift 0.04% Initial Accuracy, 3ppm Drift 0.10% Initial Accuracy, 10ppm Drift 12-/14-/16-Bit, 50Msps DAC 16-Bit, Serial SoftSpanTM IOUT DAC 87dB SFDR, 20ns Settling Time 1LSB INL/DNL, Software Selectable Spans 16-Bit, 500ksps Parallel ADC 16-Bit, 250ksps Serial ADC 12-/14-Bit, 2.8Msps Serial ADC 14-Bit, 2.5Msps Parallel ADC 12-Bit, 10Msps Parallel ADC 12-Bit, 5Msps Parallel ADC 12-Bit, 3Msps Parallel ADC 12-Bit, 2.2Msps Serial ADC 16-Bit, 250ksps 1-/2-Channel Serial ADCs 5V Supply, 2.5V Span, 90dB SINAD 5V Configurable Bipolar/Unipolar Inputs 3V, 15mW, MSOP Package 5V, Selectable Spans, 80dB SINAD 5V, Selectable Spans, 72dB SINAD 5V, Selectable Spans, 115mW 5V Supply, 2.5V Span, 72dB SINAD 5V or 5V Supply, 4.096V or 2.5V Span 5V or 3V (L-Version), Micropower, MSOP Package DESCRIPTION COMMENTS
SoftSpan is a trademark of Linear Technology Corporation.
1407f
24 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
LT/TP 1103 1K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of LTC1407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X