Part Number Hot Search : 
D2396 5KBETG B1200 C2320 R5000 17S05LVI BD48E44 74HCT86U
Product Description
Full Text Search
 

To Download L6386D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
L6386
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
HIGH VOLTAGE RAIL UP TO 600V dV/dt IMMUNITY +- 50 V/nsec iN FULL TEMPERATURE RANGE DRIVER CURRENT CAPABILITY: 400 mA SOURCE, 650 mA SINK SWITCHING TIMES 50/30 nsec RISE/FALL WITH 1nF LOAD CMOS/TTL SCHMITT TRIGGER INPUTS WITH HYSTERESIS AND PULL DOWN UNDER VOLTAGE LOCK OUT ON LOWER AND UPPER DRIVING SECTION INTEGRATED BOOTSTRAP DIODE OUTPUTS IN PHASE WITH INPUTS DESCRIPTION The L6386 is an high-voltage device, manufactured with the BCD "OFF-LINE" technology. It has a Driver structure that enables to drive indeBLOCK DIAGRAM
SO14
DIP14
ORDERING NUMBERS: L6386D L6386
pendent referenced Channel Power MOS or IGBT. The Upper (Floating) Section is enabled to work with voltage Rail up to 600V. The Logic Inputs are CMOS/TTL compatible for ease of interfacing with controlling devices.
BOOTSTRAP DRIVER 14 VCC 4 UV DETECTION UV DETECTION
Vboot H.V. R R HVG DRIVER 13 OUT VCC 12 LVG LVG DRIVER 9 PGND 8 VREF + 5 DIAG TO LOAD HVG CBOOT
HIN
3
LEVEL SHIFTER LOGIC
S
SD
2
LIN
1
SGND
7
6
CIN
D97IN520D
July 1999
1/10
L6386
ABSOLUTE MAXIMUM RATINGS
Symbol Vout Vcc Vboot Vhvg Vlvg Vi Vdiag Vcin dVout/dt Ptot Tj Ts Output Voltage Supply Voltage Floating Supply Voltage Upper Gate Output Voltage Lower Gate Output Voltage Logic Input Voltage Open Drain Forced Voltage Comparator Input Voltage Allowed Output Slew Rate Total Power Dissipation (Tj = 85 C) Junction Temperature Storage Temperature Parameter Value -3 to Vboot - 18 - 0.3 to +18 -1 to 618 - 1 to Vboot -0.3 to Vcc +0.3 -0.3 to Vcc +0.3 -0.3 to Vcc +0.3 -0.3 to Vcc +0.3 50 750 150 -50 to 150 Unit V V V V V V V V V/ns mW C C
Note: ESD immunity for pins 12, 13 and 14 is guaranteed up to 900V (Human Body Model)
PIN CONNECTION
LIN SD HIN VCC DIAG CIN SGND 1 2 3 4 5 6 7
D97IN521A
14 13 12 11 10 9 8
Vboot HVG OUT N.C. N.C. LVG PGND
THERMAL DATA
Symbol Rth j-amb Parameter Thermal Resistance Junction to Ambient SO14 165 DIP14 100 Unit C/W
PIN DESCRIPTION
N. 1 2 3 4 5 6 7 8 9 10, 11 12 13 14 Name LIN SD (*) HIN VCC DIAG CIN SGND PGND LVG (*) N.C. OUT HVG (*) Vboot Type I I I I O I Function Lower Driver Logic Input Shut Down Logic Input Upper Driver Logic Input Low Voltage Supply Open Drain Diagnostic Output Comparator Input Ground Power Ground Low Side Driver Output Not Connected Upper Driver Floating Driver High Side Driver Output Bootstrapped Supply Voltage
O O O
(*) The circuit guarantees 0.3V maximum on the pin (@ Isink = 10mA), with VCC >3V. This allows to omit the "bleeder" resistor connected between the gate and the source of the external MOSFET normally used to hold the pin low; the gate driver assures low impedance also in SD condition.
2/10
L6386
RECOMMENDED OPERATING CONDITIONS
Symbol Vout VbootVout fsw Vcc Tj 4 Pin 12 14 Parameter Output Voltage Floating Supply Voltage Switching Frequency Supply Voltage Junction Temperature -45 HVG,LVG load CL = 1nF Test Condition Min. Note1 Note1 Typ. Max. 580 17 400 17 125 Unit V V kHz V C
Note 1: if the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V.
ELECTRICAL CHARACTERISTICS AC Operation (Vcc = 15V; Tj = 25C)
Symbol ton toff tsd tr tf Pin 1.3 vs 9, 13 2 vs 9,13 13,9 13,9 Parameter High/Low Side Driver Turn-On Propagation Delay High/Low Side Driver Turn-Off Propagation Delay Shut Down to High/Low Side Propagation Delay Rise Time Fall Time Test Condition Vout = 0V Vout = 0V Vout = 0V CL = 1000pF CL = 1000pF Min. Typ. 110 105 105 50 30 Max. 150 150 150 Unit ns ns ns ns ns
DC Operation (Vcc = 15V; Tj = 25C)
Symbol Pin Parameter Low Supply Voltage Section Vcc 4 Supply Voltage Vccth1 Vcc UV Turn On Threshold Vccth2 Vcc UV Turn Off Threshold Vcchys Vcc UV Hysteresis Iqccu Undervoltage Quiescent Supply Current Iqcc Quiescent Current Bootstrapped Supply Section Vboot 14 Bootstrapped Supply Voltage Vbth1 Vboot UV Turn On Threshold Vbth2 Vboot UV Turn Off Threshold Vbhys Vboot UV Hysteresis Iqboot Vboot Quiescent Current Ilk Leakage Current Rdson Bootstrap Driver on Resistance (*) Driving Buffers Section Iso 9, 13 High/Low Side Driver Short Circuit Source Current Isi High/Low Side Driver Short Circuit Sink Current Logic Inputs Vil 1,2,3 Low Level Logic Threshold Voltage Vih High Level Logic Threshold Voltage Iih High Level Logic Input Current Iil Low Level Logic Input Current
(*) RDSON is tested in the following way: RDSON =
Test Condition
Min.
Typ.
Max. 17 12.5 10.5
Unit V V V V A A V V V V A A mA mA
11.5 9.5 Vcc 11V Vcc = 15V
12 10 2 200 250
320 17 12.9 10.7 200 10
10.7 8.8 Vout = Vboot Vout = Vboot = 600V Vcc 12.5V; Vin = 0V VIN = Vih (tp < 10s) 300 500
11.9 9.9 2
125 400 650
1.5 3.6 VIN = 15V VIN = 0V 50 70 1
V V A A
(VCC - VCBOOT1) - (VCC - VCBOOT2) I1(VCC,VCBOOT1) - I2(VCC,VCBOOT2)
where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
3/10
L6386
DC OPERATION (continued)
Symbol Vio Iio Vol Vref 6 2 Pin Parameter Input Offset Voltage Input Bias Current Open Drain Low Level Output Voltage, Iod = -2.5mA Comparator Reference voltage 0.460 0.5 Vcin 0.5 Test Condition Min. -10 0.2 0.8 0.540 Typ. Max. 10 Unit mV A V V Sense Comparator
Figure 1. Timing Waveforms
HIN LIN
SD
HOUT LOUT
VREF VCIN
DIAG
Note: SD active condition is latched until next negative IN edge.
D97IN522A
Figure 2. Typical Rise and Fall Times vs. Load Capacitance
time (nsec) 250 200 Tr 150 Tf 100 50 0
D99IN1054
Figure 3. Quiescent Current vs. Supply Voltage
Iq (A) 104
D99IN1057
103
102
10 0 1 2 3 4 5 C (nF) For both high and low side buffers @25C Tamb 0 2 4 6 8 10 12 14 16 VS(V)
4/10
L6386
BOOTSTRAP DRIVER A bootstrap circuitry is needed to supply the high voltage section. This function is normally accomplished by a high voltage fast recovery diode (fig. 4a). In the L6386 a patented integrated structure replaces the external diode. It is realized by a high voltage DMOS, driven synchronously with the low side driver (LVG), with in series a diode, as shown in fig. 4b An internal charge pump (fig. 4b) provides the DMOS driving voltage . The diode connected in series to the DMOS has been added to avoid undesirable turn on of it. CBOOT selection and charging: To choose the proper CBOOT value the external MOS can be seen as an equivalent capacitor. This capacitor CEXT is related to the MOS total gate charge : CEXT = Qgate Vgate supply 1C to CEXT. This charge on a 1F capacitor means a voltage drop of 1V. The internal bootstrap driver gives great advantages: the external fast recovery diode can be avoided (it usually has great leakage current). This structure can work only if VOUT is close to GND (or lower) and in the meanwhile the LVG is on. The charging time (Tcharge ) of the CBOOT is the time in which both conditions are fulfilled and it has to be long enough to charge the capacitor. The bootstrap driver introduces a voltage drop due to the DMOS RDSON (typical value: 125 Ohm). At low frequency this drop can be neglected. Anyway increasing the frequency it must be taken in to account. The following equation is useful to compute the drop on the bootstrap DMOS: Vdrop = IchargeRdson Vdrop =
Qgate
Tcharge
Rdson
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss . It has to be: CBOOT>>>CEXT e.g.: if Qgate is 30nC and Vgate is 10V, CEXT is 3nF. With CBOOT = 100nF the drop would be 300mV. If HVG has to be supplied for a long time, the CBOOT selection has to take into account also the leakage losses. e.g.: HVG steady state consumption is lower than 200A, so if HVG TON is 5ms, CBOOT has to Figure 4. Bootstrap Driver.
D BOOT
where Qgate is the gate charge of the external power MOS, Rdson is the on resistance of the bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor. For example: using a power MOS with a total gate charge of 30nC the drop on the bootstrap DMOS is about 1V, if the Tcharge is 5s. In fact: Vdrop = 30nC 125 ~ 0.8V 5s
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop is too high, or the circuit topology doesn't allow a sufficient charging time, an external diode can be used.
VS
VBOOT H.V. HVG
VS
VBOOT H.V. HVG
C BOOT VOUT TO LOAD
CBOOT VOUT TO LOAD
LVG
LVG
a
b
D99IN1056
5/10
L6386
Figure 5. Turn On Time vs. Temperature
250
Figure 8. VBOOT UV Turn On Threshold vs. Temperature
15
@ Vcc = 15V
200
14 13 Vbth1 (V) 12 11 10 9 8
Typ.
@ Vcc = 15V
Ton (ns)
150
Typ.
100 50 0 -45 -25 0 25 50 Tj (C) 75 100 125
7 -45 -25 0 25 50 Tj (C) 75 100 125
Figure 6. Turn Off Time vs. Temperature
250
Figure 9. VBOOT UV Turn Off Threshold vs. Temperature
15
@ Vcc = 15V
200 Toff (ns) 150 100 50 0 -45 -25 0 25 50 Tj (C) 75 100 125
Typ.
14 13 Vbth2 (V) 12 11 10 9 8 7 -45 -25 0 25 50 Tj (C)
Typ.
@ Vcc = 15V
75
100
125
Figure 7. Shutdown Time vs. Temperature
250
Figure 10. VBOOT UV Hysteresis
3
@ Vcc = 15V
200 tsd (ns0 150 100 50 0 -45 -25 0 25 50 Tj (C) 75 100 125
Typ.
@ Vcc = 15V
2.5 Vbhys (V)
Typ.
2
1.5
1 -45 -25 0 25 50 Tj (C) 75 100 125
6/10
L6386
Figure 11. Vcc UV Turn On Threshold vs. Temperature
15 14
Figure 14. Output Source Current vs. Temperature
1000
@ Vcc = 15V
800 current (mA) 600
Typ. 13 12 11 10 9 -45 -25 0 25 50 Tj (C) 75 100 125
Typ.
Vccth1(V)
400 200 0 -45 -25 0 25 50 Tj (C) 75 100 125
Figure 12. Vcc UV Turn Off Threshold vs. Temperature
12 11 10
Typ.
Figure 15. Output Sink Current vs. Temperature
1000
@ Vcc = 15V
800 current (mA) 600 400 200 0 -45
Typ.
Vccth2(V)
9 8 7 -45
-25
0
25
50
75
100
125
-25
0
Tj (C)
25 50 Tj (C)
75
100
125
Figure 13. Vcc UV Hysteresis vs. Temperature
3
2.5 Vcchys (V)
Typ.
2
1.5
1 -45 -25 0 25 50 Tj (C) 75 100 125
7/10
L6386
DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 0.51 1.39
mm TYP. MAX. MIN. 0.020 1.65 0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 2.54 0.050 0.055
inch TYP. MAX.
OUTLINE AND MECHANICAL DATA
0.065 0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
DIP14
8/10
L6386
mm MIN.. A a1 a2 b b1 C c1 D (1) E e e3 F (1) G L M S 3.8 4.6 0.4 8.55 5.8 1.27 7.62 4 5.3 1.27 0.68 8 (max.) 0.150 0.181 0.016 0.35 0.19 0.5 45 (typ.) 8.75 6.2 0.336 0.228 0.050 0.300 0.157 0.209 0.050 0.027 0.344 0.244 0.1 TYP. MAX.. MIN.. 1.75 0.25 1.6 0.46 0.25 0.014 0.007 0.020 0.004 inch TYP.. MAX.. 0.069 0.009 0.063 0.018 0.010
DIM.
OUTLINE AND MECHANICAL DATA
SO14
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
9/10
L6386
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of L6386D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X