Part Number Hot Search : 
LC72345W QEB373 CM200 08S60S 337M00 MUR1540 PL001 50031
Product Description
Full Text Search
 

To Download KS86C4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KS86C4004/P4004/C4104/P4104
PRODUCT OVERVIEW
1
PRODUCT OVERVIEW
SAM87RI PRODUCT FAMILY
Samsung's SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. A address/data bus architecture and a large number of bit-configurable I/O ports provide a flexible programming environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating modes are included to support real-time operations.
KS86C4004/C4104 MICROCONTROLLER
The KS86C4004/C4104 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It is built around the powerful SAM87Ri CPU core. The KS86C4004/C4104 is a versatile microcontroller, with its A/D converter and a zero-crossing detection capability it can be used in a wide range of general purpose applications. Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register space, the size of the internal register file was logically expanded. The KS86C4004/C4104 has 4-Kbytes of program memory on-chip (ROM) and 208-bytes of general purpose register area RAM. Using the SAM87Ri design approach, the following peripherals were integrated with the SAM87Ri core: -- Four configurable I/O ports (KS86C4004: 22 pins, KS86C4104: 16 pins) -- Six interrupt sources with one vector and one interrupt level -- Two 8-bit timer/counter with various operating modes -- Analog to digital converter (KS86C4004: 8-bit, 8-channel, KS86C4104: 10-bit, 5-channel) -- One zero cross detection module The KS86C4004/C4104 microcontroller is ideal for use in a wide range of electronic applications requiring simple timer/counter, PWM, ADC, ZCD and capture functions. KS86C4004 is available in a 30-pin SDIP and a 32-pin SOP package. KS86C4104 is available in a 24-pin SDIP and a 24-pin SOP package. OTP The KS86P4004/P4104 is an OTP (one time programmable) version of the KS86C4004/C4104 microcontroller. The KS86P4004/P4104 has on-chip 4-Kbyte one-time programmable EEPROM instead of masked ROM. The KS86P4004/P4104 is fully compatible with the KS86C4004/C4104, in function, in D.C. electrical characteristics and in pin configuration.
1-1
PRODUCT OVERVIEW
KS86C4004/P4004/C4104/P4104
FEATURES
CPU * SAM87Ri CPU core Timer/Counter * * Memory * * 4-Kbyte internal program memory (ROM) 208-byte general purpose register area (RAM) * One 8-bit basic timer for watchdog function One 8-bit timer/counter with three operating modes (10-bit PWM 1ch) One 8-bit timer/counter for the zero-crossing detection circuit
Instruction Set * * 41 instructions IDLE and STOP instructions added for power-down modes.
Zero-Crossing Detection Circuit * Zero-crossing detection circuit that generates a digital signal in synchronism with an AC signal input
Instruction Execution Time * 600 ns at 10 MHz fOSC (minimum)
Buzzer Frequency Range * 200 Hz to 20 kHz signal can be generated
Interrupts * 6 interrupt sources with one vector and one level interrupt structure
Operating Temperature Range * - 40C to + 85C
Operating Voltage Range * 2.7 V to 5.5 V
Oscillation Frequency * * * 1 MHz to 10 MHz external crystal oscillator Maximum 10 MHz CPU clock 4 MHz RC oscillator
OTP Interface Protocol Spec * Serial OTP
Package Types General I/O * * Four I/O ports (22 pins for KS86C4004, 16 pins for KS86C4104) Bit programmable ports * * 30-pin SDIP, 32-pin SOP for KS86C4004/P4004 24-pin SDIP, 24-pin SOP for KS86C4104/P4104
A/D Converter * * * Eight analog input pins 8-bit conversion resolution (KS86C4004) 10-bit conversion resolution (KS86C4104)
1-2
KS86C4004/P4004/C4104/P4104
PRODUCT OVERVIEW
BLOCK DIAGRAM
P0.0-P0.7
P1.0-P1.3 /ZCD,BUZ,T0,CLO
BASIC TIMER
XIN XOUT
PORT 0
PORT 1
OSC I/O PORT I/O and INTERRUPT CONTROL
P2.0-P2.3 /INT0-INT1 /ADC6-ADC7
T0(PWM)
TIMER 0
PORT 2
P1.1/BUZ
TIMER 1
SAM87RI CPU
ADC0 -ADC7
ADC
PORT 3
P3.0-P3.5 /ADC0-ADC5
P1.0/ ZCD
ZCD 4-KB ROM 208-BYTE REGISTER FILE
Figure 1-1. Block Diagram
1-3
PRODUCT OVERVIEW
KS86C4004/P4004/C4104/P4104
PIN ASSIGNMENTS
VSS XIN XOUT TEST P0.1 P0.0
RESET
P3.5/ADC5 P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0 AVSS AVref
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
KS86C4004 30-SDIP
(Top View)
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
VDD P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P1.0 / ZCD P1.1 / BUZ P1.2 / T0(PWM) P1.3 / CLO P2.0 / INT0 P2.1 / INT1 P2.2 / ADC6 P2.3 / ADC7
Figure 1-2. Pin Assignment Diagram (30-Pin SDIP Package)
1-4
KS86C4004/P4004/C4104/P4104
PRODUCT OVERVIEW
VSS XIN XOUT TEST P0.1 P0.0
RESET
NC P3.5/ADC5 P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0 AVSS AVref
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
KS86C4004 32-SOP
(Top View)
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
VDD P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 NC P1.0 / ZCD P1.1 / BUZ P1.2 / T0(PWM) P1.3 / CLO P2.0 / INT0 P2.1 / INT1 P2.2 / ADC6 P2.3 / ADC7
Figure 1-3. Pin Assignment Diagram (32-Pin SOP Package)
1-5
PRODUCT OVERVIEW
KS86C4004/P4004/C4104/P4104
VSS XIN XOUT TEST P0.1 P0.0
RESET
P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0
1 2 3 4 5 6 7 8 9 10 11 12
KS86C4104 24-SDIP
(Top View)
24 23 22 21 20 19 18 17 16 15 14 13
VDD P0.2 P0.3 P0.4 P0.5 P0.6 P1.0 / ZCD P1.1 / BUZ P1.2 / T0(PWM) P2.0 / INT0 AVref AVSS
Figure 1-4. Pin Assignment Diagram (24-Pin SDIP Package)
1-6
KS86C4004/P4004/C4104/P4104
PRODUCT OVERVIEW
VSS XIN XOUT TEST P0.1 P0.0
RESET
P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0
1 2 3 4 5 6 7 8 9 10 11 12
KS86C4104 24-SOP
(Top View)
24 23 22 21 20 19 18 17 16 15 14 13
VDD P0.2 P0.3 P0.4 P0.5 P0.6 P1.0 / ZCD P1.1 / BUZ P1.2 / T0(PWM) P2.0 / INT0 AVref AVSS
Figure 1-5. Pin Assignment Diagram (24-Pin SOP Package)
1-7
PRODUCT OVERVIEW
KS86C4004/P4004/C4104/P4104
PIN DESCRIPTIONS
Table 1-1. KS86C4004/C4104 Pin Descriptions Pin Names P0.0-P0.7 Pin Type I/O Pin Description Bit-programmable I/O port for normal input or push-pull, open-drain output. Pull-up resistors are assignable by software. Bit-programmable I/O port for Schmitt trigger input or push-pull output. Pull-up resistors are assignable by software. Port 1 pins can also be used as alternative functions. Bit-programmable I/O port for Schmitt trigger input or push-pull, open drain output. Pull up resistors are assignable by software. Port 2 can also be used as external interrupt, A/D input. Bit-programmable I/O port for Schmitt trigger input or push-pull output. Pull-up resistors are assignable by software. Port 3 pins can also be used as A/D converter input. Crystal/ceramic, or RC oscillator signal for system clock. External interrupt input. System RESET signal input pin. Test signal input pin (for factory use only: must be connected to VSS) Voltage input pin and ground A/D converter reference voltage input and ground Zero crossing detector input 200 Hz-20 kHz frequency output for buzzer sound Timer 0 capture input or 10-bit PWM output System clock output port A/D converter input Circuit Type E-2 Share Pins
P1.0-P1.3
I/O
P2.0-P2.3
I/O
F D D D E E-1
ZCD BUZ T0(PWM) CLO INT0-INT1 ADC6-ADC7
P3.0-P3.5
I/O
F
ADC0-ADC5
XIN, XOUT INT0-INT1
RESET
-
- E B - - - F D D D F E-1
- P2.0-P2.1 - - - - P1.0 P1.1 P1.2 P1.3 P3.0-P3.5 P2.2-P2.3
TEST VDD, VSS AVREF, AVSS ZCD BUZ T0 CLO ADC0-ADC7
I I I - - I O I/O O I
NOTE: Port 0.7, P1.3, P2.1-P2.3 and P3.5 is not available in KS86C4104/P4104 .
1-8
KS86C4004/P4004/C4104/P4104
PRODUCT OVERVIEW
PIN CIRCUITS
VDD
VDD
P-CHANNEL IN N-CHANNEL
DATA
P-CHANNEL OUT N-CHANNEL
OUTPUT DISABLE
Figure 1-6. Pin Circuit Type A
Figure 1-8. Pin Circuit Type C
VDD PULL-UP RESISTOR PULL-UP RESISTOR RESISTOR ENABLE DATA CIRCUIT TYPE C
VDD
P-CHANNEL
IN
OUTPUT DISABLE DATA
IN/OUT
Figure 1-7. Pin Circuit Type B
Figure 1-9. Pin Circuit Type D
1-9
PRODUCT OVERVIEW
KS86C4004/P4004/C4104/P4104
VDD VDD PNE PULL-UP RESISTOR VDD PNE
VDD
PULL-UP RESISTOR
P-CH
PULL-UP ENABLE IN/OUT DATA
P-CH
PULL-UP ENABLE IN/OUT
DATA N-CH OUTPUT DISABLE
N-CH OUTPUT DISABLE
INPUT
INPUT
Figure 1-10. Pin Circuit Type E
Figure 1-10. Pin Circuit Type E-2
VDD VDD PNE PULL-UP RESISTOR VDD PULL-UP RESISTOR PULL-UP ENABLE VDD DATA IN/OUT N-CH OUTPUT DISABLE OUTPUT DISABLE DIGITAL INPUT DIGITAL INPUT ANALOG INPUT ANALOG INPUT CIRCUIT TYPE C IN/OUT
P-CH
PULL-UP ENABLE
DATA
Figure 1-11. Pin Circuit Type E-1
Figure 1-12. Pin Circuit Type F
1-10
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
13
OVERVIEW
ELECTRICAL DATA
In this section, the following KS86C4004/C4104 electrical characteristics are presented in tables and graphs: -- Absolute maximum ratings -- D.C. electrical characteristics -- A.C. electrical characteristics -- Oscillator characteristics -- Oscillation stabilization time -- Operating Voltage Range -- Schmitt trigger input characteristics -- Data retention supply voltage in Stop mode -- Stop mode release timing when initiated by a RESET -- A/D converter electrical characteristics -- Zero-crossing detector -- Zero Crossing Waveform Diagram
13-1
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
Table 13-1. Absolute Maximum Ratings (TA = 25C) Parameter Supply voltage Input voltage Output voltage Output current high Output current low Operating temperature Storage temperature TA TSTG I OL Symbol VDD VI VO I OH All input ports All output ports One I/O pin active All I/O pins active One I/O pin active Total pin current for ports 1, 2, 3 Total pin current for ports 0 - - Conditions - Rating - 0.3 to + 6.5 - 0.3 to VDD + 0.3 - 0.3 to VDD + 0.3 - 18 - 60 + 30 + 100 + 200 - 40 to + 85 - 65 to + 150
C C
Unit V V V mA
mA
Table 13-2. DC Electrical Characteristics (TA = - 40C to + 85C, VDD = 2.7 V to 5.5 V) Parameter Input high voltage Symbol VIH1 VIH2 VIH3 Input low voltage VIL1 VIL2 VIL3 Output high voltage Output low voltage VOH VOL1 VOL2
RESET
Conditions Ports 1,2,3, and Port 0 XIN and XOUT Ports 1,2,3, and
RESET
Min 0.8 VDD 0.7 VDD VDD -0.1
Typ -
Max VDD
Unit V
VDD= 2.7 to 5.5 V
VDD= 2.7 to 5.5 V
-
-
0.2 VDD 0.3 VDD 0.1
V
Port 0 XIN and XOUT IOH = - 1 mA ports 0, 1, 2, 3 IOL = 15 mA port 0 IOL = 4 mA port 1,2,3 VDD= 4.5 to 5.5 V VDD= 4.5 to 5.5 V VDD= 4.5 to 5.5 V VDD - 1.0 - - 0.4 0.4
- 2.0 2.0
V V
13-2
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
Table 13-2. DC Electrical Characteristics (Continued) (TA = - 40C to + 85C, VDD = 2.7 V to 5.5 V) Parameter Input high leakage current Symbol ILIH1 ILIH2 Input low leakage current ILIL1 ILIL2 Output high leakage current Output low leakage current Pull-up resistors ILOH ILOL RP Conditions All inputs except ILIH2 VIN = VDD XIN, XOUT All inputs except ILIL2 and RESET XIN, XOUT All outputs All outputs VIN = 0 V Ports 0-3 VIN = VDD VIN = 0 V VIN = 0 V VOUT = VDD VOUT = 0 V VDD = 5 V VDD = 3 V Supply current IDD1 Run mode 10 MHz CPU clock 8 MHz CPU clock IDD2 Idle mode 10 MHz CPU clock 8 MHz CPU clock IDD3 Stop mode VDD = 5 V 10% VDD = 3 V 10% VDD = 5 V 10% VDD = 3 V 10% VDD = 5 V 10% VDD = 3 V 10%
NOTE: D.C. electrical values for Supply current (IDD1 to IDD3) do not include current drawn through internal pull-up resisters, output port drive current, ZCD and ADC.
Min -
Typ -
Max 1 20
Unit A
-
-
-1 - 20
A
- - 30 30
-
- - 47 280 7.5 3 2 0.7 0.1
2 -2 70 350 15 6 5 2.5 5
A A k
mA
A
13-3
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
Table 13-3. AC Electrical Characteristics (TA = -20C to + 85C, VDD = 2.7 V to 5.5 V) Parameter Interrupt input high, low width input low width ZCD noise filter Symbol tINTH, tINTL tRSL
-
Conditions Port 2 VDD = 5V 10% Input VDD = 5V 10%
Min - -
Typ 200 1
Max - -
Unit ns s
1 t CPU
t NF1L t RSL
tNF1H tNF2
0.8 VDD 0.2 VDD
NOTE: The unit t CPU means one CPU clock period.
Figure 13-1. Input Timing Measurement Points
13-4
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
Table 13-4. Oscillator Characteristics (TA = - 40C to + 85C) Oscillator Main crystal or ceramic
C1
Clock Circuit
XIN XOUT
Test Condition VDD = 4.5 to 5.5 V VDD = 2.7 to 4.5 V
Min 1 1
Typ - -
Max 10 8
Unit MHz
C2
External clock
XIN XOUT
VDD = 4.5 to 5.5 V VDD = 2.7 to 4.5 V
1 1
- -
10 8
RC oscillator
XIN R XOUT
VDD = 4.75 to 5.25 V R = 8.2K
-
4 (P1.3/ CLO)
-
Table 13-5. Oscillation Stabilization Time (TA = - 40C to + 85C, VDD = 2.7 V to 5.5 V) Oscillator Main crystal Main ceramic External clock (main system) Oscillator stabilization wait time fOSC > 1.0 MHz Oscillation stabilization occurs when VDD is equal to the minimum oscillator voltage range. XIN input high and low width (tXH, tXL) tWAIT when released by a reset (1) tWAIT when released by an interrupt (2) Test Condition Min - - 25 - - Typ - - - 216/fOSC - Max 20 10 500 - - ns ms Unit ms
NOTES: 1. fOSC is the oscillator frequency. 2. The duration of the oscillator stabilization wait time, tWAIT, when it is released by an interrupt is determined by the in the basic timer control register, BTCON. settings
13-5
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
CPU CLOCK
10 MHz
8 MHz
4 MHz 3 MHz
2 MHz 1 MHz
1
2
2.7 3
4
5
5.5
6
7
SUPPLY VOLTAGE (V)
Figure 13-2. Operating Voltage Range
Vout VDD A = 0.2 V DD B = 0.4 VDD C = 0.6 VDD D = 0.8 VDD VSS
A
B
C
D
Vin
0.3 V DD
0.7 V DD
Figure 13-3. Schmitt Trigger Input Characteristics Diagram
13-6
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
Table 13-6. Data Retention Supply Voltage in Stop Mode (TA = - 40C to + 85C, VDD = 2.7 V to 5.5V) Parameter Data retention supply voltage Data retention supply current Symbol VDDDR IDDDR Conditions Stop mode Stop mode; VDDDR = 2.0 V Min 2.0 - Typ - 0.1 Max 5.5 5 Unit V A
NOTE: Supply current does not include current drawn through internal pull-up resistors or external output current loads.
INTERNAL RESET
STOP MODE DATA RETENTION MODE
IDLE MODE (BASIC TIMER ACTIVE)
VDD

VDDDR
RESET
EXECUTION OF STOP
NORMAL OPERATING MODE
0.8 V DD 0.2 V DD tWAIT
NOTE: tWAIT is the same as 4096 x 16 x 1/f OSC
Figure 13-4. Stop Mode Release Timing When Initiated by a RESET
13-7
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
Table 13-7. A/D Converter Electrical Characteristics (KS86C4004) (TA = - 40C to + 85C, VDD = 2.7 V to 5.5 V, VSS = 0 V) Parameter Total accuracy Integral linearity error Differential linearity error Offset error of top Offset error of bottom Conversion time(1) Analog input voltage Analog input impedance ADC reference voltage ADC reference ground Analog input current ADC block current (2) ILE Symbol Test Conditions VDD = 5.12 V CPU clock = 10 MHz AVREF = 5.12 V AVSS = 0 V Min - Typ - - KS86C4004: 8-bit ADC Max 2 1.5 1 2 2 - AVREF - VDD VSS + 0.3 10 s V M V V A mA Unit LSB
DLE EOT EOB tCON VIAN RAN AVREF AVSS IADIN IADC
- -1 -1
fcpu = 10 MHz - - - - AVREF = VDD = 5 V conversion time = 5 s AVREF = VDD = 5 V conversion time = 5 s AVREF = VDD = 3 V conversion time = 5 s AVREF = VDD = 5 V Power down mode
5 AVSS 2 2.5 VSS -
- - - - - -
-
1
3
0.5
1.5
-
100
500
nA
NOTES: 1. "Conversion time" is the time required from the moment a conversion operation starts until it ends. 2. IADC is operating current during A/D conversion.
13-8
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
Table 13-8. A/D Converter Electrical Characteristics (KS86C4104) (TA = - 40C to + 85C, VDD = 2.7 V to 5.5 V, VSS = 0 V) Parameter Resolution Total accuracy Integral linearity error Differential linearity error Offset error of top Offset error of bottom Conversion time
(1)
KS86C4104: 10-bit ADC Min - - Typ 10 - - Max - 3 2 1 3 2 - s Unit bit LSB
Symbol
Test Conditions VDD = 5.12 V
ILE
CPU clock = 10 MHz AVREF = 5.12 V AVSS = 0 V
DLE EOT EOB tCON VIAN RAN AVREF
- 1 0.5
10-bit conversion 50 x 4/ fOSC (3) - - -
20
-
Analog input voltage Analog input impedance Analog reference voltage Analog ground Analog input current Analog block current (2)
AVSS 2 2.5
- - -
AVREF - VDD
V M V
AVSS IADIN IADC
- AVREF = VDD = 5 V conversion time = 20 s AVREF = VDD = 5 V conversion time = 20 s AVREF = VDD = 3 V conversion time = 20 s AVREF = VDD = 5 V when power down mode
VSS -
- -
VSS + 0.3 10
V A mA
1
3
0.5
1.5
mA
100
500
nA
NOTES: 1. "Conversion time" is the time required from the moment a conversion operation starts until it ends. 2. IADC is operating current during A/D conversion. 3. fOSC is the main oscillator clock.
13-9
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
Table 13-9. Zero Crossing Detector (TA = - 40C to + 85C, VDD = 4.5 V to 5.5 V, VSS = 0 V) Parameter Zero-crossing detection input voltage Zero-crossing detection accuracy Symbol VZC Test Conditions AC connection c = 0.1 F fZC = 60 Hz (sine wave) VDD = 5 V fOSC = 10 MHz fZC - 40 - 200 Hz Min 1.0 Typ - Max 3.0 Unit Vp-p
VAZC
-
-
150
mV
Zero-crossing detection input frequency
1/fZC
AC Input
VAZC
VAZ(P-P)
ZCINT
Figure 13-5. Zero Crossing Waveform Diagram
13-10
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
70
VDD = 5.5 V 60 VDD = 5.0 V
50
VDD = 4.5 V
40 I OL (mA) 30
20
10
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VOL (V) 3.5 4.0 4.5 5.0 5.5
Figure 13-6. IOL vs. VOL (P0, TA = 25 C)
13-11
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
50
VDD = 5.5 V 40 I OL (mA) 30 VDD = 5.0 V VDD = 4.5 V
20
10
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VOL (V) 3.5 4.0 4.5 5.0 5.5
Figure 13-7. IOL vs. VOL (P1-P3, TA = 25 C)
13-12
KS86C4004/P4004/C4104/P4104
ELECTRICAL DATA
- 36 - 32 - 28 - 24 20 I OH - (mA) - 16 VDD = 5.5 V - 12 -8 -4 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VOH (V) 3.5 4.0 4.5 5.0 5.5 VDD = 5.0 V
VDD = 4.5 V
Figure 13-8. IOH vs. VOH (P0, TA = 25 C)
13-13
ELECTRICAL DATA
KS86C4004/P4004/C4104/P4104
- 24 - 20 - 16 - 12 -8 -4 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VOH (V) 3.5 4.0 4.5 5.0 5.5 VDD = 5.5 V VDD = 5.0 V VDD = 4.5 V
I OH (mA)
Figure 13-9. IOH vs. VOH (P1-P3, TA = 25 C)
13-14
KS86C4004/P4004/C4104/P4104
MECHANICAL DATA
14
OVERVIEW
8.94 0.2
MECHANICAL DATA
The KS86C4004/C4104 is available in a 30-pin SDIP package (Samsung: 30-SDIP-400) and a 32-pin SOP package (32-SOP-450A), a 24-pin SDIP package (24-SDIP-300) and a 24-pin SOP package (24-SOP-375). Package dimensions are shown in Figures 14-1, 14-2, 14-3, and 14-4.
#30
#16
0-15
10.16
#1 27.88 MAX 27.48 0.2
#15 3.81 0.2 5.08MAX
(1.30)
1.12 0.1
1.778
NOTE: Dimensions are in millimeters.
Figure 14-1. 30-Pin SDIP Package Dimensions
3.30 0.3
0.51MIN
0.56 0.1
0.25 +0.1
- 0.0
30-SDIP-400
5
14-1
MECHANICAL DATA
KS86C4004/P4004/C4104/P4104
0~8 #32 #17
12.00 0.3
8.34 0.2
32-SOP-450A
11.43
+0.10
#1
#16
0.20 - 0.05 2.00 0.2
19.90 0.2
(0.43)
0.40 0.1
1.27
NOTE: Dimensions are in millimeters.
Figure 14-2. 32-SOP-450A Package Dimensions
14-2
0.0MIN
2.40MAX
0.10 MAX
0.78
0.2
KS86C4004/P4004/C4104/P4104
MECHANICAL DATA
#24
#13
0-15
6.40 0.2
7.62
24-SDIP-300
#1 23.35 MAX 22.95 0.2
#12 3.25 0.2 5.08MAX
0.46 0.1 (1.69) 0.89 0.1 1.778
NOTE: Dimensions are in millimeters.
Figure 14-3. 24-SDIP-300 Package Dimensions
3.30 0.3
0.51MIN
0.25 +0.1 -
0.05
14-3
MECHANICAL DATA
KS86C4004/P4004/C4104/P4104
0-8 #24 #13
10.30 0.3
7.50 0.2
9.53
+0.10
24-SOP-375
#1
#12
0.15 - 0.05
15.34 0.2
2.30 0.2
(0.69)
0.38 0.1
1.27
NOTE: Dimensions are in millimeters.
Figure 14-4. 24-SOP-375 Package Dimensions
14-4
0.05MIN
2.70MAX
15.74 MAX
0.10 MAX
0.850.20
KS86C4004/P4004/C4104/P4104
KS86P4004/P4104 OTP
15
OVERVIEW
KS86P4004/P4104 OTP
The KS86P4004/P4104 single-chip CMOS microcontroller is the OTP (One Time Programmable) version of the KS86C4004/C4104 microcontroller. It has an on-chip OTP ROM instead of masked ROM. The EPROM is accessed by serial data format. The KS86P4004/P4104 is fully compatible with the KS86C4004/C4104 , both in function and in pin configuration. Because of its simple programming requirements, the KS86P4004/P4104 is ideal for use as an evaluation chip for the KS86C4004/C4104 .
VSS/VSS XIN XOUT VPP/TEST P0.1 P0.0
RESET/ RESET
P3.5/ADC5 P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0 AVSS AVref
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
KS86P4004 30-SDIP
(Top View)
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
VDD/VDD P0.2/SCLK P0.3/SDAT P0.4 P0.5 P0.6 P0.7 P1.0/ZCD P1.1/BUZ P1.2/T0(PWM) P1.3/CLO P2.0/INT0 P2.1/INT1 P2.2/ADC6 P2.3/ADC7
NOTE: The bolds indicate an OTP pin name.
Figure 15-1. Pin Assignment Diagram (30-Pin SDIP Package)
15-1
KS86P4004/P4104 OTP
KS86C4004/P4004/C4104/P4104
VSS/VSS XIN XOUT VPP/TEST P0.1 P0.0
RESET/ RESET
NC P3.5/ADC5 P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0 AVSS AVref
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
KS86P4004 32-SOP
(Top View)
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
VDD/VDD P0.2/SCLK P0.3/SDAT P0.4 P0.5 P0.6 P0.7 NC P1.0/ZCD P1.1/BUZ P1.2/T0(PWM) P1.3/CLO P2.0/INT0 P2.1/INT1 P2.2/ADC6 P2.3/ADC7
NOTE: The bolds indicate an OTP pin name.
Figure 15-2. Pin Assignment Diagram (32-Pin SOP Package)
15-2
KS86C4004/P4004/C4104/P4104
KS86P4004/P4104 OTP
VSS/VSS XIN XOUT VPP/TEST P0.1 P0.0
RESET/ RESET
P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0
1 2 3 4 5 6 7 8 9 10 11 12
KS86P4104 24-SDIP
(Top View)
24 23 22 21 20 19 18 17 16 15 14 13
VDD/VDD P0.2/SCLK P0.3/SDAT P0.4 P0.5 P0.6 P1.0/ZCD P1.1/BUZ P1.2/T0(PWM) P2.0/INT0 AVref AVSS
NOTE: The bolds indicate an OTP pin name.
Figure 15-3. Pin Assignment Diagram (24-Pin SDIP Package)
15-3
KS86P4004/P4104 OTP
KS86C4004/P4004/C4104/P4104
VSS/VSS XIN XOUT VPP/TEST P0.1 P0.0
RESET/ RESET
P3.4/ADC4 P3.3/ADC3 P3.2/ADC2 P3.1/ADC1 P3.0/ADC0
1 2 3 4 5 6 7 8 9 10 11 12
KS86P4104 24-SOP
(Top View)
24 23 22 21 20 19 18 17 16 15 14 13
VDD/VDD P0.2/SCLK P0.3/SDAT P0.4 P0.5 P0.6 P1.0/ZCD P1.1/BUZ P1.2/T0(PWM) P2.0/INT0 AVref AVSS
NOTE: The bolds indicate an OTP pin name.
Figure 15-4. Pin Assignment Diagram (24-Pin SOP Package)
15-4
KS86C4004/P4004/C4104/P4104
KS86P4004/P4104 OTP
Table 15-1. Descriptions of Pins Used to Read/Write the EPROM Main Chip Pin Name P0.3 Pin Name SDAT Pin No. KS86P4004: 28 (30) KS86P4104: 22 (22) KS86P4004: 29 (31) KS86P4104: 23 (23) 4 During Programming I/O I/O Function Serial data pin (output when reading, Input when writing) Input and push-pull output port can be assigned Serial clock pin (input only pin)
Power supply pin for EPROM cell writing (indicates that OTP enters into the writing mode). When 12.5 V is applied, OTP is in writing mode and when 5 V is applied, OTP is in reading mode. (Option)
P0.2 TEST
SCLK VPP (TEST)
I/O I
RESET
RESET
7 KS86P4004: 30 (32) / 1 KS86P4104: 24 (24) / 1
I I
Chip Initialization Logic power supply pin.
VDD/VSS
VDD/VSS
NOTE: ( ) means the SOP OTP pin number.
Table 15-2. Comparison of KS86P4004/P4104 and KS86C4004/C4104 Features Characteristic Program Memory Operating Voltage (VDD) OTP Programming Mode Pin Configuration EPROM Programmability KS86P4004/P4104 4-Kbyte EPROM 2.7 V to 5.5 V VDD = 5 V, VPP (TEST) = 12.5 V 30 SDIP/32 SOP/24 SDIP/24 SOP User Program 1 time Programmed at the factory KS86C4004/C4104 4-Kbyte mask ROM 2.7 V to 5.5 V
OPERATING MODE CHARACTERISTICS When 12.5 V is supplied to the VPP (TEST) pin of the KS86P4004/P4104, the EPROM programming mode is entered. The operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in Table 15-3 below. Table 15-3. Operating Mode Selection Criteria VDD 5V
VPP
REG/MEM 0 0 0 1
ADDRESS
R/W 1 0 1 0
MODE EPROM read EPROM program EPROM verify EPROM read protection
(TEST) 5V 12.5 V 12.5 V 12.5 V
(A15-A0) 0000H 0000H 0000H 0E3FH
NOTE: "0" means Low level; "1" means High level.
15-5
KS86P4004/P4104 OTP
KS86C4004/P4004/C4104/P4104
NOTES
15-6


▲Up To Search▲   

 
Price & Availability of KS86C4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X