|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
W TE PO WE R SEM IC O ND UC TO R S KBPC40, 50G/W SERIES 40, 50A GLASS PASSIVATED BRIDGE RECTIFIER Features ! ! ! ! ! Glass Passivated Die Construction Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Epoxy Case for Maximum Heat Dissipation Case to Terminal Isolation Voltage 2500V A C G ~ D + ~ C C ~ D ~ + A C G H H E B Metal Heat Sink Mechanical Data ! ! ! ! ! ! Case: Epoxy Case with Heat Sink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Symbols Marked on Case Mounting: Through Hole for #10 Screw Weight: KBPC-G 24 grams (approx.) KBPC-GW 21 grams (approx.) Marking: Type Number "W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals *All Models are Available on B(Height)=7.9mm Max. Epoxy Case E B KBPC-GW KBPC-G Dim A B C D E G H KBPC-G KBPC-GW Min Max Min Max 28.40 28.70 28.40 28.70 10.97 11.23 10.97 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.86 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @TC = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) Forward Voltage Drop (per element) Peark Reverse Current At Rated DC Blocking Voltage KBPC40 KBPC50 Symbol VRRM VRWM VR VR(RMS) IO @TA=25C unless otherwise specified -00G/W -01G/W -02G/W -04G/W -06G/W -08G/W -10G/W Unit 50 35 100 70 200 140 400 280 40 50 600 420 800 560 1000 700 V V A KBPC40 KBPC50 IFSM 400 400 A KBPC40 @IF = 20A KBPC50 @IF = 25A @TC = 25C @TC = 125C VFM IRM 1.1 5.0 500 V A KBPC40, 50G/W SERIES 1 of 4 (c) 2002 Won-Top Electronics Maximum Ratings and Electrical Characteristics Typical Junction Capacitance (per element) (Note 1) Typical Thermal Resistance Junction to Case (per element) (Note 2) RMS Isolation Voltage from Case to Lead Operating and Storage Temperature Range KBPC40 KBPC50 Cj @TA=25C unless otherwise specified 300 pF RJC VISO Tj, TSTG 1.5 2500 -65 to +150 K/W V C Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case mounted on heatsink. KBPC40, 50G/W SERIES 2 of 4 (c) 2002 Won-Top Electronics IF, AVERAGE FORWARD CURRENT (A) KBPC50 Mounted on a 220 x 220 x 50 mm AL plate heatsink 45 KBPC40 IF, INSTANTANEOUS FORWARD CURRENT (A) 60 100 10 KBPC40 30 1.0 KBPC50 15 0.1 Tj = 25C Resistive or Inductive load Pulse Width = 300s 0 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element) IFSM, PEAK FWD. SURGE CURRENT (A) 400 Single Half-Sine Wave (JEDEC Method) 1000 f = 1 Mhz Tj = 25C 300 Cj, CAPACITANCE (pF) Tj = 150C 200 100 100 0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100 Tj = 125C 100 10 0.1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) 1.0 IR, INSTANTANEOUS REVERSE CURRENT (A) 10 1.0 0.1 Tj = 25C 0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element) KBPC40, 50G/W SERIES 3 of 4 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. KBPCxx00G KBPCxx00GW KBPCxx01G KBPCxx01GW KBPCxx02G KBPCxx02GW KBPCxx04G KBPCxx04GW KBPCxx06G KBPCxx06GW KBPCxx08G KBPCxx08GW KBPCxx10G KBPCxx10GW Package Type Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Shipping Quantity 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics KBPC40, 50G/W SERIES 4 of 4 |
Price & Availability of KBPC4004G |