Part Number Hot Search : 
DFH10TL 2N339001 TCC110 10A20F CDRH6D28 D1103 82C55 MAXQ1851
Product Description
Full Text Search
 

To Download IW4069UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IW4069UB
Hex Inverter
High-Voltage Silicon-Gate CMOS
The IW4069UB types consist of six inverter circuits. These devices are intended for all general-purpose inverter applications where the medium-power TTL-drive and logic-level-conversion capabilities of circuits such as the IW4049UB Hex Inverter/Buffers are not required. Each of the six inverters is a single stage * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 0.5 V min @ 5.0 V supply 1.0 V min @ 10.0 V supply 1.0 V min @ 15.0 V supply
ORDERING INFORMATION IW4069UBN Plastic IW4069UBD SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
FUNCTION TABLE
Inputs A L H PIN 14 =VCC PIN 7 = GND Output Y H L
126
IW4069UB
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
127
IW4069UB
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Test Conditions VOUT=0.5V VOUT=1.0 V VOUT=1.5V V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 4 8 12.5 1 2 2.5 4.95 9.95 14.95 0.05 0.05 0.05 0.1 0.25 0.5 1.0 5.0 0.64 1.6 4.2 -2.0 -0.64 -1.6 -4.2 25C 4 8 12.5 1 2 2.5 4.95 9.95 14.95 0.05 0.05 0.05 0.1 0.25 0.5 1.0 5.0 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 125 C 4 8 12.5 1 2 2.5 4.95 9.95 14.95 0.05 0.05 0.05 1.0 7.5 15 30 150 0.36 0.9 2.4 mA -1.15 -0.36 -0.9 -2.4 Unit V
VIL
Maximum Low -Level VOUT= VCC - 0.5 V Input Voltage VOUT= VCC - 1 V VOUT= VCC - 1.5 V Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) VIN=GND
V
VOH
V
VOL
VIN= VCC
V
IIN ICC
VIN= GND or VCC VIN= GND or VCC
A A
IOL
Minimum Output Low VIN= GND or VCC (Sink) Current UOL=0.4 V UOL=0.5 V UOL=1.5 V Minimum Output VIN= GND or VCC High (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V
mA
IOH
128
IW4069UB
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200k, Input tr=tf=20 ns)
VCC Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A to Output Y (Figure 1) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance V 5.0 10 15 5.0 10 15 110 60 50 200 100 80 Guaranteed Limit -55C 25C 110 60 50 200 100 80 15 125C 220 120 100 400 200 160 Unit ns
tTLH, tTHL
ns
CIN
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM (1/6 of the Device)
129


▲Up To Search▲   

 
Price & Availability of IW4069UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X