Part Number Hot Search : 
LPD200MX 74LVT IR116811 25ETTS 1E475 1E475 TC124 CAT51
Product Description
Full Text Search
 

To Download IRKD91 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27141 rev. F 10/02
IRK.91 SERIES
STANDARD DIODES Features
High Voltage Industrial Standard Package Thick Al metal die and double stick bonding Thick copper baseplate UL E78996 approved 3500VRMS isolating voltage
ADD-A-pakTM GEN V Power Modules Benefits
Up to 1600V Full compatible TO-240AA High Surge capability Easy Mounting on heatsink Al203 DBC insulator Heatsink grounded
100 A
Mechanical Description
The Generation V of Add-A-pak module combine the excellent thermal performance obtained by the usage of Direct Bonded Copper substrate with superior mechanical ruggedness, thanks to the insertion of a solid Copper baseplate at the bottom side of the device. The Cu baseplate allow an easier mounting on the majority of heatsink with increased tolerance of surface roughness and improve thermal spread. The Generation V of AAP module is manufactured without hard mold, eliminating in this way any possible direct stress on the leads. The electrical terminals are secured against axial pull-out: they are fixed to the module housing via a click-stop feature already tested and proved as reliable on other IR modules.
Electrical Description
These modules are intended for general purpose high voltage applications such as high voltage regulated power supplies, lighting circuits, temperature and motor speed control circuits, UPS and battery charger.
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM
2
IRK.91
100 100 157
Units
A C A A A KA2s KA2s KA2s V
o o
@ 50Hz @ 60Hz
2020 2110 20.43 18.65 204.3 400 to 1600 - 40 to 150 - 40 to150
It
@ 50Hz @ 60Hz
I2t VRRM range TJ TSTG
C C
www.irf.com
1
IRK.91 Series
Bulletin I27141 rev. F 10/02
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
04 06 08 IRK.91 10 12 14 16
VRRM , maximum repetitive peak reverse voltage V
400 600 800 1000 1200 1400 1600
VRSM , maximum nonrepetitive peak rev. voltage V
500 700 900 1100 1300 1500 1700
IRRM max.
@ TJ = 150C
mA
10
Forward Conduction
Parameter
I F(AV) I F(AV) Max. average forward current @ Case temperature Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
IRK.91
100 100 90 107 157 2020 2110 1700 1780
Units Conditions
A C A C A DC @ 90C case temperarure t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA s
2
180 conduction, half sine wave
180 conduction, half sine wave
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
It
2
Maximum I t for fusing
2
20.43 18.65 14.45 13.19
I t
2
Maximum I Ot for fusing
2
204.3 0.79
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 0.87 1.78 m 1.57 1.45 V
(I > x IF(AV)),TJ = TJ max. IFM = p x IF(AV), TJ = 25C, tp = 400s square wave
Blocking
Parameter
IRRM VINS Max. peak reverse leakage current RMS isolation voltage 3500 (1 sec) V 50 Hz, circuit to base, all terminals shorted
IRK.91
10
Units Conditions
mA TJ = 150oC
2
www.irf.com
IRK.91 Series
Bulletin I27141 rev. F 10/02
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T Max. junction operating temperature range Storage temperature range Max. thermal resistance, junction to case Typical thermal resistance, case to heatsink Mounting torque 10% to heatsink busbar wt Approximate weight Case style
IRK.91
-40 to 150 -40 to 150 0.35 0.1 5 4 110 (4) TO-240AA
Units
C
Conditions
Per junction, DC operation K/W Nm g (oz) JEDEC Mounting surface flat, smooth and greased
A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound
R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Devices
180o IRK.91 0.052
Sine half wave conduction
120o 0.064 90o 0.082 60o 0.112 30o 0.164 180o 0.043
Rect. wave conduction
120o 0.069 90o 0.088 60o 0.115 30o 0.165
Units
C/W
Ordering Information Table
Device Code
IRK
1
D
2
91
3
/
16
4
A
5
1 2 3 4 5
-
Module type Circuit configuration (See Circuit Configuration Table) Current code Voltage code (See Voltage Ratings Table) A: Gen V
www.irf.com
3
IRK.91 Series
Bulletin I27141 rev. F 10/02
Outline Table
Dimensions are in millimeters and [inches]
Circuit Configuration Table IRKD
(1)
IRKE
IRKJ
(1)
IRKC
(1)
~
-
+
(2)
D = 2 diodes in series
+
(2) (2)
+
+
(2)
-
E = Single diode J = 2 diodes/common anode C = 2 diodes/common cathode
(3)
(3)
+
(3)
(3)
NOTE: To order the Optional Hardware see Bulletin I27900 4 www.irf.com
IRK.91 Series
Bulletin I27141 rev. F 10/02
Maximum Allowable Case Temperature (C) Maximum Allowable Case Temperature (C) 150 140 130
Conduction Angle
IRK.91.. Series R thJC (DC) = 0.35 K/W
150 140 130
IRK.91.. Series R thJC (DC) = 0.35 K/W
Conduction Period
120 110 30 100 90 60 90
120 110 30 100 90 60 90 120 180 0 20 40 60 80 DC
120
180 120
0
20
40
60
80
100
100 120 140 160
Average Forward Current (A)
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W) Maximum Average Forward Power Loss (W) 140 120 100 80 60 40 20 0
Conduction Angle
Fig. 2 - Current Ratings Characteristics
180 160 140 120 100 80 RMS Limit 60 40 20 0 0 20 40 60 80
Conduction Period
180 120 90 60 30 RMS Limit
DC 180 120 90 60 30
IRK.91.. Series Per Junction T J = 150C 0 20 40 60 80 100
IRK.91.. Series Per Junction T J = 150C 100 120 140 160
Average Forward Current (A)
Average Forward Current (A)
Fig. 3 - Forward Power Loss Characteristics
1800 1600 1400 1200 1000 800 600 400 IRK.91.. Series Per Junction 1 10 100
2000 1800 1600 1400 1200 1000 800 600
Fig. 4 - Forward Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 150C No Voltage Reapplied Rated VRRM Reapplied
IRK.91.. Series Per Junction 0.1 Pulse Train Duration (s) 1
400 0.01
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
IRK.91 Series
Bulletin I27141 rev. F 10/02
180 Maximum Total Forward Power Loss (W)
R th
160 140 120 100 80 60 40 20 0 0 20 40 60 80 IRK.91.. Series Per Junction T J = 150C 180 (Sine)
0. 5 K/
0. 3
K/
SA
W
= 1 0.
0. 7
W
K/ W ta el -D
K/ W
/W
DC
1K
R
1.5 K/ W
3 K/ W
100 120 140 160 0
20
40
60
80
100
120
140
Total RMS Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 7 - Forward Power Loss Characteristics
500 Maximum Total Power Loss (W)
400
180 (Sine) 180 (Rect)
R
SA th
=
0.
2
0. 3
0 .4
K/ W
300
K/ W
K/ W
-D el
ta
R
0 .5
200 2 x IRK.91.. Series Single Phase Bridge Connected T J = 150C 0 40 80 120 160
0.7
K/ W
K/W
1 K/ W
1.5 K/W
100
3 K/W
0
0 200
20
40
60
80
100
120
140
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 8 - Forward Power Loss Characteristics
800 Maximum Total Power Loss (W) 700 600 500 400 300 200 100 0 0 50 100 3 x IRK.91.. Series Three Phase Bridge Connected T J = 150C 150 200 250 120 (Rect)
0.2 K/ W
R
th SA
=
0.
1
K/ W
-D
el
ta
R
0.3 K/ W
0.5 K/W 0.7 K /W
1 K/ W
3 K/W
300 0
20
40
60
80
100
120
140
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 9 - Forward Power Loss Characteristics
6
www.irf.com
IRK.91 Series
Bulletin I27141 rev. F 10/02
1000 Instantaneous Forward Current (A)
100 T J = 25C T J= 150C IRK.91.. Series Per Junction 10 0.5 1 1.5 2 2.5
Instantaneous Forward Voltage (V)
Fig. 10 - Forward Voltage Drop Characteristics
1 Steady State Value: R thJC= 0.35 K/W (DC Operation)
Transient Thermal Impedance Z thJC (K/W)
0.1
IRK.91.. Series Per Junction
0.01 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 11 - Thermal Impedance ZthJC Characteristic
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/02
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRKD91

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X