Part Number Hot Search : 
6HB19 SC945 IRPLCFL2 C2002 MC14585B N33T1G 10220 BAT42W
Product Description
Full Text Search
 

To Download ICS8521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
FEATURES
* 9 LVHSTL outputs * Selectable CLK, nCLK or LVPECL clock inputs * CLK, nCLK pair can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL * PCLK, nPCLK supports the following input types: LVPECL, CML, SSTL * Maximum output frequency up to 500MHz * Output skew: 50ps (maximum) * Part-to-part skew: 250ps (maximum) * Propagation delay: 1.8ns (maximum) * VOH = 1.2V (maximum) * 3.3V core, 1.8V output operating supply voltages * 0C to 70C ambient operating temperature * Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS8521 is a low skew, 1-to-9 3.3V Differential-to-LVHSTL Fanout Buffer and a member of HiPerClockSTM the HiPerClockSTM family of High Performance Clock Solutions from ICS. The ICS8521 has two selectable clock inputs. The CLK, nCLK pair can accept most standard differential input levels. The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels. The clock enable is internally synchronized to eliminate runt pulseson the outputs during asynchronous assertion/ deassertion of the clock enable pin.
,&6
Guaranteed output skew, part-to-part skew and crossover voltage characteristics make the ICS8521 ideal for today's most advanced applications, such as IA64 and static RAMs.
BLOCK DIAGRAM
CLK_EN CLK nCLK PCLK nPCLK CLK_SEL D Q LE 0 1 Q0 nQ0 Q1 nQ1 Q2 nQ2 Q3 nQ3 Q4 nQ4 Q5 nQ5 Q6 nQ6 Q7 nQ7 Q8 nQ8
PIN ASSIGNMENT
VDDO nQ2 Q2 nQ0 Q0 VDDO nQ1 Q1
32 31 30 29 28 27 26 25 VDD CLK nCLK CLK_SEL PCLK nPCLK GND CLK_EN 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 VDDO Q3 nQ3 Q4 nQ4 Q5 nQ5 VDDO
ICS8521
9 1 0 1 1 1 2 1 3 1 4 1 5 16
VDDO Q8 nQ8 Q7 nQ7 VDDO Q6 nQ6
32-Lead LQFP 7mm x 7mm x 1.4mm Package Body Y Package Top View
8521BY
www.icst.com/products/hiperclocks.html
1
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Type Power Input Input Input Input Input Power Input Power Output Output Output Output Output Output Output Output Output Pullup Pulldown Pullup Pulldown Pulldown Pullup Description Positive supply pin. Connect to 3.3V. Non-inver ting differential clock input. Inver ting differential clock input. Clock select input. When HIGH, selects PCLK, nPCLK inputs. When LOW, selects CLK, nCLK. LVTTL / LVCMOS interface levels. Non-inver ting differential LVPECL clock input. Inver ting differential LVPECL clock input. Power supply ground. Connect to ground. Synchronizing clock enable. When HIGH, clock outputs follow clock input. When LOW, Q outputs are forced low, nQ outputs are forced high. LVCMOS /LVTTL interface levels. Output supply pins. Connect to 1.8V. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level. Differential output pair. LVHSTL interface level.
TABLE 1. PIN DESCRIPTIONS
Number 1 2 3 4 5 6 7 8 9, 16, 17, 24, 25, 32 10, 11 12, 13 14, 15 18, 19 20, 21 22, 23 26, 27 28, 29 30, 31 Name VDD CLK nCLK CLK_SEL PCLK nPCLK GND CLK_EN VDDO nQ8, Q8 nQ7, Q7 nQ6, Q6 nQ5, Q5 nQ4, Q4 nQ3 Q3 nQ2, Q2 nQ1, Q1 nQ0, Q0
NOTE: Pullup and Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN Parameter Input Capacitance CLK, nCLK, PCLK, nPLCK CLK_EN, CLK_SEL 51 51 Test Conditions Minimum Typical Maximum 4 4 Units pF pF K K
Input Pullup Resistor Input Pulldown Resistor
8521BY
www.icst.com/products/hiperclocks.html
2
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Inputs Outputs Selected Sourced CLK, nCLK PCLK, nPCLK CLK, nCLK Q0 thru Q8 Disabled; LOW Disabled; LOW Enabled nQ0 thru nQ8 Disabled; HIGH Disabled; HIGH Enabled
TABLE 3A. CONTROL INPUT FUNCTION TABLE
CLK_EN 0 0 1 CLK_SEL 0 1 0
1 1 PCLK, nPCLK Enabled Enabled After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as shown in Figure 1. In the active mode, the state of the outputs are a function of the CLK, nCLK and PCLK, nPCLK inputs as described in Table 3B.
nCLK, nPCLK CLK, PCLK
Disabled
Enabled
CLK_EN
nQ0 - nQ8 Q0 - Q8
FIGURE 1: CLK_EN TIMING DIAGRAM
TABLE 3B. CLOCK INPUT FUNCTION TABLE
Inputs CLK or PCLK 0 1 0 1 Biased; NOTE 1 nCLK or nPCLK 1 0 Biased; NOTE 1 Biased; NOTE 1 0 LOW HIGH LOW HIGH HIGH Outputs Q0 thru Q8 nQ0 thru nQ8 HIGH LOW HIGH LOW LOW Input to Output Mode Differential to Differential Differential to Differential Single Ended to Differential Single Ended to Differential Single Ended to Differential Polarity Non Inver ting Non Inver ting Non Inver ting Non Inver ting Inver ting
Biased; NOTE 1 1 LOW HIGH Single Ended to Differential Inver ting NOTE 1: Please refer to the Application Information section on page 8, Figure 9, which discusses wiring the differential input to accept single ended levels.
8521BY
www.icst.com/products/hiperclocks.html
3
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
4.6V -0.5V to VDD + 0.5V -0.5V to VDDO + 0.5V 47.9C/W -65C to 150C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDDx Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 1.8V0.2V, TA = 0C TO 70C
Symbol VDD VDDO IDD Parameter Positive Supply Voltage Output Supply Voltage Power Supply Current Test Conditions Minimum 3.135 1.6 Typical 3.3 1.8 60 Maximum 3.465 2.0 80 Units V V mA
TABLE 4B. LVCMOS DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 1.8V0.2V, TA = 0C TO 70C
Symbol VIH VIL IIH IIL Parameter CLK_EN, CLK_SEL CLK_EN, CLK_SEL Input High Current Input Low Current CLK_EN CLK_SEL CLK_EN CLK_SEL VIN = VDD = 3.465V VIN = VDD = 3.465V VIN = 0V, VDD = 3.465V VIN = 0V, VDD = 3.465V -150 -5 Test Conditions Minimum 2 -0.3 Typical Maximum 3.765 0.8 5 150 Units V V A A A A
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 1.8V0.2V, TA = 0C TO 70C
Symbol IIH IIL VPP Parameter Input High Current Input Low Current CLK nCLK CLK nCLK Test Conditions VIN = VDD = 3.465V VIN = VDD = 3.465V VIN = 0V, VDD = 3.465V VIN = 0V, VDD = 3.465V -5 -150 1.3 VDD - 0.85 Minimum Typical Maximum 150 5 Units A A A A V V
Peak-to-Peak Input Voltage 0.15 Common Mode Input Voltage; VCMR 0.5 NOTE 1, 2 NOTE 1: For single ended applications, the maximum input voltage for CLK and nCLK is VDD + 0.3V. NOTE 2: Common mode voltage is defined as VIH.
8521BY
www.icst.com/products/hiperclocks.html
4
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Test Conditions PCLK nPCLK PCLK nPCLK VDD = VIN = 3.465V VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V VDD = 3.465V, VIN = 0V -5 -150 1 VDD Minimum Typical Maximum 150 5 Units A A A A V V
TABLE 4D. LVPECL DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 1.8V0.2V, TA = 0C TO 70C
Symbol IIH IIL VPP Parameter Input High Current Input Low Current
Peak-to-Peak Input Voltage 0.3 Common Mode Input Voltage; VCMR 1.5 NOTE 1, 2 NOTE 1: Common mode voltage is defined as VIH. NOTE 2: For single ended applications, the maximum input voltage for PCLK and nPCLK is VDD + 0.3V.
TABLE 4E. LVHSTL DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 1.8V0.2V, TA = 0C TO 70C
Symbol Parameter Output High Voltage; VOH NOTE 1 Output Low Voltage; VOL NOTE 1 VOX VSWING Output Crossover Voltage Test Conditions Minimum 1.0 0 40% x (VOH - VOL) + VOL 0.6 Typical Maximum 1.2 0.4 60% x (VOH - VOL) + VOL 1.1 Units V V V V
Peak-to-Peak Output Voltage Swing NOTE 1: Outputs terminated with 50 to ground.
TABLE 5. AC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 1.8V0.2V, TA = 0C TO 70C
Symbol fMAX tPD Parameter Maximum Output Frequency Propagation Delay; NOTE 1 Output Skew; NOTE 2, 4 Par t-to-Par t Skew; NOTE 3, 4 Output Rise Time Output Fall Time 20% to 80% @ 50MHz 20% to 80% @ 50MHz 300 300 250MHz 1 Test Conditions Minimum Typical Maximum 500 1.8 50 250 700 700 52 Units MHz ns ps ps ps ps %
t sk(o) t sk(pp)
tR tF
odc Output Duty Cycle 48 All parameters measured at 250MHz unless noted otherwise. NOTE 1: Measured from the differential input crossing point to the differential output crossing point. Measured from VDD/2 to the output differential crossing point for single ended input levels. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differntial cross points. NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each device, the output are measurd at the differential cross points. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
8521BY
www.icst.com/products/hiperclocks.html
5
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
VDDO VDD
SCOPE
Qx
LVHSTL
VDD = 3.3V 5% VDDO = 1.8V 0.2V nQx
GND = 0V
FIGURE 2 - OUTPUT LOAD TEST CIRCUIT
V DD
CLK, PCLK V nCLK, nPCLK
PP
Cross Points
V
CMR
GND
FIGURE 3 - DIFFERENTIAL INPUT LEVEL
Qx
nQx
Qy
nQy
tsk(o)
FIGURE 4 - OUTPUT SKEW
www.icst.com/products/hiperclocks.html
6
8521BY
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Qx PART 1 nQx
Qy PART 2 nQy
tsk(pp)
FIGURE 5 - PART-TO-PART SKEW
80%
80% V
SWING
20% Clock Inputs and Outputs t t
AND
20%
R
F
FIGURE 6 - INPUT
OUTPUT RISE
AND
FALL TIME
CLK, PCLK
nCLK, nPCLK
Q0, Q8
nQ0, nQ8
t
PD
FIGURE 7 - PROPAGATION DELAY
CLK, PCLK
nCLK, nPCLK
Pulse Width t t odc = t
PW PERIOD
PERIOD
FIGURE 8 - odc & tPERIOD
www.icst.com/products/hiperclocks.html
7
8521BY
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER APPLICATION INFORMATION
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 9 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF ~ VDD/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609.
VDD
R1 1K CLK_IN + V_REF C1 0.1uF R2 1K
FIGURE 9 - SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
8521BY
www.icst.com/products/hiperclocks.html
8
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8521. Equations and example calculations are also provided.
1. Power Dissipation. The total power dissipation for the ICS8521 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VDD_MAX * IDD_MAX = 3.465V * 80mA = 277.2mW Power (outputs)MAX = 32mW/Loaded Output pair If all outputs are loaded, the total power is 9 * 32mW = 288mW
Total Power_MAX (3.465V, with all outputs switching) = 277.2mW + 288mW = 565.2mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C.
The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = junction-to-ambient thermal resistance Pd_total = Total device power dissipation (example calculation is in section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used . Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 42.1C/W per Table 6 below. Therefore, Tj for an ambient temperature of 70C with all outputs switching is: 70C + 0.565W * 42.1C/W = 93.8C. This is well below the limit of 125C This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
Table 6. Thermal Resistance qJA for 32-pin LQFP, Forced Convection
qJA by Velocity (Linear Feet per Minute) 0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
8521BY
www.icst.com/products/hiperclocks.html
9
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
3. Calculations and Equations.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
The purpose of this section is to derive the power dissipated into the load. LVHSTL output driver circuit and termination are shown in Figure 10.
VDD
Q1
VOUT RL 50
FIGURE 10 - LVHSTL DRIVER CIRCUIT
AND
TERMINATION
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of V - 2V.
DD
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MAX
/R ) * (V
L DD_MAX
-V
OH_MAX
) )
Pd_L = (V
OL_MAX
/R ) * (V
L DD_MAX
-V
OL_MAX
* *
For logic high, V
OUT
=V
OH_MAX
=V
DD_MAX
- 1.2V - 0.4V
For logic low, V
OUT
=V
OL_MAX
=V
DD_MAX
Pd_H = (1.2V/50) * (2V - 1.2V) = 19.2mW Pd_L = (0.4V/50) * (2V - 0.4V) = 12.8mW Total Power Dissipation per output pair = Pd_H + Pd_L = 32mW
8521BY
www.icst.com/products/hiperclocks.html
10
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER RELIABILITY INFORMATION
TABLE 6. JAVS. AIR FLOW TABLE
qJA by Velocity (Linear Feet per Minute) 0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8521 is: 944
8521BY
www.icst.com/products/hiperclocks.html
11
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PACKAGE OUTLINE - Y SUFFIX
TABLE 6. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS BBA SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L q ccc 0.45 0 --0.05 1.35 0.30 0.09 MINIMUM NOMINAL 32 --1.40 0.37 -9.00 BASIC 7.00 BASIC 5.60 Ref. 9.00 BASIC 7.00 BASIC 5.60 Ref. 0.80 BASIC 0.60 --0.75 7 0.10 1.60 0.15 1.45 0.45 0.20 MAXIMUM
Reference Document: JEDEC Publication 95, MS-026
8521BY
www.icst.com/products/hiperclocks.html
12
REV. B JULY 31, 2001
Integrated Circuit Systems, Inc.
ICS8521
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Marking ICS8521BY ICS8521BY Package 32 Lead LQFP 32 Lead LQFP on Tape and Reel Count 250 per tray 1000 Temperature 0C to 70C 0C to 70C
TABLE 7. ORDERING INFORMATION
Part/Order Number ICS8521BY ICS8521BYT
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
8521BY
www.icst.com/products/hiperclocks.html
13
REV. B JULY 31, 2001


▲Up To Search▲   

 
Price & Availability of ICS8521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X