Part Number Hot Search : 
SMCJ1 5KE15 MS8GE MS8GE 2SD1336 LG2640 15KE10 RT8802
Product Description
Full Text Search
 

To Download HJ3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6004-B Issued Date : 1994.10.04 Revised Date : 2000.11.01 Page No. : 1/3
HJ3055
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HJ3055 is designed for general purpose of amplifier and switching applications.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 20 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage ...................................................................................... 70 V BVCEO Collector to Emitter Voltage................................................................................... 60 V BVEBO Emitter to Base Voltage ........................................................................................... 5 V IC Collector Current ........................................................................................................... 10 A IB Base Current .................................................................................................................... 6 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX ICEO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(on) *hFE1 *hFE2 fT Min. 70 60 5 20 5 2 Typ. Max. 20 20 50 0.5 1.1 8 1.8 100 Unit V V V uA uA uA mA V V V Test Conditions IC=30mA, IE=0 IC=1mA, IB=0 IE=1mA, IC=0 VCB=70V, IE=0 VCE=70V, VEB(off)=1.5V VCE=30V, IB=0 VEB=5V, IC=0 IC=4A, IB=400mA IC=10A, IB=3.3A VCE=4V, IC=4A VCE=4V, IC=4A VCE=4V, IC=10A VCE=10V, IC=500mA, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100 10000
Spec. No. : HE6004-B Issued Date : 1994.10.04 Revised Date : 2000.11.01 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
hFE @ VCE=4V
1000 VBE(sat) @ IC=10IB
hFE
100 VCE(sat) @ IC=10IB
10 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 10
Switching Time & Collector Current
Switching Times (us)
On Voltage (mV)
1
Tstg
1000
Ton 0.1 Tf
VBE(on) @ VCE=4V
100 1 10 100 1000 10000
0.01 0.1
1.0
10.0
Collector Current (mA)
Collector Current (A)
Capacitance & Reverse-Biased Voltage
1000
Capacitance (pF)
100
Cob
10 0.1 1 10 100
Reverse-Biased Voltage (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : HE6004-B Issued Date : 1994.10.04 Revised Date : 2000.11.01 Page No. : 3/3
Marking :
HSMC Logo Part Number Date Code Product Series Rank
B
D
L
F
G
Ink Mark
Style : Pin 1.Base 2.Collector 3.Emitter
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code : J *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HJ3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X