Part Number Hot Search : 
80N100 156M8 CXD8871Q 170M3811 AOD2910E MPSH10 CMO3MAEC AX134
Product Description
Full Text Search
 

To Download HEF4543B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4543B MSI BCD to 7-segment latch/decoder/driver
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
DESCRIPTION The HEF4543B is a BCD to 7-segment latch/decoder/driver for liquid crystal and LED displays. It has four address inputs (DA to DD), an active HIGH latch disable input (LD), an active HIGH blanking input (BI), an active HIGH phase input (PH) and seven buffered segment outputs (Oa to Og).
HEF4543B MSI
The circuit provides the function of a 4-bit storage latch and an 8-4-2-1 BCD to 7-segment decoder/driver. It can invert the logic levels of the output combination. The phase (PH), blanking (BI) and latch disable (LD) inputs are used to reverse the function table phase, blank the display and store a BCD code, respectively. For liquid crystal displays a square-wave is applied to PH and the electrical common back-plane of the display. The outputs of the device are directly connected to the segments of the liquid crystal.
Fig.2 Pinning diagram.
HEF4543BP(N): HEF4543BD(F): Fig.1 Functional diagram. HEF4543BT(D):
16-lead DIL; plastic (SOT38-1) 16-lead DIL; ceramic (cerdip) ( SOT74) 16-lead SO; plastic (SOT109-1)
( ): Package Designator North America
PINNING DA to DD PH BI LD Oa to Og address (data) inputs phase input (active HIGH) blanking input (active HIGH) latch disable input (active HIGH) segment outputs
Fig.3 Segment designation.
FAMILY DATA, IDD LIMITS category MSI See Family Specifications
January 1995
2
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... January 1995 3 Fig.4 Logic diagram. Philips Semiconductors
BCD to 7-segment latch/decoder/driver HEF4543B MSI
Product specification
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
FUNCTION TABLE INPUTS LD X H H H H H H H H H H H H H H H H L BI H L L L L L L L L L L L L L L L L L PH L L L L L L L L L L L L L L L L L L H
(4)
HEF4543B MSI
OUTPUTS DC X L L L L H H H H L L L L H H H H X DB X L L H H L L H H L L H H L L H H X DA X L H L H L H L H L H L H L H L H X Oa L H L H H L H H H H H L L L L L L Ob L H H H H H L L H H H L L L L L L Oc L H H L H H H H H H H L L L L L L Od L H L H H L H H L H H L L L L L L
(5)
DD X L L L L L L L L H H H H H H H H X
Oe L H L H L L L H L H L L L L L L L
Of L H L L L H H H L H H L L L L L L
Og L L L H H H H H L H H L L L L L L
DISPLAY blank 0 1 2 3 4 5 6 7 8 9 blank blank blank blank blank blank
(5)
as above Notes
as above
inverse of above
as above
1. H = HIGH state (the more positive voltage) 2. L = LOW state (the less positive voltage) 3. X = state is immaterial 4. For liquid crystal displays, apply a square-wave to PH. For common cathode LED displays, select PH = LOW. For common anode LED displays, select PH = HIGH. 5. Depends upon the BCD-code previously applied when LD = HIGH.
Fig.5 Display.
January 1995
4
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays Dn On HIGH to LOW 5 10 15 5 LOW to HIGH LD On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH BI On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH Output transition times HIGH to LOW 10 15 5 10 15 5 LOW to HIGH Minimum LD pulse width; HIGH Set-up time Dn LD Hold time Dn LD 10 15 5 10 15 5 10 15 5 10 15 thold tsu tWLDH 60 30 20 40 20 15 0 15 20 tTLH tTHL tPLH tPHL tPLH tPHL tPLH tPHL 180 75 55 180 75 55 170 80 60 190 80 60 145 65 45 125 55 40 60 30 20 60 30 20 30 15 10 20 5 0 -15 0 5 360 150 110 360 150 110 340 160 120 380 160 120 290 130 90 250 110 80 120 60 40 120 60 40 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns SYMBOL MIN. TYP. MAX.
HEF4543B MSI
TYPICAL EXTRAPOLATION FORMULA 153 ns + (0,55 ns/pF) CL 64 ns + (0,23 ns/pF) CL 47 ns + (0,16 ns/pF) CL 153 ns + (0,55 ns/pF) CL 64 ns + (0,23 ns/pF) CL 47 ns + (0,16 ns/pF) CL 143 ns + (0,55 ns/pF) CL 69 ns + (0,23 ns/pF) CL 52 ns + (0,16 ns/pF) CL 163 ns + (0,55 ns/pF) CL 69 ns + (0,23 ns/pF) CL 52 ns + (0,16 ns/pF) CL 118 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 37 ns + (0,16 ns/pF) CL 98 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 32 ns + (0,16 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL
January 1995
5
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
HEF4543B MSI
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 2 200 fi + (foCL) x VDD2 10 400 fi + (foCL) x 33 000 fi + (foCL) x VDD2 VDD2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
APPLICATION INFORMATION Some examples of applications for the HEF4543B are: * Driving LCD displays. * Driving LED displays. * Driving fluorescent displays. * Driving incandescent displays. * Driving gas discharge displays.
Fig.6 Connection to common cathode LED display readout.
January 1995
6
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
HEF4543B MSI
Fig.7 Connection to common anode LED display readout.
Note to Figs 6 and 7: bipolar transistors may be added for gain where VDD 10 V or Iout 10 mA.
Fig.8 Connection to liquid crystal (LCD) display readout.
January 1995
7
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
HEF4543B MSI
Fig.9 Connection to incandescent display readout.
Fig.10 Connection to gas discharge display readout.
Fig.11 Connection to fluorescent display readout.
January 1995
8


▲Up To Search▲   

 
Price & Availability of HEF4543B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X