Part Number Hot Search : 
IHA910 HT9480 FLT100U MC33039P TEF6657 0512T 0512T EL8173
Product Description
Full Text Search
 

To Download HCC4017B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4017B HCC/HCF4022B
COUNTERS/DIVIDERS
4017B DECADE COUNTER WITH 10 DECODED OUTPUTS 4022B OCTAL COUNTER WITH 8 DECODED OUTPUTS
.FULLYSTATI .MEDI .STANDARDI .QUI .I .100%TESTEDFORQUI .5V,10V,AND15VPARAMETRI .MEETSALLREQUI
DESCRIPTION
C OPERATION UM SPEED OPERATION-12MHz (typ.) AT VDD = 10V ZED SYMMETRICAL OUTPUT CHARACTERISTICS ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT C RATINGS REMENTS OF JEDEC TENTATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC40XXBF HCF40XXBM1 HCF40XXBEY HCF40XXBC1
PIN CONNECTIONS
4017B
The HCC4017B/4022B (extended temperature range) and HCF4017B/4022B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF4017B and HCC/HCF4022B are 5stage and 4-stage Johnson counters having 10 and 8 decoded outputs, respectively. Inputs include a CLOCK, a RESET, and a CLOCK INHIBIT signal. Schmitt trigger action in the CLOCK input circuit provides pulse shaping that allows unlimited clock input pulse rise and fall times. These counters are advanced one count at the positive clock signal transition if the CLOCK INHIBIT signal is low. Counter advancement via the clock line is inhibited when the CLOCK INHIBIT signal is high. A high RESET signal clears the counter to its zero count. Use of the Johnson decade-counter configuration permits high-speed operation, 2-input decimal-decode gating, and spike-free decoded outputs. Anti-lock gating is provided, thus assuring proper counting sequence. The decoded outputs are normally low and go high only at their respective decoded time slot. Each decoded output remains high for one full clock cycle. A CARRY-OUT signal completes one
June 1989
4022B
1/12
HCC/HCF4017B/4022B
cycle every 10 clock input cycles in the HCC/HCF4017B or every 8 clock input cycles in the HCC/HCF4022B and is used to ripple-clock the succeeding device in a multi-device counting chain.
FUNCTIONAL DIAGRAM
4017B 4022B
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* VI II Pt ot Parameter Supply Voltage : HCC Types HC F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltages values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HCC Types HC F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/12
HCC/HCF4017B/4022B
LOGIC DIAGRAMS
4017B
4022
3/12
HCC/HCF4017B/4022B
TIMING DIAGRAMS
4017B
4022B
4/12
HCC/HCF4017B/4022B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC 0/10 Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 VOH Output High Voltage 0/ 5 0/10 0/15 VOL Output Low Voltage 5/0 10/0 15/0 VIH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/ 5 HCC Types 0/ 5 0/10 0/15 0/ 5 HCF Types 0/ 5 0/10 0/15 IOL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 IIH, IIL Input Leakage Current HCC 0/18 Types HCF 0/15 Types Any Input 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 VO (V) | IO | (A) V DD (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.3 3.5 7 11 1.5 3 4 - 1.6 - 3.2 - 0.51 -1 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1 A mA mA T Low* Min. Max. Min. 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V Value 25 C 0.04 0.04 0.04 0.08 0.04 0.04 0.04 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 V V THigh* Max. 150 300 600 3000 150 300 600 A Unit Typ. Max. Min.
IL
Quiescent Current
1.5/13.5 < 1 VIL Input Low Voltage
13.5/1.5 < 1 IOH Output Drive Current
- 1.3 - 2.6 - 3.4 - 6.8 - - 3.2 1.36 - 0.44 -1
- 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10-5 0.1 10-5 0.3 5 7.5
CI
Input Capacitance
pF
* TLo w = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. width VDD = 5V, 2V min. width VDD = 10V, 2.5V min. width VDD = 15V.
5/12
HCC/HCF4017B/4022B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200k, typical temperature coefficient for all VDD = 0.3%/C values, all input rise and fall time = 20ns)
Symbol Parameter Test Conditions V DD (V) Min. 5 10 15 Carry Out 5 10 15 tTHL, tTLH Transition Time Carry Out or Decoded Out Line 5 10 15 fCL * Maximum Clock Input Frequency 5 10 15 tW Minimum Clock Pulse Width 5 10 15 tr, tf Clock Input Rise or Fall Time 5 10 15 tsetup Data Setup Time Minimum Clock Inhibit 5 10 15 RESET OPERATION tPLH, tPHL Propagation Delay Time Carry Out or Decode Out Lines 5 10 15 tW Minimum Reset Pulse Width 5 10 15 trem Minimum Reset Removal Time 5 10 15
* Measured with respect to carry output line.
Value Typ. 325 135 85 300 125 80 100 50 40 2.5 5 5.5 5 10 11 100 45 30 Unlimited 115 50 35 265 115 85 130 55 30 200 140 75 230 100 7.5 530 230 170 260 110 60 400 280 150 200 90 60 Max. 650 270 170 600 250 160 200 100 80 5
Unit
CLOCKED OPERATION tPLH, tPHL Propagation Delay Time Decode Out ns
ns
ns
MHz
ns
s
ns
ns
ns
ns
6/12
HCC/HCF4017B/4022B
Typical Output Low (sink) Current Characteristics. Minimum Output Low (sink) Current Characteristics.
Typical Output High (source) Current Characteristics.
Minimum Output High (source ) Current Characteristics.
TYPICAL APPLICATIONS Divide by N Counter (N 10) with N Decoded Outputs. When the Nth decoded output is reached (Nth clock pulse) the S-R flip-flop (constructed from two NOR gates of the HCC/HCF4001B) generates a reset pulse which clears the HCC/HCF4017B to its zero count. At this time, if the Nth decoded output is greater than or equal to 6, the COUT line goes high to clock the next HCC/HCF4017B counter section. The "0" decoded output also goes high at this time. Coincidence of the clock low and decoded "0" output high resets the S-R flip flop to enable the th HCC/HCF4017B. If the N decoded output is less than 6, the COUT line will not go high and, therefore, cannot be used. In this case "0" decoded output may be used to perform the clocking function for the next counter.
7/12
HCC/HCF4017B/4022B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/12
HCC/HCF4017B/4022B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
9/12
HCC/HCF4017B/4022B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
10/12
HCC/HCF4017B/4022B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF4017B/4022B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of HCC4017B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X