Part Number Hot Search : 
BU508DW NE720A LT1S021 AWS5504 D8222EFV 1N5819 PRODUCTS AP4511GM
Product Description
Full Text Search
 

To Download HCC40174B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF40174B
HEX "D" - TYPE FLIP-FLOP
.STANDARDI .QUI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
ZED SYMMETRICAL OUTPUT CHARACTERISTICS ESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18 V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD No. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC40174BF HCF40174BM1 HCF40174BEY HCF40174BC1
PIN CONNECTIONS
DESCRIPTION The HCC40174B (extended temperature range) and HCF40174B (intermediate temperature range) are monolithic integrated circuits available in 16lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF40174B consists of six identical 'D' type flip-flops having independent DATA inputs. The CLOCK and CLEAR inputs are common to all six units. Data is transferred to the Q outputs on the positive-going transition of the clock pulse. All six flip-flops are simultaneously reset by a low level on the CLEAR input.
June 1989 1/12
HCC/HCF40174B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD * Vi II Pt o t Parameter Supply Voltage : H CC Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HC C Types H C F Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
To p T st g
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : H CC Types H C F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/12
HCC/HCF40174B
LOGIC DIAGRAM (1 of 6 Flip-Flops)
TRUTH TABLE
Inputs Clock - -/ - -/ -\ - X
1 = High Level 0 = Low Level
Output Clear 1 1 1 0 Q 0 1 NC 0
Data 0 1 X X
X = Don't Care NC = No Change
3/12
HCC/HCF40174B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 V OH Output High Voltage 0/ 5 0/10 0/15 V OL Output Low Voltage 5/0 10/0 15/0 V IH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/ 5 HCC Types 0/10 0/15 0/ 5 0/ 5 HCF Types 0/10 0/15 I OL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 I IH , I IL Input Leakage Current HCC 0/18 Types HCF Types 0/15 Any Input 0/ 5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 0/10 VO (V) Value Unit |I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 0.3 10 5
-5
IL
Quiescent Current
1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 3.5 7 11 4.95 9.95 14.95
0.02 0.02 0.02 0.04 0.02 0.02 0.02
1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4
30 60 120 600 30 60 120 V 0.05 0.05 0.05 V 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 A 1 pF mA mA V V A
1.5/13.5 < 1 V IL Input Low Voltage
13.5/1.5 < 1 I OH Output Drive Current
- 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10 - 5 0.1 0.3 7.5
CI
Input Capacitance
* TLo w = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
4/12
HCC/HCF40174B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200k, typical temperature coefficient for all VDD values is 0.3%/C, all input rise and fall time = 20ns)
Symbol t PLH , tPHL Parameter Propagation Delay Time Clock to Output Test Conditions V DD (V) 5 10 15 tPHL Propagation Delay Time Clear to Output 5 10 15 t T HL, t T LH Transition Time 5 10 15 tsetup Data Setup Time 5 10 15 t ho l d Data Hold Time 5 10 15 tW Clock Input Pulse Width Low Level 5 10 15 tW Clock Input Pulse Width High Level 5 10 15 tW Clear Input Pulse Width Low Level 5 10 15 tr, tf Clock Input Rise or Fall Time 5 10 15 trem Clear Removal Time 5 10 15 fCL Maximum Clock Input Frequency 5 10 15 0 0 0 3.5 6 8 - 40 - 15 - 10 7 12 16 MHz ns 40 20 10 80 40 30 130 60 40 130 60 40 100 50 40 Min. Value Typ. 150 70 50 100 50 40 100 50 40 20 10 0 40 20 15 65 30 20 65 30 20 50 25 20 15 15 15 s ns ns ns ns ns Max. 300 140 100 200 100 80 200 100 80 ns ns ns Unit
5/12
HCC/HCF40174B
WAVEFORMS
Output Low (sink) Current Characteristics.
Output High (source) Current Characteristics.
Typical Propagation Delay Time (clock to output) vs. Load Capacitance.
Typical Transition Time vs. Load Capacitance.
6/12
HCC/HCF40174B
Typical Dynamical Power Dissipation vs. Clock Frequency.
TEST CIRCUITS Quiescent Device Current. Input Voltage.
Input Leakage Current.
Dynamic Power Dissipation.
7/12
HCC/HCF40174B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/12
HCC/HCF40174B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
9/12
HCC/HCF40174B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
10/12
HCC/HCF40174B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF40174B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of HCC40174B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X