Part Number Hot Search : 
NE85639 81KZF ADM34 09U250P KNU1910 Y62126E PM2105 0603L
Product Description
Full Text Search
 

To Download HA11560FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADE-207-126A (Z)
HA11560FP/T VCR/VDP RF Modulator
Rev. 1 Dec. 1993
This chip is designed for ap p l i c ation as an RF modulator in VCRs and VDPs. A new type RF o s c i l l ator provides superior harm o n i c characteristics.
Features
* Superior harmonic characteristics allow easy pattern design. * Sharp white chip characteristics with no distortion * The use of miniature surface mount packaging allows substrate miniaturization (TSOP).
Functions
* * * * * * * Video modulator RF carrier oscillator White clip Channel switch Audio carrier converter ANT switch driver Carrier off switch
Ordering Information
Type No. HA11560FP HA11560T Package 16 pin plastic SOP 16pin plastic TSOP
HA11560FP/T
Block Diagram
R4 Video in VR 1 330 + 16 Video clamp C10 1 15 C9 1500 p 14 ANT SW 13
ANT
SW VCC SAW resonator R3 10 k 12 C8 C7 11 C6 10 9 Note 1
Carrier off SW
RF carrier oscillator
White clip
HA11560
RF amp
Video modulator RF out BPF R5 Audio carrier modulator 1 C1 10 p R1 C3 15 p T1 Note 2 2 3 C2 0.22 + FM modulator 4 5 6 R2 330 7 Audio amp
Channel SW
8 + VCC
GND
Channel SW Audio in
C4 10
C5 0.01
External Components (Notes 1 and 2)
No. Component 1 2 SAW resonator 4.5-MHz tank coil Model KAR91CS (Japanese specifications) 291ACS-4060Z 62-pF tuning capacitor on-chip 369SN-1458Z External tuning capacitor Manufacturer Kyocera, Inc. Toko, Inc. Remarks KAR61CT (U. S. specifications) Use 369SN-1458Z for greater tuning capacitance. Note this also decreases audio modulation factor.
2
HA11560FP/T
Pin Functions
Pin No. 1 2 3 Symbol GND AUDIO RF OUT RF OSCILLATOR BIAS FM MOD COIL FM MOD COIL AUDIO IN CHANNEL SW VCC SAW.R LOW CHANNEL SAW.R HIGH CHANNEL SAW.R COMMON DP Adj. Function GND Audio RF signal output pin RF oscillator voltage control pin Voltage Pin GND 3.2 V (3.1 V) Output Level = 85 dBV RF oscillator active state Reference voltage pin Swing Level = . 1.0 Vp-p Remarks
4 5 6 7 8 9 10 11 12
FM modulator tank coil connector pin FM modulator tank coil connector pin Audio signal input pin RF oscillation frequency channel switch VCC SAW resonator connector pin (low ch) SAW resonator connector pin (high ch) SAW resonator connector pin (common) Video differential phase and harmonic level adjust pin RF switch driver and RF oscillator switch pin RF switch driver drive pin Video RF signal output pin Video signal input pin
4.1 V 4.1 V 0V 2.8 V (when open) 5V 3.7 V 3.7 V 3.2 V 2.6 V
.
Pin 9 output (when open)
Swing Level = . 80 mVp-p
.
Good oscillating stability smaller capacitance value 0 V (when open) Maximum output current = 30 mA Note: Output level = 91.5 dBV
13 14 15 16
CARRIER OFF SW ANT SW DRIVER VIDEO RF OUT VIDEO IN
0 to 5 V 0 to 3.6 V 3.1 V 1.6 V
Note:
Channel JPN1 JPN2 US3 US4
Carrier frequency 91.25 MHz 97.25 MHz 61.25 MHz 67.25 MHz
3
4
15 60 k 1k 300 50 k SW 60 k 80 k 3k 14 13 9 12 11 10 Video modulator RF oscillator 1k 10 k 2k 200 Audio carrier conversion 300 Audio input amplifier 100 5k 100 k 3 4 5 6 7 8
HA11560FP/T
16
White clip circuit
HA11560
1
2
HA11560FP/T
Block Operation Descriptions
The following describes the operation of each block and external circuits. Video Clamp The video clamp circuit employs a sync peak value clamp. Input impedance is at a level of approximately 30 k to reduce compression of the sync pulse. Note that sag is generated in the sync pulse when a capacitor of 0.47 F or lower is used for C10 at pin 16. White Clip Circuit The white clip level is set to 92.5%. A circuit that produces a sharp white clip is used in order to produce high linearity characteristics for the video. Increasing the white clip frequency characteristic by another 5 MHz eliminates video carrier cutoff by the chroma signal and prevents deterioration of audio buzz characteristics.
White clip level HA11560 white clip characteristics
Video in
+
16
C10 1 F
White clip circuit
Normal white clip characteristics
Figure 1 Video Input Circuit
Figure 2 White Clip Characteristics
5
HA11560FP/T
RF Oscillator/Channel Switch A new type RF oscillator is employed to reduce RF harmonics to a level that is dramatically lower than previous available Hitachi products. Note that using a capacitor lower than 0.22 F at pin 3 causes an increase in sync pulse sag. The input resistance at pin 11, which is the oscillator input pin, is 3 k. Pins 9 and 10 are oscillator output pins, and are NPN transistor emitter-follower types. The oscillator frequency is selectable by switching the pin 7 channel switch between SAW resonator low channel and high channel. When the channel switch is open, oscillation output is performed from pin 9, while grounding the switch causes output from pin 10. The switching voltage of the channel switch is approximately 2.1 V. When the channel switch is grounded, a current of 30 A flows through pin 7, which is sufficient to drive an electronic switch. Antenna Switch The antenna switch links the drive circuit that switches the RF switch on and off with the chip's RF oscillator on/off operation. Opening the switch at pin 13 stops oscillation of the RF oscillator and the antenna switch drive output at pin 14 becomes 0 V. The audio system is operating in this state, which acts to suppress generation of popping noise in the audio as the antenna switches between on and off. When pin 13 is connected to V CC by a closed switch, the RF oscillator is operational and the antenna switch drive output DC level at pin 14 is high. Pin 13 should be connected to V CC when the antenna switch is not used. A maximum current of 30 mA can be obtained from the antenna switch driver. Be sure to connect 10 k for R3 at pin 13 when the antenna switch is being used. R2 is used as protective resistance when the antenna switch power supply is switched on before the chip power supply.
SAW resonator
11 10 9
RF switch
R2 10 k
14
13
3k
7
VCC
3
+
80 k
RF oscillator 60 k Antenna switch driver
RF oscillator Channel switch
C2 0.22
60 k
Figure 3 RF Oscillator Interface Circuit
6
Figure 4 Antenna Switch Interface Circuit
HA11560FP/T
Audio Modulator Pins 4 and 5 make up the reference oscillator for the 4.5 MHz audio modulator. Pin 4 is the oscillator 's reference bias source. A 15 pF capacitor must be used for C3 at pin 4 to cut the ac signal. The oscillation frequency is determined by an external tank circuit. An external cuppling capacitor is not required when pin 6, which is the audio input pin, is almost equal to ground potential and the audio input signal dc level is ground potential. The ground potential of the input pin results in a circuit configuration that reduces pin 6 voltage fluctuations and suppresses popping noise.
VCC 2k 200 Audio oscillator
Audio amplifier 100
100 k
4 5 6
R5 330 C3 15 p T1 Audio input
Figure 5 Audio Modulator Interface Circuit
7
HA11560FP/T
Absolute Maximum Ratings (Ta = 25C)
Item Supply voltage Power dissipation Symbol VCC PT Tstg Topr Rating 6.0 400 (HA11560FP) 275 (HA11560T) Storage temperature Operating temperature -55 to +125 -20 to +70 C C Unit V mW
Electrical Characteristics (Ta = 25C)
Item Supply current Video output level Video modulation factor Symbol ISS VO VM Min 9 89.5 73 77 81 Video output channel difference Video modulation factor channel difference Video output S/N White clip level Differential gain VO VM -2 -2 Typ 13 91.5 -- 80 -- 0 0 Max 18 94.5 79 83 87 2 2 dB % 15 15 Unit mA dB % No input Video input = 0.635 Vp-p Test Conditions Application Terminal 8 15 15
VSN VW DG
-- 89 --
55 92.5 2
-- 96 5
dB % %
VM = 50%
15 15
80% modulation at upper part of chroma signal 20 IRE
15
Differential phase Audio output P/S ratio Audio modulation factor Audio S/N Video input impedance Audio input impedance Spurious response within band 920-kHz beat Antenna switch pin voltage
DP AO AM ASN RV RA Sin cb ASV
-- 5.0 22.4 50 10 75 -- -- 3.1
2 6.5 24.4 60 30 100 -75 -68 3.4
5 8.0 26.4 -- -- 145 -65 -61 3.7
deg dB kHz/ Input 0.14 Vp-p dev dB k k dB dB V Measurement of spurious response between fV and fA 0.635 Vp-pinput Load current = 15 mA when supply voltage = 5 V Audio modulation = 60 %
15 2, 15 2 5 16 6 2, 15 2, 15 14
8
HA11560FP/T
Electrical Characteristics (Ta = 25C) (cont)
Item Antenna switch residual voltage Carrier-off switch carrier off voltage Carrier-off switch carrier on voltage Symbol ASRV COFF CON Min 0 0 2.5 Typ 0 -- -- Max 0.1 0.5 5.0 Unit V V V Test Conditions When supply voltage = 5 V Application Terminal 14 13 13
Package Dimensions
Unit : mm * HA11560FP 16 10.06 10.5 Max 9 5.5 1 0.8 Max 0.1 0.1 2.0 Max 2.2 Max 8
+ 0.05 - 0.02
0.2 7.8 + 0.3 -
0.20
0 - 10 0.7 0.2
7.62 (300 mil) Type
1.27 0.15
0.40 - 0.05
+ 0.10
0.10
0.12 M
Hitachi Code FP-16DA EIAJ SC-530-16C JEDEC
9
HA11560FP/T
* HA11560T 16 5.00 5.4 Max 9 4.40 1 8 0.65 0.20 0.10 0.13 M 6.40 0.20
0.17 0.05
1.10 Max
0.10
0.03 Min 0.1Max
0 - 10
0.50 0.10
Hitachi Code TTP-16DA EIAJ JEDEC
10


▲Up To Search▲   

 
Price & Availability of HA11560FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X