Part Number Hot Search : 
TLP51207 20005 BPW46 A070VW01 DB105 W12NK90 F1030 A500ERW
Product Description
Full Text Search
 

To Download H7805AI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data Issued Date : 1998.08.01 Revised Date : 2000.10.01 Page No. : 1/3
H7805AI H7805BI
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
The H7805_I series of three-terminal positive regulators are available in the TO-251 package and with several fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shut-down and safe operating area protection, making it essent-ially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. H7805_I is characterized for operation from 0C to +125C, and if operating temperature will always hi, please refer the power dissipation curve.
Absolute Maximum Ratings (Ta=25C)
* Input Voltage......................................................................... 35 V (5V Through 9V), 40 V (24V) * Total Power Dissipation ........................................................................................... Internal limit * Operating Temperature Range ............................................................................ 0 C to +70 C * Maximum Junction Temperature...................................................................................... 125 C * Storage Temperature Range .......................................................................... -55 C to +150 C * Lead Temperature (Soldering 10S).................................................................................. 230 C Typical Application Schematic Diagram
Input
Vin
1
Vout H7805_I
2 3
3.4K 6.3V 200 200 0.3 10K 1K 2K
C1
C2
30K Output
VREF 26 1.9K 20pF 4K
Note :
C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
26
4K
1.2
12.1K
1K GND
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics
Vin=10V, Io=500mA, 0CTj125C (unless otherwise noted)
Spec. No. : Preliminary Data Issued Date : 1998.08.01 Revised Date : 2000.10.01 Page No. : 2/3
Symbol Vo Vo Vo IQ IQ Vn RR VD Isc Ipk Vo / T Symbol Vo Vo Vo IQ IQ Vn RR VD Isc Ipk Vo / T
Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Average Tc of Vout Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Average Tc of Vout
Conditions Tj=25C PD15W, 5mAIo1A Tj=25C, 7VVin25V Tj=25C, 8VVin25V 5mAIo1A 250mAIo750mA Io1A, Tj=25C 5mAIo1A 7VVin25V Ta=25C, 10Hzf100KHz 8VVin18V, f=120Hz Tj=25C, Io=1A Tj=25C Tj=25C 0CTj+125C, Io=5mA Conditions Tj=25C PD15W, 5mAIo1A Tj=25C, 7VVin25V Tj=25C, 8VVin25V 5mAIo1A 250mAIo750mA Io1A, Tj=25C 5mAIo1A 7VVin25V Ta=25C, 10Hzf100KHz 8VVin18V, f=120Hz Tj=25C, Io=1A Tj=25C Tj=25C 0CTj+125C, Io=5mA
H7805AI Units Min Typ Max 4.85 5 5.15 V 4.85 5 5.15 4 50 mV 1.6 25 100 mV 50 5.5 8 mA 0.5 mA 1.3 40 100 UVr.m.s 68 dB 2 V 1.5 A 1.7 A -0.8 mV/C H7805BI Units Min Typ Max 4.8 5 5.2 V 4.75 5 5.25 4 100 mV 1.6 50 100 mV 50 5.5 8 mA 0.5 mA 1.3 100 200 UVr.m.s 62 73 dB 2.5 V 1.5 A 1.7 A -0.8 mV/C
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-251 Dimension
Marking :
HSMC Logo
Spec. No. : Preliminary Data Issued Date : 1998.08.01 Revised Date : 2000.10.01 Page No. : 3/3
A
B
C D
Product Series Rank
Part Number Date Code
Ink Mark
F 3 I E K 2 1
G
Style : Pin 1.Vin 2.Ground 3.Vout
H
J
3-Lead TO-251 Plastic Package HSMC Package Code : I *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0354 0.0591 0.0177 0.0236 0.0866 0.0945 0.2520 0.2677 0.2677 0.2835
Millimeters Min. Max. 0.45 0.55 0.90 1.50 0.45 0.60 2.20 2.40 6.40 6.80 6.80 7.20
DIM G H I J K
Inches Min. Max. 0.2559 *0.1811 0.0354 0.0315 0.2047 0.2165
Millimeters Min. Max. 6.50 *4.60 0.90 0.80 5.20 5.50
Notes : 1.Dimension and tolerance based on our Spec. dated May. 24,1995.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H7805AI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X