Part Number Hot Search : 
561U100H DA7052 UM110 7C102 AM29F0 12022 00200800 HPR412C
Product Description
Full Text Search
 

To Download H3842S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 1/10
H3842S
HIGH PERFORMANCE CURRENT MODE CONTROLERS
Description
The H3842S is high performance fixed frequency current mode controllers. That is specifically designed for OffLine and DC To DC converter applications offering the designer a costeffective solution with minimal external components. These integrated circuits feature a trimmed oscillator for precise duty cycle control. A temperature compensated reference, high gain error amplifier, current sensing compara-tor, and a high current totem pole output ideally suited for driving a power MOSFET. Also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycle-by-cycle current limiting, programmable output deadtime, and a latch for single pulse metering.
Features
* Trimmed Oscillator for Precise Frequency Control * Oscillator Frequency Guaranteed at 250 kHz * Current Mode Operation to 500 kHz * Automatic Feed Forward Compensation * Latching PWM for Cycle-By-Cycle Current Limiting * Internally Trimmed Reference with Undervoltage Lockout * High Current Totem Pole Output * Undervoltage Lockout with Hysteresis * Low Startup and Operating Current
Absolute Maximum Ratings
Symbol Vi Vi Io Eo Parameter Supply Voltage (low impedance source) Supply Voltage (Ii<30mA) Output Current Output Energy (capacitive load) Analog Inputs (pin 2, 3) Error Amplifier Output Sink Current Power Dissipation at Tamb25oC Storage Temperature Range Junction Operating Temperature Lead Temperature (soldering 10s) Value 30 Self Limiting 1 5 -0.3 to 5.5 10 800 -65 to 150 -40 to 150 300 Unit V A uJ V mA mW o C o C o C
Ptot Tstg TJ TL
Block Diagram
Vcc 7 34V Ground 5 2.50V VREF Good Logic T 2R R S R 1V Current Sense Comparator UVLO S/R 5V REF Internal Bias 6 8 VREF 5V 50mA
RT/CT
4
Error AMP. + -
OSC
Output
VFB COMP Current Sense
2 1 3
PWM Latch
H3842S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Pin Connection (Top View)
SOP-8P Function Pin1: Compensation Pin2: Voltage Feedback Pin3: Current Sense Pin4: RT/CT
1 2 3 4
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 2/10
8
7
6
5
Pin5: Ground Pin6: Output Pin7: Vcc Pin8: Vref
Description This pin is the Error Amplifier output and is made available for loop compensation. This is the inverting input of the Error Amplifier. It's normally connected to the switching power supply output through a resistor divider. A voltage proportional to inductor current is connected to this input. The PWM uses this information to terminate the output switch conduction. The oscillator frequency and maximum output duty cycle are programmed by connecting resistor RT to Vref and cpacitor CT to ground. Operation to 500kHz is possible. This pin is the combined control circuitry and power ground. This output directly drives the gate of a power MOSFET. Peak currents up to 1A are sourced and sunk by this pin. This pin is the positive supply of the control IC. This is the reference output. It provides charging current for capacitor CT through resistor RT.
Thermal Data
Symbol Rth j-amb Description Thermal Resistance Junction-ambient Max. 100
o
Units C/W
Electrical Specifications
Parameter Under-Voltage Lockout Section Start Threshold Min. Operating Voltage After Turn On 14.5 8.5 16 10 17.5 11.5 V V Test Conditions Min. Typ. Max. Units
Electrical Characteristics
Unless otherwise stated, specifications apply for 0Ta70C Vcc =15V (Note 1); RT=680, CT=0.022uF for triangular mode, RT=10k, CT=3.3nf for sawtooth mode Parameter Reference Section Reference Output Voltage Line Regulation Load Regulation Temperature. Stability Total Output Variation Output Noise Voltage Long Term Stability Output Short current Oscillator Section Frequency Frequency Chnge with Temperature Frequency Change with Temperature Oscillator Voltage Swing Discharge Current
H3842S
Test Conditions Tj=25C,Io=1mA 12VVin25V 1mAIo20mA
(Note 2)
Min. 4.90 4.82 -30 47 46 7.8 7.2
Typ. 5 2.0 3.0 0.2 50 5 -100 52 52 0.2 5 0.5 1.7 8.3 -
Max. 5.1 20 25 5.18 -180 57 60 1 9.3 9.5
Units V mV mV mV/C V uV mV mA KHz KHz % % % V mA mA
Line , Load , Temp (Note 2) 10Hzf10kHz,Tj=25C (Note 2) Ta=125C,1000Hrs (Note 2) Ta=25C Tj=25C TlowTaThigh 12VVcc25V TlowTaThigh (Note 2) Tj=25C Peak to Peak Tj=25C TlowTaThigh
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Parameter Oscillator Section Frequency Frequency Chnge with Temperature Frequency Change with Temperature Oscillator Voltage Swing Discharge Current Error Amplifier Section Voltage Feedback Input Input Bias Current Open Loop Voltage Gain Unity Gain Bandwidth Power Supply Rejection Ratio Output Current Output Voltage Swing High State Low State Current Sense Section Current Sense Input Voltage Gain Maximum Current Sense Input Thresold Ppwer Supply Rejection Ratio Input Bias Current Propagation Delay Output Section Output Voltage Output Voltage Rise Time Output Voltage Fall Time Output Voltage with UVLO Activated Total Device Start-Up Current Operating Supply Current Vcc Zener Voltage Vpin2=Vpin3=0, RT=10K, CT=3.3nF Icc=25 mA Low State (Isink=20mA) Low State (Isink=200mA) High State (Isource=20mA) High State (Isource=200mA) Tj=25C, CL=1.0nF (Note 2) Tj=25C, CL=1.0nF (Note 2) Vcc=6V , Isink=1.0mA 13 12 (Notes 3 & 4) (Note 3)
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 3/10
Test Conditions Tj=25C TlowTaThigh 12VVcc25V TlowTaThigh (Note 2) Tj=25C Peak to Peak Tj=25C TlowTaThigh Vo=2.5V VFB=5.0V 2Vo4 V Tj=25C (Note 2) 12VVcc25V Sink (Vo=1.1V, VFB=2.7V) Source (Vo=5.0V, VFB=2.3V) VFB=2.3V, RL=15K to ground VFB=2.7V, RL=15K to Vref
Min. 47 46 7.8 7.2 2.42 65 0.7 60 2.0 -0.5 5 2.85 0.9 -
Typ. 52 52 0.2 5 0.5 1.7 8.3 2.50 -0.1 90 1.0 70 12 -1.0 6 0.7 3.0 1.0 70 -2.0 150 0.1 1.5 13.5 13.4 50 50 -0.1 0.1 11 34
Max. 57 60 1 9.3 9.5 2.58 -2.0 1.1 3.15 1.1 -10 300 0.4 2.2 150 150 -1.1 0.5 17 -
Units KHz KHz % % % V mA mA V uA dB MHz dB mA mA V V V/V V dB uA nS V V V V nS nS V mA mA V
12VVcc25V (Note 3) Tj=25C (Note 2)
Note 1: Adjust Vcc above the start threshold before setting at 15V. Note 2: These parameters, although guaranteed are not 100% tested in production. Note 3: Parameter measured at trip point of latch with Vpin2=0. Note 4: Gain defined as: A=Vpin1/Vpin3, 0Vpin30.8V
H3842S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Oscillator Frequency & Timing Resistance
10000K 100
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 4/10
Maximum Duty Cycle & Timing Resistance
80 1000K CT=1.0nF CT=2.2nF 60
fo(Hz)
100K
fo(Hz)
40 20 0 100
CT=4.7nF
10K
1K 100 1000 10000 100000
1000
10000
100000
RT()
RT()
Oscillator Discharge Current & Temperate
9 100 Vi=15V Vosc=2V 80
Error Amp Open-Loop Gain and Phase & Frequency
Vcc=15V Vo=2V to 4V RL=100K o Ta=25 C 30 60 Phase 90 120 150 180 10 100 1000 10000 100000 1000000 10000000
8.5
Gain 60
Idischg (mA)
(dB)
-50 -25 0 25
o
8
40 20
7.5 0 7 50 75 100 125 -20
TA ( C)
f (Hz)
Current Sense Input Threshold & Error Amp Output Voltage
1.2 Vcc=15V 1
Reference Voltage Change & Source Current
60
50 Vcc=15V 40
0.8
Vth (V)
0.6 0.4 0.2 0 0
Ta=25 C Ta=125 C
o
o
30
Ta=-40 C
o
20 Ta=125 C 10
o
Ta=25 C
o
Ta=-40 C
o
0 2 4 6 8 0 20 40 60 80 100 120
Vo (V)
Iref (mA)
H3842S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 5/10
Reference Short Circuit Current &Temperature
110 25
Supply Current & Supply Voltage
100
Vcc=15V RL0.1
20
RT=10K CT=3.3nF
90
Isc (mA)
15 80
Ii (mA)
10 5 0 -50 -25 0 25 50 75 100 125 0
70
60
50
TA ( C)
o
10
20
30
40
Vi (V)
Output Saturation Voltage & Load Current
0 Source Saturation (Load to Ground) -1 Ta=25 C
o
Output Saturation Voltage & Load Current
4 Sink Saturation (Load to Vcc) 3
Vsat (V)
Vsat (V)
Ta=-40 C 2 Ta=25 C
o
o
-2 Ta=-40 C
o
-3
Vcc=15V 80us Pulsed Load 120Hz Rate
1
Vcc=15V 80us Pulsed Load 120Hz Rate
-4 0 200
0
Io (mA)
400
600
800
0
200
Io (mA)
400
600
800
H3842S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Application Information
Open Loop Test Circuit
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 6/10
Vref 4.7K HPN2222A 100K Error Amp. Adjust 1K COMP VFB I SENSE Adjust I SENSE 5K RT/CT 1 2 3 4 RT V REF 8 7 6 5 Vcc Output Ground A 0.1uF 0.1uF 1W 1K Vcc
H3842
Output
4.7K Ground CT
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should be connected close to pin5 in a single point ground. The transistor and 5K potentiometerare used to samplethe oscillator waveform and apply an adjustable ramp to pin3. Oscillator and Output Waveforms
Vcc 7 8 PWM RT 4 Id CT CT 5 GND Output Small RT / Large CT Clock Oscillator 5V REG
1 3 2
CT 6 Output Output Large RT / Small CT
Error Amp Configuration
Under Voltage Lockout
2.5V + V FB 2 COMP 1 Zf 1mA
Vi
7
ON/OFF Command To Rest Of IC
Icc
Zi
<17mA Von Voff H3842 16V 10V
<0.5mA Voff Von Vcc
H3842S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 7/10
Current Sense Circuit
Error Ampl. Is R Rs C Current Sense 5 GND COMP 1 3 R 1V
2R
Current Sense Comparator
Peak current (Is) is determined by the formula Is(max.) 1V/Rs A small RC filter may be required to suppress switch transients. Slope Compensation Techniques
VREG RT RT/CT Is R SLOPE R1 Rs CT ISENSE
8 RT 4 H3842 3
VREG
8
RT/CT Is R SLOPE R1 GND Rs CT ISENSE 5
4 H3842 3
5 GND
Isolated MOSFET Drive and Current Transformer Sensing
Vcc 7 5.0Vref + Vin
6
Isolation Boundary Q1 VGS Waveforms + 0 50%DC 3 C R Rs Ns Np + 0 25%DC Ipk=((Vpin1-1.4)/3Rs)(Ns/Np)
+ S R + Q
COMP/Latch
H3842S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 8/10
Latched Shutdown
4 8 R R + + 1mA 2 1 2R EA R 5 2N3905 2N3903 BIAS OSC
SCR must be selected for a holding current of less than 0.5mA at TA(min). The simple two transistor circuit can be used in place of the SCR as shown. All resistors are 10K. Error Amplifier Compensation
From Vo Ri Rd Cf Rf 2.5V + EA + 1mA 2R R 5 + + EA 1mA 2R R 5
2 1
Error Amp compensation circuit for stabilizing any current-mode topology except for boost and flyback converters operating with continuous inductor current
From Vo Rp Cp Ri Rd Cf Rf
2.5V
2 1
Error Amp compensation circuit for stabilizing current-mode boost and flyback topologies operating with continuous inductor current.
External Clock Synchronization
Vref 8 R RT R 4 CT External Sync Input 0.01uF 47 2 1 + EA 5 + BIAS OSC
2R R
The diode clamp is required if the Sync amplitude is large enough to cause the bottom side of CT to go more than 300mV below ground
HSMC Product Specification
H3842S
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 9/10
External Duty Cycle Clamp and Multi Unit Synchronization
Vref RA RB 8 8 6 5 5K + 2 C 5K 1 NE555 1 To Additional H3842 S 2 5K + R Q 3 7 4 + + EA 2R 5 R
4
R BIAS R OSC
f=1.44/((RA+2RB)C), Dmax=RB/(RA+2RB) Soft-Start Circuit
8 R BIAS R 4 + + 2 1M C 1 5 EA 1mA 2R + R 1V R OSC S 5Vref + -
Q
Soft-Start and Error Amplifier Output Duty Cycle Clamp
7 8 R R 4 + + 2 R2 C R1 1 EA 1mA BIAS OSC Vclamp 2R R 5 BC109 1V + S Q R Comp/Latch +
Vcc
Vin
5Vref + -
7
6
Q1
5
Rs
Vclamp=R1/(R1+R2) where 0H3842S HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SO-8 Dimension
Top View A Right side View G
Spec. No. : HS200203 Issued Date : 2001.04.01 Revised Date : 2002.12.03 Page No. : 10/10
Marking:
8 7 6 5
H3842S
I B C H
1 2 3 4
Date Code
8-Lead SO-8 Plastic Package HSMC Package Code: S
J D Front View
Part A
E
Part A
K L N O
M
F
DIM A B C D E F G H
Inches Min. 0.1909 0.1515 0.2283 0.0480 0.0145 0.1472 0.0570 0.1889 Max. 0.2007 0.1555 0.2441 0.0519 0.0185 0.1527 0.0649 0.2007
Millimeters Min. Max. 4.85 5.10 3.85 3.95 5.80 6.20 1.22 1.32 0.37 0.47 3.74 3.88 1.45 1.65 4.80 5.10
DIM I J K L M N O
Inches Min. 0.0019 0.0118 0.0074 0.0145 0.0118 0.0031 0.0000 Max. 0.0078 0.0275 0.0098 0.0204 0.0197 0.0051 0.0059
*: Typical Millimeters Min. Max. 0.05 0.20 0.30 0.70 0.19 0.25 0.37 0.52 0.30 0.50 0.08 0.13 0.00 0.15
Notes: 1.Dimension and tolerance based on our Spec. dated Aug. 01,1999.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H3842S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H3842S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X