Part Number Hot Search : 
MPSA92RA BZX79 15100 BDS19 EML6243 4ACT1 RDFS02 EML6243
Product Description
Full Text Search
 

To Download H34063AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200202 Issued Date : 2000.02.01 Revised Date : 2002.04.22 Page No. : 1/6
H34063AS
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
Description
The H34063AS Series is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series was specifically by Hi-Sincerity Microelectronics Corp.
Features
* 3V to 40V Input Voltage Operation * Internal 1.6A Peak Current Switch * Internal 1.8% Reference * Low Quiescent Current at 1.6mA * Frequency Operation from 100Hz~100KHz * Current Limiting
Applications
* Saver for Cellular Phone * DC-DC Converter Module
Typical Application Circuit
Fig1.Saver Circuit for Cellular Phone L1 H34063AS RSC Vin
8 7 6 5 1 2 3 4
Vout
200H D1 H1N5819 CT 470F Cout 220F
C1 100F
RB 33k RA 5.6k
H34063AS
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Pin Connections
8 7 6 5
Spec. No. : HS200202 Issued Date : 2000.02.01 Revised Date : 2002.04.22 Page No. : 2/6
1
2
3
4
Pin1:Switch Collector Pin2:Switch Emitter Pin3:Timing Capacitor Pin4:Gnd
Pin5:Comparator Inverting Input Pin6:Vcc Pin7:Ipk Sense Pin8:Driver Collector
Absolute Maxium Rating
Supply Voltage ...................................................................................................................... 40 V Comparator Input Voltage Range ........................................................................... -0.3 V ~ 40 V Switch Collector Voltage ....................................................................................................... 40 V Switch Emitter Voltage .......................................................................................................... 40 V Switch Collector to Emitter Voltage ....................................................................................... 40 V Driver Collector Voltage ........................................................................................................ 40 V Switch Current ...................................................................................................................... 1.6A Power Dissipation DIP Package Ta=25C ....................................................................... 625 mW Thermal Resistance Junction to Air ............................................................................. 160 C / W Operating Junction Temperature ....................................................................................... 125 C Operating Ambient Temperature Range ........................................................................ 0 ~ 70 C Storage Temperature Range ............................................................................... -40 C ~ 125 C
Electrical Characteristics (Vcc=5V,Ta=25C, unless otherwise specified)
Parameter Oscillator Charging Current Discharge Current Voltage Amplitude Discharge to Charge Current Ratio Current Limit Sense Voltage Output Switch Saturation Voltage, Darlington Connection Saturation Voltage Test Condition 5.0VVCC40V 5.0VVCC40V Pin3 VIPK(Sense) =VCC IChg=Idischg ISW=1.0A, VC(Driver)=VC(Switch) ISW=1.0A, IC(Driver)=50mA (Forced 20) ISW=1.0A, VCE=5.0V VCE=40V Symbol Ichg Idischg VOSC IDischg/Ichg VIPK(Sence) Min. 24 140 5.2 250 Typ. Max. 35 220 0.6 6.5 300 42 260 7.5 350 Unit uA uA V mV
VCE(Sat) VCE(Sat) hFE ICC(Off)
50 -
1.0 0.4 75 0.01
1.3 0.7 100
V V V uA
DC Current Gain Collector Off-State Current Comparator Threshold Voltage 0CTa70C Threshold Voltage Threshold Voltage Line Regulation 3.0VVCC40V Input Bias Current VIN=0V VIPK(Sence)=VCC VPin5>VFB, Supply Current 5.0VVCC40V CT=0.0001uF,Pin2=Gnd Remaining pins open
H34063AS
VFB Regline IIB
1.227 1.250 1.273 1.210 1.29 1.5 6 -20 -400
V mV nA
ICC
-
1.6
3
mA
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Block Diagram
Spec. No. : HS200202 Issued Date : 2000.02.01 Revised Date : 2002.04.22 Page No. : 3/6
SC Pin1:1.6A Switch Collector Q2 Q1 80 SE Pin2:Darlington Switch Emitter TC Pin3:Oscilletor Timing Capacitor IPK Oscillator 1.25V Reference Voltage Comparator + QS R
DRI Pin8:Driver Collector
CT
IPK Pin7:Highside Current Sense Input, VCC-VIPK=300mV VCC Pin6:Power Supply Input
GND Pin4:Power GND
FB Pin5:Feedback Comparator Inverting Input
Application Information
Design Formula Table
Calculation ton / toff (ton + toff) max CT IC(switch) RS L(min) CO Step-Down Vout+VF / Vin(min) -Vsat-VOut 1/Fmin 4*10-5ton 2*Iout(max) 0.3 / IC(switch) Step-Up Vout+VF-Vin(min) / Vin(min)-Vsat 1/Fmin 4*10-5ton 2*Iout(max)(ton+toff/toff) 0.3 / IC(switch) Voltage-Inverting |Vout| + VF / Vin-Vsat 1/Fmin 4*10-5ton 2*Iout(max)(ton+toff/toff) 0.3 / IC(switch)
(Vin(min)-Vsat-Vout / IC(switch))
*ton(max) IC(switch)*(ton+toff) / 8VRipple(P-P)
(Vin(min)-Vsat / IC(switch))
*ton(max)
(Vin(min)-Vsat/ IC(switch))
*ton(max)
Iout*ton / VRipple(P-P)
Iout*ton / VRipple(P-P)
Vsat : Saturation voltage of the output switch. VF : Forward voltage drop of the ringback rectifier. The following power supply characteristics must be chosen : Vin : Nominal input voltage. Vout : Desired output voltage. |Vout|=1.25*(1+RB/RA) Iout- Desired output current Fmin : Minimum desired output switching frequency at the selected values for Vin and Iout. VRipple(P-P) : Desired peak to peak output ripple voltage in practice, the calculated value will need to be increased due to the capacitor equivalent series resistance and board layout. The ripple voltage should be kept to a low value since it will directly effect the line and load regulation.
H34063AS
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Application Information (Continuos)
Fig.2 Step-Up Converter
L1 R1 150 RSC 0.22 Vin C1 100F 200H H34063AS
8 7 6 5 1 2 3 4
Spec. No. : HS200202 Issued Date : 2000.02.01 Revised Date : 2002.04.22 Page No. : 4/6
D1 Vout 28V / 200mA H1N5819 Cout 220F
CT 680F
RB RA 2.2k 47k
Line Regulation : 100mV (Vin=8V~16V, @Io=200mA) Load Regulation : 5mV (Vin=12V, @Io=80mA~200mA)
Fig.3 Step-Up Converter With External NPN Switch
L1 R1 H34063AS
8 1 2 3 4
Vout D1
RSC Vin C1
7 6 5
Q1 CT R2
Cout
RB RA
Fig.4 Step-Down Converter
L1 H34063AS RSC 0.25 Vin C1 100F
8 7 6 5 1 2 3 4
200H
Vout 5V / 500mA Cout 470F
D1 H1N5819 CT 470F
RB 3.6k RA 1.2k
Line Regulation : 40mV (Vin=10V~20V, @Io=500mA) Load Regulation : 5mV (Vin=15V, @Io=10mA~500mA) Short Circuit Current : 1.3A (Vin=15V, @RL=0.1
HSMC Product Specification
H34063AS
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200202 Issued Date : 2000.02.01 Revised Date : 2002.04.22 Page No. : 5/6
Fig.5 Step-Down Converter With External PNP Saturation Switch
H34063AS R2
8 1 2 3 4
R1 Q1 L1 CT D1 Vout Cout
RSC Vin
7 6 5
C1 RA
RB
Fig.6 Voltage Inverting Converter
H34063AS RSC 0.25 Vin 4.5V-6V
8 7 6 5 1 2 3 4
D1 H1N5819
Vout -12V / 100mA
L1 100H CT 680F
Cout 470F
C1 100F RB 8.2k
RA 953
Line Regulation : 20mV (Vin=4.5V~6V, @Io=100mA) Load Regulation : 100mV (Vin=5V, @Io=10mA~100mA)
Fig.7 Voltage Inverting Converter With External PNP Saturation Switch
H34063AS R1
8 1 2 3 4
R2 Q1
RSC Vin
7 6 5
L1 CT
D1
RA C1 RB Cout
Vout
H34063AS
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SO-8 Dimension
Top View A Right side View G
Spec. No. : HS200202 Issued Date : 2000.02.01 Revised Date : 2002.04.22 Page No. : 6/6
Marking:
8 7 6 5
I B C H
H 3 4 0 6 3 AS
Date Code
1 2 3 4
8-Lead SO-8 Plastic Package HSMC Package Code: S
J D Front View
Part A
E
Part A
K L N O
M
F
*: Typical
DIM A B C D E F G H
Inches Min. Max. 0.1909 0.2007 0.1515 0.1555 0.2283 0.2441 0.0480 0.0519 0.0145 0.0185 0.1472 0.1527 0.0570 0.0649 0.1889 0.2007
Millimeters Min. Max. 4.85 5.10 3.85 3.95 5.80 6.20 1.22 1.32 0.37 0.47 3.74 3.88 1.45 1.65 4.80 5.10
DIM I J K L M N O
Inches Min. Max. 0.0019 0.0078 0.0118 0.0275 0.0074 0.0098 0.0145 0.0204 0.0118 0.0197 0.0031 0.0051 0.0000 0.0059
Millimeters Min. Max. 0.05 0.20 0.30 0.70 0.19 0.25 0.37 0.52 0.30 0.50 0.08 0.13 0.00 0.15
Notes: 1.Dimension and tolerance based on our Spec. dated Aug. 01,1999.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H34063AS
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H34063AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X