Part Number Hot Search : 
C74HC3 M10N60 106KA 1012S 18002 2MDXX BK2T6 SC582
Product Description
Full Text Search
 

To Download FR304G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
FR301G - FR307G
FAST GPP DIODES
Maximum Average Maximum Rectified Current Forward Peak @ Half-Wave Surge Current @ Resistive Load 60Hz 8.3ms Superimposed I O@ T L A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time Trr ns
Package Dimensions
Adc
FR301G FR302G FR303G FR304G FR305G FR306G FR307G
50 100 200 400 600 800 1000
150 150 150 150 250 500 500
3.0
55
125
5.0
3.0
1.3
DO - 201AD
Trr I F = 0.5A, I R = 1.0A, I RR = 0.25A Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
1.0(25.4) MIN
.375(9.5) .335(8.5)
1.0(25.4) MIN
.052(1.3) .048(1.2)
DIA .220(5.6) DIA .197(5.0)
DO - 201AD
40A-1/2
LESHAN RADIO COMPANY, LTD.
FR301G-FR306G GPP RATING & CHARACTERISTIC CURVES OF FAST GPP DIODE
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
3.0 2.5 2.0 1.5 1.0 0.5 0 25 50 75 100 125 150 175 AMBIENT TEMPER ATURE, (C) Trr Single Phase Half Wave 60Hz Resistive or Inductive Load
+0.5A
(+) 25Vdc (APPROX) (-)
1
OSCILLOSCOPE NON. (NOTE 1) INDUCTIVE
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
SET TIME BASE FOR 50/100ns/cm
1cm
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT, (A)
1.0
TJ =25C
0.1
Pulse Width=300s 1% Duty Cycle 0.01 .4 .6 .8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 4 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200
PEAK FORWARD SURGE CURRENT,(A)
125
8.3ms Single Half Sine-Wave (JEDEC Method)
JUNCTION CAPACITANCE,(pF)
100 60 40 20 10 6 4 2 1 TJ =25C
100
75
50
25
0 1 5 10 50 100
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE,(V) NUMBER OF CYCLES AT 60Hz
40A-2/2


▲Up To Search▲   

 
Price & Availability of FR304G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X