Part Number Hot Search : 
M57785L 1N3195 EYC50HRT LTC2630 3KP26 SB880F IFC125 SR4M4036
Product Description
Full Text Search
 

To Download FR207G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201G THRU FR207G
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame retardant epoxy molding compound Glass passivated junction in DO-15 package 2.0 ampere operation at TA=75 with no thermal runaway Fast switching for high efficiency
Mechanical Data
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.014 ounce, 0.395 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Symbols FR 201G FR 202G
@25
unless otherwise specified
FR 204G FR 205G FR 206G FR 207G Units
FR 203G
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward rectified current at TA=75 Peak forward surge current 8.3mS single half sine-wave Maximum instantaneous forward voltage IFM=2.0A; TA=25 (Note 1) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance Measured at 1.0MHz, VR=4.0V TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 2.0 70.0 1.3 5.0 100.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A
150 40 -65 to +150
250
500
nS F
Operating and storage temperature range
Note: (1) Pulse test: Pulse width 300uSec, Duty cycle 1%
1
RATINGS AND CHARACTERISTIC CURVES
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of FR207G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X