Part Number Hot Search : 
1006C CT0201F 9812G SD103CW BAW567DW 141031 127DU BU705F
Product Description
Full Text Search
 

To Download FR207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
FR201 - FR207
2.0A FAST RECOVERY RECTIFIER
Features
! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.40 grams (approx.) Mounting Position: Any Marking: Type Number D
DO-15 Dim Min Max A 25.4 -- B 5.50 7.62 C 0.71 0.864 D 2.60 3.60 All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range @IF = 2.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
FR201
FR202
FR203
FR204
FR205
FR206
FR207
Unit
50 35
100 70
200 140
400 280 2.0
600 420
800 560
1000 700
V V A
IFSM VFM IRM trr Cj Tj TSTG 150
60 1.2 5.0 100 250 30 -65 to +125 -65 to +150 500
A V A nS pF C C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
FR201 - FR207
1 of 3
(c) 2002 Won-Top Electronics
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
2.0
10
1.6
IF, INSTANTANEOUS FWD CURRENT (A)
1.0
1.2
0.8
0.1
0.4
Single phase half-wave 60 Hz resistive or inductive load
Tj = 25C Pulse width = 300s
0 25
0.01
125 150 175 200
50
75
100
0.6
0.8
1.0
1.2
1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
100
TA = 25C f = 1.0MHz
40
Cj, CAPACITANCE (pF)
10
20
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
50 NI (Non-inductive) 10 NI
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
FR201 - FR207
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
FR201-T3 FR201-TB FR201 FR202-T3 FR202-TB FR202 FR203-T3 FR203-TB FR203 FR204-T3 FR204-TB FR204 FR205-T3 FR205-TB FR205 FR206-T3 FR206-TB FR206 FR207-T3 FR207-TB FR207
Package Type
DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15
Shipping Quantity
4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
FR201 - FR207
3 of 3


▲Up To Search▲   

 
Price & Availability of FR207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X