Part Number Hot Search : 
UB232R NTE931 74HCT3 GBPC4005 AME7107 3SMC110A RF620T 03515
Product Description
Full Text Search
 

To Download FM18L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
FM18L08
256Kb 2.7-3.6V Bytewide FRAM Memory Features
256K bit Ferroelectric Nonvolatile RAM * Organized as 32,768 x 8 bits * 10 year data retention at 85 C * Unlimited read/write cycles * NoDelayTM write * Advanced high-reliability ferroelectric process Superior to Battery-backed SRAM * No battery concerns * Monolithic reliability * True surface mount solution, no rework steps * Superior for moisture, shock, and vibration * Resistant to negative voltage undershoots SRAM & EEPROM Compatible * JEDEC 32Kx8 SRAM & EEPROM pinout * 70 ns access time * 130 ns cycle time * Equal access & cycle time for reads and writes Low Power Operation * 2.7V to 3.6V operation * 15 mA active current * 15 A standby current Industry Standard Configuration * Industrial temperature -40 C to +85 C * 28-pin SOP or DIP Pin Configuration
Description
The FM18L08 is a 256-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile but operates in other respects as a RAM. It provides data retention for 10 years while eliminating the reliability concerns, functional disadvantages and system design complexities of battery-backed SRAM. Fast-write time and practically unlimited read/write endurance make it superior to other types of nonvolatile memory and a good substitute for ordinary SRAM. In-system operation of the FM18L08 is very similar to other RAM based devices. Memory read- and writecycles require equal times. The FRAM memory, however, is nonvolatile due to its unique ferroelectric memory process. Unlike BBSRAM, the FM18L08 is a truly monolithic nonvolatile memory. It provides the same functional benefits of a fast write without the serious disadvantages associated with modules and batteries or hybrid memory solutions. These capabilities make the FM18L08 ideal for nonvolatile memory applications requiring frequent or rapid writes in a bytewide environment. The availability of a true surface-mount package improves the manufacturability of new designs, while the DIP package facilitates simple design retrofits. The FM18L08 offers guaranteed operation over an industrial temperature range of -40C to +85C.
A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
VDD WE A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3
FM18L08-70-S FM18L08-70-P
Ordering Information 70 ns access, 28-pin SOP 70 ns access, 28-pin DIP
This data sheet contains specifications for a product under development. Characterization is not complete; specifications may change without notice.
Ramtron International Corporation 1850 Ramtron Drive, Colorado Springs, CO 80921 (800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com 23 March 2001 1/11
Ramtron Figure 1. Block Diagram
FM18L08
A10-A14
Block Decoder
A0-A14
Address Latch
A0-A7
Row Decoder
32,768 x 8 FRAM Array
CE
A8-A9
Column Decoder
WE OE
Control Logic
I/O Latch Bus Driver
DQ0-7
Pin Description Pin Name Pin Number A0-A14 1-10, 21, 23-26 DQ0-7 /CE 11-13, 15-19 20
I/O I I/O I
/OE
22
I
/WE
27
I
VDD VSS
28 14
I I
Pin Description Address. The 15 address lines select one of 32,768 bytes in the FRAM array. The address value will be latched on the falling edge of /CE. Data. 8-bit bi-directional data bus for accessing the FRAM array. Chip Enable. /CE selects the device when low. The falling edge of /CE causes the address to be latched internally. Address changes that occur after /CE goes low will be ignored until the next falling edge occurs. Output Enable. When /OE is low the FM18L08 drives the data bus when valid data is available. Taking /OE high causes the DQ pins to be tri-stated. Write Enable. Taking /WE low causes the FM18L08 to write the contents of the data bus to the address location latched by the falling edge of /CE. Supply Voltage. Ground.
Functional Truth Table /CE /WE H X ae X L H L L 23 March 2001
/OE X X L X
Function Standby/Precharge Latch Address Read Write 2/11
Ramtron
FM18L08
Overview
The FM18L08 is a bytewide FRAM logically organized as 32,768 x 8. It is accessed using an industry standard parallel interface. The FM18L08 is inherently nonvolatile via its unique ferroelectric process. All data written to the part is immediately nonvolatile with no delay. Functional operation of the FRAM memory is similar to SRAM type devices. The major operating difference between the FM18L08 and an SRAM (besides nonvolatile storage) is that the FM18L08 latches the address on the falling edge of /CE. will have no effect on the memory operation after the address is latched. The FM18L08 will drive the data bus when /OE is asserted to a low state. If /OE is asserted after the memory access time has been satisfied, the data bus will be driven with valid data. If /OE is asserted prior to completion of the memory access, the data bus will be driven when valid data is available. This feature minimizes supply current in the system by eliminating transients due to invalid data. When /OE is inactive the data bus will remain tri-stated. Write Operation Writes operations require the same time as reads. The FM18L08 supports both /CE- and /WE-controlled write cycles. In all cases, the address is latched on the falling edge of /CE. In a /CE-controlled write, the /WE signal is asserted prior to beginning the memory cycle. That is, /WE is low when /CE falls. In this case, the device begins the memory cycle as a write. The FM18L08 will not drive the data bus regardless of the state of /OE. In a /WE-controlled write, the memory cycle begins on the falling edge of /CE. The /WE signal falls after the falling edge of /CE. Therefore, the memory cycle begins as a read. The data bus will be driven according to the state of /OE until /WE falls. The timing of both /CE- and /WE-controlled write cycles is shown in the electrical specifications. Write access to the array begins asynchronously after the memory cycle is initiated. The write access terminates on the rising edge of /WE or /CE, whichever is first. Data set-up time, as shown in the electrical specifications, indicates the interval during which data cannot change prior to the end of the write access. Unlike other truly nonvolatile memory technologies, there is no write delay with FRAM. Since the read and write access times of the underlying memory are the same, the user experiences no delay through the bus. The entire memory operation occurs in a single bus cycle. Therefore, any operation including read or write can occur immediately following a write. Data polling, a technique used with EEPROMs to determine if a write is complete, is unnecessary. Pre-charge Operation The pre-charge operation is an internal condition where the state of the memory is prepared for a new 3/11
Memory Operation
Users access 32,768 memory locations each with 8 data bits through a parallel interface. The access and cycle time are the same for read and write memory operations. Writes occur immediately at the end of the access with no delay. Unlike an EEPROM, it is not necessary to poll the device for a ready condition since writes occur at bus speed. A pre-charge operation, where /CE goes inactive, is a part of every memory cycle. Thus unlike S RAM, the access and cycle times are not equal. Note that the FM18L08 contains a limited low voltage write protection circuit. This will prevent access when VDD is much lower than the specified operating range. It is still the user's responsibility to ensure that VDD is within data sheet tolerances to prevent incorrect operation. The FM18L08 is designed to operate in a manner very similar to other bytewide memory products. For users familiar with SRAM, the performance is comparable but the bytewide interface operates in a slightly different manner as described below. For users familiar with EEPROM, the obvious differences result from the higher write performance of FRAM technology including NoDelay writes and from unlimited write endurance. Read Operation A read operation begins on the falling edge of /CE. At this time, the address bits are latched and a memory cycle is initiated. Once started, a full memory cycle must be completed internally regardless of the state of /CE. Data becomes available on the b after the us access time has been satisfied. After the address has been latched, the address value may be changed upon satisfying the hold time parameter. Unlike an SRAM, changing address values
23 March 2001
Ramtron access. All memory cycles consist of a memory access and a pre-charge. The pre-charge is user initiated by taking the /CE signal high or inactive. It must remain high for at least the minimum pre-charge timing specification. The user dictates the beginning of this operation since a pre-charge will not begin until /CE rises. However, the device has a maximum /CE low time specification that must be satisfied.
FM18L08 qualified using HAST - highly accelerated stress test. This requires 120 C at 85% Rh, 24.4 psia at VDD. 3. System reliability Data integrity must be in question when using a battery-backed SRAM. They are inherently vulnerable to shock and vibration. If the battery contact comes loose, data will be lost. In addition a negative voltage, even a momentary undershoot, on any pin of a battery-backed SRAM can cause data loss. The negative voltage causes current to be drawn directly from the battery. These momentary short circuits can greatly weaken a battery and reduce its capacity over time. In general, there is no way to monitor the lost battery capacity. Should an undershoot occur in a battery backed system during a power down, data can be lost immediately. 4. Space Certain disadvantages of battery-backed SRAM, such as susceptibility to shock, can be reduced by using the old fashioned DIP module. However, this alternative takes up board space, height, and dictates through-hole assembly. FRAM offers a true surfacemount solution that uses 25% of the board space. No multi-piece assemblies, no connectors, and no modules. A real nonvolatile RAM is finally available! Direct Battery Issues 5. Field maintenance Batteries, no matter how mature, are a built-in maintenance problem. They eventually must be replaced. Despite long life projections, it is impossible to know if any individual battery will last considering all of the factors that can degrade them. 6. Environmental Lithium batteries are widely regarded as environmental problem. They are a potential hazard and proper disposal can be a burden. addition, shipping of lithium batteries may restricted.
Applications
As a true nonvolatile RAM, the FM18L08 fits into many diverse applications. Clearly, its monolithic nature and high performance make it superior to battery-backed SRAM in most every application. Unlimited endurance allows the FM18L08 to be used in applications that could not take advantage of the previous generation of RAM products. This applications guide is intended to facilitate the transition from BBSRAM to FRAM. It is divided into two parts. First is a treatment of the advantages of FRAM memory compared with battery-backed SRAM. Second is a design guide, which highlights the simple design considerations that should be reviewed in both retrofit and new design situations. FRAM Advantages Although battery-backed SRAM is a mature and established solution, it has numerous weaknesses. These stem directly or indirectly from the presence of the battery. FRAM uses an inherently nonvolatile storage mechanism that requires no battery. It therefore eliminates these weaknesses. The major considerations in upgrading to FRAM are as follows. Construction Issues 1. Cost The cost of both the component and the manufacturing overhead of battery-backed SRAM is high. FRAM with its monolithic construction is inherently a lower cost solution. In addition, there is no `built-in' rework step required for battery attachment when using surface mount parts. Therefore assembly is streamlined and more cost effective. In the case of DIP battery-backed modules, the user is constrained to through-hole assembly techniques and a board wash using no water. 2. Humidity A typical battery-backed SRAM module is qualified at 60 C, 90% Rh, no bias, and no pressure. This is because the multi-component assemblies are vulnerable to moisture, not to mention dirt. FRAM is
an fire In be
7. Style! Backing up an SRAM with a battery is an oldfashioned approach. In many cases, such modules are the only through-hole component in sight. FRAM is the latest memory technology and it is changing the way systems are designed.
23 March 2001
4/11
Ramtron FRAM Design Considerations When designing with FRAM for the first time, users of SRAM will recognize a few minor differences. First, bytewide FRAM memories latch each address on the falling edge of chip enable. This allows the address bus to change after starting the memory access. Since every access latches the memory address on the falling edge of /CE, users should not ground it as they might with SRAM. Users that are modifying existing designs to use FRAM should examine the hardware address decoders. Decoders should be modified to qualify addresses with an address valid signal if they do not
FM18L08 already. In many cases, this is the only change required. Systems that drive chip enable active, then inactive for each valid address may need no modifications. An example of the target signal relationships are shown in Figure 2. Also shown is a common SRAM signal relationship that will not work for the FM18L08. The main design issue is to create a decoder scheme that will drive /CE active, then inactive for each address. This accomplishes the two goals of latching the new address and creating the precharge period.
Figure 2. Memory Address Relationships
FRAM Signaling CE Address Data SRAM Signaling CE Address
A1
Valid Memory Read Relationship
A2
D1
D2
Invalid Memory Read Relationship
A1
A2
Data
D1
D2
23 March 2001
5/11
Ramtron
FM18L08
Electrical Specifications
Absolute Maximum Ratings Description Ambient storage or operating temperature Voltage on any pin with respect to ground Lead temperature (Soldering, 10 seconds)
Ratings -40C to + 85C -1.0V to +5.0V 300 C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability DC Operating Conditions TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified Symbol Parameter Min Typ Max Units Notes VDD Power Supply 2.7 3.65 V 1 IDD VDD Supply Current - Active 5 15 mA 2 ISB Standby Current - TTL 400 A 3 ISB Standby Current - CMOS 7 15 A 4 ILI Input Leakage Current 10 A 5 ILO Output Leakage Current 10 A 5 VIL Input Low Voltage -1.0 0.8 V 1 VIH Input High Voltage 2.0 VDD + 1.0 V 1 VOL Output Low Voltage 0.4 V 1,6 VOH Output High Voltage 2.4V V 1,7 Notes 1. Referenced to VSS. 2. VDD = 3.65V, /CE cycling at minimum cycle time. All inputs at CMOS levels, all outputs unloaded. 3. VDD = 3.65V, /CE at VIH, All inputs at TTL levels, all outputs unloaded. 4. VDD = 3.65V, /CE at VDD, All inputs at CMOS levels, all outputs unloaded. 5. VIN, VOUT between VDD and VSS. 6. IOL = 3.2 mA 7. IOH = -1.0 mA
23 March 2001
6/11
Ramtron Read Cycle AC Parameters TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified Symbol Parameter Min Max Units Notes tCE Chip Enable Access Time ( to data valid) 70 ns tCA Chip Enable Active Time 70 10,000 ns tRC Read Cycle Time 130 ns tPC Precharge Time 60 ns tAS Address Setup Time 0 ns tAH Address Hold Time 10 ns tOE Output Enable Access Time 10 ns tHZ Chip Enable to Output High-Z 15 ns 1 tOHZ Output Enable to Output High-Z 15 ns 1
FM18L08
Write Cycle AC Parameters TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified Symbol Parameter Min Max Units Notes tCA Chip Enable Active Time 70 10,000 ns tCW Chip Enable to Write High 70 ns tWC Write Cycle Time 130 ns tPC Precharge Time 60 ns tAS Address Setup Time 0 ns tAH Address Hold Time 10 ns tWP Write Enable Pulse Width 40 ns tDS Data Setup 40 ns tDH Data Hold 0 ns tWZ Write Enable Low to Output High Z 15 ns 1 tWX Write Enable High to Output Driven 10 ns 1 tHZ Chip Enable to Output High-Z 15 ns 1 tWS Write Setup 0 ns 2 tWH Write Hold 0 ns 2 Notes 1 This parameter is periodically sampled and not 100% tested. 2 The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. There is no timing specification associated with this relationship. Data Retention TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified Parameter Min Units Notes Data Retention 10 Years 1 Endurance 1E16 Cycles 2 Notes 1. Data retention is specified at 85 C. 2. Endurance is the guaranteed number of read- or write-cycles per address that can be performed while maintaining the specified data retention. It should be impossible to reach this limit for most applications. Power Cycle Timing TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified Symbol Parameter Min Units Notes tPU VDD Min to First Access Start 1 S tPD Last Access Complete to VDD Min 0 S Capacitance TA = 25 C , f=1.0 MHz, VDD = 3V Symbol Parameter Max CI/O Input Output Capacitance 8 CIN Input Capacitance 6
Units pF pF
Notes
23 March 2001
7/11
Ramtron AC Test Conditions Input Pulse Levels Input rise and fall times Input and output timing levels Equivalent AC Load Circuit 0.1 VDD to 0.9 VDD 5 ns 1.5V 1.3V
FM18L08
3300 Output 50 pF
Read Cycle Timing
tRC tCA tPC
CE
tAS tAH
A0-14
tOE
OE
tOHZ
DQ0-7
tCE tHZ
Write Cycle Timing - /CE Controlled Timing
tWC tCA tPC
CE
tAS tAH
A0-14
tWS tWH
WE
OE
tDS tDH
DQ0-7
23 March 2001
8/11
Ramtron Write Cycle Timing - /WE Controlled Timing
tWC tCA tPC
FM18L08
CE
tAS tAH
A0-14
tWS tWH tWP
WE
OE
tWZ tWX
DQ0-7 out
tDS tDH
DQ0-7 in
Power Cycle Timing
VDD
VDD min
tPD tPC
VDD min
tPU
CE
23 March 2001
9/11
Ramtron 28-pin SOP JEDEC MS -013
FM18L08
Index Area
E
H
Pin 1
D A e B A1 .10 mm .004 in. h 45
L C
Selected Dimensions For complete dimensions and notes, refer to JEDEC MS-013 Controlling dimensions is in millimeters. Conversions to inches are not exact. Symbol A A1 B C D E e H h L Dim mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. Min 2.35 0.0926 0.10 0.004 0.33 0.013 0.23 0.0091 17.70 0.6969 7.40 0.2914 Nom. Max 2.65 0.1043 0.30 0.0118 0.51 0.020 0.32 0.0125 18.10 0.7125 7.60 0.2992
1.27 BSC 0.050 BSC 10.00 0.394 0.25 0.010 .40 0.016 0 10.65 0.419 0.75 0.029 1.27 0.050 8
23 March 2001
10/11
Ramtron 28-pin 600-mil DIP
FM18L08
E1
Index Area
D A2 A1 D1 e A eA eB E
B1
Selected Dimensions For complete dimensions and notes, refer to JEDEC MS-011 Controlling dimensions is in inches. Conversions to millimeters are not exact. Symbol A A1 A2 B B1 D D1 E E1 e eA eB Dim in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm in. mm Min Nom. Max 0.250 6.35
0.015 0.39 0.125 3.18 0.014 0.356 0.030 0.77 1.380 35.1 0.005 0.13 0.600 15.24 0.485 12.32 0.100 BSC 2.54 BSC 0.600 BSC 15.24 BSC
0.195 4.95 0.022 0.558 0.070 1.77 1.565 39.7
0.625 15.87 0.580 14.73
0.700 17.78
23 March 2001
11/11


▲Up To Search▲   

 
Price & Availability of FM18L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X