Part Number Hot Search : 
LMV358 8A712 L200C BAV19 4GIFD 1N4753 AS5115 BSERIES
Product Description
Full Text Search
 

To Download F1081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. TM "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
Total Device Dissipation 350 Watts Junction to Case Thermal Resistance 0.5 o C/W Maximum Junction Temperature 200 o C Storage Temperature
F1081
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 200 Watts Gemini Package Style AR HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
-65 o C to 150o C
16 A
RF CHARACTERISTICS ( 200 WATTS OUTPUT )
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficienc Load Mismatch Toleranc MIN 13 60 20:1 TYP MAX UNITS dB % Relative TEST CONDITIONS Idq = 1.6 A, Vds = 28.0 V, F = 175 MHz Idq = 1.6 A, Vds = 28.0 V, F = 175 MHz Idq = 1.6 A, Vds = 28.0 V, F = 175 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 3.2 0.35 22 132 16 80 MIN 65 4 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.2 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 28.0 V, Vds = 0 V, Ids = 0.4 A,
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 16 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1081
POUT VS PIN GRAPH
F-1081 POUT vs PIN
F=175 MHZ; IDQ=1.6A; VDS=28V 180 160 140 POUT IN WATTS 120 100 80 17 16
1000
CAPACITANCE VS VOLTAGE
F1B 4DIE CAPACITANCE
GAIN
15 Gain in dB 14 13 12
Coss
100
POUT
Ciss
Efficiency = 66.67%
60 40 0 2 4 6 8 10 PIN IN WATTS 12 14 16 11
10
Crss
10
0
5
10
15
VDS IN VOLTS
20
25
30
IV CURVE
F1B 4DIE IV CURVE
30
ID AND GM VS VGS
F1B 4 DIE GM & ID vs VGS
100
25
Id
20 10 15
10 1 5
Gm
0 0 2 4 6 8 10
Vds in Volts
12
14
16
18
20 0.1 0 2 4 6
Vgs in Volts
8
10
12
14
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X