Part Number Hot Search : 
ZLED7030 72AS6 P3500EA 0603L AM91L11C C1226A AP9918GJ TPS80
Product Description
Full Text Search
 

To Download DT3055L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DT3055L
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
* * * * * High Cell Density DMOS Technology Low On-State Resistance High Power and Current Capability Fast Switching Speed High Transient Tolerance
SOT-223 Dim
A B
Min 6.30 2.90 6.71 3.30 2.22 0.92 1.10 1.55 0.025 0.66 4.55 -- 10 0.254 10
Max 6.71 3.10 7.29 3.71 2.35 1.00 1.30 1.80 0.102 0.79 4.70 10 16 0.356 16
A B C D E
D
CD
G
E J K
D
S
G H
G
P R S
H J K L M N P R S
L M
N
Mechanical Data
* * SOT-223 Plastic Case Terminal Connections: See Outline Drawing and Internal Circuit Diagram Above
All Dimensions in mm
Maximum Ratings
Drain-Source Voltage
25C unless otherwise specified Symbol VDSS VGSS Note 1a Continuous Pulsed Note 1a Note 1b Note 1c ID Pd Tj, TSTG Value 60 20 3.5 25 3.0 1.3 1.1 -65 to +150 Unit V V A W C
Characteristic Gate-Source Voltage - Continuous Drain Current Maximum Power Dissipation
Operating and Storage Temperature Range
Thermal Characteristics
Characteristic Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Note 1 Symbol RQJA RQJC Value 42 12 Unit C/W C/W
Notes:
1. RQJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RQJC is guaranteed by design while RQCA is determined by the user's board design. 1a. With 1 in2 oz 2 oz. copper mounting pad RQJA = 42C/W. 1b. With 0.0066 in2 oz 2 oz. copper mounting pad RQJA = 95C/W. 1c. With 0.0123 in2 oz 2 oz. copper mounting pad RQJA = 110C/W.
DS11605 Rev. C-4
1 of 4
DT3055L
Electrical Characteristics 25C unless otherwise specified
Characteristic OFF CHARACTERISTICS Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Tj =125C Gate-Body Leakage, Forward Gate-Body Leakage, Reverse ON CHARACTERISTICS (Note 2) Gate Threshold Voltage Tj = 125C Static Drain-Source On-Resistance RDS (ON) Tj = 125C On-State Drain Current Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge CISS COSS CRSS tD(ON) tr tD(OFF) tf Qg Qgs Qgd -- -- -- -- -- -- -- -- -- -- 435 120 30 8.0 4.0 24 7.0 13.5 1.5 4.0 -- -- -- 20 20 50 20 20 3.0 8.0 pF pF pF ns ns ns ns nC nC nC VDS = 40V. ID = 3.5A. VGS = 10V VDD = 25V, ID = 1.0A VGS = 10V, RGEN = 6.0W VDS = 25V, VGS = 0V f = 1.0MHz ID(ON) gFS VGS(h) 1.0 0.6 -- -- -- 10 -- 1.7 1.3 0.105 0.17 -- -- 6.0 2.0 1.6 0.12 0.24 0.10 -- -- V W A m VDS = VGS, ID = 250A VGS = 4.5V, ID = 3.5A VGS = 10V, ID = 3.9A VGS = 5.0V, VDS = 10V VDS = 5.0V, ID = 3.5A BVDSS IDSS IGSSF IGSSR 60 -- -- -- -- -- -- -- -- 1.0 50 100 -100 V A nA nA VGS = 0V, ID = 250A VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V Symbol Min Typ Max Unit Test Condition
SWITCHING CHARACTERISTICS (Note 2)
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS Max Continuous Drain-Source Diode IS -- -- Forward Current Source-Drain Diode Forward Voltage Notes: VSD -- 0.86
2.5 1.2
A V VGS = 0V, IS = 1.5A (Note 2)
2. Pulse Test: Pulse width l 300s, duty cycle l 2.0%.
DS11605 Rev. C-4
2 of 4
DT3055L
ID, DRAIN-SOURCE CURRENT (A)
VGS = 10V 6.0V 5.5V
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
20
2.5
VGS = 3.0V
3.5V 4.0V
15
5.0V
2.0
4.5V
10
4.0V
1.5
4.5V
5
3.0V
1.0
5.0V 6.0V 10V
0
2.5V
0.5
0
1
2
3
4
5
0
3
6
9
12
15
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1, On-Region Characteristics
ID, DRAIN CURRENT (A) Fig. 2, On-Resistance vs Gate Voltage and Drain Current
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
10
1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50
VDS = 15V
TJ = -55 C
125 C 25 C
ID = 3.5A VGS = 5V
8
ID, DRAIN CURRENT (A)
6
4
2
0
-25
0
25
50
75
100
125 150
1
1.5
2
2.5
3
3.5
4
Tj, JUNCTION TEMPERATURE ( C) Fig. 3, On-Resistance vsTemperature
VGS, GATE TO SOURCE VOLTAGE (V) Fig. 4, Drain Current vs Gate Voltage & Temperature
DS11605 Rev. C-4
3 of 4
DT3055L
40
10 0 s
10
ID, DRAIN CURRENT (A)
RD
S(
) ON
LI
M
IT
1m 10 10 0m s ms
s
1
1s 10 s
0.1
0.01 0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 5, Maximum Safe Operating Area
1.0
D = 0.5
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
0.2
0.1
0.1 0.05 0.02 0.01 P(pk) RQJA (t) = r(t) b RQJA RQJA = See Note 1c
0.01
Single Pulse
t1 t2 TJ - TA = PPK b RQJA(t) Duty Cycle, D = t1/t2
0.001 0.0001
0.001
0.01
0.1
1.0
10
100
1000
3000
t1, SQUARE WAVE PULSE DURATION (seconds) Fig. 6, Typical Normalized Transient Thermal Impedance Curves
Remark: Thermal characterization performed under conditions described in note 1c. Transient thermal response will change depending on the circuit board design.
DS11605 Rev. C-4
4 of 4
DT3055L


▲Up To Search▲   

 
Price & Availability of DT3055L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X