Part Number Hot Search : 
2SC2000 ASI10553 1A471M E001715 QFN20 SW12360W 74LS24 1206D
Product Description
Full Text Search
 

To Download DSP56F801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSP56F801/D Rev. 7.0, 1/2002
DSP56F801
Preliminary Technical Data
DSP56F801 16-bit Digital Signal Processor
* * * Up to 40 MIPS operation at 80 MHz core frequency DSP and MCU functionality in a unified, C-efficient architecture MCU-friendly instruction set supports both DSP and controller functions: MAC, bit manipulation unit, 14 addressing modes 8K x 16-bit words Program Flash 1K x 16-bit words Program RAM 2K x 16-bit words Data Flash 1K x 16-bit words Data RAM 2K x 16-bit words Boot Flash
6
* * * * * * * * * *
Hardware DO and REP loops 6-channel PWM Module Two 4-channel, 12-bit ADCs Serial Communications Interface (SCI) Serial Peripheral Interface (SPI) General Purpose Quad Timer JTAG/OnCETM port for debugging On-chip relaxation oscillator 11 shared GPIO 48-pin LQFP Package
* * * * *
PWM Outputs
PWMA
RESET IRQA 6 JTAG/ OnCE Port VCAPC VDD 2 4 VSS 5* Digital Reg Analog Reg VDDA VSSA
Fault Input
4 4
A/D1 A/D2 VREF
ADC Interrupt Controller
Low Voltage Supervisor
Program Controller and Hardware Looping Unit
Address Generation Unit
Data ALU 16 x 16 + 36 36-Bit MAC Three 16-bit Input Registers Two 36-bit Accumulators
Bit Manipulation Unit
Quad Timer C Quad Timer D or GPIO
Program Memory 8188 x 16 Flash 1024 x 16 SRAM Boot Flash 2048 x 16 Flash Data Memory 2048 x 16 Flash 1024 x 16 SRAM
*
PAB
* *
PDB
* * * *
IPBB CONTROLS 16
PLL
3
XDB2 CGDB XAB1 XAB2
16-Bit DSP56800 Core
Clock Gen or Optional Internal Relaxation Osc.
GPIOB3/XTAL GPIOB2/EXTAL
*
2
SCI0 or GPIO
INTERRUPT CONTROLS 16 COP/ Watchdog COP RESET MODULE CONTROLS ADDRESS BUS [8:0] DATA BUS [15:0]
4
SPI or GPIO
ApplicationSpecific Memory & Peripherals
IPBus Bridge (IPBB)
*includes TCS pin which is reserved for factory use and is tied to VSS
Figure 1. DSP56F801 Block Diagram
(c) Motorola, Inc., 2002. All rights reserved.
Part 1 Overview
1.1 DSP56F801 Features
1.1.1
* * * * * * * * * * * * * *
Digital Signal Processing Core
Efficient 16-bit DSP56800 family DSP engine with dual Harvard architecture As many as 40 Million Instructions Per Second (MIPS) at 80 MHz core frequency Single-cycle 16 x 16-bit parallel Multiplier-Accumulator (MAC) Two 36-bit accumulators including extension bits 16-bit bidirectional barrel shifter Parallel instruction set with unique DSP addressing modes Hardware DO and REP loops Three internal address buses and one external address bus Four internal data buses and one external data bus Instruction set supports both DSP and controller functions Controller style addressing modes and instructions for compact code Efficient C compiler and local variable support Software subroutine and interrupt stack with depth limited only by memory JTAG/OnCE debug programming interface
1.1.2
* *
Memory
Harvard architecture permits as many as three simultaneous accesses to program and data memory On-chip memory including a low-cost, high-volume flash solution -- 8K x 16 bit words of Program Flash -- 1K x 16-bit words of Program RAM -- 2K x 16-bit words of Data Flash -- 1K x 16-bit words of Data RAM -- 2K x 16-bit words of Boot Flash
*
Programmable Boot Flash supports customized boot code and field upgrades of stored code through a variety of interfaces (JTAG, SPI)
1.1.3
* * * *
Peripheral Circuits for DSP56F801
Pulse Width Modulator (PWM) with six PWM outputs, two Fault inputs, fault-tolerant design with deadtime insertion; supports both center- and edge-aligned modes Two 12-bit, Analog-to-Digital Converters (ADCs), which support two simultaneous conversions with two 4-multiplexed inputs; ADC and PWM modules can be synchronized General Purpose Quad Timer: Timer D with three pins (or three additional GPIO lines) Serial Communication Interface (SCI) with two pins (or two additional GPIO lines)
2
DSP56F801 Preliminary Technical Data
MOTOROLA
DSP56F801 Description
* * * * * * * *
Serial Peripheral Interface (SPI) with configurable four-pin port (or four additional GPIO lines) Eleven multiplexed General Purpose I/O (GPIO) pins Computer-Operating Properly (COP) watchdog timer One dedicated external interrupt pin External reset pin for hardware reset JTAG/On-Chip Emulation (OnCETM) for unobtrusive, processor speed-independent debugging Software-programmable, Phase Lock Loop-based frequency synthesizer for the DSP core clock Oscillator flexibility between either an external crystal oscillator or an on-chip relaxation oscillator for lower system cost and two additional GPIO lines
1.1.4
* * * *
Energy Information
Fabricated in high-density CMOS with 5V tolerant, TTL-compatible digital inputs Uses a single 3.3V power supply On-chip regulators for digital and analog circuitry to lower cost and reduce noise Wait and Stop modes available
1.2 DSP56F801 Description
The DSP56F801 is a member of the DSP56800 core-based family of Digital Signal Processors (DSPs). It combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact program code, the DSP56F801 is well-suited for many applications. The DSP56F801 includes many peripherals that are especially useful for applications such as motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and control, automotive control, engine management, noise suppression, remote utility metering, and industrial control for power, lighting, and automation. The DSP56800 core is based on a Harvard-style architecture consisting of three execution units operating in parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming model and optimized instruction set allow straightforward generation of efficient, compact code for both DSP and MCU applications. The instruction set is also highly efficient for C compilers to enable rapid development of optimized control applications. The DSP56F801 supports program execution from either internal or external memories. Two data operands can be accessed from the on-chip data RAM per instruction cycle. The DSP56F801 also provides one external dedicated interrupt lines and up to 11 General Purpose Input/Output (GPIO) lines, depending on peripheral configuration. The DSP56F801 DSP controller includes 8K words (16-bit) of program Flash and 2K words of Data Flash (each programmable through the JTAG port) with 1K words of both program and data RAM. A total of 2K words of Boot Flash is incorporated for easy customer-inclusion of field-programmable software routines that can be used to program the main program and data flash memory areas. Both program and data flash memories can be independently bulk erased or erased in page sizes of 256 words. The Boot Flash memory can also be either bulk or page erased. A key application-specific feature of the DSP56F801 is the inclusion of a Pulse Width Modulator (PWM) module. This modules incorporates six complementary, individually programmable PWM signal outputs to
MOTOROLA
DSP56F801 Preliminary Technical Data
3
enhance motor control functionality. Complementary operation permits programmable dead-time insertion, and separate top and bottom output polarity control. The up-counter value is programmable to support a continuously variable PWM frequency. Both edge and center aligned synchronous pulse width control (0% to 100% modulation) are supported. The device is capable of controlling most motor types: ACIM (AC Induction Motors), both BDC and BLDC (Brush and Brushless DC motors), SRM and VRM (Switched and Variable Reluctance Motors), and stepper motors. The PWMs incorporate fault protection and cycle-bycycle current limiting with sufficient output drive capability to directly drive standard opto-isolators. A "smoke-inhibit", write-once protection feature for key parameters is also included. The PWM is doublebuffered and includes interrupt control to permit integral reload rates to be programmable from 1 to 16. The PWM modules provide a reference output to synchronize the Analog-to-Digital Converters. The DSP56F801 incorporates an 8 input, 12-bit Analog-to-Digital Converter (ADC). A full set of standard programmable peripherals is provided that include a Serial Communications Interface (SCI), a Serial Peripheral Interface (SPI), and two Quad Timers. Any of these interfaces can be used as General-Purpose Input/Outputs (GPIO) if that function is not required. An on-chip relaxation oscillator provides flexibility in the choice of either on-chip or externally supplied frequency reference for chip timing operations. Application code is used to select which source is to be used.
1.3 "Best in Class" Development Environment
The SDK (Software Development Kit) provides fully debugged peripheral drivers, libraries and interfaces that allow programmers to create their unique C application code independent of component architecture. The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation, compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards support concurrent engineering. Together, the SDK, CodeWarrior, and EVMs create a complete, scalable tools solution for easy, fast, and efficient development.
1.4 Product Documentation
The four documents listed in Table 1 are required for a complete description and proper design with the DSP56F801. Documentation is available from local Motorola distributors, Motorola semiconductor sales offices, Motorola Literature Distribution Centers, or online at www.motorola.com/semiconductors/dsp.
Table 1. DSP56F801 Chip Documentation
Topic DSP56800 Family Manual DSP56F801/803/805/807 User's Manual Description Detailed description of the DSP56800 family architecture, and 16-bit DSP core processor and the instruction set Detailed description of memory, peripherals, and interfaces of the DSP56F801, DSP56F803, DSP56F805, and DSP56F807 Electrical and timing specifications, pin descriptions, and package descriptions (this document) Summary description and block diagram of the DSP56F801 core, memory, peripherals and interfaces Order Number DSP56800FM/D
DSP56F801-7UM/D
DSP56F801 Technical Data Sheet DSP56F801 Product Brief
DSP56F801/D
DSP56F801PB/D
4
DSP56F801 Preliminary Technical Data
MOTOROLA
Data Sheet Conventions
1.5 Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR This is used to indicate a signal that is active when pulled low. For example, the RESET pin is active when low. A high true (active high) signal is high or a low true (active low) signal is low. A high true (active high) signal is low or a low true (active low) signal is high. Signal/Symbol PIN PIN PIN PIN 1. Logic State True False True False Signal State Asserted Deasserted Asserted Deasserted Voltage1 VIL/VOL VIH/VOH VIH/VOH VIL/VOL
"asserted" "deasserted" Examples:
Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the DSP56F801 are organized into functional groups, as shown in Table 2 and as illustrated in Figure 2. In Table 3 through Table 13, each table row describes the signal or signals present on a pin.
Table 2. Functional Group Pin Allocations
Functional Group Power (VDD or VDDA) Ground (VSS or VSSA) Supply Capacitors PLL and Clock Interrupt and Program Control Pulse Width Modulator (PWM) Port Serial Peripheral Interface (SPI) Port1 Serial Communications Interface (SCI) Port1 Analog-to-Digital Converter (ADC) Port Quad Timer Module Port JTAG/On-Chip Emulation (OnCE) 1. Alternately, GPIO pins Number of Pins 5 6 2 2 2 7 4 2 9 3 6 Detailed Description Table 3 Table 4 Table 5 Table 6 Table 7 Table 8 Table 9 Table 10 Table 11 Table 12 Table 13
MOTOROLA
DSP56F801 Preliminary Technical Data
5
Power Port Ground Port Power Port Ground Port
VDD VSS VDDA VSSA
4 5* 1 1 VCAPC PWMA0-5 2 6 1 EXTAL (GPIOB2) XTAL (GPIOB3) FAULTA0
Other Supply Port PLL and Clock or GPIO
1 1
DSP56F801
SCLK (GPIOB4) MOSI (GPIOB5) MISO (GPIOB6) SS (GPIOB7) SPI Port or GPIO
1 1 1 1
1 1
TXD0 (GPIOB0) RXD0 (GPIOB1)
SCI0 Port or GPIO
8 1
ANA0-7 VREF
ADCA Port
TCK TMS JTAG/OnCETM Port TDI TDO TRST DE
3 1 1 1 1 1 1 1 1
TD0-2 (GPIOA0-2)
Quad Timer D or GPIO
IRQA RESET Interrupt/ Program Control
*includes TCS pin which is reserved for factory use and is tied to VSS
Figure 2. DSP56F801 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
6
DSP56F801 Preliminary Technical Data
MOTOROLA
Power and Ground Signals
2.2 Power and Ground Signals
Table 3. Power Inputs
No. of Pins 4 Signal Name VDD Signal Description Power--These pins provide power to the internal structures of the chip, and should all be attached to VDD. Analog Power--These pins supply an analog power source.
1
VDDA
Table 4. Grounds
No. of Pins 4 Signal Name VSS Signal Description GND--These pins provide grounding for the internal structures of the chip, and should all be attached to VSS. Analog Ground--This pin supplies an analog ground. TCS--This pin is reserved for factory use and must be tied to VSS for normal use. In block diagrams, this pin is considered an additional V SS.
1 1
VSSA TCS
Table 5. Supply Capacitors and VPP
No. of Pins 2 Signal Name VCAPC Signal Type Supply State During Reset Supply Signal Description VCAPC - Connect each pin to a 2.2 F bypass capacitor in order to bypass the core logic voltage regulator (required for proper chip operation). For more information, refer to Section 5.2.
2.3 Clock and Phase Lock Loop Signals
Table 6. PLL and Clock
No. of Pins 1 Signal Name EXTAL Signal Type Input State During Reset Input Signal Description External Crystal Oscillator Input--This input should be connected to an 8 MHz external crystal or ceramic resonator. For more information, please refer to Section 3.5. Port B GPIO--This multiplexed pin is a General Purpose I/O (GPIO) pin that can be programmed as an input or output pin. This I/O can be utilized when using the on-chip relaxation oscillator so the EXTAL pin is not needed.
GPIOB2
Input/ Output
Input
*includes TCS pin which is reserved for factory use and is tied to VSS
MOTOROLA
DSP56F801 Preliminary Technical Data
7
Table 6. PLL and Clock (Continued)
No. of Pins 1 Signal Name XTAL Signal Type Output State During Reset Chipdriven Signal Description Crystal Oscillator Output--This output should be connected to an 8 MHz external crystal or ceramic resonator. For more information, please refer to Section 3.5. This pin can also be connected to an external clock source. For more information, please refer to Section 3.5.3. GPIOB3 Input/ Output Input Port B GPIO--This multiplexed pin is a General Purpose I/O (GPIO) pin that can be programmed as an input or output pin. This I/O can be utilized when using the on-chip relaxation oscillator so the XTAL pin is not needed.
2.4 Interrupt and Program Control Signals
Table 7. Interrupt and Program Control Signals
No. of Pins 1 Signal Name IRQA Signal Type Input State During Reset Input Signal Description External Interrupt Request A--The IRQA input is a synchronized external interrupt request that indicates that an external device is requesting service. It can be programmed to be level-sensitive or negative-edge- triggered. Reset--This input is a direct hardware reset on the processor. When RESET is asserted low, the DSP is initialized and placed in the Reset state. A Schmitt trigger input is used for noise immunity. When the RESET pin is deasserted, the initial chip operating mode is latched from the EXTBOOT pin. The internal reset signal will be deasserted synchronous with the internal clocks, after a fixed number of internal clocks. To ensure complete hardware reset, RESET and TRST should be asserted together. The only exception occurs in a debugging environment when a hardware DSP reset is required and it is necessary not to reset the OnCE/JTAG module. In this case, assert RESET, but do not assert TRST.
1
RESET
Input
Input
2.5 Pulse Width Modulator (PWM) Signals
Table 8. Pulse Width Modulator (PWMA) Signals
No. of Pins 6 1 Signal Name PWMA0-5 FAULTA0 Signal Type Output Input State During Reset Tri- stated Input Signal Description PWMA0-5-- These are six PWMA output pins. FAULTA0-- This fault input pin is used for disabling selected PWMA outputs in cases where fault conditions originate off chip.
8
DSP56F801 Preliminary Technical Data
MOTOROLA
Serial Peripheral Interface (SPI) Signals
2.6 Serial Peripheral Interface (SPI) Signals
Table 9. Serial Peripheral Interface (SPI) Signals
No. of Pins 1 Signal Name MISO Signal Type Input/ Output State During Reset Input Signal Description SPI Master In/Slave Out (MISO)--This serial data pin is an input to a master device and an output from a slave device. The MISO line of a slave device is placed in the highimpedance state if the slave device is not selected. Port E GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. After reset, the default state is MISO. 1 MOSI Input/ Output Input SPI Master Out/Slave In (MOSI)--This serial data pin is an output from a master device and an input to a slave device. The master device places data on the MOSI line a half-cycle before the clock edge that the slave device uses to latch the data. Port E GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. After reset, the default state is MOSI. 1 SCLK Input/ Output Input SPI Serial Clock--In master mode, this pin serves as an output, clocking slaved listeners. In slave mode, this pin serves as the data clock input. Port E GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. After reset, the default state is SCLK. SPI Slave Select--In master mode, this pin is used to arbitrate multiple masters. In slave mode, this pin is used to select the slave. Port E GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. After reset, the default state is SS.
GPIOB6
Input/ Output
Input
GPIOB5
Input/ Output
Input
GPIOB4
Input/ Output
Input
1
SS
Input
Input
GPIOB7
Input/ Output
Input
MOTOROLA
DSP56F801 Preliminary Technical Data
9
2.7 Serial Communications Interface (SCI) Signals
Table 10. Serial Communications Interface (SCI0) Signals
No. of Pins 1 Signal Name TXD0 GPIOB0 Signal Type Output Input/ Output State During Reset Input Input Signal Description Transmit Data (TXD0)--transmit data output Port B GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. After reset, the default state is SCI output. 1 RXD0 GPIOB1 Input Input/ Output Input Input Receive Data (RXD0)--receive data input Port B GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as an input or output pin. After reset, the default state is SCI input.
2.8 Analog-to-Digital Converter (ADC) Signals
Table 11. Analog to Digital Converter Signals
No. of Pins 4 4 1 Signal Name ANA0-3 ANA4-7 VREF Signal Type Input Input Input State During Reset Input Input Input Signal Description ANA0-3--Analog inputs to ADC channel 1 ANA4-7--Analog inputs to ADC channel 2 VREF--Analog reference voltage for ADC. Must be set to VDDA-0.3V for optimal performance.
2.9 Quad Timer Module Signals
Table 12. Quad Timer Module Signals
No. of Pins 3 Signal Name TD0-2 Signal Type Input/ Output Input/ Output State During Reset Input Signal Description TD0-2--Timer D Channel 0-2
GPIOA0-2
Input
Port A GPIO--This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. After reset, the default state is the quad timer input.
10
DSP56F801 Preliminary Technical Data
MOTOROLA
JTAG/OnCE
2.10 JTAG/OnCE
Table 13. JTAG/On-Chip Emulation (OnCE) Signals
No. of Pins 1 Signal Name TCK Signal Type Input State During Reset Signal Description
Input, pulled Test Clock Input--This input pin provides a gated clock to low internally synchronize the test logic and shift serial data to the JTAG/OnCE port. The pin is connected internally to a pull-down resistor. Input, pulled Test Mode Select Input--This input pin is used to sequence the JTAG high internally TAP controller's state machine. It is sampled on the rising edge of TCK and has an on-chip pull-up resistor. Input, pulled Test Data Input--This input pin provides a serial input data stream to high internally the JTAG/OnCE port. It is sampled on the rising edge of TCK and has an on-chip pull-up resistor. Tri-stated Test Data Output--This tri-statable output pin provides a serial output data stream from the JTAG/OnCE port. It is driven in the Shift-IR and Shift-DR controller states, and changes on the falling edge of TCK.
1
TMS
Input
1
TDI
Input
1
TDO
Output
1
TRST
Input
Input, pulled Test Reset--As an input, a low signal on this pin provides a reset high internally signal to the JTAG TAP controller. To ensure complete hardware reset, TRST should be asserted whenever RESET is asserted. The only exception occurs in a debugging environment when a hardware DSP reset is required and it is necessary not to reset the OnCE/JTAG module. In this case, assert RESET, but do not assert TRST. Output Debug Event--DE provides a low pulse on recognized debug events.
1
DE
Output
MOTOROLA
DSP56F801 Preliminary Technical Data
11
Part 3 Specifications
3.1 General Characteristics
The DSP56F801 is fabricated in high-density CMOS with 5-volt tolerant TTL-compatible digital inputs. The term "5-volt tolerant" refers to the capability of an I/O pin, built on a 3.3V compatible process technology, to withstand a voltage up to 5.5V without damaging the device. Many systems have a mixture of devices designed for 3.3V and 5V power supplies. In such systems, a bus may carry both 3.3V and 5Vcompatible I/O voltage levels (a standard 3.3V I/O is designed to receive a maximum voltage of 3.3V 10% during normal operation without causing damage). This 5V tolerant capability therefore offers the power savings of 3.3V I/O levels while being able to receive 5V levels without being damaged. Absolute maximum ratings given in Table 14 are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent damage to the device. The DSP56F801 DC and AC electrical specifications are preliminary and are from design simulations. These specifications may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized specifications will be published after complete characterization and device qualifications have been completed.
CAUTION
This device contains protective circuitry to guard against damage due to high static voltage or electrical fields. However, normal precautions are advised to avoid application of any voltages higher than maximum rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate voltage level.
Table 14. Absolute Maximum Ratings
Characteristic Supply voltage All other input voltages, excluding Analog inputs Analog inputs ANA0-7 and VREF Analog inputs EXTAL, XTAL Current drain per pin excluding VDD, VSS, & PWM ouputs Current drain per pin for PWM outputs Junction temperature Storage temperature range Symbol VDD VIN VIN VIN I I TJ TSTG Min VSS - 0.3 VSS - 0.3 VSSA- 0.3 VSSA- 0.3 -- -- -- -55 Max VSS + 4.0 VSS + 5.5V VDDA+ 0.3 VSSA+ 3.0 10 20 150 150 Unit V V V V mA mA C C
12
DSP56F801 Preliminary Technical Data
MOTOROLA
DC Electrical Characteristics
Table 15. Recommended Operating Conditions
Characteristic Supply voltage Ambient operating temperature Symbol VDD,VDDA TA Min 3.0 -40 Max 3.6 85 Unit V C
Table 16. Thermal Characteristics 1
48-pin LQFP Characteristic Symbol Thermal resistance junction-to-ambient (estimated) I/O pin power dissipation Power dissipation Maximum allowed PD 1. See Section 5.1 for more detail. JA PI/O PD PDMAX Value 46.8 User Determined PD = (IDD x VDD) + PI/O (TJ - TA) / JA Unit C/W W W C
3.2 DC Electrical Characteristics
Table 17. DC Electrical Characteristics
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fop = 80 MHz
Characteristic Input high voltage (XTAL/EXTAL) Input low voltage (XTAL/EXTAL) Input high voltage Input low voltage Input current low (pullups/pulldowns disabled) Input current high (pullups/pulldowns disabled) Typical Pullup or pulldown resistance Input/output tri-state current low Input/output tri-state current low Output High Voltage (at IOH) Output Low Voltage (at IOL) Output High Current Output Low Current Symbol VIHC VILC VIH VIL IIL IIH RPU, RPD IOZL IOZH VOH VOL IOH IOL Min 2.25 0 2.0 -0.3 -1 -1 -- -10 -10 VDD - 0.7 -- -- -- Typ 2.5 -- -- -- -- -- 30 -- -- -- -- -- -- Max 2.75 0.5 5.5 0.8 1 1 -- 10 10 -- 0.4 -4 4 Unit V V V V A A K A A V V mA mA
MOTOROLA
DSP56F801 Preliminary Technical Data
13
Table 17. DC Electrical Characteristics (Continued)
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fop = 80 MHz
Characteristic Input capacitance Output capacitance PWM pin output source current1 PWM pin output sink current2 VDD supply current Run 4 Wait5 Stop Low Voltage Interrupt6 Power on Reset7 VEI VPOR Symbol CIN COUT IOHP IOLP IDDT3 -- -- -- 2.4 -- 103 72 71 2.7 1.7 138 98 97 2.9 2.0 mA mA mA V V Min -- -- -- -- Typ 8 12 -- -- Max -- -- -10 16 Unit pF pF mA mA
1. PWM pin output source current measured with 50% duty cycle. 2. PWM pin output sink current measured with 50% duty cycle. 3. IDDT = IDD + IDDA (Total supply current for VDD + VDDA) 4. Run (operating) IDD measured using 8MHz clock source. All inputs 0.2V from rail; outputs unloaded. All ports configured as inputs; measured with all modules enabled. 5. Wait IDD measured using external square wave clock source (fosc = 8 MHz) into XTAL; all inputs 0.2V from rail; no DC loads; less than 50 pF on all outputs. CL = 20 pF on EXTAL; all ports configured as inputs; EXTAL capacitance linearly affects wait IDD; measured with PLL enabled. 6. Low voltage interrupt monitors the VDD supply. When VDD drops below VEI value, an interrupt is generated. Functionality of the device is guaranteed under transient conditions when V DDA>VEI. 7. Power-on reset occurs whenever the internally regulated 2.5V digital supply drops below 1.5V typical. While power is ramping up, this signal remains active for as long as the internal 2.5V is below 1.5V typical no matter how long the ramp up rate is. The internally regulated voltage is typically 100 mV less than V DD during ramp up until 2.5V is reached, at which time it self regulates.
14
DSP56F801 Preliminary Technical Data
MOTOROLA
AC Electrical Characteristics
Digital (VDD=3.6V)
Analog (VDDA=3.6V)
Total
180 150 120 90 Idd (mA) 60 30 0
0 20 40 Freq. (MHz) 60 80
Figure 3. Maximum Run IDD vs. Frequency (see Note 4 above)
3.3 AC Electrical Characteristics
Timing waveforms in Section 3.3 are tested with a VIL maximum of 0.8V and a VIH minimum of 2.0V for all pins except XTAL, which is tested using the input levels in Section 3.2. In Figure 4 the levels of VIH and VIL for an input signal are shown.
VIH Input Signal Midpoint1 Fall Time
Note: The midpoint is VIL + (VIH - VIL)/2.
Low
High
90% 50% 10%
VIL
Rise Time
Figure 4. Input Signal Measurement References
Figure 5 shows the definitions of the following signal states: * * * * Active state, when a bus or signal is driven, and enters a low impedance state. Tri-stated, when a bus or signal is placed in a high impedance state. Data Valid state, when a signal level has reached V OL or VOH. Data Invalid state, when a signal level is in transition between VOL and VOH.
MOTOROLA
DSP56F801 Preliminary Technical Data
15
Data1 Valid Data1 Data Invalid State Data Active
Data2 Valid Data2 Data Tri-stated
Data3 Valid Data3
Data Active
Figure 5. Signal States
3.4 Flash Memory Characteristics
Table 18. Flash Memory Truth Table
Mode Standby Read Word Program Page Erase Mass Erase 1. 2. 3. 4. 5. 6. 7. 8. XE1 L H H H H YE2 L H H L L SE3 L H L L L OE4 L H L L L PROG5 L L H L L ERASE6 L L L H H MAS17 L L L L H NVSTR8 L L H H H
X address enable, all rows are disabled when XE = 0 Y address enable, YMUX is disabled when YE = 0 Sense amplifier enable Output enable, tri-state flash data out bus when OE = 0 Defines program cycle Defines erase cycle Defines mass erase cycle, erase whole block Defines non-volatile store cycle
Table 19. IFREN Truth Table
Mode Read Word program Page erase Mass erase IFREN = 1 Read information block Program information block Erase information block Erase both block IFREN = 0 Read main memory block Program main memory block Erase main memory block Erase main memory block
16
DSP56F801 Preliminary Technical Data
MOTOROLA
Flash Memory Characteristics
Table 20. Timing Symbols
Characteristic PROG/ERASE to NVSTR set up time NVSTR hold time NVSTR hold time(mass erase) NVSTR to program set up time Program hold time Address/data set up time Address/data hold time Recovery time Cumulative program HV period Program time Erase time Mass erase time Symbol See Figure(s) Figure 6, Figure 7, Figure 8 Figure 6, Figure 7 Figure 8 Figure 6 Figure 6 Figure 6 Figure 6 Figure 6, Figure 7, Figure 8 Figure 6 Figure 6 Figure 7 Figure 8
Tnvs Tnvh Tnvh1 Tpgs Tpgh Tads Tadh Trcv Thv Tprog Terase Tme
Table 21. Flash Timing Parameters
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF
Characteristic Program time Erase time Mass erase time Endurance1 Data Retention1 @ 5000 cycles PROG/ERASE to NVSTR set up time Symbol Min 20 20 100 10,000 10 - Typ - - - 20,000 30 5 Max - - - - - - Unit us ms ms cycles years us
Tprog Terase Tme
ECYC DRET
Tnvs
The following parameters should only be used in the Manual Word Programming Mode NVSTR hold time NVSTR hold time (mass erase) NVSTR to program set up time
Tnvh Tnvh1 Tpgs
- - -
5 100 10
- - -
us us us
MOTOROLA
DSP56F801 Preliminary Technical Data
17
Table 21. Flash Timing Parameters (Continued)
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF
Characteristic Recovery time Cumulative program HV period2 Symbol Min - - Typ 1 3 Max - - Unit us ms
Trcv Thv
1. Program specification guaranteed from TA = 0 C to 85 C. 2. Thv is the cumulative high voltage programming time to the same row before next erase. The same address cannot be programmed twice before next erase.
IFREN
XADR
XE Tadh YADR
YE
DIN Tads PROG Tnvs NVSTR Tpgs Thv Tnvh Trcv Tprog Tpgh
Figure 6. Flash Program Cycle
18
DSP56F801 Preliminary Technical Data
MOTOROLA
Flash Memory Characteristics
IFREN
XADR
XE
YE=SE=OE=MAS1=0
ERASE Tnvs NVSTR Tnvh Terase Trcv
Figure 7. Flash Erase Cycle
IFREN
XADR
XE
MAS1
YE=SE=OE=0
ERASE Tnvs NVSTR Tnvh1 Tme Trcv
Figure 8. Flash Mass Erase Cycle
MOTOROLA
DSP56F801 Preliminary Technical Data
19
3.5 External Clock Operation
The DSP56F801 device clock is derived from either 1) an internal crystal oscillator circuit working in conjunction with an external crystal, 2) an external frequency source, or 3) an on-chip relaxation oscillator. To generate a reference frequency using the internal crystal oscillator circuit, a reference crystal external to the chip must be connected between the EXTAL and XTAL pins. Paragrahs 3.5.1 and 3.5.4 describe these methods of clocking. Whichever type of clock derivation is used provides a reference signal to a phaselocked loop (PLL) within the DSP56F801. In turn, the PLL generates a master reference frequency that determines the speed at which chip operations occur. Application code can be set to change the frequency source between the relaxation oscillator and crystal oscillator or external source, and power down the relaxation oscillator if desired. Selection of which clock is used is determined by setting the PRECS bit in the PLLCR (phase-locked loop control register) word (bit 2). If the bit is set to 1, the external crystal oscillator circuit is selected. If the bit is set to 0, the internal relaxation oscillator is selected, and this is the default value of the bit when power is first applied.
3.5.1
Crystal Oscillator
The internal crystal oscillator circuit is designed to interface with a parallel-resonant crystal resonator in the frequency range specified for the external crystal, which is 4-8+ MHz. Figure 9 shows a typical crystal oscillator circuit. Follow the crystal supplier's recommendations when selecting a crystal, since crystal parameters determine the component values required to provide maximum stability and reliable start-up. The crystal and associated components should be mounted as close as possible to the EXTAL and XTAL pins to minimize output distortion and start-up stabilization time.
Sample External Crystal Parameters: Rz = 10 M fc = 4-8 MHz (optimized for 8 MHz)
EXTAL XTAL Rz
fc
Figure 9. External Crystal Oscillator Circuit
3.5.2
Ceramic Resonator
It is also possible to drive the internal oscillator with a ceramic resonator, assuming the overall system design can tolerate the reduced signal integrity. In Figure 10, a typical ceramic resonator circuit is shown. Refer to supplier's recommendations when selecting a ceramic resonator and associated components. The resonator and components should be mounted as close as possible to the EXTAL and XTAL pins.
Sample Ceramic Resonator Parameters Rz = 10 M fc = 4-8 MHz (optimized for 8 MHz)
EXTAL XTAL Rz
fc
Figure 10. Connecting a Ceramic Resonator
20 DSP56F801 Preliminary Technical Data MOTOROLA
External Clock Operation
3.5.3
External Clock Source
The recommended method of connecting an external clock is given in Figure 11. The external clock source is connected to XTAL and the EXTAL pin is grounded.
DSP56F801 XTAL EXTAL External Clock VSS
Figure 11. Connecting an External Clock Signal Table 22. External Clock Operation Timing Requirements5
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C
Characteristic Frequency of operation (external clock driver)1 Clock Pulse Width2, 5 External clock input rise time3, 5 External clock input fall time4, 5 1. 2. 3. 4. 5. Symbol fosc tPW trise tfall Min 0 6.25 -- -- Typ 8 -- -- -- Max 110 -- 3 3 Unit MHz ns ns ns
See Figure 11 for details on using the recommended connection of an external clock driver. The high or low pulse width must be no smaller than 6.25 ns or the chip will not function. External clock input rise time is measured from 10% to 90%. External clock input fall time is measured from 90% to 10%. Parameters listed are guaranteed by design.
VIH
External Clock
90% 50% 10%
90% 50% 10%
tPW
tPW
tfall trise
VIL
Note: The midpoint is VIL + (VIH - VIL)/2.
Figure 12. External Clock Timing
MOTOROLA
DSP56F801 Preliminary Technical Data
21
3.5.4
Use of On-Chip Relaxation Oscillator
Table 23. PLL Timing
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C
Characteristic External reference crystal frequency for the PLL1 PLL output frequency2 (Fout/2) PLL stabilization time 3 0o to +85oC PLL stabilization time3 -40o to 0oC Symbol fosc fop tplls tplls Min 6 40 -- -- Typ 8 -- 10 100 Max 10 80 -- 200 Unit MHz MHz ms ms
1. An externally supplied reference clock should be as free as possible from any phase jitter for the PLL to work correctly. The PLL is optimized for 8 MHz input crystal. 2. ZCLK may not exceed 80 MHz. For additional information on ZCLK and Fout/2, please refer to the OCCS chapter in the User Manual. 3. This is the minimum time required after the PLL setup is changed to ensure reliable operation.
An internal relaxation oscillator can supply the reference frequency when an external frequency source or crystal are not used. During a DSP56F801 boot or reset sequence, the relaxation oscillator is enabled by default, and the PRECS bit in the PLLCR word is set to 0 (Section 3.5). If an external oscillator is connected, the relaxation oscillator can be deselected instead by setting the PRECS bit in the PLLCR to 1. When this occurs, the PRECSS bit in the PLLSR (prescaler clock select status register) data word also sets to 1. If a changeover between internal and external oscillators is required at startup, internal device circuits compensate for any asynchronous transitions between the two clock signals so that no glitches occur in the resulting master clock to the chip. When changing clocks, the user must ensure that the clock source is not switched until the desired clock is enabled and stable. To compensate for variances in the device manufacturing process, the accuracy of the relaxation oscillator can be incrementally adjusted to within 0.25% of 8 MHz by trimming an internal capacitor. Bits 0-7 of the IOSCTL (internal oscillator control) word allow the user to set in an additional offset (trim) to this preset value to increase or decrease capacitance. The default value of this trim is 128 units, making the power-up default capacitor size 432 units. Each unit added or deleted changes the output frequency by about 0.23%, allowing incremental adjustment until the desired frequency accuracy is achieved.
Table 24. Relaxation Oscillator Characteristics
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C
Characteristic Frequency Accuracy1 Frequency Drift over Temp Frequency Drift over Supply Trim Range Trim Accuracy 1. Over full temperature range. Symbol f fT f/t f/t fT Min -- 7 -- -- -- Typ +2 8 +0.1 0.1 +0.25 Max +5 9 -- -- -- Unit % MHz %/oC %/V %
22
DSP56F801 Preliminary Technical Data
MOTOROLA
External Clock Operation
8.2
8.1
Output Frequency
8.0
7.9
7.8
7.7
7.6
-40
-25
-5
15
35
55
75
85
Temperature (oC)
Figure 13. Typical Relaxation Oscillator Frequency vs. Temperature (Trimmed to 8MHz @ 25oC)
11
10
9
8
7
6
5 0 10 20 30 40 50 60 70 80 90 A0 B0 C0 D0 E0 F0
Figure 14. Typical Relaxation Oscillator Frequency vs. Trim Value @ 25oC
MOTOROLA
DSP56F801 Preliminary Technical Data
23
3.6 Reset, Stop, Wait, Mode Select, and Interrupt Timing
Table 25. Reset, Stop, Wait, Mode Select, and Interrupt Timing1, 5
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF
Characteristic RESET Assertion to Address, Data and Control Signals High Impedance Minimum RESET Assertion Duration2 OMR Bit 6 = 0 OMR Bit 6 = 1 RESET De-assertion to First External Address Output Edge-sensitive Interrupt Request Width IRQA, IRQB Assertion to External Data Memory Access Out Valid, caused by first instruction execution in the interrupt service routine IRQA, IRQB Assertion to General Purpose Output Valid, caused by first instruction execution in the interrupt service routine IRQA Low to First Valid Interrupt Vector Address Out recovery from Wait State3 IRQA Width Assertion to Recover from Stop State4 Delay from IRQA Assertion to Fetch of first instruction (exiting Stop) OMR Bit 6 = 0 OMR Bit 6 = 1 Duration for Level Sensitive IRQA Assertion to Cause the Fetch of First IRQA Interrupt Instruction (exiting Stop) OMR Bit 6 = 0 OMR Bit 6 = 1 Delay from Level Sensitive IRQA Assertion to First Interrupt Vector Address Out Valid (exiting Stop) OMR Bit 6 = 0 OMR Bit 6 = 1 1. 2. Symbol tRAZ tRA 275,000T 128T tRDA tIRW tIDM 33T -- -- 34T ns ns ns Figure 15 Typical Min -- Typical Max 21 Unit ns See Figure 15
Figure 15
1.5T --
-- 15T
ns ns
Figure 16 Figure 17
tIG
--
16T
ns
Figure 17
tIRI
--
13T
ns
Figure 18
tIW tIF
--
2T
ns
Figure 19 Figure 19
-- -- tIRQ
275,000T 12T
ns ns Figure 20
-- -- tII -- --
275,000T 12T
ns ns Figure 20
275,000T 12T
ns ns
In the formulas, T = clock cycle. For an operating frequency of 80 MHz, T = 12.5 ns. Circuit stabilization delay is required during reset when using an external clock or crystal oscillator in two cases: * After power-on reset * When recovering from Stop state 3. The minimum is specified for the duration of an edge-sensitive IRQA interrupt required to recover from the Stop state. This is not the minimum required so that the IRQA interrupt is accepted. 4. The interrupt instruction fetch is visible on the pins only in Mode 3. 5. Parameters listed are guaranteed by design.
24
DSP56F801 Preliminary Technical Data
MOTOROLA
Reset, Stop, Wait, Mode Select, and Interrupt Timing
RESET tRAZ tRA tRDA
A0-A15, D0-D15 PS, DS, RD, WR
First Fetch
First Fetch
Figure 15. Asynchronous Reset Timing
IRQA, IRQB
tIRW
Figure 16. External Interrupt Timing (Negative-Edge-Sensitive)
A0-A15,
PS, DS, RD, WR tIDM IRQA, IRQB
First Interrupt Instruction Execution
a) First Interrupt Instruction Execution
General Purpose I/O Pin
tIG IRQA, IRQB
b) General Purpose I/O
Figure 17. External Level-Sensitive Interrupt Timing
MOTOROLA
DSP56F801 Preliminary Technical Data
25
IRQA, IRQB
tIRI
A0-A15, PS, DS, RD, WR
First Interrupt Vector Instruction Fetch
Figure 18. Interrupt from Wait State Timing
tIW
IRQA
tIF
A0-A15, PS, DS, RD, WR
First Instruction Fetch Not IRQA Interrupt Vector
Figure 19. Recovery from Stop State Using Asynchronous Interrupt Timing
tIRQ
IRQA
tII
A0-A15 PS, DS, RD, WR
First IRQA Interrupt Instruction Fetch
Figure 20. Recovery from Stop State Using IRQA Interrupt Service
26
DSP56F801 Preliminary Technical Data
MOTOROLA
Serial Peripheral Interface (SPI) Timing
3.7 Serial Peripheral Interface (SPI) Timing
Table 26. SPI Timing1
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fOP = 80MHz
Characteristic Cycle time Master Slave Enable lead time Master Slave Enable lag time Master Slave Clock (SCK) high time Master Slave Clock (SCK) low time Master Slave Data setup time required for inputs Master Slave Data hold time required for inputs Master Slave Access time (time to data active from highimpedance state) Slave Disable time (hold time to high-impedance state) Slave Data Valid for outputs Master Slave (after enable edge) Data invalid Master Slave Rise time Master Slave Fall time Master Slave Symbol tC 50 25 tELD -- 25 tELG -- 100 tCH 17.6 12.5 tCL 24.1 25 tDS 20 0 tDH 0 2 tA 4.8 15 ns -- -- ns ns -- -- ns ns -- -- ns ns -- -- ns ns -- -- ns ns Figures 21, 22, 23, 24 -- -- ns ns Figure 24 -- -- ns ns Min Max Unit See Figure Figures 21, 22, 23, 24
Figure 24
Figures 21, 22, 23, 24
Figures 21, 22, 23, 24
Figures 21, 22, 23, 24
Figure 24
tD 3.7 tDV -- -- tDI 0 0 tR -- -- tF -- -- 9.7 9.0 ns ns 11.5 10.0 ns ns -- -- ns ns 4.5 20.4 ns ns 15.2 ns
Figure 24
Figures 21, 22, 23, 24
Figures 21, 22, 23, 24
Figures 21, 22, 23, 24
Figures 21, 22, 23, 24
1. Parameters
listed are guaranteed by design.
MOTOROLA
DSP56F801 Preliminary Technical Data
27
SS
(Input)
SS is held High on master
tC tR tCL tCH tCL tF tR tF
SCLK (CPOL = 0) (Output)
SCLK (CPOL = 1) (Output)
tDS
tDH
tCH
MISO (Input)
MSB in
tDI
Bits 14-1
tDV
LSB in
tDI(ref)
MOSI (Output)
Master MSB out
tF
Bits 14-1
Master LSB out
tR
Figure 21. SPI Master Timing (CPHA = 0)
SS
(Input)
tC
SS is held High on master
tF tR tCL tCH tCL tF
SCLK (CPOL = 0) (Output)
SCLK (CPOL = 1) (Output)
tCH tR tDS tDH
MISO (Input)
tDV(ref)
MSB in
tDI
Bits 14-1
tDV
LSB in
MOSI (Output)
Master MSB out
tF
Bits 14- 1
Master LSB out
tR
Figure 22. SPI Master Timing (CPHA = 1)
28 DSP56F801 Preliminary Technical Data MOTOROLA
Serial Peripheral Interface (SPI) Timing
SS
(Input)
tC tCL tR
tF
tELG
SCLK (CPOL = 0) (Input)
tELD
tCH tCL
SCLK (CPOL = 1) (Input)
tA tCH tR tF tD
MISO (Output)
tDS
Slave MSB out
tDH
Bits 14-1
tDV
Slave LSB out
tDI tDI
MOSI (Input)
MSB in
Bits 14-1
LSB in
Figure 23. SPI Slave Timing (CPHA = 0)
SS
(Input)
tC tCL tR tCH tELD
tF
SCLK (CPOL = 0) (Input)
tELG tCL
SCLK (CPOL = 1) (Input)
tDV tA
tCH
tR tF
tD
MISO (Output)
tDS
Slave MSB out
tDH
Bits 14-1
tDV
Slave LSB out
tDI
MOSI (Input)
MSB in
Bits 14-1
LSB in
Figure 24. SPI Slave Timing (CPHA = 1)
MOTOROLA
DSP56F801 Preliminary Technical Data
29
3.8 Quad Timer Timing
Table 27. Timer Timing1, 2
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fOP = 80 MHz
Characteristic Timer input period Timer input high/low period Timer output period Timer output high/low period 1. 2. Symbol PIN PINHL POUT POUTHL Typical Min 4T+6 2T+3 2T 1T Typical Max -- -- -- -- Unit ns ns ns ns
In the formulas listed, T = clock cycle. For 80 MHz operation, T = 12.5 ns. Parameters listed are guaranteed by design.
Timer Inputs
PIN PINHL PINHL
Timer Outputs
POUT POUTHL POUTHL
Figure 25. Timer Timing
3.9 Serial Communication Interface (SCI) Timing
Table 28. SCI Timing
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fOP = 80 MHz
Characteristic Baud Rate1 RXD2 Pulse Width TXD3 Pulse Width 1. 2. 3. 4. Symbol BR RXDPW TXDPW Min Max (fMAX*2.5)/(80) 1.04/BR 1.04/BR Unit Mbps ns ns
--
0.965/BR 0.965/BR
fMAX is the frequency of operation of the system clock in MHz. The RXD pin in SCI0 is named RXD0 and the RXD pin in SCI1 is named RXD1. The TXD pin in SCI0 is named TXD0 and the TXD pin in SCI1 is named TXD1. Parameters listed are guaranteed by design.
30
DSP56F801 Preliminary Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC) Characteristics
RXD SCI receive data pin (Input)
RXDPW
Figure 26. RXD Pulse Width
TXD SCI receive data pin (Input)
TXDPW
Figure 27. TXD Pulse Width
3.10 Analog-to-Digital Converter (ADC) Characteristics
Table 29. ADC Characteristics
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, VREF = VDD-0.3V, ADCDIV = 4, 9, or 14,
ADC clock = 4MHz, 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fOP = 80 MHz Characteristic Input voltages Resolution Integral Non-Linearity2 Differential Non-Linearity Monotonicity ADC internal clock Conversion range Conversion time Sample time Input capacitance Gain Error (transfer gain) Offset Voltage Total Harmonic Distortion Signal-to-Noise plus Distortion Effective Number of Bits Spurious Free Dynamic Range fADIC RAD tADC tADS CADI EGAIN VOFFSET THD SINAD ENOB SFDR 0.5 VSSA -- -- -- 1.00 +10 55 54 8.5 60 Symbol VADIN RES INL DNL Min 0 12 -- -- Typ -- -- +/- 4 +/- 0.9 GUARANTEED -- -- 6 1 5 1.10 +230 60 56 9.5 65 5 VDDA -- -- -- 1.15 +325 -- -- -- -- MHz V tAIC cycles4 tAIC cycles4 pF4 -- mV dB dB bit dB Max VDDA1 12 +/- 5 +/- 1 Unit V Bits LSB3 LSB3
MOTOROLA
DSP56F801 Preliminary Technical Data
31
Table 29. ADC Characteristics (Continued)
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, VREF = VDD-0.3V, ADCDIV = 4, 9, or 14,
ADC clock = 4MHz, 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fOP = 80 MHz Characteristic Bandwidth ADC Quiescent Current (both ADCs) VREF Quiescent Current (both ADCs) Symbol BW IADC IVREF Min -- -- -- Typ 100 39.3 11.85 Max -- -- 14.5 Unit KHz mA mA
1. VDDA should be tied to the same potential as VDD via separate traces. VREF must be equal to or less than VDD and must be greater than or equal to 2.7V.
2.
3.
Measured in 10-90% range.
LSB = Least Significant Bit.
ADC analog input
3
1
2
4
Figure 28. Equivalent Analog Input Circuit
1. 2. 3. Parasitic capacitance due to package, pin to pin, and pin to package base coupling. 1.8pf Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. 2.04pf Equivalent resistance for the ESD isolation resistor and the channel select mux. 500 ohms
Sampling capacitor at the sample and hold circuit. Capacitor 4 is normally disconnected from the input and is only connected to it at sampling time. 1pf
32
DSP56F801 Preliminary Technical Data
MOTOROLA
JTAG Timing
3.11 JTAG Timing
Table 30. JTAG Timing 1, 3
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0-3.6 V, TA = -40 to +85C, CL 50 pF, fOP = 80 MHz
Characteristic TCK frequency of operation2 TCK cycle time TCK clock pulse width TMS, TDI data setup time TMS, TDI data hold time TCK low to TDO data valid TCK low to TDO tri-state TRST assertion time DE assertion time Symbol fOP tCY tPW tDS tDH tDV tTS tTRST tDE Min DC 100 50 0.4 1.2 -- -- 50 8T Max 10 -- -- -- -- 26.6 23.5 -- -- Unit MHz ns ns ns ns ns ns ns ns
1. Timing is both wait state and frequency dependent. For the values listed, T = clock cycle. For 80 MHz operation, T = 12.5 ns. 2. TCK frequency of operation must be less than 1/8 the processor rate. 3. Parameters listed are guaranteed by design. tCY tPW
VIH
tPW
VM
TCK (Input) VM = VIL + (VIH - VIL)/2
VM VIL
Figure 29. Test Clock Input Timing Diagram
MOTOROLA
DSP56F801 Preliminary Technical Data
33
TCK (Input) TDI TMS (Input) TDO (Output)
tTS
tDS
tDH
Input Data Valid
tDV
Output Data Valid
TDO (Output)
tDV
TDO (Output)
Output Data Valid
Figure 30. Test Access Port Timing Diagram
TRST
(Input)
tTRST
Figure 31. TRST Timing Diagram
DE tDE
Figure 32. OnCE--Debug Event
34
DSP56F801 Preliminary Technical Data
MOTOROLA
Package and Pin-Out Information DSP56F801
Part 4 Packaging
4.1 Package and Pin-Out Information DSP56F801
This section contains package and pin-out information for the 48-pin LQFP configuration of the DSP56F801.
VCAPC1
PWMA5
PWMA4
PWMA3
PWMA2
PWMA1
PWMA0
ANA7
ANA6
TDO TD1 TD2 /SS MISO MOSI SCLK TXDO VSS VDD RXD0 DE
ORIENTATION MARK
37
ANA5
VDD
VSS
ANA4 ANA3 VREF
PIN 1
Motorola DSP56F801
25 13
ANA2 ANA1 ANA0 FAULTA0 VSS VDD VSSA VDDA RESET
VCAPC2
EXTAL
IREQA
Figure 33. Top View, DSP56F801 48-pin LQFP Package
MOTOROLA
DSP56F801 Preliminary Technical Data
TRST
XTAL
VDD
TMS
TDO
VSS
TCS
TCK
TDI
35
Table 31. DSP56F801 Pin Identification by Pin Number
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Signal Name TD0 TD1 TD2 SS MISO MOSI SCLK TXD0 VSS VDD RXD0 DE Pin No. 13 14 15 16 17 18 19 20 21 22 23 24 Signal Name TCS TCK TMS IREQA TDI VCAPC2 VSS VDD EXTAL XTAL TDO TRST Pin No. 25 26 27 28 29 30 31 32 33 34 35 36 Signal Name RESET VDDA VSSA VDD VSS FAULTA0 ANA0 ANA1 ANA2 VREF ANA3 ANA4 Pin No. 37 38 39 40 41 42 43 44 45 46 47 48 Signal Name ANA5 ANA6 ANA7 PWMA0 VCAPC1 VDD VSS PWMA1 PWMA2 PWMA3 PWMA4 PWMA5
36
DSP56F801 Preliminary Technical Data
MOTOROLA
Package and Pin-Out Information DSP56F801
4X
0.200 AB T-U Z 9 A1
48 37
A
DETAIL Y
P
1
36
T B B1
12 25
U V AE V1 AE
13
24
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE AB IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE. 4. DATUMS T, U, AND Z TO BE DETERMINED AT DATUM PLANE AB. 5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE AC. 6. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.250 PER SIDE. DIMENSIONS A AND B DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE AB. 7. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE D DIMENSION TO EXCEED 0.350. 8. MINIMUM SOLDER PLATE THICKNESS SHALL BE 0.0076. MILLIMETERS MIN MAX 7.000 BSC 3.500 BSC 7.000 BSC 3.500 BSC 1.400 1.600 0.170 0.270 1.350 1.450 0.170 0.230 0.500 BSC 0.050 0.150 0.090 0.200 0.500 0.700 0 7 12 REF 0.090 0.160 0.250 BSC 0.150 0.250 9.000 BSC 4.500 BSC 9.000 BSC 4.500 BSC 0.200 REF 1.000 REF GAUGE PLANE
Z S1 S
4X
T, U, Z DETAIL Y
0.200 AC T-U Z
AB
G
0.080 AC
AC
BASE METAL
AD M
TOP & BOTTOM
DIM A A1 B B1 C D E F G H J K L M N P R S S1 V V1 W AA
R 0.250
N
J C E
F D 0.080
M
AC T-U Z H W DETAIL AD AA K L
SECTION AE-AE
CASE 932-03 ISSUE F
Figure 34. 48-pin LQFP Mechanical Information
MOTOROLA
DSP56F801 Preliminary Technical Data
37
Part 5 Design Considerations
5.1 Thermal Design Considerations
An estimation of the chip junction temperature, TJ, in C can be obtained from the equation:
Equation 1: Where:
TJ = T A + ( P D x R JA )
TA = ambient temperature C RJA = package junction-to-ambient thermal resistance C/W PD = power dissipation in package Historically, thermal resistance has been expressed as the sum of a junction-to-case thermal resistance and a case-to-ambient thermal resistance:
Equation 2: Where:
RJA = RJC + R CA
RJA = package junction-to-ambient thermal resistance C/W RJC = package junction-to-case thermal resistance C/W RCA = package case-to-ambient thermal resistance C/W RJC is device-related and cannot be influenced by the user. The user controls the thermal environment to change the case-to-ambient thermal resistance, RCA. For example, the user can change the air flow around the device, add a heat sink, change the mounting arrangement on the Printed Circuit Board (PCB), or otherwise change the thermal dissipation capability of the area surrounding the device on the PCB. This model is most useful for ceramic packages with heat sinks; some 90% of the heat flow is dissipated through the case to the heat sink and out to the ambient environment. For ceramic packages, in situations where the heat flow is split between a path to the case and an alternate path through the PCB, analysis of the device thermal performance may need the additional modeling capability of a system level thermal simulation tool. The thermal performance of plastic packages is more dependent on the temperature of the PCB to which the package is mounted. Again, if the estimations obtained from RJA do not satisfactorily answer whether the thermal performance is adequate, a system level model may be appropriate. Definitions: A complicating factor is the existence of three common definitions for determining the junction-to-case thermal resistance in plastic packages: * Measure the thermal resistance from the junction to the outside surface of the package (case) closest to the chip mounting area when that surface has a proper heat sink. This is done to minimize temperature variation across the surface. Measure the thermal resistance from the junction to where the leads are attached to the case. This definition is approximately equal to a junction to board thermal resistance.
*
38
DSP56F801 Preliminary Technical Data
MOTOROLA
Electrical Design Considerations
*
Use the value obtained by the equation (TJ - TT)/PD where TT is the temperature of the package case determined by a thermocouple.
The junction-to-case thermal resistances quoted in this data sheet are determined using the first definition on page 45. From a practical standpoint, that value is also suitable for determining the junction temperature from a case thermocouple reading in forced convection environments. In natural convection, using the junction-to-case thermal resistance to estimate junction temperature from a thermocouple reading on the case of the package will estimate a junction temperature slightly hotter than actual. Hence, the new thermal metric, Thermal Characterization Parameter, or JT, has been defined to be (TJ - TT)/PD. This value gives a better estimate of the junction temperature in natural convection when using the surface temperature of the package. Remember that surface temperature readings of packages are subject to significant errors caused by inadequate attachment of the sensor to the surface and to errors caused by heat loss to the sensor. The recommended technique is to attach a 40-gauge thermocouple wire and bead to the top center of the package with thermally conductive epoxy.
5.2 Electrical Design Considerations
CAUTION
This device contains protective circuitry to guard against damage due to high static voltage or electrical fields. However, normal precautions are advised to avoid application of any voltages higher than maximum rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate voltage level. Use the following list of considerations to assure correct DSP operation: * * Provide a low-impedance path from the board power supply to each VDD pin on the DSP, and from the board ground to each VSS (GND) pin. The minimum bypass requirement is to place six 0.01-0.1 F capacitors positioned as close as possible to the package supply pins. The recommended bypass configuration is to place one bypass capacitor on each of the ten VDD/VSS pairs, including VDDA/VSSA. The VCAP capacitors must be 150 milliohm or less ESR capacitors. Ensure that capacitor leads and associated printed circuit traces that connect to the chip VDD and VSS (GND) pins are less than 0.5 inch per capacitor lead. Use at least a four-layer Printed Circuit Board (PCB) with two inner layers for VDD and VSS. Bypass the VDD and VSS layers of the PCB with approximately 100 F, preferably with a highgrade capacitor such as a tantalum capacitor. Because the DSP output signals have fast rise and fall times, PCB trace lengths should be minimal. Consider all device loads as well as parasitic capacitance due to PCB traces when calculating capacitance. This is especially critical in systems with higher capacitive loads that could create higher transient currents in the VDD and GND circuits.
* * * * *
MOTOROLA
DSP56F801 Preliminary Technical Data
39
* *
Take special care to minimize noise levels on the VREF, VDDA and VSSA pins. Designs that utilize the TRST pin for JTAG port or OnCE module functionality (such as development or debugging systems) should allow a means to assert TRST whenever RESET is asserted, as well as a means to assert TRST independently of RESET. Designs that do not require debugging functionality, such as consumer products, should tie these pins together. Because the Flash memory is programmed through the JTAG/OnCE port, designers should provide an interface to this port to allow in-circuit Flash programming.
*
Part 6 Ordering Information
Table 32 lists the pertinent information needed to place an order. Consult a Motorola Semiconductor sales office or authorized distributor to determine availability and to order parts.
Table 32. DSP56F801 Ordering Information
Part DSP56F801 Supply Voltage 3.0-3.6 V Package Type Low Profile Plastic Quad Flat Pack (LQFP) Pin Count 48 Frequency (MHz) 80 Order Number DSP56F801FA80
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and the Stylized M Logo are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MOTOROLA and the Stylized M Logo are registered in the US Patent & Trademark Office. All other product or service names are the property of their respective owners. (c) Motorola, Inc. 2002. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3-20-1, Minami-Azabu. Minato-ku, Tokyo 106-8573 Japan. 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. 852-26668334 Technical Information Center: 1-800-521-6274 HOME PAGE: http://www.motorola.com/semiconductors/
DSP56F801/D


▲Up To Search▲   

 
Price & Availability of DSP56F801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X