Part Number Hot Search : 
2409S ES2DA SGM8631 MJE1300 B4060 D2061 GL480 78S06
Product Description
Full Text Search
 

To Download DLSR106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DLSR106 THRU DLSR1010
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
MELF
Cathode Mark
Schottky Barrier Rectifier Low Forward Voltage Low Power Loss For High Efficiency High Current Capability
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 30 C/W Junction To Lead Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 60V 80V 100V Maximum RMS Voltage Maximum DC Blocking Voltage 60V 80V 100V
DIM A B C INCHES MIN .190 --.095
C
B
A
DLSR106 DLSR108 DLSR1010
-------
42V 56V 70V
DIMENSIONS MM MIN 4.80 --2.40
MAX .205 .022 .105
MAX 5.20 .55 2.67
NOTE Nominal
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.0A TA = 75C Current Peak Forward Surge IFSM 30A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage .70V IFM = 1.0A; DLSR106 VF .80V DLSR108 TJ = 25C* DLSR1010 .85V Maximum DC 0.5mA TJ = 25C Reverse Current At IR 10mA Rated DC Blocking TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 2% SUGGESTED SOLDER PAD LAYOUT
.220"
.115"
.035"
www.mccsemi.com
DLSR106 thru DLSR1010
Figure 1 Typical Forward Characteristics 20 10 6 4 DLSR106 2 Amps 1 .6 .4 DLSR108-DLSR1010 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .25 Amps .50 1.0 1.25 1.50 Figure 2 Forward Derating Curve
MCC
.75
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C 125 150 175
Average Forward Rectified Current - Amperes/ersus Ambient Temperature -oC
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
DLSR106 thru DLSR1010
Figure 4 Typical Reverse Characteristics 10 6 4 2 1 .6 .4 .2 .1 MilliAmps T =75C .06 J .04 .02 .01 .006 .004 .002 .001 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=25C TJ=125C 5 0 1 4 6 Amps 30 25 20 15 10
MCC
Figure 5 Peak Forward Surge Current
2
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DLSR106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X