Part Number Hot Search : 
BP5039 BD612 ZS270 100HS 104ML R05250 A7850 MSAU303
Product Description
Full Text Search
 

To Download D44H8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D44H8 D44H11
NPN SILICON POWER TRANSISTORS
s s
s
SGS-THOMSON PREFERRED SALESTYPES LOW COLLECTOR-EMITTER SATURATION VOLTAGE FAST SWITCHING SPEED
APPLICATIONS s GENERAL PURPOSE SWITCHING s GENERAL PURPOSE AMPLIFIER DESCRIPTION The D44H8, and D44H11 are silicon multiepitaxial planar NPN transistors mounted in Jedec TO-220 plastic package. They are inteded for various switching and general purpose applications. D44H8, D44H11 are complementary with D45H8, D45H11.
1 2 3
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEO V EBO IC I CM P t ot T stg Tj Parameter D44H8 Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Total Dissipation at T c 25 C Storage Temperature Max. O perating Junction Temperature
o
Value D44H11 80 5 10 20 50 -65 to 150 150 60
Uni t V V A A W
o o
C C
June 1997
1/5
D44H8/D44H11
THERMAL DATA
R t hj-ca se Thermal Resistance Junction-case Max 2.5
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CBO I EBO Parameter Collector Cut-off Current (IE = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s V CB = rated V CEO V EB = 5V I C = 100 mA for D44H8 for D44H11 IC = 8 A IC = 8 A IC = 2 A IC = 4 A I B = 0.4 A I B = 0.8 A V CE = 1 V V CE = 1 V 60 40 Min. Typ . Max. 10 100 Un it A A
V CEO(sus ) Collector-Emitter Sustaining Voltage V CE(sat ) V BE(s at) h FE Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current G ain
60 80 1 1.5
V V V V
Pulsed: Pulse duration = 300 s, duty cycle 2 %
Safe Operating Area
Derating Curves
2/5
D44H8/D44H11
DC Current Gain DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
3/5
D44H8/D44H11
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
4/5
H2
P011C
D44H8/D44H11
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
5/5


▲Up To Search▲   

 
Price & Availability of D44H8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X