Part Number Hot Search : 
UA2311 AOD452AL PE9207 2N2904L 54854A GOB96024 TDA9103 C1210
Product Description
Full Text Search
 

To Download COM7805T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COM7805T COM7812T
COM7815T
(COTS) COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PA C KThree Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic JEDEC TO-257AA Package
FEATURES
* * * * * * Isolated Hermetic Package, JEDEC TO-257AA Outline Output Voltages: 5V, 12V, 15V Output Voltages Set Internally 2% Built-In Thermal Overload Protection Short Circuit Current Limiting Standard Off-The-Shelf
DESCRIPTION
These three terminal positive regulators are supplied in a herme i a l s a e tcly eld metal package whose outline is similar to the industry standard TO-220 plastic package. All poetv faue aedsge it tecruticuigtemlsudw,cretlmtn rtcie etrs r eind no h ici nldn hra hton urn iiig and safe-area control. Wi h h a s n i g t e c n d l v r o e 1 5 a p o o t u c r e t t et ikn, hy a eie vr . ms f upt urn. These units feature internally trimmed output voltages to +/- 2% of nominal voltage. Standard voltages are 5V, 12V, and 15V. However, o h r v l a e a e a a l b e u t 2 te otgs r vial p o 4 vls Tee uis ae iely sie fr Mltr apiain wee a hreial sae ot. hs nt r dal utd o iiay plctos hr emtcly eld package is required.
ABSOLUTE MAXIMUM RATINGS @
25C
Input Voltage.................................................................. 35 V Operating Junction Temperature Range .......................... - 55C to + 150C Storage Temperature Range ..................................... - 65C to + 150C Typical Power/Thermal Characteristics: Rated Power @ 25 C TC .............................................. 17.5W TA ................................................. 3 W Thermal Resistance qJC ........................................... 4.2C/W qJA ............................................ 42C/W
33 .
33 - 1 .
COM7800T Series
ELECTRICAL CHARACTERISTICS
Parameter Output Voltage Symbol VO U T V RLINE
5 Vot l
V IN = 1 V Io = 500mA, -55C 0,
TA Min. 49 .
125C (unless otherwise specified) Max. 51 . 52 . 5 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C V IN = 7.5V to 20V
* *
48 .
Line Regulation (Note 1)
V IN = 7.5V to 20V V IN = 8.0V to 12V
12 4
*
Load Regulation (Note 1) I = 250mA to 750 mA O V RLOAD I = 5mA to 1.5 Amp O
10 12
* *
25 6 15 6
Standby Current Drain
I CD S DI C D S (ie Ln) DI C D S (Load) VD O I (pk) O IS D DV IN DV O U T NO DV O U T Dt TA = 25C, DV O U T = 100mV, IO = 1.0A TA = 25C V IN = 35V 15 . I = 5mA to 1000mA O V I = 7.5V to 20V N
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current SotCrutCret hr ici urn (Note 2) Ripple Rejection
* * *
65 . 08 .
05 .
mA
25 . 33 . 12 .
V A A A dB dB
*
f = 2 H , DV IN = 10V 10 z (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 66
28 .
*
60 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
75
mV
ELECTRICAL CHARACTERISTICS
Parameter Output Voltage Symbol VO U T V RLINE
12 Vot l
V IN = 1 V Io = 500mA, -55C 9,
TA Min. 11.76
125C (unless otherwise specified) Max. 12.24 12.4 18 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C V IN = 14.5V to 27V
* *
1. 16
Line Regulation (Note 1)
V IN = 14.5V to 27V V IN = 16V to 22V
50 9
*
Load Regulation (Note 1) I = 250mA to 750 mA O V RLOAD I = 5mA to 1.5 Amp O
30 32
* *
60 20 40 60 .
Standby Current Drain
I CD S DI C D S (ie Ln) DI C D S (Load) VD O I (pk) O IS D DV IN DV O U T NO DV O U T Dt DV O U T = 100mV, IO = 1.0A TA = 25C V IN = 35V I = 5mA to 1000mA O V I = 15V to 30V N
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage
* * * *
15 .
65 . 08 .
05 .
mA
25 . 33 . 12 .
V A A A dB dB
33 .
Peak Output Current SotCrutCret hr ici urn (Note 2) Ripple Rejection
*
f = 2 H , DV IN = 10V 10 z (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 61
28 .
*
54 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
120
mV
Notes: 1 Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. . Changes in output voltage due to heating effects must be taken into account separately. 2 S o t C r u t p o e t o i o l a s r d u t VIN = 35V. . hr ici rtcin s ny sue p o 3 I nttse,salb gaate t teseiidlmt. . f o etd hl e urned o h pcfe iis The * denotes the specifications which apply over the full operating temperature range.
33 - 2 .
COM7800T Series
ELECTRICAL CHARACTERISTICS
Parameter Output Voltage Symbol VO U T V RLINE
15 Vot l
V IN = 2 V Io = 500mA, -55C 3,
TA Min. 14.7
125C (unless otherwise specified) Max. 15.3 15.5 20 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C V IN = 18.5V to 30V
* *
14.5
Line Regulation (Note 1)
V IN = 17.5V to 30V V IN = 20V to 26V
50 15
*
Load Regulation (Note 1) V RLOAD I = 5mA to 1.5 Amp O I = 5mA to 1.0 Amp O I = 250mA to 750 mA O
25 35
* *
75 21 45 60 .
Standby Current Drain
I CD S DI C D S (ie Ln) DI C D S (Load) VD O I (pk) O IS D DV IN DV O U T NO DV O U T Dt TA = 25C, DV O U T = 100mV, IO = 1.0A TA = 25C V IN = 35V 15 . I = 5mA to 1000mA O V I = 18.5V to 30V N
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current SotCrutCret hr ici urn (Note 2) Ripple Rejection
* * *
65 . 08 .
05 .
mA
25 . 33 . 12 .
V A A A dB dB
*
f = 2 H , DV IN = 10V 10 z (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 54
28 .
*
52 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
150
mV
Notes: 1 Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. . Changes in output voltage due to heating effects must be taken into account separately. 2 S o t C r u t p o e t o i o l a s r d u t VIN = 35V. . hr ici rtcin s ny sue p o 3 I nttse,salb gaate t teseiidlmt. . f o etd hl e urned o h pcfe iis The * denotes the specifications which apply over the full operating temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS PEAK OUTPUT CURRENT
35 . 3 25 .
D P U VO AG RO O T LT E
10 0
I U T = 1A O
RPL RJCIN IPE EETO
25 . 2 15 .
Tj = 150C Tj = 25C
15 .
I = 0A OUT
I UT = O
Ripple Rejection (dB)
Tj = -
Input To Output Differential (V)
2
33 .
8 0
V O U T = 5V
Output Current (A)
6 0
1
4 0
V IN - V = 8VDC + 3.5 Vrms I = 1A OUT Tj = 25C
1 05 .
DV O U T = 100mV
05 .
DV O U T = 100MV
2 0
0 0 5 1 0 1 5 2 0 2 5 3 0 3 5
0 -5 -0 -5 75 2
0
2 5
5 0
7 10 15 10 50 25 1 0 10 0 1 k 1k 0 10 0k
Input To Output Differential (V)
Junction Temperature (C)
Frequency (Hz)
33 - 3 .
COM7800T Series
TYPICAL APPLICATIONS
Fixed Output Regulator Circuit For Increasing Output Voltage
INPUT
COM78XX OM7662SC
OUTPUT
INPUT
OM7605SC
VXX R1 0.1F
COM78XX
OUTPUT
1Ft
0.1F*
1F IQ
R2
*Increasing value of output capacitor improves system transient response. Required only if regulator is located an appreciable distance from power supply filter.
VO = VXX (1+ R1 ) + IQ R2
R2
High Output Current, Short Circuit Protected
INPUT R1
Adjustable Output Regulator, 7 To 30 Vo t ls
RSC 2N6124
2N4398
INPUT OUTPUT 0.33F 1F
OM7662SC COM78XX LM741
OUTPUT
OM7662SC COM78XX 1F
0.1F 10K
+
MECHANICAL OUTLINE TO-257AA
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527 .430 .410 .038 MAX.
PIN CONNECTION
Tab
33 .
.150 .140
.750 .500
.005
COM78XXT Isolated Front View P n 1 Input i: P n 2 Ground i: P n 3 Output i: Tab: Isolated 1 23
.035 .025
.100 TYP.
.120 TYP.
Note: *Case is metal/hermetically sealed glass feedthroughs *Isolated Tab
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246


▲Up To Search▲   

 
Price & Availability of COM7805T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X