|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transmissive Photosensors (Photo Interrupters) CNZ1111,CNZ1112 Photo Interrupters CNZ1111 Unit : mm 0.450.1 For contactless SW, object detection Overview CNZ1111 and CNZ1112 are a photocoupler in which a high efficiency GaAs infrared light emitting diode is used as the light emitting element, and a high sensitivity phototransistor is used as the light detecting element. The two elements are arranged so as to face each other, and objects passing between them are detected. Mark for indicating LED side 2.00.2 2.20.2 25.00.35 13.00.3 5.00.2 A 10.00.2 2.50.2 0.450.1 Device center A' Features Highly precise position detection : 0.3 mm Wide gap between emitting and detecting elements, suitable for thick plate detection Fast response : tr, tf = 6 s (typ.) Small output current variation against change in temperature 6.0 min. (10.0) 19.00.2 2-0.450.2 (2.54) SEC. A-A' 3 2-o3.20.2 2 3 2 6.20.2 1 4 1 Pin connection 4 (Note) ( ) Dimension is reference Absolute Maximum Ratings (Ta = 25C) Parameter Reverse voltage (DC) Input (Light Forward current (DC) emitting diode) Power dissipation Collector current Symbol Ratings VR IF PD*1 IC 3 50 75 20 30 5 100 Unit V mA mW mA V V mW C C CNZ1112 Unit : mm 0.450.1 Mark for indicating LED side 10.00.2 2.50.2 2.00.2 2.20.2 13.00.3 5.00.2 A 0.450.1 Device center Collector power dissipation Temperature *1 PC*2 6.0 min. Output (Photo Collector to emitter voltage VCEO transistor) Emitter to collector voltage VECO Operating ambient temperature Storage temperature A' (10.0) 2 2-0.450.2 (2.54) 3 SEC. A-A' Tstg -30 to +100 6.20.2 Topr -25 to +85 Input power derating ratio is 1.0 mW/C at Ta 25C. *2 Output power derating ratio is 1.33 mW/C at Ta 25C. (Note) ( 1 4 2 3 1 Pin connection ) Dimension is reference 4 1 Transmissive Photosensors (Photo Interrupters) Electrical Characteristics (Ta = 25C) Parameter Forward voltage (DC) Input characteristics Reverse current (DC) Collector cutoff current Output characteristics Collector to emitter capacitance Symbol VF IR ICEO CC VR = 3V VCE = 10V VCE = 10V, f = 1MHz 0.3 Conditions IF = 50mA CNZ1111,CNZ1112 min typ 1.2 max 1.5 10 200 Unit V A nA pF mA s 5 6 0.3 Collector current IC VCE = 10V, IF = 20mA Transfer Response time tr , tf* VCC = 10V, IC = 1mA, RL = 100 characteristics Collector to emitter saturation voltage VCE(sat) IF = 50mA, IC = 0.1mA * V Switching time measurement circuit Sig.IN VCC (Input pulse) Sig.OUT (Output pulse) 90% 10% td tr tf td : Delay time tr : Rise time (Time required for the collector current to increase from 10% to 90% of its final value) tf : Fall time (Time required for the collector current to decrease from 90% to 10% of its initial value) ,, ,, 50 RL IF , IC -- Ta 60 60 IF -- VF 10 Ta = 25C IC -- IF VCE = 10V Ta = 25C IF , IC (mA) 50 IF 50 IC (mA) Collector current Forward current, collector current 40 IF (mA) 1 40 Forward current 30 IC 30 10 -1 20 20 10 -2 10 10 0 - 25 0 20 40 60 80 100 0 0 0.4 0.8 1.2 1.6 2.0 2.4 10 -3 10 -1 1 10 10 2 Ambient temperature Ta (C ) Forward voltage VF (V) Forward current IF (mA) 2 CNZ1111,CNZ1112 Transmissive Photosensors (Photo Interrupters) VF -- Ta 1.6 10 2 IC -- VCE 160 Ta = 25C IC -- Ta VCE = 10V IF = 20mA IC (mA) VF (V) 1.2 IF = 50mA 10 IC (%) IF = 30mA 20mA 10mA 120 Forward voltage Collector current 10mA 0.8 1 Relative output current 10 2 80 0.4 10 -1 40 0 - 40 - 20 0 20 40 60 80 100 10 -2 10 -1 1 10 0 - 40 - 20 0 20 40 60 80 100 Ambient temperature Ta (C ) Collector to emitter voltage VCE (V) Ambient temperature Ta (C ) ICEO -- Ta 10 10 3 tr -- IC VCC = 10V Ta = 25C 100 IC -- d VCE = 10V Ta = 25C IF = 20mA 1 IC (%) 80 Criterion 0 d 60 ICEO (A) 10 2 VCE = 24V 10V tr (s) 10 -1 RL = 1k 500 10 100 1 Sig.IN VCC Sig. V1 OUT V2 V2 RL 90% 10% 10 -2 Relative output current 10 Dark current Rise time 40 10 -3 V1 50 20 , , 10 -1 10 -2 10 -1 10 -4 - 40 - 20 tr 1 td tf 0 0 1 2 3 4 5 6 0 20 40 60 80 100 Ambient temperature Ta (C ) Collector current IC (mA) Distance d (mm) 3 |
Price & Availability of CNZ1111 |