Part Number Hot Search : 
M35080MN 9930M M35080MN AS4C4 PWR12XX C3420 UF4003S 16F63
Product Description
Full Text Search
 

To Download CMSH1-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE
W
CMSH1-20 CMSH1-40 CMSH1-60 CMSH1-100
Central
TM
Semiconductor Corp.
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
FEATURES: *LOW COST *SUPERIOR LOT TO LOT CONSISTENCY *HIGH RELIABILITY *"C" BEND CONSTRUCTION PROVIDES STRAIN RELIEF WHEN MOUNTED ON PC BOARD *SPECIAL SELECTIONS AVAILABLE
SMB CASE DESCRIPTION: The CENTRAL SEMICONDUCTOR 1.0 Amp Surface Mount Silicon Schottky Rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications. To order devices on 12mm Tape and Reel (3000/13" Reel), add TR13 suffix to part number. MAXIMUM RATINGS: (TA=25C unless otherwise noted) CMSH1 SYMBOL -20 Peak Repetitive Reverse Voltage VRRM 20 DC Blocking Voltage VR 20 RMS Reverse Voltage VR(RMS) 14 Average Forward Current(TA=75C) IO Peak Forward Surge Current (8.3ms) IFSM Operating and Storage Junction Temperature TJ,Tstg Thermal Resistance JL CMSH1 CMSH1 -40 -60 40 60 40 60 28 42 1.0 30 -65 to +150 20 CMSH1 -100 UNITS 100 V 100 V 70 V A A C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL VF VF VF IR IR TEST CONDITIONS IF=1.0A (CMSH1-20 AND CMSH1-40) IF=1.0A (CMSH1-60) IF=1.0A (CMSH1-100) VR=Rated VRRM VR=Rated VRRM, TA=125C MIN TYP MAX 0.55 0.70 0.85 0.50 20 UNITS V V V mA mA
238


▲Up To Search▲   

 
Price & Availability of CMSH1-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X