Part Number Hot Search : 
P0080SB 1005F L51DC SPIC33 SKIIP2 PCD5096H LTD321 CR100
Product Description
Full Text Search
 

To Download CMPT5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPT5551
NPN SILICON TRANSISTOR
Central
DESCRIPTION:
TM
Semiconductor Corp.
SOT-23 CASE MAXIMUM RATINGS (TA=25oC) SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA
The CENTRAL SEMICONDUCTOR CMPT5551 type is an NPN silicon transistor manufactured bythe epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage amplifier applications. Marking Code is 1FF.
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
180 160 6.0 600 350 -65 to +150 357
UNITS V V V mA mW
oC oC/W
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) SYMBOL ICBO ICBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE fT Cob TEST CONDITIONS VCB=120V VCB=120V, TA=100oC IC=100A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=5.0V, IC=1.0mA VCE=5.0V, IC=10mA VCE=5.0V, IC=50mA VCE=10V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1.0MHz MIN MAX 50 50 UNITS nA A V V V V V V V
180 160 6.0 0.15 0.20 1.00 1.00 80 80 30 100 250 300 6.0
MHz pF
186
SYMBOL hfe NF
TEST CONDITIONS VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=200A, RS=10 f=10Hz to 15.7kHz
MIN 50
MAX 200 8.0
UNITS
dB
All dimensions in inches (mm).
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR
R2
187


▲Up To Search▲   

 
Price & Availability of CMPT5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X