Part Number Hot Search : 
C0603 1N4063 KMB001 PD121XL4 APTM1 GE13007 S2103 IRSF3031
Product Description
Full Text Search
 

To Download CGRA4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Genenal Purpose Rectifier
COMCHIP
www.comchip.com.tw
CGRA4001 Thru CGRA4007
Glass Passivated Type Reverse Voltage: 50 - 1000 Volts Forward Current: 1.0 Amp
Features
DO-214AC (SMA)
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Built-in strain relief High surge current capability
0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06)
0.110(2.79) 0.086(2.18)
0.012(0.31) 0.006(0.15)
Mechanical data
Case: JEDEC DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.063 gram
0.091(2.31) 0.067(1.70) 0.059(1.50) 0.035(0.89) 0.008(0.20) 0.004(0.10)
0.209(5.31) 0.185(4.70)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature Symbol VRRM VDC VRMS IFSM CGRA 4001 50 50 35 CGRA 4002 100 100 70 CGRA 4003 200 200 140 CGRA 4004 400 400 280 CGRA 4005 600 600 420 CGRA 4006 800 800 560 CGRA 4007 1000 1000 700
Unit
V V V A
30
Io VF IR R 75
1.0 1.1
A V uA 85
5 50
JA
C/W C C
Tj TSTG
-55 to +150 -55 to +150
Note 1: Thermal resistance from junction to ambient.
MDS0208015B
Page 1
SMD Genenal Purpose Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CGRA4001 Thru CGRA4007)
Fig. 1 - Reverse Characteristics
100 100
Fig.2 - Forward Characteristics
Reverse Current ( uA )
10
Forward Current ( A )
10
Tj=100 C
1
1
0.1
Tj=25 C
0.1
Tj=25 C Pulse width 300uS 4% duty cycle
0.01
0.01
0
20
40
60
80
100 120 140 160 180 200
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V)
1.9 2.1
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
35
Fig. 4 - Current Derating Curve
Junction Capacitance (pF)
25 20 15 10 5 0 0.01 0.1 1.0 10 100
Average Forward Current ( A )
30
=1MHz and applied 4VDC reverse voltage
1.2 1.0 0.8
0.6 0.4 0.2 0
0 40 80 100 120 140 160 180
Single Phase Half wave 60Hz Resistive or inductive Load
Reverse Voltage (V)
Ambient Temperature ( C)
Fig. 5 - Non Repetitive Forward Surge Current
Peak Surge Forward Current ( A )
50
8.3mS Single Half Sine Wave JEDEC methode
40
30 Tj=25 C 20
10 0 1 5 10 50 1 00
Number of Cycles at 60Hz
MDS0208015B
Page 2


▲Up To Search▲   

 
Price & Availability of CGRA4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X